Part Number Hot Search : 
LVG32643 FP205 BGY88 SB1020 7808V 29152 80N6F M5321
Product Description
Full Text Search
 

To Download 2SC5590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5590
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5590
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV FOR MULTI-MEDIA & HDTV HIGH SPEED SWITCHING APPLICATIONS
l High Voltage l Low Saturation Voltage l High Speed : VCBO = 1700 V : VCE (sat) = 3 V (Max.) : tf (2) = 0.1s (Typ.) Unit: mm
MAXIMUM RATINGS (Tc = 25C)
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range DC Pulse SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING 1700 800 5 16 32 8 200 150 -55~150 UNIT V V V A A W C C
JEDEC JEITA TOSHIBA
2-21F2A
Weight: 9.75 g (typ.)
ELECTRICAL CHARACTERISTICS (Tc = 25C)
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage SYMBOL ICBO IEBO V (BR) CEO hFE (1) DC Current Gain hFE (2) hFE (3) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Storage Time Switching Time Fall Time Storage Time Fall Time VCE (sat) VBE (sat) fT Cob tstg (1) tf (1) tstg (2) tf (2) TEST CONDITION VCB = 1700 V, IE = 0 VEB = 5 V, IC = 0 IC = 10 mA, IB = 0 VCE = 5 V, IC = 2 A VCE = 5 V, IC = 9 A VCE = 5 V, IC = 12 A IC = 12 A, IB = 3 A IC = 12 A, IB = 3 A VCE = 10 V, IC = 0.1 A VCB = 10 V, IE = 0, f = 1 MHz ICP = 9 A, IB1 (end) = 1.1 A fH = 32 kHz ICP = 6.5 A, IB1 (end) = 1A fH= 100 kHz MIN 800 22 6.5 4.8 TYP. 1.0 2 240 3.5 0.25 1.8 0.1 MAX 1 100 45 12 8 3 1.5 4 0.35 2 0.15 V V MHz pF s UNIT mA A V
s
1
2001-08-20
2SC5590
2
2001-08-20
2SC5590
3
2001-08-20
2SC5590
4
2001-08-20
2SC5590
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-08-20


▲Up To Search▲   

 
Price & Availability of 2SC5590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X