Part Number Hot Search : 
MJE2955 2SB80 GSX2F M81RB 03600 FP150 D2000 110001
Product Description
Full Text Search
 

To Download 28-350002-11-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 350000 SOIC and SOJ-to-DIP Adapter
FEATURES * A cost-effective means of upgrading to SOJ or SOIC without changing your PCB layout * Available on 0.300 [7.62] centers. Consult Data Sheet 18011 for adaptors on 0.400 [10.16] or 0.600 [15.24] centers GENERAL SPECIFICATIONS * BOARD MATERIAL: 0.062 [1.58] thick FR-4 with 1-oz. Cu traces, both sides * PINS: Brass 360 1/2-hard per UNS C36000 ASTM-B16-00 * PIN PLATING: 200 [5.08] min. Sn per ASTM B 545 Type-1 or Sn/Pb 93/7 per ASTM B 545 over 100 [2.54] Ni per SAE-AMS-QQ-N-290 * OPERATING TEMPERATURE: 221F [105C] MOUNTING CONSIDERATIONS * SUGGESTED PCB HOLE SIZE: 0.028 0.003 [0.71 0.08] dia.
CUSTOMIZATION: In addition to the standard products shown on this page, Aries specializes in custom design and production. Special materials, platings, sizes, and configurations can be furnished, depending on the quantity. NOTE: Aries reserves the right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS] ALL TOLERANCES: 0.005 [0.13] UNLESS OTHERWISE SPECIFIED "A" = NO. OF PINS PER ROW x 0.100 [2.54] "D" = (NO. OF PINS PER ROW -1) x 0.100 [2.54] CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
ORDERING INFORMATION XX-350000-1X-P
Pins (see Table) Series Optional Panelized Form Pin Plating 0 = Sn/Pb 1 = Au/Ni
P/N 08-350000-1X 14-350000-1X 16-350000-1X 18-350000-1X 20-350000-1X 24-350000-1X 20-350001-1X 28-350002-1X
Pins 8 14 16 18 20 24 20 28
Type SOIC SOIC SOIC SOIC SOIC SOIC SOJ SOIC
Dim. "B" 0.460 [11.68] 0.450 [11.43] 0.450 [11.43] 0.450 [11.43] 0.450 [11.43] 0.450 [11.43] 0.420 [10.67] 0.400 [10.16]
Centers "C" 0.300 [7.62] 0.300 [7.62] 0.300 [7.62] 0.300 [7.62] 0.300 [7.62] 0.300 [7.62] 0.300 [7.62] 0.300 [7.62]
Dim. "E" 0.455 [11.56] 0.420 [10.67] 0.420 [10.67] 0.420 [10.67] 0.420 [10.67] 0.420 [10.67] 0.350 [8.89] 0.350 [8.89]
Dim. "F" 0.155 [3.94] 0.138 [3.51] 0.138 [3.51] 0.138 [3.51] 0.138 [3.51] 0.138 [3.51] 0.090 [2.29] 0.090 [2.29]
Dim. "G" 0.150 [3.81] 0.300 [7.62] 0.350 [8.89] 0.400 [10.16] 0.450 [11.43] 0.550 [13.97] 0.600 [15.24] 0.650 [16.51]
Dim. "H" 0.121 [3.07] 0.180 [4.57] 0.180 [4.57] 0.180 [4.57] 0.180 [4.57] 0.180 [4.57] 0.060 [1.52] 0.375 [9.53]
Bristol, PA 19007-6810 USA TEL (215) 781-9956 * FAX (215) 781-9845 WWW.ARIESELEC.COM * INFO@ARIESELEC.COM
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
18010 Rev. AB


▲Up To Search▲   

 
Price & Availability of 28-350002-11-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X