Part Number Hot Search : 
CSC2688 SD3932 POWER S1C17601 B2136 UPC1060 10160 KE39A
Product Description
Full Text Search
 

To Download 0015475220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015475220 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM FFC/FPC Connector - Single Row Male Version D, 22 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Overview Product Name FFC/FPC Connectors 70431 Male cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 22 Black N/A 50 Vertical 94V-0 Phosphor Bronze Gold Tin Polyester Alloy 1 Vertical No None Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No Yes N/A -40C to +105C IDT or Pierce FFC/FPC
Search Parts in this Series 70431Series
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing
PS-70430 SDA-70431-****
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0015475220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X