Part Number Hot Search : 
473U7 IPA80R 2SC34 100RJ 8X7R2J10 L293DD KS7308 BU931ZPF
Product Description
Full Text Search
 

To Download 0015474252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0015474252 Active
cgrid__sl_products 2.54mm (.100") C-Grid SLTM Single Row, Female, Version D Receptacle, 25 Circuits
Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19880 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Overview Product Name FFC/FPC Connectors 70430 Stackable Back-to-Back cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 25 Black N/A 50 Vertical 94V-0 Phosphor Bronze Gold Tin Polyester Alloy 1 Vertical None Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No Yes -40C to +105C IDT or Pierce FFC/FPC
Search Parts in this Series 70430Series Mates With 70004 Interim Clip, 70013 Interim Clip
Electrical
Current - Maximum per Contact Voltage - Maximum 1A, 2A 250V
Material Info
Old Part Number 70430-0269
Reference - Drawing Numbers
Product Specification Sales Drawing PS-70430 SDA-70430-0246-0269
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0015474252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X