|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Filter Coils < Pin Type: YS Series> Type: *Y YS-4 Product Description *E 24.0A 6.1mm Max.(LA W), 8.0mm Max. Height. *E Operating frequency:0.1~20MHz *E In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements *Y Feature *E Variable and/or fixed shielded type with four single coil combined. *E Two built-in chip capacitors are in one coil. *E Ideally used as video frequency LC filters for VCR, video cameras, etc. (LPF, BPF, Delay Line and Equalizers). *E Superior distortion factor. *E RoHS Compliance *Y Dimensions (mm) *- *- Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal. Please refer to the sales offices on our website for a representative near you www.sumida.com O 1/1 Filter Coils < Pin Type: YS Series> Type: *Y YS-4 12V + 27k Testing circuit niR gR 24 1 R 1E 0. @ABCDEFGHIJK 1 T 22 21 2S28 r o t n e l a v i u q e 8C 1E 0. 16V /7E 4 16V 2 T 3T /7E 4 L 4T RQ O N 2 R .G S * 27k Rin * Rg *{R1 * 1k R o u t * R 2 13 . 5 k * 1k R2 * 1.08k C 24 , FK , Q 21 between are short. Terminal No.#3,#6,#8,#9,#10,#11 are floating. *Y Specification (Part Number: 2543-JPS-034) Item Input impedance Output impedance Attenuation Group time delay (Rin) (Rout) 0.1 10MHz 0.2 MHz 1.0 MHz 4.0 MHz 7.5MHz Insertion loss 0.1 MHz Specification 1.0K 1.0K 4.0dB Max. 33050nS Within 33050nS Within 33050nS Within 33070nS Within 1.2 dB Max. Frequency Response (Attenuation 0dB at 0.1MHz) Please refer to the sales offices on our website for a representative near you www.sumida.com 065 2/2 |
Price & Availability of YS-4 |