Part Number Hot Search : 
766104 HER3003 P6KE4 STPS201 ICS854S 2SC35 17223 ICS854S
Product Description
Full Text Search
 

To Download VP5311CCGGP1N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP5311C/VP5511C
NTSC/PAL Digital Video Encoder
Supersedes May 1997 edition DS4575 - 1.0 DS4773 - 2.3 March 1998
The VP5311C/VP5511C converts digital Y, Cr, Cb, data into analog NTSC/PAL composite video and S-video signals. The outputs are capable of driving doubly terminated 75 ohm loads with standard video levels. The device accepts data inputs complying with CCIR Recommendation 601 and 656. The data is time multiplexed on an 8 bit bus at 27MHz and is formatted as Cb, Y, Cr, Y (i.e. 4:2:2). The video blanking and sync information from REC 656 is included in the data stream when the VP5311C/ VP5511C is working in slave mode. The output pixel rate is 27MHz and the input pixel rate is half this frequency, i.e. 13.5MHz. All necessary synchronisation signals are generated internally when the device is operating in master mode. In slave mode the device will lock to the TRS codes or the HS and VS inputs. The rise and fall times of sync, burst envelope and video blanking are internally controlled to be within composite video specifications. Three digital to analog converters (DACs) are used to convert the digital luminance, chrominance and composite data into true analog signals. An internally generated reference voltage provides the biasing for the DACs.
PIN 1 IDENT
PIN 52
PIN 1
GP52
Fig.1 Pin connections (top view)
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 FUNCTION D0 (VS I/O) D1 (HS I/O) D2 (FC0 O/P) D3 (FC1 O/P) D4 (FC2 O/P) D5 D6 (SCSYNC I/P) D7 (PALID I/P) GND VDD GND PXCK VDD CLAMP COMPSYNC TDO TDI TMS TCK GND SA1 SA2 SCL VDD SDA VDD PIN 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 FUNCTION RESET REFSQ GND PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0 GND VDD AGND VREF DACGAIN COMP AVDD LUMAOUT AGND COMPOUT AGND CHROMAOUT AVDD AVDD AVDD
FEATURES
s Converts Y, Cr, Cb data to analog composite video and S-video s Supports CCIR recommendations 601 and 656 s All digital video encoding s Selectable master/slave mode for sync signals s Switchable chrominance and luma bandwidth s Switchable pedestal with gain compensation s SMPTE 170M NTSC or CCIR 624 PAL compatible outputs s GENLOCK mode s Line 21 Closed Caption encoding s I2C bus serial microprocessor interface s VP5311C supports Macrovision V7.01anti-taping format
APPLICATIONS
s s s s s s Digital Cable TV Digital Satellite TV Multi-media Video games Karaoke Digital VCRs
ORDERING INFORMATION
VP5311C/CG/GP1N VP5511C/CG/GP1N
VP5311C/VP5511C
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS
Parameter Digital Inputs TTL compatible (except SDA, SCL) Input high voltage Input low voltage Digital Inputs SDA, SCL Input high voltage Input low voltage Input high current Input low current Digital Outputs CMOS compatible Output high voltage Output low voltage Digital Output SDA Output low voltage VIN = VDD VIN = VSS IOH = -1mA IOL = +4mA IOL = +6mA Conditions Symbol VIH VIL VIH VIL IIH IIL VOH VOL VOL 3.7 0.4 0.6 Min. 2.0 0.8 0.7 VDD 0.3 VDD 10 -10 Typ. Max. Units V V V V A A V V V
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS DACs
Parameter Accuracy (each DAC) Integral linearity error Diffential linearity error DAC matching error Monotonicity LSB size Internal reference voltage Internal reference voltage output impedance Reference Current (VREF/RREF) RREF = 769 DAC Gain Factor (VOUT = KDAC x IREF x RL), VOUT = DAC code 511 Peak Glitch Energy (see fig.3) CVBS, Y and C - NTSC (pedestal enabled) Maximum output, relative to sync bottom White level relative to black level Black level relative to blank level Blank level relative to sync level Colour burst peak - peak DC offset (bottom sync) CVBS, Y and C - PAL Maximum output White level relative to black level White level relative to sync level Black level relative to sync level Colour burst peak - peak DC offset (bottom sync) Symbol INL DNL
guaranteed
Min.
Typ.
Max. 1.5 1 5
Units LSB LSB % A V mA pV-s
VREF ZR IREF KDAC
66.83 1.050 27k 1.3699 24.93 50
33.75 17.64 1.40 7.62 7.62 0.40
mA mA mA mA mA mA
34.15 18.71 26.73 8.02 8.02 0.00
mA mA mA mA mA mA
Note: All figures are for: RREF = 769 RL = 37.5. When the device is set up in NTSC mode there is a +0.25% error in the PAL levels. If RL = 75 then RREF = 1538.
ABSOLUTE MAXIMUM RATINGS
Supply voltage VDD, AVDD Voltage on any non power pin Ambient operating temperature Storage temperature -0*3 to 7*0V -0*3 to VDD+0*3V 0 to 70C -55C to 150C
Note: Stresses exceeding these listed under Absolute Maximum Ratings may induce failure. Exposure to Absolute Maximum Ratings for extended periods may reduce reliability. Functionality at or above these conditions is not implied.
2
VP5311C/VP5511C
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Power supply current (including analog outputs) Input clock frequency SCL clock frequency Analog video output load DAC gain resistor Ambient operating temperature Symbol Min. Typ. Max. Units V mA MHz kHz C
VDD, AVDD 4.75 IDD PXCK -50ppm fSCL
0
5.25 5.00 150 27.00 +50ppm 500 37.5 769 70
VIDEO CHARACTERISTICS
Parameter Luminance bandwidth (high) Luminance bandwidth (medium) Luminance bandwidth (low) Chrominance bandwidth (Extended B/W mode) Chrominance bandwidth (Reduced B/W mode) Burst frequency (NTSC) Burst frequency (PAL-B, D,G,H,I) Burst frequency (PAL-M) Burst frequency (PAL-N Argentina) Burst cycles (NTSC and PAL-M,N) Burst cycles (PAL-B, D, G, H,I) Burst envelope rise / fall time (all standards) Analog video sync rise / fall time (NTSC and PAL-M,N) Analog video sync rise / fall time (PAL-B, D, G, H,I) Differential gain Differential phase Signal to noise ratio (unmodulated ramp) Chroma AM signal to noise ratio (100% red field) Chroma PM signal to noise ratio (100% red field) Hue accuracy Colour saturation accuracy Residual sub carrier Luminance / chrominance delay Symbol Min. Typ. 6.16 4.34 2.79 1.3 650 3.57954545 4.43361875 3.57561189 3.58205625 9 10 300 145 245 1.0 0.5 -61 -56 -58 2.5 2.5 -5 -60 0 +5 Max. Units MHz MHz MHz MHz kHz MHz MHz MHz MHz Fsc cycles Fsc cycles ns ns ns % pk-pk pk-pk dB dB dB % % dB ns
ESD COMPLIANCE
Pins All pins All pins Test Human body model Machine model Test Levels 2kV on 100pF through 1k5 200V on 200pF through 0 & 500nH Notes Meets Mil-Std-883 Class 2
3
VP5311C/VP5511C
SDA SCL SA1 SA2 RESET VIDEO TIMING GENERATOR
I2C INTERFACE
SET-UP REGISTERS
ANTI-TAPING CONTROL
CLOSED CAPTION CLAMP
+ + +
Y INPUT DEMUX & Cr
SYNC BLANK INSERT
INTERPOLATOR
COMPSYNC LUMA OUT LUMA DAC
8
COMP DAC
COMP OUT
PD7-0 CHROMA INTERP
Cb PXCK 8 D7-0 GENERAL PURPOSE PORT
CHROMA LOW -PASS FILTER
INTERPOLATOR
MODULATOR
CHROMA DAC CHROMA OUT
DIGITAL PHASE COMP
COLOUR SUBCARRIER GENERATOR
TDI
JTAG. TDO TMS TCK
DAC REF
DACREF VREF
REFSQ
COMP
Fig.2 Functional block diagram of the VP5311C, the VP5511C is identical except there is no Anti-Taping Control
V
W H
Peak Glitch Area = H x W/2
t(ps)
The glitch energy is calculated by measuring the area under the voltage time curve for any LSB step, typically specified in picoVolt-seconds (pV-s)
Fig.3 Glitch Energy
4
VP5311C/VP5511C
PIN DESCRIPTIONS
Pin Name PD7-0 D0-7 PXCK CLAMP Pin No. 30 - 37 1-8 12 14 Description 8 Bit Pixel Data inputs clocked by PXCK. PD0 is the least significant bit, corresponding to Pin 37. These pins are internally pulled low. 8 Bit General Purpose Port input/output. D0 is the least significant bit, corresponding to Pin 1. These pins are internally pulled low. 27MHz Pixel Clock input. The VP5311C/5511C internally divides PXCK by two to provide the pixel clock. The CLAMP output signal is synchronised to COMPSYNC output and indicates the position of the BURST pulse, (lines 10-263 and 273-525 for NTSC and PAL-M; lines 6-310 and 319-623 for PAL-B,D, G,I,N(Argentina)). Composite sync pulse output. This is an active low output signal. JTAG Data output port. JTAG Data input port. JTAG mode select input. JTAG clock input. I2C slave address select I2C slave address select. Standard I2C bus serial clock input. Standard I2C bus serial data input/output. Master reset. This is an asynchronous, active low, input signal and must be asserted for a minimum 200ns in order to reset the VP5311C/5511C. Reference square wave input used only during Genlock mode. Voltage reference input/output. This pin is nominally 1.055V and should be decoupled with a 100nF capacitor to GND. DAC full scale current control. A resistor connected between this pin and GND sets the magnitude of the video output current. An internal loop amplifier controls a reference current flowing through this resistor so that the voltage across it is equal to the Vref voltage. DAC compensation. A 100nF ceramic capacitor must be connected between pin 43 and pin 44. True luminance, composite and chrominance video signal outputs. These are high impedance current source outputs. A DC path to GND must exist from each of these pins.
COMPSYNC TDO TDI TMS TCK SA1 SA2 SCL SDA RESET REFSQ VREF DAC GAIN
15 16 17 18 19 21 22 23 25 27 28 41 42
COMP LUMAOUT COMPOUT CHROMAOUT VDD AVDD GND AGND
43 45 47 49
10, 13, 24, Positive supply input. All VDD pins must be connected. 26, 39 44, 50, 51, 52 9, 11, 20, 29, 38 40, 46, 48 Negative supply input. All AGND pins must be connected. Negative supply input. All GND pins must be connected. Analog positive supply input. All AVDD pins must be connected.
5
VP5311C/VP5511C
REGISTERS MAP
See Register Details for further explanations.
ADDRESS REGISTER NAME hex BAR 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E to 1F 20 21 22 23-33 34 to EF F0 F1 F2 F3 F4 F5 to F7 F8 F9 FA FB FC FD FE FF PART ID2 PART ID1 PART ID0 REV ID GCR VOCR HANC ANCID SC_ADJ FREQ2 FREQ1 FREQ0 SCHPHM SCHPHL Reserved GPPCTL GPPRD GPPWR Reserved Not used CCREG1 CCREG2 CCREG3 CCREG4 CC_CTL Reserved HSOFFL HSOFFM Reserved SLAVE1 SLAVE2 TEST1 TEST2 GPSCTL CTL7 RD7 WR7 CTL6 RD6 WR6 CTL5 RD5 WR5 CTL4 RD4 WR4 CTL3 RD3 WR3 CTL2 RD2 WR2 CTL1 RD1 WR1 CTL0 RD0 WR0 W R W FF 00 7 RA7 ID17 ID0F ID07 REV7 LBW1 AN7 SC7 FR17 FR0F FR07 SCH7 6 RA6 ID16 ID0E ID06 REV6 5 RA5 ID15 ID0D ID05 REV5 4 RA4 ID14 ID0C ID04 REV4 3 RA3 ID13 ID0B ID03 REV3 SLH&V BURDIS DF0 AN3 SC3 FR13 FR0B FR03 SCH3 2 RA2 ID12 ID0A ID02 REV2 CVBSCLP LUMDIS Reserved AN2 SC2 FR12 FR0A FR02 SCH2 1 RA1 ID11 ID09 ID01 REV1 VFS1 CHRDIS Reserved AN1 SC1 FR11 FR09 FR01 SCH1 0 RA0 ID10 ID08 ID00 REV0 VFS0 PEDEN ACTREN PARITY SC0 FR10 FR08 FR00 SCH8 SCH0 R/W W R R R R R/W R/W * R/W R/W R/W R/W R/W R/W R/W 13 66 58 06 00 00 00 00 9C 87 C1 F1 00 00 DEFAULT hex
YCDELAY RAMPEN CLAMPDIS CHRBW SYNCDIS DF1 DF2 LBW0 AN5 AN4 AN6 SC5 SC4 SC6 FR15 FR14 FR16 FR0D FR0C FR0E FR05 FR04 FR06 SCH5 SCH4 SCH6
HSOFF7 NCORSTD HCNT7
F1W1D6 F1W2D6 F2W1D6 F2W2D6 HSOFF6 VBITDIS HCNT6
F1W1D5 F1W2D5 F2W1D5 F2W2D5 HSOFF5 -
F1W1D4 F1W2D4 F2W1D4 F2W2D4 HSOFF4 -
F1W1D3 F1W2D3 F2W1D3 F2W2D3 F2ST HSOFF3 -
F1W1D2 F1W2D2 F2W1D2 F2W2D2 F1ST HSOFF2 SL_HS0 HCNT2 TEST TEST TSURST
F1W1D1 F1W2D1 F2W1D1 F2W2D1 F2EN HSOFF1 HSOFF9 HCNT9 HCNT1
F1W1D0 F1W2D0 F2W1D0 F2W2D0 F1EN HS0FF0 HSOFF8 HCNT8 HCNT0
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
----0C 7E 00 00 00
VSMODE HCNT5 REGISTER REGISTER FSC4SEL GENDITH GENLKEN
SL_HS1 F_SWAP HCNT3 HCNT4 RESERVED FOR RESERVED FOR NOLOCK PALIDEN
CHRMCLIP
TRSEL
00
Table.1 Register map
NOTE * For register HANC, bits 3, 4 and 5 are read only. Bits 1 and 2 are reserved. N/A = not applicable. For register PART ID0 the VP5511C value is AB Standard NTSC (default) PAL-B, G, H, I PAL-M PAL-N (Argentina) xx = don't care. Lines/ Field field freq. Hz 59.94 525 625 525 625 50 59.94 50 SC_ADJ Number of Horizontal Subcarrier fSC/fH register pixels/line freq. kHz. freq. kHz. hex at 27MHz fH fSC 15.734266 3.57954545 1716 xx (455/2) 15.625000 4.43361875 (1135/4+1/625) 1728 9C 15.734266 3.57561189 1716 xx (909/4) 15.625000 3.58205625 (917/4+1/625) 1728 57 FREQ2-0 registers hex 87 C1 F1 A8 26 2B 87 9B C0 87 DA 51
Table.2 Line, field and subcarrier standards and register settings
The calculation of the FREQ register value is according to the following formula:FREQ = 226 x fSC/PXCK hex, where PXCK = 27.00MHz Both NTSC and PAL-M values are rounded UP from the decimal number. PAL-B, D, G, H, I and N (Argentina) are rounded DOWN. The SC_ADJ value is derived from the adjustment needed to be added after 8 fields to ensure accuracy of the Subcarrier frequency. Note the SC_ADJ value of 9C required for PAL-B, D, G, H, I, is different to the default state of the register. In NTSC the NCO is reset at the end of every line, this can be disabled by setting the NCORSTD bit in SLAVE1, this allows the VP5311C to cope with line lengths that are not exactly as specified in REC656.
6
VP5311C/VP5511C
REGISTER DETAILS
BAR RA7-0 PART ID 2-0 ID17-00 REV ID REV7-0 GCR YCDELAY Base register Register address. Part number Chip part identification (ID) number. Revision number Chip revision ID number. Global Control Luma to Chroma delay. High = 37ns luma delay, this may be used to compensate for group delay in external filters. Low = normal operation (default). Modulated ramp enable. High = ramp output for differential phase and gain measurements. A 27MHz clock must be applied to PXCK pin. Low = normal operation (default). 1 = Slave to HS and VS inputs 1 = Enables clamp on composite output, to prevent flatenning of chroma peaks and troughs. Video format select VFS1 VFS0 0 0 NTSC (default) PAL-B,D,G,H,I,N(Argentina) 0 1 1 0 PAL-M 1 1 Reserved VOCR CLAMPDIS Video Output Control High = Clamp signal disable Low = normal operation with clamp signal enabled (default). Chroma bandwidth select. High = 1*3MHz. Low = 650kHz (default) High = Sync disable (in composite video signal). COMPSYNC is not affected. Low = normal operation with sync enabled (default). High = Chroma burst disable. Low = normal operation, with burst enabled (default). High = Luma input disable - force black level with synchronisation pulses maintained. Low = normal operation, with Luma input enabled (default). High = Chroma input disable - force monochrome. Low = normal operation, with Chroma input enabled (default). GPPCTL CTL7-0 FREQ2-0 FR17-00 Sub carrier frequency 24 bit Sub carrier frequency programmed via I2C bus, see table 2. FREQ2 is the most significant byte (MSB). Sub carrier phase offset 9 bit Sub carrier phase relative to the 50% point of the leading edge of the horizontal part of composite sync. SCHPHM bit 0 is the MSB. The nominal value is zero. This register is used to compensate for delays external to the VP5311C/VP5511C. General purpose port control Each bit controls port direction Low = output High = input General purpose port read data I2C bus read from general purpose port (only INPUTS defined in GPPCTL) General purpose port write data I2C bus write to general purpose port (only OUTPUTS defined in GPPCTL) Closed Caption register 1 Field one (line 21), first data byte Closed Caption register 2 Field one (line 21), second data byte Closed Caption register 3 Field two (line 284), first data byte HANC LBW1-0 PEDEN High = Pedestal (set-up) enable a 7*5 IRE pedestal on lines 23-262 and 286-525. Valid for NTSC/PAL-M only Horizontal Ancillary Data Control Luma filter control LBW1 LBW0 0 0 0 1 1 X -3dB Bandwidth 6.16MHz 4.34MHz 2.79MHz
DF2-0(read only) Digital Field Identification, 000=Field1 ANCTREN Ancillary timing reference enable. When High use FIELD COUNT from ancillary data stream. When low, data is ignored. ANCID AN7-1 Parity Ancillary data ID Ancillary data ID Parity bit (odd) Only ancillary data in REC 656 data stream with the same ID as this byte will be decoded by the VP5311C/VP5511C to produce H and V synchronisation and FIELD COUNT. Sub Carrier Adjust Sub carrier frequency seed value, see table 2.
RAMPEN
SLH&V CVBSCLMP
SC_ADJ SC7-0
VFS1-0
SCHPHM-L SCH8-0
CHRBW
SYNCDIS
GPPRD RD7-0
BURDIS
GPPWR WR7-0
LUMDIS
CCREG1 F1W1D6-0 CCREG2 F1W2D6-0 CCREG3 F2W1D6-0
CHRDIS
7
VP5311C/VP5511C
CCREG4 F2W2D6-0 CC_CTL F1ST Closed Caption register 4 Field two (line 284), second data byte Closed Caption control register Field one (line 21) status High = data has been encoded Low = new data has been loaded to CCREG1-2 Field two (line 284) status High = data has been encoded Low = new data has been loaded to CCREG3-4 Closed Caption field one (line 21) High = enable Low = disable (default) Closed Caption field two (line 284) High = enable Low = disable (default) HS offset This is a 10 bit number which allows the user to offset the start of digital data input with reference to the pulse HS. H &V Slave mode control register 1 = NCO Line Reset Disable (NTSC only) 0 = Video blanked when Rec656 V bit set 1 = V bit is ignored 0 = Standard Vsync I/P 1 = Even/Odd Field I/P The odd and even fields are swapped Selects pixel sample (0 to 3) As HCNT7-0 but MSBs H &V Slave position register Adjusts for delay at which pixel data occurs relative to HS GPS Control When high, REFSQ = 4xFSC and GPP bit D6 is forced to become an input for a SCSYNC signal (high = reset), which provides a synchronous phase reset for FSC divider. Low = normal operation with REFSQ = 1xFSC. (default). 1 = Gen lock dither added. High = enable Genlock to REFSQ signal input. Low = internal subcarrier generation (default). Genlock status bit (read only) Low = Genlocked. High = cannot lock to REFSQ. This bit is cleared by reading and set again if lock cannot be attained. High = enable external PAL ID phase control and GPP bit D7 is forced to become an input for PAL ID switch signal, (GPP bit D7 - Low = +135,High = -135). TSURST Low = normal operation, internal PAL ID phase switch is used (default). High = chip soft reset. Registers are NOT reset to default values. Low = normal operation (default). High = enable clipping of chroma data when luma goes below black level and is clipped. Low = no chroma clipping (default). High = master mode, GPP bits D0 - 4 are forced to become a video timing port with VS, HS and FIELD outputs. Low = slave mode, timing from REC656. or H & V slave if SLH&V bit set
CHRMCLIP
F2ST
TRSEL
F1EN
F2EN
I2C BUS CONTROL INTERFACE
I2C bus address A6 0 A5 0 A4 0 A3 1 A2 1 A1 SA2 A0 SA1 R/ W X
HSOFFM-L HSOFF9-0
SLAVE1 NCORSTD VBITDIS VSMODE F_SWAP SL_HS1-0 HCNT9-8 SLAVE2 HCNT7-0
GPSCTL FSC4SEL
GENDITH GENLKEN
The serial microprocessor interface is via the bidirectional port consisting of a data (SDA) and a clock (SCL) line. It is compatible to the Philips I2C bus standard (Jan. 1992 publication number 9398 393 40011). The interface is a slave transmitter - receiver with a sub-address capability. All communication is controlled by the microprocessor. The SCL line is input only. The most significant bit (MSB) is sent first. Data must be stable during SCL high periods. A bus free state is indicated by both SDA and SCL lines being high. START of transmission is indicated by SDA being pulled low while SCL is high. The end of transmission, referred to as a STOP, is indicated by SDA going from low to high while SCL is high. The STOP state can be omitted if a repeated START is sent after the acknowledge bit. The reading device acknowledges each byte by pulling the SDA line low on the ninth clock pulse, after which the SDA line is released to allow the transmitting device access to the bus. The device address can be partially programmed by the setting of the pins SA1 and SA2. This allows the device to respond to one of four addresses, providing for system flexibility. The I2C bus address is seven bits long with the last bit indicating read / write for subsequent bytes. The first data byte sent after the device address, is the sub-address - BAR (base address register). The next byte will be written to the register addressed by BAR and subsequent bytes to the succeeding registers. The BAR maintains its data after a STOP signal. NTSC/PAL Video Standards Both NTSC (4-field, 525 lines) and PAL (8-field, 625 lines) video standards are supported by the VP5311C/VP5511C. All raster synchronisation, colour sub-carrier and burst characteristics are adapted to the standard selected. The VP5311C/VP5511C generates outputs which follow the requirements of SMPTE 170M and CCIR 624 for PAL signals. The device supports the following: NTSC, PAL B, D, G, H, I, N (Argentina) and M.
NOLOCK
PALIDEN
8
VP5311C/VP5511C
Video Blanking The VP5311C/VP5511C automatically performs standard composite video blanking. Lines 1-9, 264-272 inclusive, as well as the last half of line 263 are blanked in NTSC mode. In PAL mode, lines 1-5, 311-318, 624-625 inclusive, as well as the last half of line 623 are blanked. The V bit within REC656 defines the video blanking when TRSEL (bit 0 of GPSCTL register) is set low. When in MASTER mode with TRSEL set high the video encoder is still enabled. Therefore if these lines are required to be blank they must have no video signal input. Interpolator The luminance and chrominance data are separately passed through interpolating filters to produce output sampling rates double that of the incoming pixel rate. This reduces the sinx/x distortion that is inherent in the digital to analog converters and also simplifies the analog reconstruction filter requirements. Digital to Analog Converters The VP5311C/VP5511C contains three 9 bit digital to analog converters which produce the analog video signals. The DACs use a current steering architecture in which bit currents are routed to one of two outputs; thus the DAC has true and complementary outputs. The complementary output is connected to GND internally. The use of identical current sources and current steering their outputs means that monotonicity is guaranteed. An on-chip voltage reference of 1.050V provides the necessary biasing. However, the VP5311C/VP5511C may be used in applications where an external 1V reference is provided on the VREF pin, to adjust the video levels. In this case, the external reference should be temperature compensated and provide a low impedance output. The full-scale output currents of the DACs is set by an external 769 resistor between the DACGAIN and a GND pins. An on-chip loop amplifier stabilises the full-scale output current against temperature and power supply variations. The analog outputs of the VP5311C/VP5511C are capable of directly driving singly terminated 75 loads. For this application the DACGAIN resistor is simply doubled. Luminance, Chrominance and Composite Video Outputs The Luminance video output (LUMAOUT pin 45) drives a 37.5 load at 1.0V, sync tip to peak white. It contains only the luminance content of the image plus the composite sync pulses. In the NTSC mode, a set-up level offset can be added during the active video portion of the raster. The Chrominance video output (CHROMAOUT pin 49) drives a 37.5 load at levels proportional in amplitude to the luma output (40 IRE pk-pk burst). This output has a fixed offset current which will produce approximately a 0.5V DC bias across the 37.5 load. Burst is injected with the appropriate timing relative to the luma signal. The composite video output (COMPOUT pin 47) will also drive a 37.5 load at 1.0V, sync tip to peak white. It contains both the luminance and chrominance content of the signal plus the composite sync pulses. The CVBS DAC output clipping feature limits the digital data going into the DAC so that if it goes outside the range it is limited to the maximum or minimum (511 or 000). This feature is permanently enabled. When CVBSCLP in register GCR is set to a '1' an envelope prediction circuit is enabled that establishes if the chroma and luma added together is likely to go outside the CVBS DAC limits. If it is, then a smooth rounding of the chroma peaks is made to stop this happening. This prevents any high frequency components being produced as with the default clipping function which will produce flat peaks. In practice there will be some loss of saturation in the colour. Output sinx/x compensation filters are required on all video output, as shown in the typical application diagram, see figs. 8 & 9. Video Timing - Slave sync mode The VP5311C/VP5511C has an internal timing generator which produces video timing signals appropriate to the mode of operation. In the default (following reset) slave mode, all timing signals are derived from the input clock, PXCK, which must be derived from a crystal controlled oscillator. Input pixel data is latched on the rising edge of the PXCK clock. The video timing generator produces the internal blanking and burst gate pulses, together with the composite sync output signal, using timing data (TRS codes) from the Ancillary data in the REC656 input signal. H & V Slave Mode HCNT To ensure that the incoming data is sampled correctly a 10 bit binary number (HCNT) has to be programmed into the SLAVE1 and 2 registers. This will allow the device's internal horizontal counter to align with the video data, each bit represents one 13.5MHz cycle. To calculate this use the formula below: NTSC/PALM HCNT = SN + 119 (SN = 0 - 738) HCNT = SN - 739 (SN = 739 - 857) PAL HCNT = SN + 127 (SN = 0 - 736) HCNT = SN - 737 (SN = 737 - 863) where SN is Rec. 656/601 sample number on which the negative edge of HSYNC occurs. SL_HS A further adjustment is also required to ensure that the falling edge of HSYNC occurs on a Y sample that precedes a Cr sample. The bits SL_HS1-0 introduce a delay of 0-3 27MHz samples in the CbYCrY sequence, failure to set this correctly will mean corruption of the colour or colour being interpreted as luma. F_SWAP If the field synchronisation is wrong it can be swapped by setting this bit. V_SYNC When set to a '1' this bit allows an odd/even square wave to provide the field synchronisation. Example NTSC HSYNC occurs on Rec656 sample 721 (end of active video), then; HCNT = 721 + 119 = 839 = 348 Hex SL_HS = 10 (for correct sample)
9
VP5311C/VP5511C
To set slave H & V the SLH&V bit should be set to '1' (reg 04). Video Timing - Master sync mode When TRSEL (bit 0 of GPSCTL register) is set high, the VP5311C/5511C operates in a MASTER sync mode, all REC656 timing reference codes are ignored and GPP bits D0 - 4 become a video timing port with VS, HS and FIELD outputs. The PXCK signal is, however, still used to generate all internal clocks. When TRSEL is set high, the direction setting of bits 4 - 0 of the GPPCTL register is ignored. VS is the start of the field sync datum in the middle of the equalisation pulses. HS is the line sync which is used by the preceding MPEG2 decoder to define when to output digital video data to the VP5311C/5511C. HS offset The position of the falling edge of HS relative to the first data Cb0, can be programmed in HSOFFM-L registers, see figure 4, this is called the pipeline delay and may need adjusting for a particular application. This is done by programming a 10 bit number called HSOFF into the HSOFFM and HSOFFL registers, HSOFFM being the most significant two bits and HSOFFL the least significant eight bits. A default value of 07EH is held in the registers. The value to program into HSOFF can be looked up in tables 3 &4: where NCK = number of 13.5MHz clock cycles between the falling edge of HS and Cb0 (first data I/P on PD7-0) see fig. 4. NCK 0 to 120 121 to 183 184 to 857 HSOFF 126 to 6 863 to 801 800 to 127 Comment HS normal (64 cks) HS pulse shortened* HS normal (64 cks) high (in GPSCTL register), a 4 x sub carrier frequency signal may be input to REFSQ. In this case, the Genlock circuit can be reset to the required phase of REFSQ, by supplying a pulse to SCSYNC (pin 7). The frequency of SCSYNC can be at sub carrier frequency, but once per line, or once per field could be adequate, depending on the application. When GENLKEN is set high, the direction setting of bit 6 in the GPPCTL register is igonred. PALID Input When in Genlock mode with GENLKEN set high (in GPSCTL register), the VP5311/5511C requires a PAL phase identification signal, to define the correct phase on every line. This is supplied to PALID input (pin 8), High = -135 and low = +135. The signal is asynchronous and should be changed before the sub carrier burst signal. PALID input is enabled by setting PALIDEN high (in GPSCTL register). When GENLKEN is high, the direction setting of bit 7 of the GPPCTL register is ignored Master Reset The VP5311C/VP5511C must be initialised with the RESET pin 27. This is an asynchronous active low signal and must be active for a minimum of 200ns in order for the VP5311C/VP5511C to be reset. The device resets to line 254 in NTSC and line 301 in PAL and start of horizontal sync (i.e. line blanking active). There is no on-chip power on reset circuitry. Line 21 coding Two bytes of data are coded on the line 21 of each field, see figure 7. In the NTSC Closed Caption service, the default state is to code on line 21 of field one only. An additional service can also be provided using line 21 (284) of the second field. The data is coded as NRZ with odd parity, after a clock run-in and framing code. The clock run-in frequency = 0.5034965MHz which is related to the nominal line period, D = H / 32. D = 63.55555556 / 32s Two data bytes per field are loaded via I2C bus registers CCREG1-4. Each field can be independently enabled by programming the enable bits in the control register (CC_CTL). The data is cleared to zero in the Closed Caption shift registers after it has been encoded by the VP5311C/ VP5511C. Two status bits are provided (in CC_CTL), which are cleared when data is written to the registers and set high when the data has been encoded on the Luma signal. The data is cleared to zero in the Closed Caption shift registers after it has been encoded by the VP5311C/VP5511C. The next data bytes must be written to the registers when the status bit goes high, otherwise the Closed Caption data output will contain Null characters. Null characters are invisible to a Closed Caption reciever. The MSB (bit 7) is the parity bit and is automatically added by the encoder.
Table.3 for NTSC and PAL-M
NCK 0 to 131 132 to 194 195 to 863 HSOFF 137 to 6 869 to 807 806 to 138 Comment HS normal (64 cks) HS pulse shortened* HS normal (64 cks)
Table.4 for PAL-B, D, G, H, I, N
Decreasing HSOFF advances the HS pulse (numbers are in decimal). *HS pulse shortened means that the width of the pulse will be less than the normal 64 13.5MHz clock cycles. The interruption in the sequence of values is because the HS signal is jumping across a line boundary to the previous line as the offset is increased. The register default value is 7EH and this sets Nck to 0, ie. the HS negative edge and Cb0 are coincident in NTSC mode. Genlock using REFSQ input The VP5311C/5511C can be Genlocked to another video source by setting GENLKEN high (in GPSCTL register) and feeding a phase coherent sub carrier frequency signal into REFSQ. Under normal circumstances, REFSQ will be the same frequency as the sub carrier. But by setting FSC4SEL
10
VP5311C/VP5511C
PXCK Input (27MHz)
HS
Nck=1 Nck=0 Cb0 Y0 Cr0 Y1
t SU; PD t HD; PD
Cb1 Y2 Cr1 Y3
Pixel Data Input (PD[7,0])
Fig.4 REC 656 interface with HS output timing
2:1 mux REFSQ
0 Divide by 4 Synchronous Counter RESET 1
fSC
Input to Genlocking Block
Q
SC_SYNC REFSQ
FSC4_SEL
(register bit)
t PWH; SC_SYNC
tSU; SC_SYNC SC_SYNC
t HD; SC_SYNC
Q
Fig.5 REFSQ and SC_SYNC input timing
11
VP5311C/VP5511C
Pixel Data Input (PD[7,0])
Sample Number
1439 1440 1441 1442 1443 1444 1445 1446 1447 1448 1449 1450 Y719 $FF $00 $00 $XY
ANCILLARY DATA... EAV SEQUENCE t PWL; PXCK PXCK Input (27MHz) t PWH; PXCK t SU; PD t HD; PD
t DUR; PALID t SU; PALID PALID Stable Input (PALID) t HD; PALID
Fig.6 PALID input timing
TIMING INFORMATION
Parameters Master clock frequency (PXCK input) PXCX pulse width, HIGH PXCX pulse width, LOW PXCX rise time PXCX fall time PD7-0 set up time PD7-0 hold time SCSYNC set up time SCSYNC hold time PALID set up time PALID hold time PALID duration Output delay PXCK to COMPSYNC PXCK to CLAMP Note: Timing reference points are at the 50% level. Digital C LOAD <40pF. 10% to 90% points 90% to 10% points Conditions Symbol fPXCK tPWH; PXCK tPWL; PXCK tRP tFP tSU;PD tHD;PD tSU;SCSYNC tHD;SCSYNC tSU;PALID tHD;PALID tDUR;PALID tDOS 10 5 10 0 10 0 9 25 10 14.5 TBD TBD Min. Typ. 27.0 Max. Units MHz ns ns ns ns ns ns ns ns ns ns PXCX periods ns
12
VP5311C/VP5511C
H A
HSYNC COLOUR BURST 1
B
CLOCK RUN-IN 13
C
D
DATA BYTE 1
E
DATA BYTE 2
START BITS
50 P 0
S1 S2 S3 BIT0 BIT1 BIT2 BIT3 BIT4 BIT5 BIT6 BIT7 BIT0 BIT1 BIT2 BIT3 BIT4 BIT5 BIT6 BIT7
P
-40 IRE
01000011
FRAME CODE
P = Parity Bit
Fig.7 Closed Capation format
Interval A B C D E H
Description H-sync to clock run-in Clock Data run-in 2, 3 Clock run-in to third start bit 3 bit 1, 3 Data characters 4 Horizontal line 1 Rise / fall time of data bit transitions 5 Data bit high (logic level one) 6 Clock run-in maximum Data bit low (logic level zero) 6 Clock run-in minimum Data bit differential (high - low) Clock run-in differential (max. - min)
Encoder minimum 10.250s
Encoder nominal 10.500s 6.5D (12.910s) 2.0D (3.972s) 1.0D (1.986s) 16.0D (31.778s) 32.0D (63.556s) 0.240s
Encoder maximum 10.750s
0.288s 52 IRE 2 IRE 52 IRE
48 IRE 0 IRE 48 IRE
50 IRE 0 IRE 50 IRE
Table. 5 Closed Caption data timing. (source EIA R - 4.3 Sept 16 1992)
Notes 1. The Horizontal line frequency fH is nominally 15734.26Hz 0.05Hz. Interval D shall be adjusted to D = 1/(fH x 32) for the instantaneous fH at line 21. 2. The clock run-in signal consists of 7.0 cycles of a 0.5034965MHz (1/D) sine wave when measured from the leading to trailing 0 IRE points. The sine wave is to be symmetrical about the 25 IRE level. 3. The negative going midpoints (half amplitude) of the clock run-in shall be coherent with the midpoints (half amplitude) of the Start and Data bit transitions. 4. Two characters, each consisting of 7 data bits and 1 odd parity bit. 5. 2 T Bar, measured between the 10% and 90% amplitude points. 6. The clock run-in maximum level shall not differ from the data bit high level by more than 1 IRE. The clock run-in minimum level shall not differ from the data bit low level by more than 1 IRE.
13
VP5311C/VP5511C
Vdd 2k2 2k2
FERRITE +5V BEAD 10nF 100F
VDD GND
AT EVERY VDD PIN
I2C BUS
SCL SDA SA1 SA2
VDD, AVDD 23 45 SCL LUMA 25 SDA 21 COMP 43 SA1 22 SA2 30-37 8 28
OUTPUT FILTER 100nF Vdd
LUMA OUT
VIDEO IN REFSQ
PD0-7 49 CHROMA REFSQ DACGAIN 42 769 PXCK GND D0-7 RESET COMP 47 OUT CLAMP COMP SYNC GND, AGND VREF 41 100nF OUTPUT FILTER COMP OUT VREF OUTPUT FILTER CHROMA OUT
PXCK GPP 8 RESET
12 1-8 27
CLAMP COMP SYNC
14 15
GND
Fig.8 Typical application diagram, SLAVE mode. (Output filter - see Fig.9)
15pF 1.0H EXT 75
470pF
220pF
75
GND
Fig.9 Output reconstruction filter
14
VP5311C/VP5511C
Overlay of High, Medium and Low Resolution Luma FIR Filters 0 0 2.5e+6 5.e+6 7.5e+6 10.e+6 12.5e+6
-20
M a g n i t u d e d B
-40
-60
-80
0
2.5e+6
5.e+6
7.5e+6
10.e+6
12.5e+6
Frequency in Hz (Res = 26.37e+3 Hz)
Fig.10 Response of Switchable Luma Filter
Switchable Luma Filter The internal luma interpolation filter can be set to three different frequency responses; low, medium and high, the latter being the default setting. Fig.10 above shows the three responses and Table.6 below shows important performance parameters.
Filter Setting Low Medium High
-3dB point MHz 2.79 4.34 6.16
Pass Band MHz 1.36 2.17 4.86
Pass Band Ripple dB 0.052 0.058 0.138
Stop Band dB -40 @ 5.3MHz -35 @ 7.2MHz -36 @ 8.6MHz
Table. 6 Luma Filter Performance
Note: The VP5311C is only available to customers with a valid and existing authorisation to purchase issued by MACROVISION CORPORATION. This device is protected by U.S. patent numbers 4631603, 4577216 and 4819098 and other intellectual property rights. Use of the Macrovision anticopy process in the device is licensed by Macrovision for non-commercial, home and limited exhibition uses only. Reverse engineering or disassembly is prohibited.
15
VP5311C/VP5511C
PACKAGE DETAILS
Dimensions are shown thus: mm (in).
0 - 7 0*13/0*23 (0*005/0*009)
2*45 (0*096) MAX. 1*90/2*10 (0*075/0*083) 9*90/10*10 (0*390/0*398) SQ. PIN 1 IDENT PIN 52 0*65/1*03 (0*026/0*041) 7*80 (0*307) 13*64/14*15 NOM. (0*537/0*557)
PIN 1 52 LEADS AT 0*65 (0*026) NOM. SPACING
0*22/0*38 (0*009/0*015)
0*15/0*30 (0*006/0*012)
NOTES 1. Controlling dimensions are millimetres. 2. This package outline diagram is for guidance only. Please contact your Zarlink Semiconductor Customer Service Centre for further information.
52-LEAD QUAD FLATPACK - GP52
16
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. trading as Zarlink Semiconductor or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink.
This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink s I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2001, Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of VP5311CCGGP1N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X