Part Number Hot Search : 
2W105 BA15T PIC16L 2SD1978 QS5935 PIC16L 1060CT 48232
Product Description
Full Text Search
 

To Download SST39VF1602C-70-4I-B3KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C / SST39VF1602C
SST39VF160x / 320x / 640x2.7V 16Mb / 32Mb / 64Mb (x16) MPF+ memories
Data Sheet
FEATURES:
* Organized as 1M x16: SST39VF1601C/1602C * Single Voltage Read and Write Operations - 2.7-3.6V * Superior Reliability - Endurance: 100,000 Cycles (Typical) - Greater than 100 years Data Retention * Low Power Consumption (typical values at 5 MHz) - Active Current: 9 mA (typical) - Standby Current: 3 A (typical) - Auto Low Power Mode: 3 A (typical) * Hardware Block-Protection/WP# Input Pin - Top Block-Protection (top 8 KWord) - Bottom Block-Protection (bottom 8 KWord) * Sector-Erase Capability - Uniform 2 KWord sectors * Block-Erase Capability - Flexible block architecture; one 8-, two 4-, one 16-, and thirty one 32-KWord blocks * Chip-Erase Capability * Erase-Suspend/Erase-Resume Capabilities * Hardware Reset Pin (RST#) * Latched Address and Data * Security-ID Feature - SST: 128 bits; User: 128 words * Fast Read Access Time: - 70 ns * Fast Erase and Word-Program: - Sector-Erase Time: 18 ms (typical) - Block-Erase Time: 18 ms (typical) - Chip-Erase Time: 40 ms (typical) - Word-Program Time: 7 s (typical) * Automatic Write Timing - Internal VPP Generation * End-of-Write Detection - Toggle Bits - Data# Polling - Ready/Busy# Pin * CMOS I/O Compatibility * JEDEC Standard - Flash EEPROM Pinouts and command sets * Packages Available - 48-lead TSOP (12mm x 20mm) - 48-ball TFBGA (6mm x 8mm) - 48-ball WFBGA (4mm x 6mm) * All devices are RoHS compliant
PRODUCT DESCRIPTION
The SST39VF1601C and SST39VF1602C devices are 1M x16 CMOS Multi-Purpose Flash Plus (MPF+) manufactured with SST proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF160xC writes (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories. Featuring high performance Word-Program, the SST39VF1601C/1602C devices provide a typical WordProgram time of 7 sec. These devices use Toggle Bit, Data# Polling, or the RY/BY# pin to indicate the completion of Program operation. To protect against inadvertent write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data retention is rated at greater than 100 years. The SST39VF1601C/1602C devices are suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, they significantly improve performance and
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10 1
reliability, while lowering power consumption. They inherently use less energy during Erase and Program than alternative flash technologies. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. These devices also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles. To meet high density, surface mount requirements, the SST39VF1601C/1602C are offered in 48-lead TSOP, 48ball TFBGA, and 48-ball WFBGA packages. See Figures 2, 3, and 4 for pin assignments.
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first. The SST39VF1601C/1602C also have the Auto Low Power mode which puts the device in a near standby mode after data has been accessed with a valid Read operation. This reduces the IDD active read current from typically 9 mA to typically 3 A. The Auto Low Power mode reduces the typical IDD active read current to the range of 2 mA/MHz of Read cycle time. The device exits the Auto Low Power mode with any address transition or control signal transition used to initiate another Read cycle, with no access time penalty. Note that the device does not enter Auto-Low Power mode after power-up with CE# held steadily low, until the first address transition or CE# is driven high. Any commands issued during the internal Program operation are ignored. During the command sequence, WP# should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or block-byblock) basis. The SST39VF1601C/1602C offer both Sector-Erase and Block-Erase mode. The sector architecture is based on a uniform sector size of 2 KWord. The Block-Erase mode is based on non-uniform block sizes--thirty-one 32 KWord, one 16 KWord, two 4 KWord, and one 8 KWord blocks. See Figure 5 for top and bottom boot device block addresses. The Sector-Erase operation is initiated by executing a six-byte command sequence with Sector-Erase command (50H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase command (30H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-of-Erase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 12 and 13 for timing waveforms and Figure 26 for the flowchart. Any commands issued during the Sector- or Block-Erase operation are ignored. When WP# is low, any attempt to Sector- (Block-) Erase the protected block will be ignored. During the command sequence, WP# should be statically held high or low.
Read
The Read operation of the SST39VF1601C/1602C is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 6).
Word-Program Operation
The SST39VF1601C/1602C are programmed on a wordby-word basis. Before programming, the sector where the word exists must be fully erased. The Program operation is accomplished in three steps. The first step is the three-byte load sequence for Software Data Protection. The second step is to load word address and word data. During the Word-Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed within 10 s. See Figures 7 and 8 for WE# and CE# controlled Program operation timing diagrams and Figure 22 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks.
(c)2010 Silicon Storage Technology, Inc.
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation thus allowing data to be read from any memory location, or program data into any sector/block that is not suspended for an Erase operation. The operation is executed by issuing one byte command sequence with Erase-Suspend command (B0H). The device automatically enters read mode typically within 20 s after the Erase-Suspend command had been issued. Valid data can be read from any sector or block that is not suspended from an Erase operation. Reading at address location within erase-suspended sectors/blocks will output DQ2 toggling and DQ6 at `1'. While in Erase-Suspend mode, a Word-Program operation is allowed except for the sector or block selected for Erase-Suspend.
S71380-04-000
05/10
2
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet To resume Sector-Erase or Block-Erase operation which has been suspended the system must issue Erase Resume command. The operation is executed by issuing one byte command sequence with Erase Resume command (30H) at any address in the last Byte sequence.
Ready/Busy# (RY/BY#)
The devices include a Ready/Busy# (RY/BY#) output signal. RY/BY# is an open drain output pin that indicates whether an Erase or Program operation is in progress. Since RY/BY# is an open drain output, it allows several devices to be tied in parallel to VDD via an external pull-up resistor. After the rising edge of the final WE# pulse in the command sequence, the RY/BY# status is valid. When RY/BY# is actively pulled low, it indicates that an Erase or Program operation is in progress. When RY/BY# is high (Ready), the devices may be read or left in standby mode.
Chip-Erase Operation
The SST39VF1601C/1602C provide a Chip-Erase operation, which allows the user to erase the entire memory array to the `1' state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a sixbyte command sequence with Chip-Erase command (10H) at address 555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 7 for the command sequence, Figure 11 for timing diagram, and Figure 26 for the flowchart. Any commands issued during the Chip-Erase operation are ignored. When WP# is low, any attempt to Chip-Erase will be ignored. During the command sequence, WP# should be statically held high or low.
Data# Polling (DQ7)
When the SST39VF1601C/1602C are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately following the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 9 for Data# Polling timing diagram and Figure 23 for a flowchart.
Write Operation Status Detection
The SST39VF1601C/1602C provide two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
3
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating `1's and `0's, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse. DQ6 will be set to `1' if a Read operation is attempted on an Erase-Suspended Sector/Block. If Program operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle. An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check whether a particular sector is being actively erased or erase-suspended. Table 1 shows detailed status bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of Write operation. See Figure 10 for Toggle Bit timing diagram and Figure 23 for a flowchart. TABLE 1: Write Operation Status
Status Normal Standard Operation Program Standard Erase EraseRead from Suspend EraseMode Suspended Sector/ Block Read from Non-EraseSuspended Sector/Block Program DQ7 DQ7# 0 1 DQ6 Toggle Toggle 1 DQ2 No Toggle Toggle Toggle RY/BY# 0 0 1
Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down.
Hardware Block Protection
The SST39VF1602C supports top hardware block protection, which protects the top 8 KWord block of the device. The SST39VF1601C supports bottom hardware block protection, which protects the bottom 8KWord block of the device. The Boot Block address ranges are described in Table 2. Program and Erase operations are prevented on the 8 KWord when WP# is low. If WP# is left floating, it is internally held high via a pull-up resistor, and the Boot Block is unprotected, enabling Program and Erase operations on that block. TABLE 2: Boot Block Address Ranges
Product Bottom Boot Block SST39VF1601C Top Boot Block SST39VF1602C FE000H - FFFFFH
T2.0 1380
Address Range 00000H - 01FFFH
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the device to read array data. When the RST# pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode. When no internal Program/Erase operation is in progress, a minimum period of TRHR is required after RST# is driven high before a valid Read can take place (see Figure 18). The Erase or Program operation that has been interrupted needs to be re-initiated after the device resumes normal operation mode to ensure data integrity.
Data
Data
Data
1
DQ7#
Toggle
N/A
0
T1.0 1380
Note: DQ7 and DQ2 require a valid address when reading status information.
Data Protection
The SST39VF1601C/1602C provide both hardware and software features to protect nonvolatile data from inadvertent writes.
Software Data Protection (SDP)
The SST39VF1601C/1602C provide the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence. These devices are shipped with the Software Data Protection permanently enabled. See Table 7 for the specific software command codes. During SDP command sequence, invalid commands will abort the
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
4
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet device to read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Product Identification Mode Exit/ CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to the Read mode. This command may also be used to reset the device to the Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the Software ID Exit/ CFI Exit command is ignored during an internal Program or Erase operation. See Table 7 for software command codes, Figure 16 for timing waveform, and Figure 25 for flowcharts.
Common Flash Memory Interface (CFI)
The SST39VF1601C/1602C also contain the CFI information to describe the characteristics of the device. In order to enter the CFI Query mode, the system writes a threebyte sequence, same as product ID entry command with 98H (CFI Query command) to address 555H in the last byte sequence. Additionally, the system can use the onebyte sequence with 55H on the Address and 89H on the Data Bus to enter the CFI Query mode. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 8 through 10. The system must write the CFI Exit command to return to Read mode from the CFI Query mode.
Security ID
The SST39VF1601C/1602C devices offer a 136 Word Security ID space. The Secure ID space is divided into two segments--one factory programmed segment and one user programmed segment. The first segment is programmed and locked at SST with a random 128-bit number. The user segment, with a 128 word space, is left unprogrammed for the customer to program as desired. To program the user segment of the Security ID, the user must use the Security ID Word-Program command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither Sec ID segment can be erased. The Secure ID space can be queried by executing a threebyte command sequence with Enter Sec ID command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID command should be executed. Refer to Table 7 for more details.
Product Identification
The Product Identification mode identifies the devices as the SST39VF1601C, SST39VF1602C, and manufacturer as SST. This mode may be accessed software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Table 7 for software operation, Figure 14 for the Software ID Entry and Read timing diagram and Figure 24 for the Software ID Entry command sequence flowchart. TABLE 3: Product Identification
Address Manufacturer's ID Device ID SST39VF1601C SST39VF1602C 0001H 0001H 234FH 234EH
T3.2 1380
Data BFH
0000H
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
5
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
X-Decoder
SuperFlash Memory
Memory Address
Address Buffer & Latches Y-Decoder
CE# OE# WE# WP# RESET# RY/BY#
I/O Buffers and Data Latches Control Logic DQ15 - DQ0
1380 B1.0
FIGURE 1: Functional Block Diagram
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE# RST# NC WP# RY/BY# A18 A17 A7 A6 A5 A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Standard Pinout Top View Die Up
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
1380 48-tsop P01.0
FIGURE 2: Pin Assignments for 48-Lead TSOP
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
6
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TOP VIEW (balls facing down)
SST39VF1601C/1602C
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 A19 DQ5 DQ12 VDD DQ4 NC DQ2 DQ10 DQ11 DQ3 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
WE# RST#
RY/BY# WP# A18 A7 A3 A17 A4 A6 A2
A
B
C
D
E
F
G
H
1380 48-tfbga B3K P02.0
FIGURE 3: Pin Assignments for 48-Ball TFBGA
TOP VIEW (balls facing down) SST39WF160xC
6 5 4 3 2 1
A2 A1 A0
A4 A3 A5
A6 A7 A18
A17 WP#
NC
NC
WE# RST# A9 RY/BY# A10 A8
A11 A13 A12 A14 A15
CE# DQ8 DQ10 VSS OE# DQ9 A19 NC
DQ4 DQ11 A16 DQ5 DQ6 DQ7
DQ0 DQ1 DQ2 DQ3 VDD DQ12 DQ13 DQ14 DQ15 VSS
ABCD EFGHJ K L
1380 48-wfbga MAQ P03.0
FIGURE 4: Pin Assignments for 48-Ball WFBGA
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
7
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 4: Pin Description
Symbol AMS1-A0 Pin Name Address Inputs Functions To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. To protect the top/bottom boot block from Erase/Program operation when grounded. To reset and return the device to Read mode. To activate the device when CE# is low. To gate the data output buffers. To control the Write operations. To provide power supply voltage: 2.7-3.6V Unconnected pins. To output the status of a Program or Erase operation RY/BY# is a open drain output, so a 10K - 100K pull-up resistor is required to allow RY/BY# to transition high indicating the device is ready to read.
T4.2 1380
DQ15-DQ0
Data Input/output
WP# RST# CE# OE# WE# VDD VSS NC RY/BY#
Write Protect Reset Chip Enable Output Enable Write Enable Power Supply Ground No Connection Ready/Busy#
1. AMS = Most significant address AMS = A19
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
8
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 5: Top / Bottom Boot Block Address
# 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Top Boot Block Address SST39VF1602C Size (KWord) Address Range 8 FE000H-FFFFFH 4 FD000H-FDFFFH 4 FC000H-FCFFFH 16 F8000H-FBFFFH 32 F0000H-F7FFFH 32 E8000H-EFFFFH 32 E0000H-E7FFFH 32 D8000H-DFFFFH 32 D0000H-D7FFFH 32 C8000H-CFFFFH 32 C0000H-C7FFFH 32 B8000H-BFFFFH 32 B0000H-B7FFFH 32 A8000H-AFFFFH 32 A0000H-A7FFFH 32 98000H-9FFFFH 32 90000H-97FFFH 32 88000H-8FFFFH 32 80000H-87FFFH 32 78000H-7FFFFH 32 70000H-77FFFH 32 68000H-6FFFFH 32 60000H-67FFFH 32 58000H-5FFFFH 32 50000H-57FFFH 32 48000H-4FFFFH 32 40000H-47FFFH 32 38000H-3FFFFH 32 30000H-37FFFH 32 28000H-2FFFFH 32 20000H-27FFFH 32 18000H-1FFFFH 32 10000H-17FFFH 32 08000H-0FFFFH 32 00000H-07FFFH Bottom Boot Block Address SST39VF1601C # Size (KWord) Address Range 34 32 F8000H-FFFFFH 33 32 F0000H-F7FFFH 32 32 E8000H-EFFFFH 31 32 E0000H-E7FFFH 30 32 D8000H-DFFFFH 29 32 D0000H-D7FFFH 28 32 C8000H-CFFFFH 27 32 C0000H-C7FFFH 26 32 B8000H-BFFFFH 25 32 B0000H-B7FFFH 24 32 A8000H-AFFFFH 23 32 A0000H-A7FFFH 22 32 98000H-9FFFFH 21 32 90000H-97FFFH 20 32 88000H-8FFFFH 19 32 80000H-87FFFH 18 32 78000H-7FFFFH 17 32 70000H-77FFFH 16 32 68000H-6FFFFH 15 32 60000H-67FFFH 14 32 58000H-5FFFFH 13 32 50000H-57FFFH 12 32 48000H-4FFFFH 11 32 40000H-47FFFH 10 32 38000H-3FFFFH 9 32 30000H-37FFFH 8 32 28000H-2FFFFH 7 32 20000H-27FFFH 6 32 18000H-1FFFFH 5 32 10000H-17FFFH 4 32 08000H-0FFFFH 3 16 04000H-07FFFH 2 4 03000H-03FFFH 1 4 02000H-02FFFH 0 8 00000H-01FFFH
T5.1380
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
9
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 6: Operation Modes Selection
Mode Read Program Erase Standby Write Inhibit Product Identification Software Mode CE# VIL VIL VIL VIH X X VIL OE# VIL VIH VIH X VIL X VIL WE# VIH VIL VIL X X VIH VIH DQ DOUT DIN X1 High Z High Z/ DOUT High Z/ DOUT Address AIN AIN Sector or block address, XXH for Chip-Erase X X X See Table 7
T6.0 1380
1. X can be VIL or VIH, but no other value.
TABLE 7: Software Command Sequence
Command Sequence
Word-Program Sector-Erase Block-Erase Chip-Erase Erase-Suspend Erase-Resume Query Sec ID5
1st Bus Write Cycle Addr1 555H 555H 555H 555H XXXH XXXH 555H 555H 555H 555H 555H 55H 555H XXH Data2 AAH AAH AAH AAH B0H 30H AAH AAH AAH AAH AAH 98H AAH F0H
2nd Bus Write Cycle Addr1 2AAH 2AAH 2AAH 2AAH Data2 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 555H 555H 555H 555H Data2 A0H 80H 80H 80H
4th Bus Write Cycle Addr1 WA3 555H 555H 555H Data2 Data AAH AAH AAH
5th Bus Write Cycle Addr1 2AAH 2AAH 2AAH Data2 55H 55H 55H
6th Bus Write Cycle Addr1 SAX4 BAX
4
Data2 50H 30H 10H
555H
2AAH 2AAH 2AAH 2AAH 2AAH 2AAH
55H 55H 55H 55H 55H 55H
555H 555H 555H 555H 555H 555H
88H A5H 85H 90H 98H F0H WA6 XXH6 Data 0000H
User Security ID Word-Program User Security ID Program Lock-Out Software ID Entry7,8 CFI Query Entry CFI Query Entry Software ID Exit9,10 /CFI Exit/Sec ID Exit Software ID Exit9,10 /CFI Exit/Sec ID Exit 1. 2. 3. 4.
T7.6 1380
5.
6. 7. 8.
9. 10.
Address format A10-A0 (Hex). Addresses A11-A19 can be VIL or VIH, but no other value, for Command sequence. DQ15-DQ8 can be VIL or VIH, but no other value, for Command sequence WA = Program Word address SAX for Sector-Erase; uses AMS-A11 address lines BAX, for Block-Erase; uses AMS-A15 address lines AMS = Most significant address; AMS = A19 With AMS-A4 = 0; Sec ID is read with A3-A0, SST ID is read with A3 = 0 (Address range = 000000H to 000007H), User ID is read with A3 = 1 (Address range = 000008H to 000087H). Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0. Valid Word-Addresses for Sec ID are from 000000H-000007H and 000008H-000087H. The device does not remain in Software Product ID Mode if powered down. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 = 0, SST39VF1601C Device ID = 234FH, is read with A0 = 1, SST39VF1602C Device ID = 234EH, is read with A0 = 1, AMS = Most significant address; AMS = A19 Both Software ID Exit operations are equivalent If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1) using the Sec ID mode again (the programmed `0' bits cannot be reversed to `1'). Valid Word-Addresses for Sec ID are from 000000H-000007H and 000008H-000087H.
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
10
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 8: CFI Query Identification String1
Address 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH Data 0051H 0052H 0059H 0002H 0000H 0000H 0000H 0000H 0000H 0000H 0000H Data Query Unique ASCII string "QRY"
Primary OEM command set Address for Primary Extended Table Alternate OEM command set (00H = none exists) Address for Alternate OEM extended Table (00H = none exits)
T8.1 1380
1. Refer to CFI publication 100 for more details.
TABLE 9: System Interface Information
Address 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H Data 0027H 0036H 0000H 0000H 0003H 0000H 0004H 0005H 0001H 0000H 0001H 0001H Data VDD Min (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VDD Max (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VPP min. (00H = no VPP pin) VPP max. (00H = no VPP pin) Typical time out for Word-Program 2N s (23 = 8 s) Typical time out for min. size buffer program 2N s (00H = not supported) Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms) Typical time out for Chip-Erase 2N ms (25 = 32 ms) Maximum time out for Word-Program 2N times typical (21 x 23 = 16 s) Maximum time out for buffer program 2N times typical Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms) Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
T9.3 1380
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
11
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 10: Device Geometry Information
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH Data 0015H 0001H 0000H 0000H 0000H 0005H 0000H 0000H 0040H 0000H 0001H 0000H 0020H 0000H 0000H 0000H 0080H 0000H 001EH 0000H 0000H 0001H Data Device size = 2N Bytes (15H = 21; 221 = 2 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Erase Block Region 1 Information (Refer to the CFI specification or CFI publication 100)
Erase Block Region 2 Information
Erase Block Region 3 Information
Erase Block Region 4 Information
T10.0 1380
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
12
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (TA = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C for 10 seconds Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
Operating Range
Range Commercial Industrial Ambient Temp 0C to +70C -40C to +85C VDD 2.7-3.6V 2.7-3.6V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 20 and 21
Power Up Specifications
All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100 ms (0V to 3V in less than 300 ms). If the VDD ramp rate is slower than 1V per 100 ms, a hardware reset is required. The recommended VDD power-up to RESET# high time should be greater than 100 s to ensure a proper reset.
TPU-READ > 100 s VDD 0V VIH VDD min
RESET#
TRHR > 50ns CE#
1380 F24.0
FIGURE 5: Power-Up Diagram
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
13
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet TABLE 11: DC Operating Characteristics VDD = 2.7-3.6V1
Limits Symbol IDD Parameter Power Supply Current Read3 Program and Erase ISB IALP ILI ILIW ILO VIL VILC VIH VIHC VOL VOH Standby VDD Current Auto Low Power Input Leakage Current Input Leakage Current on WP# pin and RST# Output Leakage Current Input Low Voltage Input Low Voltage (CMOS) Input High Voltage Input High Voltage (CMOS) Output Low Voltage Output High Voltage VDD-0.2 0.7VDD VDD-0.3 0.2 18 35 20 20 1 10 10 0.8 0.3 mA mA A A A A A V V V V V V Min Max Units Test Conditions Address input=VILT/VIHT2, at f=5 MHz, VDD=VDD Max CE#=VIL, OE#=WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH CE#=VIHC, VDD=VDD Max CE#=VILC, VDD=VDD Max All inputs=VSS or VDD, WE#=VIHC VIN=GND to VDD, VDD=VDD Max WP#=GND to VDD or RST#=GND to VDD VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max VDD=VDD Max VDD=VDD Max IOL=100 A, VDD=VDD Min IOH=-100 A, VDD=VDD Min
T11.8 1380
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25C (room temperature), and VDD = 3V. Not 100% tested. 2. See Figure 20 3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
TABLE 12: Recommended System Power-up Timings
Symbol TPU-READ1 TPU-WRITE
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T12.0 1380
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 13: Capacitance (TA = 25C, f=1 Mhz, other pins open)
Parameter CI/O
1
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 6 pF
T13.0 1380
CIN1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 14: Reliability Characteristics
Symbol NEND1,2 TDR1 ILTH1 Parameter Endurance Data Retention Latch Up Minimum Specification 10,000 100 100 + IDD Units Cycles Years mA Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T14.2 1380
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a higher minimum specification.
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10
14
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
AC CHARACTERISTICS
TABLE 15: Read Cycle Timing Parameters VDD = 2.7-3.6V
Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 TRP1 TRHR1 TRY1,2 Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change RST# Pulse Width RST# High before Read RST# Pin Low to Read Mode 0 500 50 20 0 0 20 20 Min 70 70 70 35 Max Units ns ns ns ns ns ns ns ns ns ns ns s
T15.3 1380
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. This parameter applies to Sector-Erase, Block-Erase and Program operations. This parameter does not apply to Chip-Erase operations.
TABLE 16: Program/Erase Cycle Timing Parameters
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH TDS TDH1 TIDA TSE TBE TSCE TBY
1,2 1 1
Parameter Word-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Block-Erase Chip-Erase RY/BY# Delay Time Bus Recovery Time
Min 0 30 0 0 0 10 40 40 30 30 30 0
Max 10
Units s ns ns ns ns ns ns ns ns ns ns ns ns
TCPH1
150 25 25 50 90 0
ns ms ms ms ns s
T16.1 1380
TBR1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. This parameter applies to Sector-Erase, Block-Erase, and Program operations.
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
15
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TRC ADDRESS AMS-0 TCE CE# TOE OE# VIH WE# TCLZ HIGH-Z DQ15-0
Note: AMS = Most significant address AMS = A19
TAA
TOLZ
TOHZ
TOH DATA VALID
TCHZ HIGH-Z DATA VALID
1380 F03.0
FIGURE 6: Read Cycle Timing Diagram
TBP ADDRESSES 555 TAH TWP WE# TAS OE# TCH CE# TCS RY/BY# TDS DQ15-0 XXAA XX55 XXA0 DATA WORD (ADDR/DATA)
Note: WP# must be held in proper logic state (VIL or VIH) 1s prior to and 1s after the command sequence. X can be VIL or VIH, but no other value.
2AA
555
ADDR
TWPH
TBY
TBR
TDH VALID
1380 F25.0
FIGURE 7: WE# Controlled Program Cycle Timing Diagram
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10
16
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TBP ADDRESSES 555 TAH TCP WE# TAS OE# TCH CE# TCS RY/BY# TDS DQ15-0 XXAA XX55 XXA0 DATA WORD (ADDR/DATA)
Note: WP# must be held in proper logic state (VIL or VIH) 1s prior to and 1s after the command sequence. X can be VIL or VIH, but no other value.
2AA
555
ADDR
TCPH
TBY
TBR
TDH VALID
1380 F26.0
FIGURE 8: CE# Controlled Program Cycle Timing Diagram
ADDRESS A19-0 TCE CE# TOEH OE# TOE WE# TBY RY/BY# TOES
DQ7
DATA
DATA#
DATA#
DATA
1380 F27.0
FIGURE 9: Data# Polling Timing Diagram
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
17
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
ADDRESS AMS-0 TCE CE# TOEH TOE OE# TOES
WE#
DQ6 and DQ2
TWO READ CYCLES WITH SAME OUTPUTS
Note:
AMS = Most significant address AMS = A19
1380 F07.0
FIGURE 10: Toggle Bits Timing Diagram
SIX-BYTE CODE FOR CHIP-ERASE ADDRESSES 555 2AA 555 555 2AA 555
TSCE
CE#
OE# TOEH WE# TBY RY/BY# TBR
DQ15-0
XXAA
XX55
XX80
XXAA
XX55
XX10
VALID
1380 F31.0
Note: This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 16). WP# must be held in proper logic state (VIH) 1s prior to and 1s after the command sequence. X can be VIL or VIH, but no other value.
FIGURE 11: WE# Controlled Chip-Erase Timing Diagram
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
18
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
SIX-BYTE CODE FOR BLOCK-ERASE ADDRESSES 555 2AA 555 555 2AA BAX
TBE
CE#
OE# TWP WE# TBY RY/BY# TBR
DQ15-0
XXAA
XX55
XX80
XXAA
XX55
XX30
VALID
1380 F32.0
Note: This device also supports CE# controlled Block-Erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 16). BAX = Block Address WP# must be held in proper logic state (VIL or VIH) 1s prior to and 1s after the command sequence. X can be VIL or VIH, but no other value.
FIGURE 12: WE# Controlled Block-Erase Timing Diagram
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
19
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESSES 555 2AA 555 555 2AA SAX
TSE
CE#
OE# TWP WE# TBY RY/BY# TBR
DQ15-0
XXAA
XX55
XX80
XXAA
XX55
XX50
VALID
1380 F28.0
Note: This device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 16). SAX = Block Address WP# must be held in proper logic state (VIL or VIH) 1s prior to and 1s after the command sequence. X can be VIL or VIH, but no other value.
FIGURE 13: WE# Controlled Sector-Erase Timing Diagram
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
20
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Three-Byte Sequence for Software ID Entry ADDRESS 555 2AA 555 0000 0001
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0
Note:
TIDA
TAA XX90 SW2 00BF Device ID
XX55 SW1
Device ID = 234BH for 39VF1601C and 234AH for 39VF1602C WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
1380 F11.0
FIGURE 14: Software ID Entry and Read
Three-Byte Sequence for CFI Query Entry ADDRESS 555 2AA 555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0
Note:
TIDA
TAA XX98 SW2
XX55 SW1
WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
1380 F12.0
FIGURE 15: CFI Query Entry and Read
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
21
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS
555
2AA
555
DQ15-0
XXAA
XX55
XXF0 TIDA
CE#
OE# TWP WE# TWHP SW0
Note:
SW1
SW2
WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
1380 F13.0
FIGURE 16: Software ID Exit/CFI Exit
THREE-BYTE SEQUENCE FOR CFI QUERY ENTRY ADDRESS AMS-0 555 2AA 555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX88 SW2 TAA TIDA
Note: AMS = Most significant address AMS = A19 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value.
1380 F20.0
FIGURE 17: Sec ID Entry
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
22
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
RY/BY# 0V TRP RST#
TRHR CE#/OE#
1380 F29.0
FIGURE 18: RST# Timing Diagram (When no internal operation is in progress)
TRY RY/BY# TRP RST#
CE# OE#
TBR
1380 F30.0
FIGURE 19: RST# Timing Diagram (During Program or Erase operation)
VIHT
INPUT
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
1380F14.0
AC test inputs are driven at VIHT (0.9 VDD) for a logic `1' and VILT (0.1 VDD) for a logic `0'. Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 20: AC Input/Output Reference Waveforms
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10
23
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TO TESTER
TO DUT CL
1380 F15.0
FIGURE 21: A Test Load Example
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
24
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Start
Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XXA0H Address: 555H
Load Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
X can be VIL or VIH, but no other value
1380 F16.0
FIGURE 22: Word-Program Algorithm
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
25
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Internal Timer Program/Erase Initiated
Toggle Bit Program/Erase Initiated
Data# Polling Program/Erase Initiated
RY/BY# Program/Erase Initiated
Wait TBP, TSCE, TSE or TBE
Read word
Read DQ7
Read RY/BY#
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
No
Is RY/BY# = 1? Yes
No
Does DQ6 match? Yes Program/Erase Completed
Program/Erase Completed
Program/Erase Completed
1380 F17.1
FIGURE 23: Wait Options
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
26
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
CFI Query Entry Command Sequence
Sec ID Query Entry Command Sequence
Software Product ID Entry Command Sequence Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XX98H Address: 55H
Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Wait TIDA
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX98H Address: 55H
Read CFI data
Load data: XX88H Address: 555H
Load data: XX90H Address: 555H
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI data
Read Sec ID
Read Software ID
X can be VIL or VIH, but no other value
1380 F21.0
FIGURE 24: Software ID/CFI Entry Command Flowcharts
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
27
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Software ID Exit/CFI Exit/Sec ID Exit Command Sequence
Load data: XXAAH Address: 555H
Load data: XXF0H Address: XXH
Load data: XX55H Address: 2AAH
Wait TIDA
Load data: XXF0H Address: 555H
Return to normal operation
Wait TIDA
Return to normal operation
X can be VIL or VIH, but no other value
1380 F18.0
FIGURE 25: Software ID/CFI Exit Command Flowcharts
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
28
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
Chip-Erase Command Sequence Load data: XXAAH Address: 555H
Sector-Erase Command Sequence Load data: XXAAH Address: 555H
Block-Erase Command Sequence Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX80H Address: 555H
Load data: XX80H Address: 555H
Load data: XX80H Address: 555H
Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX10H Address: 555H
Load data: XX50H Address: SAX
Load data: XX30H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip erased to FFFFH
Sector erased to FFFFH
Block erased to FFFFH
X can be VIL or VIH, but no other value
1380 F19.0
FIGURE 26: Erase Command Sequence
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
29
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
PRODUCT ORDERING INFORMATION
SST 39 VF 1602 C XX XX XXXXX 70 XX 4C XX EK - XXX E X Environmental Attribute E1 = non-Pb Package Modifier K = 48 balls or leads Q = 48 balls (66 possible positions) Package Type E = TSOP (type1, die up, 12mm x 20mm) B3 = TFBGA (6mm x 8mm, 0.8mm pitch) MA = WFBGA (4mm x 6mm, 0.5mm pitch) Temperature Range C = Commercial = 0C to +70C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 70 = 70 ns Hardware Block Protection 1 = Bottom Boot-Block 2 = Top Boot-Block Device Density 160 = 16 Mbit Voltage V = 2.7-3.6V Product Series 39 = Multi-Purpose Flash
1. Environmental suffix "E" denotes non-Pb solder. SST non-Pb solder devices are "RoHS Compliant".
Valid Combinations for SST39VF1601C SST39VF1601C-70-4C-EKE SST39VF1601C-70-4I-EKE SST39VF1601C-70-4C-B3KE SST39VF1601C-70-4I-B3KE SST39VF1601C-70-4C-MAQE SST39VF1601C-70-4I-MAQE
Valid Combinations for SST39VF1602C SST39VF1602C-70-4C-EKE SST39VF1602C-70-4I-EKE SST39VF1602C-70-4C-B3KE SST39VF1602C-70-4I-B3KE SST39VF1602C-70-4C-MAQE SST39VF1602C-70-4I-MAQE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
30
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
PACKAGING DIAGRAMS
1.05 0.95 Pin # 1 Identifier 0.50 BSC
12.20 11.80
0.27 0.17
18.50 18.30
0.15 0.05
DETAIL 1.20 max. 0.70 0.50 20.20 19.80 0- 5 Note: 1. Complies with JEDEC publication 95 MO-142 DD dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in millimeters (max/min). 3. Coplanarity: 0.1 mm 4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads. 0.70 0.50
1mm 48-tsop-EK-8
FIGURE 27: 48-lead Thin Small Outline Package (TSOP) 12mm x 20mm SST Package Code: EK
(c)2010 Silicon Storage Technology, Inc.
S71380-04-000
05/10
31
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TOP VIEW
8.00 0.20
BOTTOM VIEW
5.60 0.80 0.45 0.05 (48X)
6 5 4 3 2 1
0.80 ABCDEFGH A1 CORNER HGFEDCBA 4.00 6.00 0.20
6 5 4 3 2 1
SIDE VIEW
1.10 0.10
A1 CORNER
SEATING PLANE 0.35 0.05
0.12
1mm
Note:
1. Complies with JEDEC Publication 95, MO-210, variant 'AB-1', although some dimensions may be more stringent. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.12 mm 4. Ball opening size is 0.38 mm ( 0.05 mm) 48-tfbga-B3K-6x8-450mic-4
FIGURE 28: 48-ball Thin-profile, Fine-pitch Ball Grid Array (TFBGA) 6mm x 8mm SST Package Code: B3K
TOP VIEW
6.00 0.08
6 5 4 3 2 1 ABCDEFGHJKL
BOTTOM VIEW
5.00 0.50
6 5 4 3 2 1 LKJHGFEDCBA
0.32 0.05 (48X)
4.00 0.08
2.50
0.50
A1 CORNER
A1 INDICATOR
0.73 max. 0.636 nom.
DETAIL
SIDE VIEW
0.08
SEATING PLANE
0.20 0.06 Note:
1mm
1. Complies with JEDEC Publication 95, MO-207, Variant CB-4 except nominal ball size is larger and bottom side A1 indicator is triangle at corner. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.08 mm 4. Ball opening size is 0.29 mm ( 0.05 mm) 48-wfbga-MAQ-4x6-32mic-2.0
FIGURE 29: 48-ball Very, Very Thin-profile, Fine-pitch Ball Grid Array (WFBGA) 6mm x 8mm SST Package Code: MAQ
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10
32
16 Mbit Multi-Purpose Flash Plus SST39VF1601C / SST39VF1602C
Data Sheet
TABLE 17: Revision History
Number 00 01 02 03 Description Date Apr 2008 Sep 2008 Jan 2009 Aug 2009
* * * * * * * *
Initial release Corrected typo in Hardware Block Protection on page 4. Corrected typo in table title, Table 5 page 8 Changed 1V per 100 s to 1V per 100 ms in Power Up Specifications on page 12 Changed from Preliminary Specification to Data Sheet Clarified RY/BY# pin timing by updating Features, Figures 7, 8, 9, 11, 12, 13, 18, 19, and 23, and Tables 1 and 16. Added information for MAQE package Updated SST address information on page 33.
04
May 2010
Silicon Storage Technology, Inc. www.SuperFlash.com or www.sst.com
(c)2010 Silicon Storage Technology, Inc. S71380-04-000 05/10
33


▲Up To Search▲   

 
Price & Availability of SST39VF1602C-70-4I-B3KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X