Part Number Hot Search : 
RLZ5238B 93LC46SN WSR5LDTA APTGT PJ7916CI BD235STU C74LV S12ME1
Product Description
Full Text Search
 

To Download SLA-360LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA-360 / SLA-370 Series
LED lamps
High bright circular LED lamps (3, 3.1mm)
SLA-360 / SLA-370 Series
The SLA-360 and SLA-370 series are high luminance LEDs which give you a choice of narrow to wide viewing angles. One red type and one green type are available in two packages for a total of four different types, and they are suitable for use in a wide variety of applications.
!Features 1) Very bright. 2) Ideal for outdoor and semi-outdoor applications. 3) High reliability.
!External dimensions (Units : mm)
SLA-360 SLA-370
3.80.3 3.10.2
3.80.3 3.00.2
(1.3) 5.20.3
1.0Max.
4-0.5 0.4
4-0.5 0.4
24.0Min.
1.0Max. 2.51.0
(2.5) CATHODE
2.51.0
(2.5)
CATHODE
!Selection guide
Emitting color Lens Medium viewing type Wide viewing type Single-hetero GaAlAs (red) SLA-370LT3F SLA-360LT3F GaP (green) SLA-370MT3F SLA-360MT3F
!Absolute maximum ratings (Ta = 25C)
Red Parameter Symbol SLA-360LT3F SLA-370LT3F 100 50 75 4 -25~+85 -30~+100 260C 5 seconds maximum Green SLA-360MT3F SLA-370MT3F 75 25 60 4 Unit
Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature Soldering temperature
PD IF IFP VR Topr Tstg -
mW mA mA V C C -
24.0Min.
(1.3) 5.20.3
SLA-360 / SLA-370 Series
LED lamps
!Electrical and optical characteristics (Ta = 25C)
Red Parameter
Forward voltage Reverse current Peak wavelength Spectral line half width Viewing angle
Green Unit V A nm nm deg
Symbol Conditions VF IR IF=20mA VR=4V IF=20mA IF=20mA -
Min. Typ. Max. Min. Typ. Max. - - - - - 1.75 - 660 25 40 25 2.5 100 - - - - - - - 2.2 - 563 40 40 25 3.0 10 - - -
P
2 1/2 SLA-370
SLA-360
!Luminous intensity vs. wavelength
1.0
!Luminous intensity
Color Red P 660 563 Type SLA-360LT3F SLA-370LT3F SLA-360MT3F SLA-370MT3F Min. Typ. 30 42 42 42 68 100 100 100 Max. Unit - - - - mcd
Axial Luminous Intensity
0.8 0.6 0.4 0.2 0 500 Green Red
Green
Note : 1. Measured at IF=20mA 2. The specification is subject to be without notice. We would like you to refer to the latest specification in use.
550
600
650
700
750
Wavelength : P (nm)
Fig.1
!Directional pattern
ANGLE () 20 30 40 50 60 70 80 90 100 10 0 10 20 30 40 50 60 70 80 90 100 70 80 90 100 60 50 40 30 20 ANGLE () 10 0 10 20 30 40 50 60 70 80 90 100
50
0
50
50
0
50
RELATIVE LUMINOUS INTENSITY (%)
RELATIVE LUMINOUS INTENSITY (%)
Fig.2 SLA-360 Directional patterm
Fig.3 SLA-370 Directional patterm
SLA-360 / SLA-370 Series
LED lamps
!Electrical characteristic curves 1 (red)
50 Ta=25C
1.4
5
Ta=25C
RELATIVE LUMINOUS INTENSITY
FORWARD CURRENT : IF (mA)
20 10 5.0 2.0 1.0 0.5 0.2 0.1 1.0
RELATIVE LUMINOUS INTENSITY
0 20 40 60 80
2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.1 0.2 0.5 1 2 5 10 20 50 100
1.2
1.0
0.8
0.6
1.5
2.0
2.5
3.0
0.4 -20
FORWARD VOLTAGE : VF (V)
CASE TEMPERATURE : Tc (C)
FORWARD CURRENT : IF (mA)
Fig.4 Forward current vs. forward voltage
Fig.5 Luminous intensity vs. case temperature
Fig.6 Luminous intensity vs. forward current
RATIO of MAXIMUM TOLERABLE PEAK CURRENT IF peak Max. IF Max. to MAXIMUM TOLERABLE DC CURRENT
6 5 4 3
RELATIVE LUMINOUS INTENSITY
3.0 f=1kHz 2.5 2.0 1.5 1.0 20% 0.5 0 0 15% 10% 5% 10 20 30 40 50 60 DC
MAXIMUM FORWARD CURRENT : IF Max. (mA)
70 60 50 40 30 20 10 0 20
DF=50%
500kHz
200kHz
1.5
1 5 10 20 50 102 103 10
4
100kHz
2
50kHz 20kHz 10kHz 5kHz 2kHz 1kHz
30
40
50
60
70
80
90
PULSE DURATION : Tw (s)
PEAK FORWARD CURRENT : IF peak (mA)
AMBIENT TEMPERATURE : Ta (C)
Fig.7 Maximum tolerable peak current vs. pulse duration
Fig.8 Luminous intensity vs. peak forward current
Fig.9 Maximum forward current vs. ambient temperature (Derating)
!Electrical characteristic curves 2 (green)
50 Ta=25C
1.4
5
Ta=25C
RELATIVE LUMINOUS INTENSITY
0 20 40 60 80
RELATIVE LUMINOUS INTENSITY
FORWARD CURRENT : IF (mA)
20 10 5.0 2.0 1.0 0.5 0.2 0.1 1.0
2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.1 0.2 0.5 1 2 5 10 20 50 100
1.2
1.0
0.8
0.6
1.5
2.0
2.5
3.0
0.4 -20
FORWARD VOLTAGE : VF (V)
CASE TEMPERATURE : Tc (C)
FORWARD CURRENT : IF (mA)
Fig.10 Forward current vs. forward voltage
Fig.11 Luminous intensity vs. case temperature
Fig.12 Luminous intensity vs. forward current
SLA-360 / SLA-370 Series
LED lamps
RATIO of MAXIMUM TOLERABLE PEAK CURRENT IF peak Max. IF Max. to MAXIMUM TOLERABLE DC CURRENT
6 5 4
3.0
RELATIVE LUMINOUS INTENSITY
f=1kHz 2.5 2.0 1.5 1.0 20% 0.5 0 0 15% 10% 5% 10 20 30 40 50 60 DC
MAXIMUM FORWARD CURRENT : IF Max (mA)
30
500Hz
200Hz
3 2.4 2
100Hz
50kHz
20kHz
10kHz
5kHz
2kHz
1kHz
20
DF=50%
10
1 5 10 20 50 102 103 104 PULSE DURATION : Tw (s)
0 20
30
40
50
60
70
80
90
PEAK FORWARD CURRENT : IF peak (mA)
AMBIENT TEMPERATURE : Ta (C)
Fig.13 Maximum tolerable peak current vs. pulse duration
Fig.8 Luminous intensity vs. peak forward current
Fig.15 Maximum forward current vs. ambient temperature (Derating)


▲Up To Search▲   

 
Price & Availability of SLA-360LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X