Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download PT2262-RF-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
PT2262 is a remote control encoder paired with PT2272 utilizing CMOS Technology. It encodes data and address pins into a serial coded waveform suitable for RF or IR modulation. PT2262 has a maximum of 12 bits of tri-state address pins providing up to 531,441 (or 312) address codes; thereby, drastically reducing any code collision and unauthorized code scanning possibilities.
! ! ! ! ! ! ! ! !
CMOS Technology Low Power Consumption Very High Noise Immunity Up to 12 Tri-State Code Address Pins Up to 6 Data Pins Wide Range of Operating Voltage: Vcc = 4 ~ 15 Volts Single Resistor Oscillator Latch or Momentary Output Type Available in DIP and SO Package
! ! ! ! ! !
Car Security System Garage Door Controller Remote Control Fan Home Security/Automation System Remote Control Toys Remote Control for Industrial Use
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
UHF Band 4 Data Transmitter Circuit is recommended.
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
UHF Band Address-only (Zero Data) Transmitter Circuit is recommended.
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
UHF Band Address-only (Zero Data) Zero-Stand-by Transmitter Circuit is recommended.
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
Infrared Ray 6-Data Circuit. Adjust Rosc to get 38 KHz Carrier Pulse at DOUT Pin is recommended.
Princeton Technology Corp. Remote Control Encoder
Tel : 886-2-29162151 Fax : 886-2-29174598 URL: http://www.princeton.com.tw
PT2262
Valid Product No. PT2262 PT2262-S18 PT2262-IR PT2262-S PT2262-IR-S
Package 18 Pins, DIP 18 Pins, SO 18 Pins, DIP 20 Pins, SO 20 Pins, SO
PT 2262 - XX - X
Package Code :
P : Plastic DIP (this code can be omitted) S : Small Outline, 20 Pins S18 : Small Outline, 18 Pins
Output Type :
RF : RF Application (can be omitted) IR : IR Application
Product Number
PTC Prefix


▲Up To Search▲   

 
Price & Availability of PT2262-RF-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X