Part Number Hot Search : 
L2TVS60A BU2730AL W10N100 3030170 30203 RB481 010B2L 240401B
Product Description
Full Text Search
 

To Download LXM1624-12-41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
DESCRIPTION
KEY FEATURES
WWW .Microsemi .C OM
The LXM1624-12-4x is a Dual 4W Output Direct DriveTM CCFL (Cold Cathode Fluorescent Lamp) Inverter Module specifically designed for driving LCD backlight lamps. It is ideal for driving typical 6.4" to 10.4" TFT panels. The modules are available with a dimming input that permits brightness control from either a DC voltage source or a PWM signal or external Potentiometer. The maximum output current is externally programmable over a range of 5 to 6.5mA in 0.5mA steps to allow the inverter to properly match to a wide array of LCD panel lamp current specifications. LXM1624 modules unlike the LXM1623 series does not provide wide range `burst' mode dimming, rather dimming is provided by amplitude control of the output current waveform, this limits the potential dim range to typically less than 5:1.
For applications not requiring wide range dimming, amplitude control results in lower ripple on the input supply and reduced potential transient noise generation. Many STN type panels are particularly well suited for current amplitude dimming. The modules convert DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. The modules design is based on Microsemi's new LX1689 backlight controller, which provides a number of cost and performance advantages due to the controller's high level of integration. Other benefits of this new topology are stable fixed-frequency operation, secondary-side strike-voltage regulation and both open/shorted lamp protection with fault timeout.
Externally Programmable Maximum Output Current Easy to Use Brightness Control Analog Current Amplitude Dimming Method Output Open/Short-Circuit Protection and Automatic StrikeVoltage Regulation and Timeout Fixed Frequency Operation Rated From -20 to 70C UL60950 E175910
APPLICATIONS
High Brightness Displays Portable Instrumentation Desktop Displays Industrial Display Controls
BENEFITS
Compact, Low Profile Design Programmable output current allows inverter to mate with a wide variety of LCD panel's specifications Output Open Circuit Voltage Regulation Minimizes Corona Discharge For High Reliability
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
PRODUCT HIGHLIGHT
U
N IV E R S A L
DC
D
OR
IM M IN G
P
IN P U T
"P W M ", V
,
O T E N T IO M E T E R
DC Voltage Source
Potentiom eter
PW M Signal
1
2 3
3 2
1
LXM1624-12-4X LXM1624-12-4X
S
ELECTABLE
M
A X IM U M TO
O
UTPUT
RMS
C
URRENT
5MA
6 .5 M A
PACKAGE ORDER INFO
PART NUMBER LXM1624-12-41 LXM1624-12-42 LXM1624-12-43
Copyright 2002 Rev. 1.0, 2003-11-26
OUTPUT CONNECTOR JST SM02(8.0)B-BHS-1-TB JST SM02B-BHSS-1-TB Honda QZ-19-A3MYL #02
INVERTER MATES DIRECTLY TO PANEL CONNECTORS JST BHR-03VS-1 JST BHSR-02VS-1 HONDA QZ-19-3F01
Page 1
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
ABSOLUTE MAXIMUM RATINGS (NOTE 1) Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V Input Power ....................................................................................................................................................................... 10W Output Voltage, no load ............................................................................................................ Internally Limited to 1500VRMS Output Current ............................................................................................................................7.5mARMS (Internally Limited) Output Power (each output) ............................................................................................................................................. 4.0W Input Signal Voltage ( SLEEP Input) ..................................................................................................................... -0.3V to VIN1 Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V Ambient Operating Temperature, zero airflow.....................................................................................................-20C to 70C Operating Relative Humidity, non-condensing ................................................................................................................ 90% Storage Temperature Range...............................................................................................................................-40C to 85C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal.
WWW .Microsemi .C OM
RECOMMENDED OPERATING CONDITIONS (R.C.) This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance will be obtained if the module is operated under the condition listed in the `R.C.' column. Min. and Max. columns indicate values beyond which the inverter, although operational, will not function optimally. Parameter Input Supply Voltage Range (Fully Regulated Lamp Current) Input Supply Voltage Range (Functional) Output Power (each output) Linear BRITE Control Input Voltage Range Lamp Operating Voltage Lamp Current (Full Brightness) Operating Ambient Temperature Range Symbol VIN1 PO VBRT_ADJ VLAMP IOLAMP TA Recommended Operating Conditions Min R.C. Max 10.8 10.2 0.65 to 0.9 350 5 -20 12 12 3.5 440 13.2 13.8 4.0 2.0 530 6.5 70 Units V W V VRMS mARMS C
The minimum VBRT ADJ voltage depends on the panel characteristics, depending on the panel it can vary from 0.65V to 0.9V
ELECTRICAL CHARACTERISTICS Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
OUTPUT PIN CHARACTERISTICS Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Output Current Lamp to Lamp Deviation Min. Average Lamp Current (each output) Lamp Start Voltage IL(MAX) IL(MAX) IL(MAX) IL(MAX) ILL%DEV IL(MIN) VLS VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Open VBRT_ADJ =0.65VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = ISET2 = Ground -20C < TA < 70C, VIN1 > 10.8VDC 4.5 5.0 5.5 6.0 5 5.5 6 6.5 3 2 1250 1400 5.5 6.0 6.5 7.0 10 mARMS mARMS
Symbol
Test Conditions
LXM1624-12-4x Min Typ Max
Units
ELECTRICALS ELECTRICALS
mARMS mARMS % mARMS VRMS
Operating Frequency fO 76 80 83 kHz VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 12V The inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user's responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current. Copyright 2002 Rev. 1.0, 2003-11-26
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
ELECTRICAL CHARACTERISTICS (CONTINUED) Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
BRITE INPUT Input Current Minimum Input for Max. Lamp Current Minimum Input for Min. Lamp Current SLEEP INPUT RUN Mode SLEEP Mode SET1,2 INPUT SET1,2 Low Threshold Input Current POWER CHARACTERISTICS Sleep Current Run Current Efficiency IIN(MIN) IIN(RUN) VIN1 = 12VDC, SLEEP < 0.8V VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 440VRMS VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 440VRMS 0.0 10 530 85 50 ADC mADC % VL ISET 0.4 VSET 0.4V -300 V A IBRT VBRT_ADJ VBRT_ADJ VBRT_ADJ = 0VDC VBRT_ADJ = 3VDC IO(LAMP) = Maximum Lamp Current IO(LAMP) = Minimum Lamp Current -300 50 2.0 0.65* 2.0 -0.3 VIN1 0.8 ADC ADC VDC VDC VDC VDC
WWW .Microsemi .C OM
Symbol
Test Conditions
LXM1624-12-4x Min Typ Max
Units
2.05
VSLEEP VSLEEP
* The Inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user's responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current. This is likely greater than the 0.65V minimum input.
FUNCTIONAL PIN DESCRIPTION CONN CN1-1 CN1-2 CN1-3 CN1-4 CN1-5 CN1-6 CN1-7 CN1-8 CN2-1 CN3-1 CN2-2 CN3-2 CN2-3 CN3-3 CN2-1 CN3-1
Copyright 2002 Rev. 1.0, 2003-11-26
PIN
DESCRIPTION
CN1 (Molex 53261-0890) Mates with 51021-0800 housing, 50079-8100 pins. Mates with LX9501 input cable assembly VIN1 GND Main Input Power Supply (10.8V < VIN1 < 13.2V) Power Supply Return ON/OFF Control. (0V < SLEEP < 0.8 = OFF, SLEEP >= 2.0V = ON Brightness Control (0.65V to 2.0VDC). 2.0VDC gives maximum lamp current. SET1 MSB Connecting this pin to ground decreases the output current (see Table 1) SET2 LSB Connecting this pin to ground decreases the output current (see Table 1)
SLEEP
BRITE SET1 SET2
CN2, CN3 for LXM1624-12-41 and -42 (JST SM02(8.0)B-BHS-1-TB or SM02B-BHSS-1-TB) VHI VLO High voltage connection to high Side of lamp. Connect to lamp terminal with shortest lead length. DO NOT connect to Ground. Connection to low side of lamp. Connect to lamp terminal with longer lead length. DO NOT connect to Ground High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length. DO NOT connect to Ground. Connection to low side of lamp. Connect to lamp terminal with longer lead length. DO NOT connect to Ground
ELECTRICALS ELECTRICALS
CN2, CN3 for LXM1624-12-43 (Honda QZ-19-A3MYL #02) VHI VLO
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
TABLE 1 OUTPUT CURRENT SETTINGS SET1 (Pin 7) Open* Open* Ground Ground SET2 (Pin 8) Open* Ground Open* Ground Nominal Output Current 6.5mA 6.0mA 5.5mA 5.0mA PHYSICAL DIMENSIONS LXM1624-12-4X
4.52in
115mm
WWW .Microsemi .C OM
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
4.29in
109mm
GROUNDED MOUNTING HOLE 3MM X 2 DIA. 0.08 6MM SCREW HEAD CLEARANCE SM02(8.0)B-BHS-1-TB (JST) Honda QZ-19-A3MYL #02
1.18in.
30mm
CN-2
SM02B-BHSS-1-TB (JST)
-01 1.02in.
26mm
CN-3
-02
-03 1 3
1
0.15in.
4mm
0.23in
6mm
0.0392in.
1.0mm Weight: (15g) typ.
PCB tolerances 0.5mm
Warning High Voltage 0.256in. Present at high 6.5mm Max side of transformer and Output Connector
SIMPLIFIED BLOCK DIAGRAM
+3V 10K
High Voltage Transform er Controller and Transform er Driver
V IN1
V BRIT E 0.65 2V DC +3V
V HI
PACKAGE DATA PACKAGE DATA
10K SET 1 +3V 10K
OC SENSE
OV SENSE I SENSE
V LO O ne of Two
SET 2
Copyright 2002 Rev. 1.0, 2003-11-26
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
LAMP
Page 4
PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
TYPICAL APPLICATION
12V DAC or Pot 20K Rx* LXM1624-12-4x BRITE V IN1
WWW .Microsemi .C OM
V HI CCFL TUBE
The brightness control may be a voltage output DAC or other voltage source, a digital pot or 20K manual pot. The inverter contains an internal 10K pull-up to 3V to bias the pot, add a 2.7K to 3.9K to set the lower threshold voltage. A 3.3V Logic Level PWM signal from a micro-controller may also be used as shown in Figure 1A. If you need to turn the inverter ON/OFF remotely, connect to TTL logic signal to the SLEEP input. Connect VHI to high voltage wire from the lamp. Connect VLO to the low voltage wire (wire with thinner insulation). Never connect VLO to circuit ground as this will defeat lamp current regulation. If both lamp wires have heavy high voltage insulation, connect the longest wire to VLO. This wire is typically white. Use the SET1 and SET2 (see Figure 2) inputs to select the desired maximum output current. Using these two pins in combination allows the inverter to match a wide variety of panels from different manufactures. Generally the best lamp lifetime correlates with driving the CCFL at the manufactures nominal current setting. However the SET1 and SET2 inputs allow the user the flexibility to adjust the current to the maximum allowable output current to increase panel brightness at the expense of some reduced lamp life. Although the SET pins are designed such that just leaving them open or grounding them is all that is needed to set the output current, they can also be actively set. Using a open collector or open drain logic signal will allow you to reduce the lamp current for situations where greater dim range is required, as an example in nighttime situations. In conjunction with a light sensor or other timer the panel could be set to higher brightness (maximum output current) for daytime illumination and lower brightness (minimum or typical output current) at nighttime. Since the dim ratio is a factor of both the burst duty cycle and the peak output current, using this technique the effective dim ratio can be increased greater than the burst duty cycle alone. Conversely the SET inputs could be used to overdrive the lamp temporarily to facilitate faster lamp warm up at initial lamp turn on. Of course any possible degradation on lamp life from such practices is the users responsibility since not all lamps are designed to be overdriven. The inverter has a built in fault timeout function. If the output is open (lamp disconnected or broken) or shorted the inverter will attempt to strike the lamp for several seconds. After about 2 seconds without success the inverter will shutdown. In order to restart the inverter it is necessary to toggle the sleep input or cycle the VIN1 input supply
SLEEP SET 1 SET 2 NC NC
GND
V LO
ONE OF TW O
*Set Rx from 2.7K to 3.9K depending on panel minimum lamp current requirements
Figure 1 - Brightness Control (Output current set to maximum)
PW M Signal from System P.W .
BRITE
LXM1624-12-4x 10us to 125uS
26% > P.W. < 100% of period
Figure 1A - PWM Brightness Control
12V BRITE V IN1
V HI CCFL TUBE V LO ONE OF TW O
LXM1624-12-4x SLEEP SET 1 SET 2 GND
A APPLICATION
L 5.0mARMS H 5.5mARMS L 6.0mARMS H 6.5mARMS L=GND; H=Open Figure 2 - Max Output Current (SET1 and SET2 Inputs)
Copyright 2002 Rev. 1.0, 2003-11-26
L L H H
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
PanelMatch
INTEGRATED PRODUCTS
LXM1624-12-4x
PRODUCTION DATASHEET
12V Dual 4W CCFL Programmable Inverter Module
NOTES
WWW .Microsemi .C OM
NOTES NOTES
Preliminary Data - Information contained in this document is pre-production data and is proprietary to Microsemi. It may not be modified in any way without the express written consent of Microsemi. Product referred to herein is offered in sample form only and Microsemi reserves the right to change or discontinue this proposed product at any time.
Copyright 2002 Rev. 1.0, 2003-11-26
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6


▲Up To Search▲   

 
Price & Availability of LXM1624-12-41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X