Part Number Hot Search : 
R2016 04M86RQ P010008 EDI8M LC99154 PC816BD 5HF125 FR024
Product Description
Full Text Search
 

To Download LC877424A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LC877448A/40A/32A/24A
Features
(1) Read-Only Memory (ROM) * 49152 x 8 bits (LC877448A) * 40960 x 8 bits (LC877440A) * 32768 x 8 bits (LC877432A) * 24576 x 8 bits (LC877424A) (2) Random Access Memory (RAM): 1536 x 9 bits (LC877448A, LC877440A, LC877432A, LC877424A) (3) Minimum Bus Cycle Time: 100 ns (10MHz) Note: The bus cycle time indicates ROM read time. (4) Minimum Instruction Cycle Time: 300 ns (10MHz) (5) Ports * Input / output ports Data direction programmable for each bit individually: 26 (P1n, P30 to P35, P70 to P73, P8n) Data direction programmable in nibble units: 8 (P0n) (When N-channel open drain output is selected, data can be input in bit units.) * Input ports: 2 (XT1, XT2) * LCD ports Segment output: 48 (S00 to S47) Common output: 4 (COM0 to COM3) Bias terminals for LCD driver: 3 (V1 to V3) Other functions Input / output ports: 48 (PAn, PBn, PCn, PDn, PEn, PFn) Input ports: 7 (PLn) * Oscillator pins: 2 (CF1, CF2) * Reset pin: 1 (RES) * Power supply: 6 (VSS1 to 3, VDD1 to 3) (6) LCD controller * Seven display modes are available (static, 1/2, 1/3, 1/4 duty x 1/2, 1/3 bias) * Segment output and common output can be switched to general purpose input / output ports. (7) Small signal detection (MIC signals etc) * Counts pulses with the level which is greater than a preset value * 2 bit counter (8) Timers * Timer 0: 16 bit timer / counter with capture register Mode 0: 2 channel 8 bit timer with programmable 8 bit prescaler and 8 bit capture register Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit counter with 8 bit capture register Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register Mode 3: 16 bit counter with 16 bit capture register * Timer 1: PWM / 16 bit timer / counter with toggle output function Mode 0: 8 bit timer (with toggle output) + 8 bit timer / counter (with toggle output) Mode 1: 2 channel 8 bit PWM Mode 2: 16 bit timer / counter (with toggle output) Toggle output from lower 8 bits is also possible. Mode 3: 16 bit timer (with toggle output) Lower order 8 bits can be used as PWM. * Timer 4: 8 bit timer with 6 bit prescaler * Timer 5: 8 bit timer with 6 bit prescaler * Timer 6: 8 bit timer with 6 bit prescaler * Timer 7: 8 bit timer with 6 bit prescaler
Continued on next page.
No.7776-2/22
LC877448A/40A/32A/24A
Continued from preceding page.
* Base Timer 1) The clock signal can be selected from any of the following: Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0 2) Interrupts of five different time intervals are possible. (9) High-speed clock counter * Countable up to 20MHz clock (when using 10MHz main clock) * Real time output (10) Serial-interface * SIO 0: 8 bit synchronous serial interface 1) LSB first / MSB first is selectable 2) Internal 8 bit baud-rate generator (fastest clock period 4 / 3 tCYC) 3) Consecutive automatic data communication (1 to 256 bits) * SIO 1: 8 bit asynchronous / synchronous serial interface Mode 0: Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2 to 512 tCYC) Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8 to 2048 tCYC) Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2 to 512 tCYC) Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection) (11) AD converter * 8 bits x 15 channels (12) Remote control receiver circuit (connected to P73 / INT3 / T0IN terminal) * Noise rejection function (noise rejection filter's time constant can be selected from 1 / 32 / 128 tCYC) (13) Watchdog timer * The watching time period is determined by an external RC. * Watchdog timer can produce interrupt or system reset (14) Interrupts: 20 sources, 10 vectors 1) Three priority (low, high and highest) multiple interrupts are supported. During interrupt handling, an equal or lower priority interrupt request is postponed. 2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence. In the case of equal priority levels, the vector with the lowest address takes precedence.
No. 1 2 3 4 5 6 7 8 9 10 Vector 00003H 0000BH 00013H 0001BH 00023H 0002BH 00033H 0003BH 00043H 0004BH Selectable level X or L X or L H or L H or L H or L H or L H or L H or L H or L H or L INT0 INT1 INT2 / T0L / INT4 INT3 / Base timer / INT5 T0H T1L / T1H SIO0 SIO1 ADC / MIC / T6 / T7 Port 0 / T4 / T5 Interrupt signal
* Priority Level: X > H > L * For equal priority levels, vector with lowest address takes precedence. (15) Subroutine stack levels: 768 levels max. Stack is located in RAM. (16) Multiplication and division * 16 bit x 8 bit (executed in 5 cycles) * 24 bit x 16 bit (12 cycles) * 16 bit / 8 bit (8 cycles) * 24 bit / 16 bit (12 cycles)
No.7776-3/22
LC877448A/40A/32A/24A (17) Oscillation circuits * On-chip RC oscillation for system clock use. * CF oscillation for system clock use. (Rf built in, Rd external) * Crystal oscillation low speed system clock use. (Rf built in, Rd external) * On-chip frequency variable RC oscillation circuit for system clock use. (18) System clock divider * Low power consumption operation is available * Minimum instruction cycle time (300ns, 600ns, 1.2s, 2.4s, 4.8s, 9.6s, 19.2s, 38.4s, 76.8s can be switched by program (when using 10MHz main clock) (19) Standby function * HALT mode HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but peripheral circuits keep operating (some parts of serial transfer operation stop.) 1) Oscillation circuits are not stopped automatically. 2) Released by the system reset or interrupts. * HOLD mode HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped. 1) CF, RC and crystal oscillation circuits stop automatically. 2) Released by any of the following conditions. (1) Low level input to the reset pin (2) Specified level input to one of INT0, INT1, INT2, INT4, INT5 (3) Port 0 interrupt * X'tal HOLD mode X'tal HOLD mode is used to reduce power consumption. Program execution is stopped. All peripheral circuits except the base timer are stopped. 1) CF and RC oscillation circuits stop automatically. 2) Crystal oscillator operation is kept in its state at HOLD mode inception. 3) Released by any of the following conditions (1) Low level input to the reset pin (2) Specified level input to one of INT0, INT1, INT2, INT4, INT5 (3) Port 0 interrupt (4) Base-timer interrupt (20) Package * QIP100E * TQFP100 (21) Development tools * Evaluation chip: LC876093 * Emulator: EVA62S + ECB876600 (Evaluation chip board) + SUB877400 + POD100QFP or POD100SQFP (Type B) : ICE-B877300 + SUB877400 + POD100QFP or POD100SQFP (Type B) * Flash ROM version: LC87F74C8A
No.7776-4/22
Pin Assignment
V2/PL5/AN13 V1/PL4/AN12 COM0/PL0 COM1/PL1 COM2/PL2 COM3/PL3 P30/INT4/T1IN P31/INT4/T1IN VSS3 VDD3 P32/INT4/T1IN P33/INT4/T1IN P34/INT5/T1IN P35/INT5/T1IN P00 P01 P02 P03 P04 P05 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
LC877448A/40A/32A/24A
LC877448A LC877440A LC877432A LC877424A
P06 P07 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 P16/T1PWML P17/T1PWMH/BUZ RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7/MICIN P70/INT0/T0LCP/AN8 P71/INT1/T0HCP/AN9 P72/INT2/T0IN P73/INT3/T0IN S0/PA0 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 Top view
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
V3/PL6/AN14 S47/PF7 S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 VSS2 VDD2 S23/PC7 S22/PC6 S21/PC5
S20/PC4 S19/PC3 S18/PC2 S17/PC1 S16/PC0 S15/PB7 S14/PB6 S13/PB5 S12/PB4 S11/PB3 S10/PB2 S9/PB1 S8/PB0 S7/PA7 S6/PA6 S5/PA5 S4/PA4 S3/PA3 S2/PA2 S1PA1
SANYO : QIP100E
No.7776-5/22
LC877448A/40A/32A/24A
Pin Assignment
S47/PF7 V3/PL6/AN14 V2/PL5/AN13 V1/PL4/AN12 COM0/PL0 COM1/PL1 COM2/PL2 COM3/PL3 P30/INT4/T1IN P31/INT4/T1IN VSS3 VDD3 P32/INT4/T1IN P33/INT4/T1IN P34/INT5/T1IN P35/INT5/T1IN P00 P01 P02 P03 P04 P05 P06 P07 P10/SO0
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 VSS2 VDD2 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
LC877448A LC877440A LC877432A LC877424A
S23/PC7 S22/PC6 S21/PC5 S20/PC4 S19/PC3 S18/PC2 S17/PC1 S16/PC0 S15/PB7 S14/PB6 S13/PB5 S12/PB4 S11/PB3 S10/PB2 S9/PB1 S8/PB0 S7/PA7 S6/PA6 S5/PA5 S4/PA4 S3/PA3 S2/PA2 S1PA1 S0/PA0 P73/INT3/T0IN
P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 P16/T1PWML P17/T1PWMH/BUZ RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7/MICIN P70/INT0/T0LCP/AN8 P71/INT1/T0HCP/AN9 P72/INT2/T0IN
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Top view
SANYO : TQFP100
No.7776-6/22
LC877448A/40A/32A/24A
System Block Diagram
Interrupt Control
IR
PLA
Stand-by Control
ROM
CF RC MRC X'tal Clock Generator
PC
Bus Interface
ACC
SIO0
Port 0
B Register
SIO1 Timer 0 (high-speed clock counter)
Port 1
C Register
Port 3 ALU Port 7
Timer 1
Base Timer
Port 8
PSW
LCD Controller
ADC
RAR
INT0 to 5 Noise Rejection Filter
Weak Signal Detector
RAM
Timer 4
Timer 6
Stack Pointer
Timer 5
Timer 7
Watchdog Timer
No.7776-7/22
LC877448A/40A/32A/24A
Pin Description
Pin name VSS1, VSS2, VSS3 VDD1, VDD2, VDD3 PORT 0 P00 to P07 I/O * 8 bit input / output port * Data direction programmable in nibble units * Use of pull-up resistor can be specified in nibble units * Input for HOLD release * Input for port 0 interrupt PORT 1 P10 to P17 I/O * 8 bit input / output port * Data direction programmable for each bit * Use of pull-up resistor can be specified for each bit individually * Other pin functions P10: SIO0 data output P11: SIO0 data input or bus input / output P12: SIO0 clock input / output P13: SIO1 data output P14: SIO1 data input or bus input / output P15: SIO1 clock input / output P16: Timer 1 PWML output P17: Timer 1 PWMH output / Buzzer output PORT 3 P30 to P35 I/O * 6 bit input / output port * Data direction can be specified for each bit * Use of pull-up resistor can be specified for each bit individually * Other functions P30 to P33: INT4 input / HOLD release input / Timer 1 event input / Timer 0L capture input / Timer 0H capture input P34 to P35: INT5 input / HOLD release input / Timer 1 event input / Timer 0L capture input / Timer 0H capture input * Interrupt detection selection Rising INT4 INT5 PORT 7 P70 to P73 I/O Yes Yes Falling Yes Yes Rising and falling Yes Yes H level No No L level No No No Yes Yes Yes * Power supply (+) No I/O * Power supply (-) Function No Option
* 4 bit input / output port * Data direction can be specified for each bit * Use of pull-up resistor can be specified for each bit individually * Other functions P70: INT0 input / HOLD release input / Timer 0L capture input / output for watchdog timer P71: INT1 input / HOLD release input / Timer 0H capture input P72: INT2 input / HOLD release input / Timer 0 event input / Timer 0L capture input P73: INT3 input (noise rejection filter attached) / Timer 0 event input / Timer 0H capture input AD input port: AN8 (P70), AN9 (P71) * Interrupt detection selection Rising INT0 INT1 INT2 INT3 Yes Yes Yes Yes Falling Yes Yes Yes Yes Rising and falling No No Yes Yes H level Yes Yes No No L level Yes Yes No No
PORT 8 P80 to P87
I/O
* 8 bit input / output port * Input / output can be specified for each bit individually * Other functions: AD input ports: AN0 to AN7 Small signal detector input port: MICIN (P87)
No
Continued on next page.
No.7776-8/22
LC877448A/40A/32A/24A
Continued from preceding page.
Pin name S0 / PA0 to S7 / PA7 S8 / PB0 to S15 / PB7 S16 / PC0 to S23 / PC7 S24 / PD0 to S31 / PD7 S32 / PE0 to S39 / PE7 S40 / PF0 to S47 / PF7 COM0 / PL0 to COM3 / PL3 V1 / PL4 to V3 / PL6 I/O I/O I/O I/O I/O I/O I/O I/O I/O * Segment output for LCD * Can be used as general purpose input / output port (PA) * Segment output for LCD * Can be used as general purpose input / output port (PB) * Segment output for LCD * Can be used as general purpose input / output port (PC) * Segment output for LCD * Can be used as general purpose input / output port (PD) * Segment output for LCD * Can be used as general purpose input / output port (PE) * Segment output for LCD * Can be used as general purpose input / output port (PF) * Common output for LCD * Can be used as general purpose input port (PL) * LCD output bias power supply * Can be used as general purpose input port (PL) * Other functions: AD input ports: AN12 to AN14
RES
Function No No No No No No No No
Option
I I
Reset terminal * Input for 32.768kHz crystal oscillation * Other functions: General purpose input port AD input port: AN10 * When not in use, connect to VDD1
No No
XT1
XT2
I/O
* Output for 32.768kHz crystal oscillation * Other functions: General purpose input port AD input port: AN11 * When not in use, set to oscillation mode and leave open
No
CF1 CF2
I O
Input terminal for ceramic oscillator Output terminal for ceramic oscillator
No No
Port Configuration
Port form and pull-up resistor options are shown in the following table. Port status can be read even when port is set to output mode.
Terminal P00 to P07 Option applies to: each bit Options 1 2 P10 to P17 each bit 1 2 P30 to P35 each bit 1 2 P70 P71 to P73 P80 to P87 S0 / PA0 to S47 / PF7 COM0 / PL0 to COM3 / PL3 V1 / PL4 to V3 / PL6 XT1 XT2 None None Input only Output for 32.768kHz crystal oscillation None None None Input only None None Input only None None None None None CMOS Nch-open drain CMOS Nch-open drain CMOS Nch-open drain Nch-open drain CMOS Nch-open drain CMOS Output form Pull-up resistor Programmable (Note 1) None Programmable Programmable Programmable None Programmable Programmable None Programmable
Note 1 Attachment of Port 0 programmable pull-up resistors is controllable in nibble units (P00 to 03, P04 to 07).
No.7776-9/22
LC877448A/40A/32A/24A *Note 1: Connect as follows to reduce noise on VDD. VSS1, VSS2 and VSS3 must be connected together and grounded. *Note 2: The power supply for the internal memory is VDD1 but it uses the VDD3 as the power supply for ports. When the VDD3 is not backed up, the port level does not become "H" even if the port latch is in the "H" level. Therefore, when the VDD3 is not backed up and the port latch is "H" level, the port level is unstable in the HOLD mode, and the back up time becomes shorter because the through current runs from VDD to GND in the input buffer. If VDD3 is not backed up, output "L" by the program or pull the port to "L" by the external circuit in the HOLD mode so that the port level becomes "L" level and unnecessary current consumption is prevented.
LSI VDD1 Power supply
Back-up capacitors *2
VDD2 VDD3
VSS1 VSS2 VSS3
Absolute Maximum Ratings / Ta=25C, VSS1=VSS2=VSS3=0V
Parameter Supply voltage Supply voltage for LCD Input voltage Input / Output voltage [High level output current] Peak output current IOPH1 IOPH2 IOPH3 Total output current IOAH1 IOAH2 IOAH3 IOAH4 IOAH5 [Low level output current] Peak output current IOPL1 IOPL2 IOPL3 IOPL4 Total output current IOAL1 IOAL2 IOAL3 IOAL4 IOAL5 Maximum power consumption Operating temperature range Storage temperature range Tstg Topr Pd max Port 0, 1, 32 to 35 Port 30, 31 Port 7, 8 Port A, B, C, D, E, F Port 0, 1, 32, 33, 34, 35 Port 30, 31 Port 7, 8 Port A, B, C Port D, E, F QIP100E TQFP100 -30 -55 Current at each pin Current at each pin Current at each pin Current at each pin Total of all pins Total of all pins Total of all pins Total of all pins Total of all pins Ta = -30 to +70C 20 30 5 15 60 60 20 40 40 471 362 +70 C +125 mW mA Port 0, 1, 3 Port 71, 72, 73 Port A, B, C, D, E, F Port 0, 1, 32, 33, 34, 35 Port 30, 31 Port 7 Port A, B, C Port D, E, F *CMOS output selected *Current at each pin Current at each pin Current at each pin Total of all pins Total of all pins Total of all pins Total of all pins Total of all pins -10 -3 -5 -40 -10 -5 -25 -25 mA VI VIO1 Symbol VDD max VLCD Pins VDD1, VDD2, VDD3 V1 / PL4, V2 / PL5, V3 / PL6 Port L XT1, XT2, CF1, RES *Port 0, 1, 3, 7, 8 *Port A, B, C, D, E, F Conditions VDD1=VDD2=VDD3 VDD1=VDD2=VDD3
VDD [V]
min -0.3 -0.3 -0.3 -0.3
typ
max +7.0 VDD VDD +0.3 VDD +0.3
unit
V
No.7776-10/22
LC877448A/40A/32A/24A
Recommended Operating Range / Ta=-30C to +70C, VSS1=VSS2=VSS3=0V
Parameter Operating supply voltage range Supply voltage range in Hold mode Input high voltage VIH1 VIH2 *Port 0, 3, 8 *Port A, B, C, D, E, F, L *Port 1 *Port 71, 72, 73 *P70 port input / interrupt VIH3 VIH4 VIH5 Input low voltage VIL1 Port 87 small signal input Port 70 Watchdog timer XT1, XT2, CF1, RES *Port 0, 3, 8 *Port A, B, C, D, E, F, L VIL2 *Port 1 *Port 71, 72, 73 *P70 port input / interrupt VIL3 VIL4 VIL5 Operation cycle time External system clock frequency FEXCF1 CF1 *CF2 open *system clock divider : 1/1 *external clock DUTY = 505% *CF2 opent *system clock divider : 1/2 Oscillation frequency range (Note 1) FmCF2 CF1, CF2 FmCF1 CF1, CF2 10MHz ceramic resonator oscillation Refer to figure 1 4MHz ceramic resonator oscillation Refer to figure 1 FmRC FmMRC RC oscillation Frequency variable RC oscillation source oscillation FsX'tal XT1, XT2 32.768kHz crystal resonator oscillation Refer to figure 2 2.5 to 6.0 32.768 kHz 2.5 to 6.0 50 2.5 to 6.0 0.3 1.0 2.0 2.5 to 6.0 4 4.5 to 6.0 10 2.5 to 6.0 0.2 8 MHz 2.5 to 6.0 4.5 to 6.0 0.1 0.2 4 20 4.5 to 6.0 0.1 10 tCYC Port 87 small signal input Port 70 Watchdog timer XT1, XT2, CF1, RES Output disable Output disable 2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0 VSS VSS VSS 0.294 0.735 Output disable 2.5 to 6.0 VSS Output disable 2.5 to 6.0 VSS Output disable Output disable 2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 Output disable 2.5 to 6.0 Symbol VDD1 VDD2 VHD VDD1 Pins VDD1=VDD2=VDD3 Conditions 0.294s tCYC 200s 0.735s tCYC 200s Keep RAM and register data in HOLD mode Output disable 2.5 to 6.0
VDD [V]
min 4.5 2.5 2.0 0.3VDD +0.7 0.3VDD +0.7 0.75VD D 0.9VDD 0.75VD D
typ
max 6.0 6.0 6.0 VDD
unit
VDD
VDD VDD V VDD 0.15VD D +0.4 0.1VDD +0.4 0.25VD D 0.8VDD -1.0 0.25VD D 200 200
s
(Note 1) The port value of oscillation circuit is shown in table 1 and table 2.
No.7776-11/22
LC877448A/40A/32A/24A
Electrical Characteristics / Ta=-30C to +70C, VSS1=VSS2=VSS3=0V
Parameter High level input current Symbol IIH1 Pins *Port 0, 1, 3, 7, 8 *Port A, B, C, D, E, F, L Conditions *Output disabled *Pull-up resister OFF *VIN=VDD (including OFF state leak current of the output Tr.) IIH2 IIH3
RES
VDD [V]
min
typ
max
unit
2.5 to 6.0
1
VIN=VDD When configured as an input port VIN=VDD
2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 4.2 8.5
1 1 15 15 A
XT1, XT2
IIH4 IIH5 Low level input current IIL1
CF1 P87 / AN7 / MICIN small signal input *Port 0, 1, 3, 7, 8 *Port A, B, C, D, E, F, L
VIN=VDD VIN=VBIS + 0.5V (VBIS : Bias voltage) *Output disabled *Pull-up resister OFF *VIN=VSS (including OFF state leak current of the output Tr.)
2.5 to 6.0
-1
IIL2 IIL3
RES
VIN=VSS When configured as an input port VIN=VSS
2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0 4.5 to 6.0 4.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0
-1 -1 -15 -15 VDD-1 VDD-0.5 VDD-1 VDD-1 VDD-0.5 1.5 0.4 1.5 0.4 0.4 1.5 0.4 V -8.5 -4.2
XT1, XT2
IIL4 IIL5 High level output voltage VOH1 VOH2 VOH3 VOH4 VOH5 Low level output voltage VOL1 VOL2 VOL3 VOL4 VOL5 VOL6 VOL7 LCD output voltage regulation VODLS
CF1 P87 / AN7 / MICIN small signal input Port 0, 1, 3 : CMOS output option Port 7 Port A, B, C, D, E, F
VIN=VSS VIN=VBIS - 0.5V (VBIS : Bias voltage) IOH=-1.0mA IOH=-0.1mA IOH=-0.4mA IOH=-1.0mA IOH=-0.1mA IOL=10mA IOL=1.6mA IOL=30mA IOL=1mA IOL=0.5mA IOL=8mA IOL=1.4mA IO=0mA VLCD, 2/3VLCD, 1/3VLCD level output Refer to figure 8
Port 0, 1, 3
Port 30, 31 Port 7, 8
Port A, B, C, D, E, F
S0 to S47
2.5 to 6.0
0
0.2
VODLC
COM0 to COM3
IO=0mA VLCD, 2/3VLCD, 1/2VLCD, 1/3VLCD level output Refer to figure 8 2.5 to 6.0 0 0.2
LCD bias resistor
RLCD1 RLCD2
Resistance per one bias resistor *Resistance per one bias resistor *1/2R mode
Refer to figure 8 Refer to figure 8
2.5 to 6.0
60
2.5 to 6.0 VOH=0.9VDD 4.5 to 6.0 2.5 to 4.5 2.5 to 6.0 2.5 to 6.0 15 25
30 40 70 0.1VDD 70 150
k
Resistance of pull-up MOS Tr. Hysterisis voltage
Rpu
*Port 0, 1, 3, 7 *Port A, B, C, D, E, F
VHIS1 VHIS2
*Port 1, 7 * RES Port 87 small signal input
V 0.1VDD
Continued on next page.
No.7776-12/22
LC877448A/40A/32A/24A
Continued from preceding page.
Parameter Pin capacitance Symbol CP All pins Pins Conditions *All other terminals connected to VSS. *f=1MHz *Ta=25C Input sensitivity Vsen Port 87 small signal input 2.5 to 6.0 0.12VD D Vp-p 2.5 to 6.0 10 pF VDD [V] min typ max unit
Serial Input / Output Characteristics / Ta=-30C to +70C, VSS1=VSS2=VSS3=0V
Parameter [Serial clock] [Input clock] Cycle time Low level pulse width High level pulse width Cycle time Low level pulse width High level pulse width [Output clock] Cycle time Low level pulse width High level pulse width Cycle time Low level pulse width High level pulse width [Serial input] Data set-up time Data hold time [Serial output] Output delay time tdDO SO0(P10), SO1(P13), SB0(P11), SB1(P14) *When port is open drain: Time delay from SIOCLK trailing edge to the SO data change *Refer to figure 6 2.5 to 6.0 4.5 to 6.0 1/3tCY C +0.05 1/3tCY C +0.25 s tsDI thDI SI0(P11), SI1(P14), SB0(P11), SB1(P14) *Measured with respect to SIOCLK leading edge *Refer to figure 6 4.5 to 6.0 2.5 to 6.0 4.5 to 6.0 2.5 to 6.0 0.03 0.1 0.03 0.1 s tSCKH4 tSCK3 tSCKL3 tSCKLA2 tSCKH3 tSCKHA2 tSCK4 tSCKL4 SCK1(P15) *CMOS output *Refer to figure 6 2.5 to 6.0 2 1/2 tSCK 1/2 SCK0(P12) *CMOS output *Refer to figure 6 2.5 to 6.0 4/3 1/2 3/4 1/2 2 tCYC tSCK tCYC tSCKH2 tSCK1 tSCKL1 tSCKLA1 tSCKH1 tSCKHA1 tSCK2 tSCKL2 2.5 to 6.0 SCK1(P15) Refer to figure 6 2.5 to 6.0 SCK0(P12) Refer to figure 6 4/3 2/3 2/3 2/3 5 2 1 1 tCYC Symbol Pins Conditions VDD [V] min typ max unit
No.7776-13/22
LC877448A/40A/32A/24A
Pulse Input Conditions / Ta=-30C to +70C, VSS1=VSS2=VSS3=0V
Parameter High / low level pulse width Symbol tPIH1 tPIL1 Pins INT0(P70), INT1(P71), INT2(P72), INT4(P30 to P33), INT5(P34 to P35) tPIH2 tPIL2 INT3(P73) (Noise rejection ratio is 1/1.) Conditions *Condition that interrupt is accepted *Condition that event input to timer 0 or 1 is accepted *Condition that interrupt is accepted *Condition that event input to timer 0 is accepted tPIH3 tPIL3 INT3(P73) (Noise rejection ratio is 1/32.) *Condition that interrupt is accepted *Condition that event input to timer 0 is accepted tPIH4 tPIL4 INT3(P73) (Noise rejection ratio is 1/128.) *Condition that interrupt is accepted *Condition that event input to timer 0 is accepted tPIH5 tPIL5 tPIL6
RES
VDD [V]
min
typ
max
unit
2.5 to 6.0
1
2.5 to 6.0
2
tCYC 2.5 to 6.0 64
2.5 to 6.0
256
MICIN(P87)
*Condition that signal is accepted to small signal detection counter *Condition that reset is accepted 2.5 to 6.0 200 s 2.5 to 6.0 1
AD Converter Characteristics / Ta=-30C to + 70C, VSS1=VSS2=VSS3=0V
Parameter Resolution Absolute precision Conversion time N ET TCAD Symbol Pins AN0(P80) to AN7(P87), AN8(P70), AN9(P71), AN10(XT1), AN11(XT2), AN12(V1), AN13(V2), AN14(V3) (Note 2) AD conversion time = 32 x tCYC (ADCR2=0) (Note 3) 3.0 to 6.0 AD conversion time = 64 x tCYC (ADCR2=1) (Note 3) 3.0 to 6.0 Analog input voltage range Analog port input current IAINH IAINL VAIN=VDD VAIN=VSS VAIN 4.5 to 6.0 4.0 to 6.0 Conditions VDD [V] 3.0 to 6.0 3.0 to 6.0 15.62 (tCYC= 0.488s) 23.52 (tCYC= 0.735s) 18.82 (tCYC= 0.294s) 47.04 (tCYC= 0.735s) 3.0 to 6.0 3.0 to 6.0 3.0 to 6.0 -1 VSS min typ 8 1.5 97.92 (tCYC= 3.06s) 97.92 (tCYC= 3.06s) 97.92 (tCYC= 1.53s) 97.92 (tCYC= 1.53s) VDD 1 V A s max unit bit LSB
(Note 2) Absolute precision does not include quantizing error (1/2 LSB). (Note 3) Conversion time means time from executing AD conversion instruction to loading complete digital value to register.
No.7776-14/22
LC877448A/40A/32A/24A
Current Consumption Characteristics / Ta=-30C to +70C, VSS1=VSS2=VSS3=0V
Parameter Current consumption during normal operation (Note 4) Symbol IDDOP1 Pins VDD1=VDD2=VDD3 Conditions *FmCF=10MHz Ceramic resonator oscillation *FsX'tal=32.768kHz crystal oscillation *System clock: CF 10MHz oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/1 IDDOP2 *CF1=20MHz external clock *FsX'tal=32.768kHz crystal oscillation *System clock: CF1 oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/2 IDDOP3 *FmCF=4MHz Ceramic resonator oscillation *FsX'tal=32.768kHz crystal oscillation *System clock: CF 4MHz IDDOP4 oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/1 IDDOP5 *FmCF=0Hz (No oscillation) *FsX'tal=32.768kHz crystal oscillation IDDOP6 *Frequency variable RC oscillation stopped *System clock: RC oscillation *Divider : 1/2 IDDOP7 *FmCF=0Hz (No oscillation) *FsX'tal=32.768kHz crystal oscillation *Internal RC oscillation IDDOP8 stopped *System clock: 1MHz with frequency variable RC oscillation *Divider : 1/2 2.5 to 4.5 1.4 8 4.5 to 6.0 1.9 12 2.5 to 4.5 0.4 6 4.5 to 6.0 0.9 10 2.5 to 4.5 2.0 11 4.5 to 6.0 4.1 17 mA 4.5 to 6.0 9.2 31 4.5 to 6.0 8.4 30 VDD [V] min typ max unit
Continued on next page.
No.7776-15/22
LC877448A/40A/32A/24A
Continued from preceding page.
Parameter Current consumption during normal operation (Note 4) IDDOP10 Symbol IDDOP9 Pins VDD1=VDD2=VDD3 Conditions *FmCF=0Hz (No oscillation) *FsX'tal=32.768kHz crystal oscillation *System clock: 32.768kHz *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/2 Current consumption during HALT mode (Note 4) IDDHALT1 VDD1=VDD2=VDD3 HALT mode *FmCF=10MHz Ceramic resonator oscillation *FsX'tal=32.768kHz crystal oscillation *System clock: CF 10MHz oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/1 IDDHALT2 HALT mode *CF1=20MHz for external clock *FsX'tal=32.768kHz crystal oscillation *System clock: CF1 oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/2 IDDHALT3 HALT mode *FmCF=4MHz Ceramic resonator oscillation *FsX'tal=32.768kHz crystal oscillation *System clock: CF 4MHz IDDHALT4 oscillation *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/1 IDDHALT5 HALT mode *FmCF=0Hz (Oscillation stop) *FsX'tal=32.768kHz crystal oscillation IDDHALT6 *Internal RC oscillation stopped *Frequency variable RC oscillation stopped *Divider : 1/2 2.5 to 4.5 250 1300 A 4.5 to 6.0 500 1600 2.5 to 4.5 1.0 5 4.5 to 6.0 1.8 6 4.5 to 6.0 4.1 13 mA 4.5 to 6.0 3.7 12 2.5 to 4.5 16 60 A 4.5 to 6.0 40 140 VDD [V] min typ max unit
Continued on next page.
No.7776-16/22
LC877448A/40A/32A/24A
Continued from preceding page.
Parameter Current consumption during HALT mode (Note 4) Symbol IDDHALT7 Pins VDD1=VDD2=VDD3 Conditions HALT mode *FmCF=0Hz (No oscillation) *FsX'tal=32.768kHz crystal oscillation IDDHALT8 *Internal RC oscillation stopped *System clock: 1MHz with frequency variable RC oscillation *Divider : 1/2 IDDHALT9 HALT mode *FmCF=0Hz (Oscillation stop) *FsX'tal=32.768kHz crystal oscillation *System clock: IDDHALT10 32.768kHz *Internal RC oscillation stopped * Frequency variable RC oscillation stopped *Divider : 1/2 Current consumption during HOLD mode Current consumption during Date / time clock HOLD mode IDDHOLD4 IDDHOLD2 IDDHOLD3 VDD1 IDDHOLD1 VDD1 HOLD mode *CF1=VDD or open (when using external clock) Date / time clock HOLD mode *CF1=VDD or open (when using external clock) *FmX'tal=32.768kHz crystal oscillation 2.5 to 4.5 8 50 4.5 to 6.0 20 90 A 4.5 to 6.0 2.5 to 4.5 0.05 0.015 25 20 2.5 to 4.5 12 60 4.5 to 6.0 25 100 A 2.5 to 4.5 1250 3300 4.5 to 6.0 1500 3600 VDD [V] min typ max unit
(Note 4) The currents through the output transistors and the pull-up MOS transistors are ignored.
Main system clock oscillation circuit characteristics
The characteristics in the table bellow is based on the following conditions: 1. Use the standard evaluation board SANYO has provided. 2. Use the peripheral parts with indicated value externally. 3. The peripheral parts value is a recommended value of oscillator manufacturer. Table 1. Main system clock oscillation circuit characteristics using ceramic resonator
Circuit parameters Frequency Manufacturer Oscillator CSTLS10M0G53-B0 CSTCE10M0G52-R0 CSTLS4M00G53-B0 CSTCR4M00G53-R0 C1 [pF] 10MHz Murata (15) (10) (15) (15) C2 [pF] (15) (10) (15) (15) Rd1 [] 220 330 820 820 Operating supply voltage range [V] 4.5 to 6.0 4.5 to 6.0 2.5 to 6.0 2.5 to 6.0 Oscillation stabilizing time typ [mS] 0.04 0.04 0.04 0.6 max [mS] 0.2 0.2 0.2 0.3 Built-in C1, C2 Built-in C1, C2 Built-in C1, C2 Built-in C1, C2 Notes
4MHz
Murata
The oscillation stabilizing time is a period until the oscillation becomes stable after VDD becomes higher than minimum operating voltage. (Refer to Figure 4)
No.7776-17/22
LC877448A/40A/32A/24A
Subsystem clock oscillation circuit characteristics
The characteristics in the table bellow is based on the following conditions: 1. Use the standard evaluation board SANYO has provided. 2. Use the peripheral parts with indicated value externally. 3. The peripheral parts value is a recommended value of oscillator manufacturer. Table 2. Subsystem clock oscillation circuit characteristics using crystal oscillator
Circuit parameters Frequency Manufacturer Oscillator C3 [pF] 32.768kHz SEIKO EPSON MC-306 18 C4 [pF] 18 Rf [] OPEN Rd2 [k] 390 Operating supply voltage range [V] 2.5 to 6.0 Oscillation stabilizing time typ [S] 1.1 max [S] 3.0 Applicable CL value = 12.5pF Notes
The oscillation stabilizing time is a period until the oscillation becomes stable after executing the instruction which starts the sub-clock oscillation or after releasing the HOLD mode. (Refer to Figure 4) (Notes) * Since the circuit pattern affects the oscillation frequency, place the oscillation-related parts as close to the oscillation pins as possible with the shortest possible pattern length.
CF1
CF2 Rd1
XT1 Rf
XT2
Rd2 C1 CF C2 C3 X'tal C4
Figure 1 Ceramic oscillation circuit
Figure 2 Crystal oscillation circuit
0.5VDD
Figure 3 AC timing measurement point
No.7776-18/22
LC877448A/40A/32A/24A
VDD Power Supply Reset time RES VDD limit 0V
Internal RC oscillation tmsCF CF1, CF2 tmsXtal XT1, XT2
Operation mode
Unfixed
Reset
Instruction execution mode
Reset time and oscillation stable time
HOLD release signal
Without HOLD Release signal
HOLD release signal VALID
Internal RC oscillation tmsCF CF1, CF2 tmsXtal XT1, XT2
Operation mode
HOLD
HALT
HOLD release signal and oscillation stable time
Figure 4 Oscillation stabilizing time
No.7776-19/22
LC877448A/40A/32A/24A
VDD RRES
RES CRES
(Note) Select CRES and RRES value to assure that at least 200s reset time is generated after the VDD becomes higher than the minimum operating voltage.
Figure 5 Reset circuit
SIOCLK
DATAIN
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DATAOUT
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7
DO8
tSCK tSCKL SIOCLK tsDI DATAIN tdDO DATAOUT thDI tSCKH
Data RAM transmission period (only SIO0)
Data RAM transmission period (only SIO0) tSCKLA SIOCLK tsDI DATAIN tdDO DATAOUT thDI tSCKHA
Figure 6 Serial input / output wave form
No.7776-20/22
LC877448A/40A/32A/24A
tPIL
tPIH
Figure 7 Pulse input timing
VDD SW : ON / OFF (programmable)
RLCD RLCD RLCD RLCD VLCD RLCD RLCD 2/3VLCD RLCD 1/2VLCD RLCD 1/3VLCD RLCD RLCD GND SW : ON (VLCD=VDD)
Figure 8 LCD bias resistor
No.7776-21/22
LC877448A/40A/32A/24A
PS No.7776-22/22


▲Up To Search▲   

 
Price & Availability of LC877424A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X