Part Number Hot Search : 
LF441CN NC7NZ 16220 03A137 SMA661AS BU1508AX N2546 04TR68
Product Description
Full Text Search
 

To Download KM23C64000G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KM23C64000G
64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
FEATURES
* Switchable organization 8,388,608 x 8(byte mode) 4,194,304 x 16(word mode) * Fast access time : 100ns(Max.) * Supply voltage : single +5V * Current consumption Operating : 70mA(Max.) Standby : 50A(Max.) * Fully static operation * All inputs and outputs TTL compatible * Three state outputs * Package -. KM23C64000G : 44-SOP-600
CMOS MASK ROM
GENERAL DESCRIPTION
The KM23C64000G is a fully static mask programmable ROM fabricated using silicon gate CMOS process technology, and is organized either as 8,388,608 x 8 bit(byte mode) or as 4,194,304 x 16 bit(word mode) depending on BHE voltage level.(See mode selection table) This device operates with a 5V single power supply, and all inputs and outputs are TTL compatible. Because of its asynchronous operation, it requires no external clock assuring extremely easy operation. It is suitable for use in program memory of microprocessor, and data memory, character generator. The KM23C64000G is packaged in a 44-SOP.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
A21 . . . . . . . . A0 A-1
X BUFFERS AND DECODER
MEMORY CELL MATRIX (4,194,304x16/ 8,388,608x8)
A21 A18 A17 A7 A6 A5
1 2 3 4 5 6 7 8 9 11
44 A20 43 A19 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16 33 BHE 32 VSS 31 Q15/A-1 30 Q7 29 Q14 28 Q6 27 Q13 26 Q5 25 Q12 24 Q4 23 VCC
Y BUFFERS AND DECODER
SENSE AMP. BUFFERS
A4 A3 A2 A0
A1 10 CE 12 VSS 13 OE 14 Q0 15
SOP
... CE OE BHE CONTROL LOGIC Q0/Q8 Q7/Q15
Q8 16 Q1 17 Q9 18 Q2 Q10 19 20 21 22
Pin Name A0 - A21 Q0 - Q14 Q15 /A-1 BHE CE OE VCC VSS
Pin Function Address Inputs Data Outputs Output 15(Word mode)/ LSB Address(Byte mode) Word/Byte selection Chip Enable Output Enable Power (+5V) Ground
Q3 Q11
KM23C64000G
KM23C64000G
ABSOLUTE MAXIMUM RATINGS
Item Voltage on Any Pin Relative to VSS Temperature Under Bias Storage Temperature Symbol VIN TBIAS TSTG Rating
CMOS MASK ROM
Unit V C C
-0.3 to +7.0 -10 to +85 -55 to +150
NOTE : Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to th e conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extendd periods may e affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage reference to VSS, TA=0 to 70C)
Item Supply Voltage Supply Voltage Symbol VCC VSS Min 4.5 0 Typ 5.0 0 Max 5.5 0 Unit V V
DC CHARACTERISTICS
Parameter Operating Current Standby Current(TTL) Standby Current(CMOS) Input Leakage Current Output Leakage Current Input High Voltage, All Inputs Input Low Voltage, All Inputs Output High Voltage Level Output Low Voltage Level Symbol ICC ISB1 ISB2 ILI ILO VIH VIL VOH VOL IOH=-400A IOL=2.1mA Test Conditions CE=OE=VIL, all outputs open CE=VIH, all outputs open CE=VCC, all outputs open VIN=0 to VCC VOUT=0 to VCC Min 2.2 -0.3 2.4 Max 70 1 50 10 10 VCC+0.3 0.8 0.4 Unit mA mA A A A V V V V
NOTE : Minimum DC Voltage(VIL) is -0.3V an input pins. During transitions, this level may undershoot to -2.0V for periods <20ns. Maximum DC voltage on input pins(V is VCC+0.3V which, during transitions, may overshoot to V IH) CC+2.0V for periods <20ns.
MODE SELECTION
CE H L L OE X H L BHE X X H L Q15/A-1 X X Output Input Mode Standby Operating Operating Operating Data High-Z High-Z Q0~Q15 : Dout Q0~Q7 : Dout Q8~Q14 : High-Z Power Standby Active Active Active
CAPACITANCE(TA=25C, f=1.0MHz)
Item Output Capacitance Input Capacitance Symbol COUT CIN Test Conditions VOUT=0V VIN=0V MIN Max 12 12 Unit pF pF
NOTE : Capacitance is periodically sampled and not 100% tested.
KM23C64000G
CMOS MASK ROM
AC CHARACTERISTICS (TA=0C to +70C, VCC=5V10%, unless otherwise noted.)
TEST CONDITIONS
Item Input Pulse Levels Input Rise and Fall Times Input and Output timing Levels Output Loads Value 0.6V to 2.4V 10ns 0.8V and 2.0V 1 TTL Gate and CL=100pF
READ CYCLE
Item Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time Output or Chip Disable to Output High-Z Output Hold from Address Change Symbol tRC tACE tAA tOE tDF tOH 0 KM23C64000G-10 Min 100 100 100 50 20 0 Max KM23C64000G-12 Min 120 120 120 60 20 0 Max KM23C64000G-15 Min 150 150 150 70 30 Max Unit ns ns ns ns ns ns
TIMING DIAGRAM
READ
ADD A0~A21 A-1(*1) tACE CE tOE OE tOH DOUT D0~D7 D8~D15(*2) VALID DATA VALID DATA tAA
ADD1 tRC
ADD2 tDF(*3)
NOTES : *1. Byte Mode only. A-1 is Least Significant Bit Address.(BHE = V IL) *2. Word Mode only.(BHE = VIH) *3. tDF is defined as the time at which the outputs achieve the open circuit condition and is not referenced to V or VOL level. OH
KM23C64000G
PACKAGE DIMENSIONS
44-SOP-600
#44 #23
CMOS MASK ROM
0~8
16.040.30 12.600.20 0.6310.012 0.4960.008
15.24 0.600 0.800.20 0.0310.008 0.10 MAX 0.004 MAX
#1
#22
+0.10 -0.05 0.008+0.004 -0.002
0.20 2.800.20 0.1100.008 3.10 0.122 MAX
28.95 MAX 1.140 28.500.20 1.1220.008
( 0.915 ) 0.036
0.40 +0.100 -0.050 0.016+0.004 -0.002
1.27 0.050
0.05 MIN 0.002


▲Up To Search▲   

 
Price & Availability of KM23C64000G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X