Part Number Hot Search : 
0SPBF M48Z59Y HAF1008S HCM0703 SK14DG13 LX3044 AZ431 B125150
Product Description
Full Text Search
 

To Download IRF840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
IRF840
N - CHANNEL 500V - 0.75 - 8A - TO-220 PowerMESHTM MOSFET
TYPE IRF840
s s s s s
V DSS 500 V
R DS(on) < 0.85
ID 8A
TYPICAL RDS(on) = 0.75 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED
3 1 2
DESCRIPTION This power MOSFET is designed using the company's consolidated strip layout-based MESH OVERLAYTM process. This technology matches and improves the performances compared with standard parts from various sources. APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SWITH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER
s
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID IDM (*) P tot dv/dt(1) T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 o C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature Value 500 500 20 8.0 5.1 32 125 1.0 3.5 -65 to 150 150 Unit V V V A A A W W/ o C V/ns
o o
C C
(*) Pulse width limited by safe operating area (1) ISD 8A, di/dt 100 A/s, VDD V(BR)DSS, Tj TJMAX First Digit of the Datecode Being Z or K Identifies Silicon Characterized in this Datasheet
August 1998
1/8
IRF840
THERMAL DATA
R thj-case
Rthj-amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
1.0 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , VDD = 50 V) Max Value 8.0 520 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 500 1 50 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125 C
o
ON ()
Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = VGS V GS = 10V Test Conditions ID = 250 A I D = 4.8 A 8.0 Min. 2 Typ. 3 0.75 Max. 4 0.85 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 4.8 A V GS = 0 Min. 4.9 1300 200 18 Typ. Max. Unit S pF pF pF
2/8
IRF840
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 250 V I D = 4.3 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 400 V I D = 8.0 A V GS = 10 V Min. Typ. 19 11 39 10.6 13.7 50 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 400 V I D = 8 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ. 11.5 11 20 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 8.0 A V GS = 0 420 3.5 16.5 I SD = 8.0 A di/dt = 100 A/s o V DD = 100 V T j = 150 C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 8.0 32 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
IRF840
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
IRF840
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
IRF840
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 1: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
IRF840
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
F1
D
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/8
IRF840
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
8/8


▲Up To Search▲   

 
Price & Availability of IRF840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X