Part Number Hot Search : 
PT12128 TS3480CX 1G132 LTC372 68100 L5986ATR MC79M12 V400B
Product Description
Full Text Search
 

To Download HG4234A012-DCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automotive Miniature PCB Power Relay
HG4234A
FEATURES 30A continuous current capacity Rough construction suitable for automotive uses Available with open, dust cover and sealed version TYPICAL AUTOMOTIVE APPLICATIONS Ventilation motor Power window Intermittent wiper Alarm system Inertia valve control Rear window heating Safety belt warning system CONTACT DATA
Form Max. Switching Current Material Initial Contact Resistance Max. Switching Voltage Max. Continuous Current Min. Load Service Life Mechanical Electrical Make Break 1 Form A (H) 60A 30A 1 Form B (D) 1 Form C (Z) 45A NO60A/NC30A 20A NO30A/NC15A AgNi0.15, AgCdO, AgSnOInO 100 m max. at 0.1A, 6VDC 75VDC 20A NO30A/NC15A 0.1A, 12VDC 107 ops. 2 x 105 ops, see Note 4
30A
COIL DATA
Coil Voltage Code 006 012 024 Nominal Voltage (VDC) 6 12 24 Resistance () 10% 27 97 380 Must Operate Voltage max. ( VDC) 3.6 7.2 14.4 Allowable Voltage ( VDC) 11.7 22.2 43.9 Must Release Voltage min. ( VDC) 0.6 1.2 2.4
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight 9 ms. typical 7 ms. typical 100 M, at 500 VDC, 50%RH 500 Vrms, 1 min. 20 g, 11ms. 10-40Hz: DA 1.27mm; 40-70Hz: 5 g; 70-100Hz: DA 0.5mm; 100-500Hz: 10 g. 1 M height drop on concrete (Covered types only) 1.5 W, approx. -40C to 125C operating; -40C to 155C storage Open: 20 g; Covered: 26 g, approx.
ORDERING DESIGNATION
Example: HG4234A / Model Coil Voltage Code Contact Form H: 1 Form A; D: 1 Form B; Z: 1 Form C Version Nil: Open; 1: Sealed; 2: Dust Cover Contact Material Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO Thermal Class Nil: UL Class B; F: UL Class F 012 H 1 A F
HG4234A
1/2
HG4234A
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. 5. 6. 7. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Maximum make current refers to inrush current of motor load. At ambient temperature of 85C, maximum allowable voltage should be reduced to 72%. Electrical life obtained at resistive or inductive load at 30A, 15VDC with suitable arc-suppression circuit attached with operating frequency of 1 ops/sec. In mounting holes drawing, the * hole is not needed for 1 Form A; the ** hole is not needed for 1 Form B. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
HG4234A
2/2


▲Up To Search▲   

 
Price & Availability of HG4234A012-DCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X