Part Number Hot Search : 
70BRS MJ160 ICL71 TC9329FA EDZ10B DTC123E 0102A A619ERU
Product Description
Full Text Search
 

To Download HG4104005-4Z6DCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature General Purpose Relay
HG4104
FEATURES Miniature type, general purpose applications 2 to 4 poles contact form DC and AC coil available Various mounting options include socket, PCB and flange UL, CUR approved TYPICAL APPLICATIONS Machine tools Medical equipment Industrial control Transportation
CONTACT RATING
Form Rated Load Max. Switching Current Max. Switching Voltage Max. Switching Power 2 Form C (2Z), 3 Form C (3Z) Standard 5A, 220VAC/30VDC 5A 1100VA/150W 4 Form C (4Z) Heavy Duty 5A, 220VAC/30VDC 5A 1100VA /150W Heavy Duty Standard 7A, 220VAC/30VDC 3A, 220VAC/30VDC 7A 3A 250VAC/125VDC 1540VA /210W 660VA/90W
UL /CUR RATING
Form General Use Resistive 7A, 250VAC/30VDC 2 Form C (2Z) 3 Form C (3Z) 3A, 240VAC/30VDC 5A, 250VAC/30VDC 5A, 250VAC/30VDC 4 Form C (4Z)
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCe 50 m max. at 1A, 30VDC 2 x 107 ops. 2 x 105 ops. for standard version 105 ops. for heavy duty version
COIL DATA
Nominal Voltage (VDC/VAC) 5 6 12 24 48 110 6 12 24 48 120 220/240 Resistance () 10% Power Consumption 27.5 40 160 650 2600* 11000* 11.5 46 184 735 4550* 14400* Must Operate Voltage max. (VDC/ VAC) 4.0 4.8 9.6 19.2 38.4 88.0 4.8 9.6 19.2 38.4 96.0 176.0 Must Release Voltage min. (VDC / VAC) 0.5 0.6 1.2 2.4 4.8 11.0 1.8 3.6 7.2 14.4 36.0 66.0
Type
Coil Voltage Code 005 006 012 024 048 110 006A 012A 024A 048A 120A 220A/240A
DC
0.9W
AC
1.2VA
HG4104
1/4
HG4104
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Weight 25 ms. 25 ms. 1000 M, at 500 VDC, 50%RH 1500 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10 g, 11ms. functional; 100 g, destructive DA 1.5 mm, 10 - 55 Hz -55C to 70C 37 g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code DC/AC Nil: DC Coil; A: AC Coil Contact Form 2Z: 2 Form C 3Z: 3 Form C 4Z: 4 Form C Version Nil: Solder Lug 4: PCB 6: Top Flange 6A: Bottom Flange 6B: Lateral Flange Indicator Nil: Without LED; D: With LED Contact Material C: AgCe; S: AgSnOInO Duty Version Nil: Standard; H: Heavy Duty HG4104 / 012 A4Z 4 D C H
REFERENCE CURVES
Life Expectancy
HG4104
2/4
HG4104
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions, Solder Lug & PCB Version, 2 & 3 Form C
Overall Dimensions, Solder Lug & PCB Version, 4 Form C
Overall Dimensions and Mounting Holes, Top Flange Version
Overall Dimensions and Mounting Holes, Bottom Flange Version
HG4104
3/4
HG4104
Overall Dimensions and Mounting Holes, Lateral Flange Version
Mounting Holes PCB Version (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Coil resistance with * mark is 15%. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
HG4104
4/4


▲Up To Search▲   

 
Price & Availability of HG4104005-4Z6DCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X