Part Number Hot Search : 
M6104 2012B 00200 E1525A EML3023 3P352LH NAA243 3640W
Product Description
Full Text Search
 

To Download GB3NB60KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGP3NB60K - STGD3NB60K STGP3NB60KD-STGP3NB60KDFP-STGB3NB60KD N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMESHTM IGBT
TYPE STGP3NB60K STGD3NB60K STGP3NB60KD STGP3NB60KDFP STGB3NB60KD
s s s s s s s
VCES 600 V 600 V 600 V 600 V 600 V
VCE(sat) (Typ) @125C < < < < < 2V 2V 2V 2V 2V
IC @125C 3A 3A 3A 3A 3A
3 1 2
1
3 2
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW GATE CHARGE HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT HIGH FREQUENCY OPERATION SHORT CIRCUIT RATED
TO-220
TO-220FP
3
3 1
1
D PAK
2
DPAK
INTERNAL SCHEMATIC DIAGRAM DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESH TM IGBTs, with outstanding performances. The suffix "K" identifies a family optimized for high frequency motor control applications with short circuit withstand capability. Std. Version APPLICATIONS HIGH FREQUENCY MOTOR CONTROLS s SMPS AND PFC IN BOTH HARD SWITCHING AND RESONANT TOPOLOGIES
s
"D" Version
ORDERING INFORMATION
SALES TYPE STGP3NB60K STGD3NB60KT4 STGP3NB60KD STGP3NB60KDFP STGB3NB60KDT4 MARKING GP3NB60K GD3NB60K GP3NB60KD GP3NB60KDFP GB3NB60KD PACKAGE TO-220 DPAK TO-220 TO-220FP D2PAK PACKAGING TUBE TAPE & REEL TUBE TUBE TAPE & REEL
May 2002
1/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter TO-220 D2PAK VCES VECR VGE IC IC ICM (n) If (1) Ifm (1) PTOT VISO Tstg Tj Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuos) at TC = 25C Collector Current (continuos) at TC = 100C Collector Current (pulsed) Forward Current Forward Current Pulsed Total Dissipation at TC = 25C Derating Factor Insulation Withstand Voltage A.C. Storage Temperature Max. Operating Junction Temperature -68 6 3 24 3 24 25 0.75 2500 - 55 to 150 150 -60 Value TO-220FP 600 20 20 6 3 24 6 3 24 DPAK V V V A A A A A W W/C V C Unit
(n) Pulse width limited by safe operating area (1) For "D" version only
THERMAL DATA
TO-220 D2PAK Rthj-case Rthj-amb Rthc-h Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-heatsink Typ 1.8 62.5 0.5 TO-220FP 5 DPAK 2.1 100 C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) MAIN PARAMETERS
Symbol VBR(CES) ICES IGES VGE(th) VCE(sat) Parameter Collector-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20V , VCE = 0 VCE = VGE, IC = 250A VGE = 15V, VGE = 15V, IC = 3 A IC = 3 A, Tj =125C 5 2.3 1.9 Min. 600 50 500 100 7 2.8 Typ. Max. Unit V A A nA V V V
2/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
SWITCHING PARAMETERS
Symbol gfs Cies Coes Cres Qg Qge Qgc tscw td(on) tr (di/dt)on Eon tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Short Circuit Withstand Time Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Test Conditions VCE = 25V, Ic = 3 A VCE = 25V, f = 1 MHz, VGE = 0 Min. Typ. 2.4 218 33 5.8 14 3.3 7.5 10 14 5 520 30 122 26.5 33 100 58 85 210 66 100 120 165 195 18 Max. Unit S pF pF pF nC nC nC s ns ns A/s
VCE = 480V, IC = 3 A, VGE = 15V Vce = 0.5 VBR(CES), VGE=15V, Tj = 125C , RG = 10 VCC = 480 V, IC = 3 A RG = 10, VGE = 15 V VCC= 480 V, IC = 3 A RG=10 VGE = 15 V,Tj = 125C Vcc = 480 V, IC = 3 A, RGE = 10 , VGE = 15 V Tj = 25 C
J
ns ns ns ns
J J
ns ns ns ns
Vcc = 480 V, IC = 3 A, RGE = 10 , VGE = 15 V Tj = 125 C
J J
COLLECTOR-EMITTER DIODE ("D" VERSION)
Symbol Vf trr Qrr Irrm Parameter Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Test Conditions If = 1.5 A If = 1.5 A, Tj = 125 C If = 3 A ,VR = 35 V, Tj =125C, di/dt = 100A/s Min. Typ. 1.31 0.95 45 70 2.7 Max. 1.8 Unit V V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
Output Characteristics Transfer Characteristics
Transconductance
Normalized Collector-Emitter On Voltage vs Temp.
Collector-Emitter On Voltage vs Collector Current
Gate Threshold vs Temperature
4/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
Normalized Breakdown Voltage vs Temperature Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
Emitter-collector Diode Characteristics
5/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
Turn-Off SOA Thermal Impedance for TO-220FP
Thermal Impedance for DPAK
Thermal Impedance for TO-220 / D2PAK
6/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
7/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
8/14
F2
F
G
H2
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
F
G1
E H F2
123 L2 L4
G
9/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0o 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.8 1.00 8o 0.024 0o TYP. MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 0.039 0o inch TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
DIM.
P032P_B
10/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
11/14 1
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
DPAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
All dimensions are in millimeters
All dimensions are in millimeters
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574 0.618
0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
* on sales type
12/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 * on sales 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
13/14
STGP3NB60K/STGD3NB60K/STGP3NB60KD/STGP3NB60KDFP/STGB3NB60KD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of GB3NB60KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X