Part Number Hot Search : 
36230 2SC48 015388 STCF01 TDA1670A 76613 46V32M8 MC74LCX1
Product Description
Full Text Search
 

To Download FTVFLA-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
F-Type
Voltage Controlled Crystal Oscillator (VCXO)
Features
n Industry Common Pinout n Commercial or Industrial Temperature Range n TTL or CMOS Drive Capability n Hermetic Package n 5.0 V or 3.3 V Supply
Description
The F-Type Voltage Controlled Crystal Oscillator (VCXO) is used in a phase lock loop applications including clock recovery and frequency translation applications. The metal package is grounded for improved EMI performance.
The FTV Voltage Controlled Crystal Oscillator
Pin Information
Table 1. Pin Function Pin Symbol 1 VC 7 GND 8 Output 14 VDD Function VCXO Control Voltage Case Ground VCXO Output Power Supply Voltage (3.3 or 5.0 V 10%)
14 1
8 7
Performance Characteristics
Table 2. Electrical Performance Parameter Operating Temperature Range 1 Center Frequency Absolute Pull Range 2 Supply Voltage Supply Current 3 Output Voltage Levels Output High Output Low 3 Transition times Rise Time Fall Time Fanout Start-Up Time Control Voltage Fanout Symbol To f0 VDD IDD VOH VOL TR TF tsu VC Fo Minimum Typical Maximum 0 to 70, -20 To 70, or -40 to 85 1 52 +/- 20 to +/-100 3.3 or 5.0 (+/-10%) 0.45 mA/MHz 35 0.9 VDD 0.1 VDD 0.1 VDD 2 5.0 5.0 10 0.9 VDD 10 TTL Units C MHz ppm V mA V V ns ns TTL ms V Loads
1. Other frequencies may be available, please contact factory with your special requirements. 2. A 0.1 F low frequency tantalum bypass capacitor in parallel with a 0.01 F high frequency ceramic capacitor is recommended. Both should be located as close to the FTU-Type bias pin as is practical 3. Figure 1 defines these parameters. Figure 2 illustrates the equivalent TTL load and operating conditions under which these parameters are specified and tested.
TR VOH VS V OL On Time 0V Period
TF
I DD 14 V DD + IC VC + 1 7
650
8
15pF 1.83k
Figure 1. Output Waveform
Figure 2. Output Test Conditions (255C)
Vectron International * 166 Glover Avenue, Norwalk, CT 06856 * Tel: 1-88-VECTRON-1* http://www.vectron.com
1
F-Type VCXO
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. VTI employs a human-body model (HBM) and a chargeddevice model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the mode. Although no industrywide standard has been adopted for the CDM, a standard HBM (resistance = 1500, capacitance = 100pF) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained by using these circuit parameters. Table 3. ESD Threshold Voltage Model Threshold Human-Body (HBM) 1000* Charged-Device (CDM) 500
*Mil-STD-883D, Method 3015, Class 1
Unit Volts Min. Volts Min.
Table 4. Mechanical and Environmental Compliance Parameter Conditions
Mechanical Shock Mechanical Vibration Temperature Cycle Gross Leak Fine Leak Seal Strength Bend Test Marking Storage Temperature MIL-STD-883C, 2002.3, A MIL-STD-883C, 2007.1, A MIL-STD-883C, 1010, A 100% Deionized Water MIL-STD-883C, 1014.7 2 lbs Perpendicular to Top and Bottom MIL-STD-202E, 211A, C MIL-STD-202E, 215 -55C to 125C
Outline Diagram
VTI
FTVGCA 35.3280 743
Figure 3 Outline Diagram
Ordering Information
Table 5. Part Numbering
Example Part #
F
Package F 4 pin DIP
T
Supply Voltage (V) T 5.010% D 3.310%
V
VCXO Type VCXO
G
Pull (ppm) F G H A 32 50 100 100 TPR
C
Operating Temp. (C) 0 to 70 C L I -40 to 85 -20 to 70
A
Output Load TTL A B J K TTL
50 10%
V
50 5%
CMOS
50 5%
CMOS
50 10%
Other specifications may be available on request.
For Additional Information Please Contact:
USA: Vectron International * 166 Glover Avenue, Norwalk, CT 06856 * Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: In Denmark, Finland, Ireland, Italy, Israel, Norway, Spain, UK: Tel: 44 (0) 1703 766 288 * Fax: 44 (0) 1703 766 822 In Austria,Belgium,France,Germany,Luxenburg,Netherlands,Sweden,Switzerland:Tel: 49(0)7263 6480 * Fax:49(0)7263 6196 ASIA: In China, Taiwan, Japan: Tel: 01 603 598 0070 * Fax: 01 603 598 0075 In Korea, Singapore, Australia, India: Tel: 01 203 853 4433 * Fax: 01 203 853 1423 rev 1.2, 4/27/98 Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
2


▲Up To Search▲   

 
Price & Availability of FTVFLA-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X