Part Number Hot Search : 
LTC3250 100398PC APL3521 XC612 FX611LS R7222207 00BZXC CP12C60
Product Description
Full Text Search
 

To Download E13005TO-126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSISTOR E13005
SWITCHING REGULATOR APPLICATION
* High speed switching * Suitable for switching regulator and motor control * Case : TO-126 molded plastic body
B U Q A
123
TO-126
DIM A B C D F G H J K M Q R S U V INCHES MIN MAX 0.425 0.435 0.295 0.305 0.095 0.105 0.020 0.026 0.115 0.130 0.094 BSC 0.050 0.095 0.015 0.025 0.575 0.655 5 TYP 0.148 0.158 0.045 0.065 0.025 0.035 0.145 0.155 0.040 MILLIMETERS MIN MAX 10.80 11.04 7.50 7.74 2.42 2.66 0.51 0.66 2.93 3.30 2.39 BSC 1.27 2.41 0.39 0.63 14.61 16.63 5 TYP 3.76 4.01 1.15 1.65 0.64 0.88 3.69 3.93 1.02
F M
C
H
K
V G S D
2 PL
J R 0.25 (0.010)
M M
A B
M
B
M
NPN SILICON TRANSISTOR FEATURES
Tc=25 C unless otherwise specified
o
0.25 (0.010)
A
M
M
Parameter
Power dissipation Collector current (DC) Collector current (Pulse) Operating and storage junction temperature range
Symbol
PC IC ICP TJ, TSTG
o
Value
75 4.0 8.0 -55 C to +150 C
o
UNIT
W A A
o
C
ELECTRICAL CHARACTERISTICS
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time
Tc=25 C unless otherwise specified
o
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCEsat VBEsat fT tf ts
Test conditions
IC=1mA , IE=0 IC=10mA , IB=0 IE=1mA , IC=0 VCB=700V , IE=0 VCE=400V , IB=0 VEB=9V , IC=0 VCE=5V , IC=1A IC=2A , IB=500mA IC=2A , IB=500mA VCE=10V , IC=500mA f=1MHz IC=2A , IB1=-IB2=0.4mA , VCC=120V
MIN
700 400 9
MAX
UNIT
V V V
1 100 1 10 40 0.6 1.6 5 0.9 4
mA
i A
mA V V MHz
i S i S
RATINGS AND CHARACTERISTIC CURVES E13005


▲Up To Search▲   

 
Price & Availability of E13005TO-126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X