Part Number Hot Search : 
ZTX958 SRF1040 93LC56 4LCX16 A23AD RFP60P03 BTA23E MB89935A
Product Description
Full Text Search
 

To Download DL-5538-1490-FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1490 nm DFB LASER DIODE MODULES
UNCOOLED MQW DFB LD WITH RECEPTACLE FEATURES
1490 nm Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR 0 to 70oC operation without active cooling Build-in InGaAs monitor
DL-5500-1490
**********************************************************************************************************************************************************
DL-5500-1490 Series
**********************************************************************************************************************************************************
APPLICATION Trunk Line, FitL DESCRIPTION
DL-5500-1490 series are designed for coupling a single mode optical fiber with 1490 nm MQW DFB uncooled laser diode. DL-5500-1490 series are the best kits as light sources for telecom and datacom applications. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Pf Parameter Threshold Current Operating Voltage Optical Output Power Part No:DL-552XX-1490 DL-553XX-1490 DL-554XX-1490 Center Wavelength Side Mode Suppression Ratio Rise And Fall Times Part No:DL-55XX-1490 DL-55XXS-1490 Tracking Error PD Monitor Current PD Dark Current CW CW, IF=Ith+20mA CW, IF=Ith+20mA 1.0 2.0 3.0 1483 30 2.0 3.0 1495 mW Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V
c SMSR t r, t f
CW, Ith+20mA CW, Ith+20mA IF=Ith, Ith+20mA,20~80%
1490 35
nm dB
Pf / P f Im ID
APC, 0~+70 C CW, Ith+20mA,VRD=1V VRD=5V
-1.5 100
226 150 1.5
ps dB A A
0.1
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power (552XX/553XX/554XX) LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 1.5/3/4 2 10 1.0 0 to 70 -40~+85 Unit mW V V mA C C
**********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2007 V2.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
DL-5500-1490
**********************************************************************************************************************************************************
Max.L
SC RECEPTACLE (DL-55XXX-1490-SX)
Max.L
SC RECEPTACLE (BOARD MOUNT) (DL-55XXX-1490-SBX)
Max.L
FC RECEPTACLE (DL-55XXX-1490-FX)
**********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2007 V2.0
Optoway
DL-5500-1490
**********************************************************************************************************************************************************
Max.L
FC RECEPTACLE (BOARD MOUNT) (DL-55XXX-1490-FBX)
Max.L
ST RECEPTACLE (DL-55XXX-1490-TX) Max. L Dimension F 6.2 8.2
P//N 552XX-1490-XX 553XX-1490-XX 554XX-1490-XX
S 8.6 10.6
SB 8.0 10.0
FB 8.9 10.9
T 7.7 9.7
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D L -
Code 2 3 4 Pout (mW) 1 2 3
5 5 -1 4 9 0 -
Code F FB T S SB Code Blank S
Code Blank S Isolator No Single-Stage
Code Pin Assignment 0 Type A 5 Type B 8 Type C
Connector Type FC/PC FC/PC (Board Mount) ST/PC SC/PC SC/PC (Board Mount) Speed 1.25 Gbps 2.5 Gbps
**********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2007 V2.0
Optoway
Revision History
Version
1.0 2.0
DL-5500-1490
**********************************************************************************************************************************************************
Subject
Initial datasheet 1. Combine 1.25G and 2.5G characteristics in one data sheet 2. Add 3mW products 3. Revise FC RECEPTACLE (BOARD MOUNT) thread thru dim.: M2 => UNC-2B 4. Revise drawing
Release Date
2002/12/1 2007/12/1
**********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2007 V2.0


▲Up To Search▲   

 
Price & Availability of DL-5538-1490-FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X