Part Number Hot Search : 
H15S2 500J0 UH08A 1000S M65855FP G20N60C OP260GS LM294
Product Description
Full Text Search
 

To Download CXP823P24Q-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXP823P24
CMOS 8-bit Single Chip Microcomputer
Description The CXP823P24 is a highly integrated CMOS 8-bit single-chip microcomputer which is mainly composed of an 8-bit CPU, PROM, RAM and I/O ports. This microcomputer features many other high-performance circuits in a single-chip CMOS design, including an A/D converter, serial interface, timer/counter, timebase timer, capture timer/counter, fluorescent display tube controller/driver, and remote control receiver. Also, the CXP823P24 provides the power-on reset function as well as the sleep/stop function which assures reduced power consumption. Being a PROM-incorporated version of the CXP82324 which has on-chip mask ROM, the CXP823P24 permits program writing. Therefore, it is ideally suited for use in system development stage evaluation and job lot production. 80 pin QFP (Plastic)
Structure Silicon gate CMOS IC
Features * Instruction set which supports a wide array of data types 213 types -- 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction * Minimum instruction cycle During operation 400ns/10MHz * Incorporated PROM capacity 24K bytes * Incorporated RAM capacity 704 bytes (Including fluorescent display data area) * Peripheral functions -- A/D converter 8-bit, 8-channel, successive comparison type (conversion time: 32s at 10MHz) -- Serial interface 1 channel data interface with an 8-bit, 8-stage FIFO (1 to 8 byte automatic transfer) 1-channel, 8-bit clock synchronized interface -- Timers 8-bit timer 8-bit timer/counter 19-bit time-base timer 16-bit capture timer/counter -- Fluorescent display tube controller/driver Display of up to 336 segments 1 to 16 digit dynamic display Dimmer function High voltage tolerance output (40V) Built-in pull-down resistor -- Remote control receiver Built-in noise suppressor circuit Built-in 8-bit pulse counter and 6-stage FIFO * Interrupts 14 factors, 15 vectors, multiple interrupt pocessing * Standby mode Sleep/stop * Package 80-pin plastic QFP
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E92Y35A78-PS
Block Diagram
SPC700 CPU CORE
T0 to T7 RAM 80 BYTES
8
CLOCK GENERATOR/ SYSTEM CONTROL
PORT A
PA0/AN0 to PA7/AN7
8
A/D CONVERTER
PE0/EC0/INT0 PE1/EC1/INT1 PE2/INT2 PE3/INT3
EXTAL XTAL RST VDD Vpp VSS
8
PA0 to PA7
S0 to S20
21
FDP CONTROLLER/ DRIVER
VFDP FIFO PROM 24K BYTES
PORT B
T8/S28 to T15/S21
8
7
PB0 to PB6 PB7
8
PC0 to PC7
REMOCON
RAM 704 BYTES
PORT C
PE4/RMC
INTERRUPT CONTROLLER
PB6/SI1 PB7/SO1 PB5/SCK1 2
PE0/INT0/EC0
8 BIT TIMER 1 2
PORT F
8 BIT TIMER/COUNTER 0
PORT E
PE7/TO PB0/CINT PE1/INT1/EC1
16 BIT CAPTURE TIMER/COUNTER 2
PORT G
-2-
FIFO PRESCALER/ TIME BASE TIMER
PB1/CS0 PB3/SI0 PB0/SO0 PB2/SCK0
SERIAL INTERFACE UNIT 0
PORT D
8
PD0 to PD7
6 2
PE0 to PE5 PE6 to PE7
SERIAL INTERFACE UNIT 1
8
PF0 to PF7
4
PG0 to PG3
CXP823P24
CXP823P24
Pin Assignment (Top View)
PE1/EC1/INT1 PE0/EC0/INT0
PE2/IN2
PG3
Vpp
VDD
VFDP
PG2
PG1
PG0
T0
T1
T2
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 PE3/INT3 PE4/RMC PE5 PE6 PE7/TO PB0/CINT PB1/CS0 PB2/SCK0 PB3/SI0 PB4/SO0 PB5/SCK1 PB6/SI1 PB7/SO1 PC0/KR0 PC1/KR1 PC2/KR2 PC3/KR3 PC4/KR4 PC5/KR5 PC6/KR6 PC7/KR7 PA0/AN0 PA1/AN1 PA2/AN2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 T6 T7 T8/S28 T9/S27 T10/S26 T11/S25 T12/S24 T13/S23 T14/S22 T15/S21 S20 S19 S18 S17 S16 PF7/S15 PF6/S14 PF5/S13 PF4/S12 PF3/S11 PF2/S10 PF1/S9 PF0/S8 PD7/S7
PA4/AN4
PA3/AN3
PA7/AN7
PD1/S1
PD2/S2
PD3/S3
PD4/S4
EXTAL
XTAL
RST
T3
T4 PD5/S5
PA6/AN6
Note) Vpp (Pin 73) is always connected to VDD.
PA5/AN5
-3-
PD0/S0
PD6/S6
VSS
T5
CXP823P24
Pin Description Symbol PA0/AN0 to PA7/AN7 PB0/CINT PB1/CS0 PB2/SCK0 PB3/SI0 PB4/SO0 PB5/SCK1 PB6/SI1 PB7/SO1 PC0/KR0 to PC7/KR7 I/O (Port A) 8-bit port; single bit addressable. (8 pins) Description Analog input to A/D converter. (8 pins) External capture input for 16-bit timer/counter. Chip select input for serial interface (CH0). (Port B) Single bit addressable from amongst lower 7 bits; highest bit (PB7) dedicated to output. (8 pins) Serial clock (CH0) input/output. Serial data (CH0) input. Serial data (CH0) output. Serial clock (CH1) input/output. Serial data (CH1) input. Serial data (CH1) output. (Port C) 8-bit port; single bit addressable. Can provide 12mA sink current. (8 pins)
I/O/Analog input
I/O/Input I/O/Input I/O/I/O I/O/Input I/O/Output I/O/I/O I/O/Input Output/Output
I/O/Input
Key return input for FDP segment signal which performs key scanning.
PE0/INT0/EC0 Input/Input/Input PE1/INT1/EC1 Input/Input/Input PE2/INT2 PE3/INT3 PE4/RMC PE5 PE6 PE7/TO Input/Input Input/Input Input/Input Input Output Output/Output (Port E) 8-bit port with lower 6 bits dedicated to input and upper 2 bits dedicated to output. (8 pins) Input for external interrupt requests. (4 pins)
External event input to timer/counter. (2 pins)
Input for remote control receiving circuit.
Output pin for 16-bit timer/counter rectangular waveform. (Port G) 4-bit input/output port; single bit addressable. (4 pins) (Port F) 8-bit dedicated output port. (8 pins) Segment signal output for FDP. Dual purpose output for FDP timing and segment signals. Timing signal output for FDP. (Port D) 8-bit dedicated output port. Segment signal output for FDP. (8 pins) -4- Segment signal output for FDP.
PG0 to PG3 PF0/S8 to PF7/S15 S16 to S20 T8/S28 to T15/S21 T0 to T7 PD0/S0 to PD7/S7
I/O
Output/Output Output Output/Output Output Output/Output
CXP823P24
Symbol VFDP EXTAL XTAL RST Input
I/O Provides voltage for FDP.
Description
Output I/O
Connection for system clock oscillation crystal. When using an external clock, input normal signal to EXTAL and reverse phase signal to the XTAL pin. System reset, active "L". The RST pin is an input/output pin which outputs a "L" level from the on-chip power on reset circuit when the power is turned on. Positive power supply for the programmable on-chip PROM; connect to VDD for nomal operation. Positive power supply pin. GND
Vpp VDD VSS
-5-
CXP823P24
Input/Output Circuit Formats for Pins Pin Port A
Port A data
Circuit format
When reset
PA0/AN0 to PA7/AN7
Port A direction "0" when reset Data bus RD (Port A) Port A input select "0" when reset Input multiplexer A/D converter
IP
Input protection circuit
Hi-Z
8 pins Port B
Port B data
PB0/CINT PB1/CS0 PB3/SI0 PB6/SI1
Port B direction "0" when reset Data bus RD (Port B) CINT CS0 SI0 SI1 Schmitt input
IP
Hi-Z
4 pins
Port B
SCK OUT Output enable Port B output select "0" when reset
PB2/SCK0 PB5/SCK1
Port B data Port B direction "0" when reset Data bus Schmitt input
IP
Hi-Z
RD (Port B)
2 pins
SCK in
-6-
CXP823P24
Pin Port B
SO Output enable Port B output select "0" when reset
Circuit format
When reset
PB4/SO0
Port B data Port B direction "0" when reset Data bus
IP
Hi-Z
1 pin Port B
RD (Port B)
Internal reset signal SO Output enable Port B output select
PB7/SO1
"0" when reset Port B data "1" when reset Data bus
High level
Pull-up transistor approx. 200k
1 pin Port C
RD (Port B)
Port C data
PC0/KR0 to PC7/KR7
Data bus
Port C direction "0" when reset
IP
Hi-Z
RD (Port C)
8 pins Port E PE0/EC0/INT0 PE1/EC1/INT1 PE2/INT2 PE3/INT3 PE4/RMC 5 pins
Key input signal
Capable of driving 12mA large current
Schmitt input IP
EC0/INT0 EC1/INT1 INT2 INT3 RMC Data bus RD (Port E)
Hi-Z
-7-
CXP823P24
Pin Port E PE5
Circuit format
When reset
IP
Data bus
Hi-Z
RD (Port E)
1 pin Port E PE6
Port E data "1" when reset
High level
1 pin Port E
TO Output enable (T2OE) Port E output select
PE7/TO
"0" when reset Port E data "1" when reset Data bus
High level
1 pin
RD (Port E)
Port G
Port G data
PG0 to PG3
Port G direction "0" when reset Data bus RD (Port G)
IP
Hi-Z
4 pins
-8-
CXP823P24
Pin Port D PD0/S0 to PD7/S7 PF0/S8 to PF7/S15 16 pins Port F
Segment output data
Circuit format
High voltage tolerance transistor
When reset
Output selection control signal ("0" when reset) Port D data or Port F data "0" when reset Data bus Pull-down resistor
OP
Mask option
Hi-Z or Low level (when pulldown resistor is connected)
VFDP RD (Port D or Port F)
High voltage tolerance transistor
S16 to S20 T15/S21 to T8/S28 T0 to T7
Segment output data Output selection control signal ("0" when reset)
OP Pull-down resistor
Mask option
Hi-Z or Low level (when pulldown resistor is connected)
VFDP
21 pins
Diagram shows
EXTAL XTAL
circuit construction for oscillation. EXTAL IP IP During stop feedback resistor is disconnected. XTAL
Oscillation
2 pins
Pull-up resistor
RST
OP Mask option IP Schmitt input
Low level
1 pin
From power on reset circuit (Mask option)
-9-
CXP823P24
Absolute Maximum Ratings Item Supply voltage Input voltage Output voltage Display output voltage Symbol VDD Vpp VIN VOUT VOD IOH High level output current IODH1 IODH2 High level total output current IOH IODH IOL IOLC Low level total output current Operating temperature Storage temperature Allowable power dissipation IOL Topr Tstg PD Rating -0.3 to +7.0 -0.3 to +13.0 -0.3 to +7.01 -0.3 to +7.01 VDD - 40 to VDD + 0.3 -5 -15 -35 -40 -100 15 20 100 -10 to +75 -55 to +150 600 Unit V V V V V mA mA mA mA mA mA mA mA C C mW Incorporated PROM Remarks
(Vss = 0V)
As P channel transistor is open drain, VDD voltage is determined as standerd. Other than display output pins2 : per pin Display outputs S0 to S20: per pin Display outputs T0 to T7, T8/S28 to T15/S21: per pin Total of other than display output pins Total of display output pins Port 1 pin Large current port pin 3 Entire pin total
Low level output current
1 VIN and VOUT cannot exceed VDD + 0.3V. 2 Rating for output current of general input/output port. 3 The large current drive transistor is an N-channel transistor of Port C. Note) If the absolute maximum ratings are exceeded, the LSI could reach permanent breakdown. Also, observing recommended operating conditions is desirable; otherwise, the LSI's reliability could be affected.
- 10 -
CXP823P24
Recommended Operating Conditions Item Symbol Min. 4.5 VDD Supply voltage 3.5 2.5 Vpp VIH High level input voltage VIHS Max. 5.5 5.5 5.5 V V V V V V V C V Unit Remarks
(Vss = 0V)
High-speed mode (1/2, 1/4 clock) guaranteed range during operation Low-speed mode (1/16 clock) guaranteed range during operation Guaranteed data hold operation range during stop 4 1 Hysteresis input2 EXTAL pin3 1 Hysteresis input EXTAL pin3
Vpp = VDD 0.7VDD 0.8VDD VDD VDD
VIHEX VDD - 0.4 VDD + 0.3 VIL Low level input voltage VILS VILEX Operating temperature Topr 1 2 3 4 0 0 -0.3 -10 0.3VDD 0.2VDD 0.4 +75
All regular input ports (PA, PB3, PB4, PB6, PC, PE5, PG). For pins RST, CINT, CS0, SCK0, SCK1, EC0/INT0, EC1/INT1, INT2, INT3, RMC. Rating only for external clock input. Vpp and VDD should be set to the same voltage.
- 11 -
CXP823P24
Electrical Characteristics DC Characteristics Item High level output voltage Low level output voltage Symbol VOH Pins PA, PB, PC, PE6, PE7, PG, RST (for VOL only) PC IIHE Input current IILE IILR Display output current Open drain output leak current (P-CH Tr off state) Pull-down resistor Input/output leak current IOH EXTAL RST S0 to S20 S21/T15 to S28/T8 T0 to T7 S0 to S20 S21/T15 to S28/T8 T0 to T7 S0 to S20 S21/T15 to S28/T8 T0 to T7 PA to PC, PE, PG VDD = 4.5V VOH = VDD - 2.5V VDD = 5.5V VOL = VDD - 35V VFDP = VDD - 35V VDD = 5V VOD - VFDP = 30V VDD = 5.5V VI = 0, 5.5V VDD = 5.5V High-speed mode (1/2 clock) operation IDD1 Supply current IDDSL IDDST For pins other than S0 to S28, T0 to T7, PB7, PE6, PE7, VDD, VSS, VFDP VDD 10MHz crystal oscillator (C1 = C2 = 15pF) Sleep mode Stop mode Condition VDD = 4.5V, IOH = -0.5mA VDD = 4.5V, IOH = -1.2mA VDD = 4.5V, IOL = 1.8mA VDD = 4.5V, IOL = 3.6mA VDD = 4.5V, IOL = 12.0mA VDD = 5.5V, VIH = 5.5V VDD = 5.5V, VIL = 0.4V VDD = 5.5V, VIL = 0.4V
(Ta = -10 to +75C, Vss = 0V) Min. Typ. Max. Unit 4.0 3.5 0.4 0.6 1.5 0.5 -0.5 -1.5 -8 -20 40 V V V V V A
VOL
-40 A -400 A mA mA
ILOL
-20 A
RL
60
100 270 k 10 A
IIZ
25
40 mA
3
8 30
mA A
Input capacitance
CIN
1MHz clock 0V other than the measured
10
20
pF
All output pins are left open.
- 12 -
CXP823P24
AC Characteristics (1) Clock timing Item System clock frequency System clock input pulse width System clock input rising and falling times Event count input clock pulse width Event count input clock rising and falling times 1 Symbol fC Pins
(Ta = -10 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Conditions Min. 1 45 200 Max. 10 Unit MHz ns ns ns 20 ms
XTAL Fig. 1, Fig. 2 EXTAL Fig. 1, Fig. 2 EXTAL External clock driver Fig. 1, Fig. 2 EXTAL External clock driver EC0, EC1 EC0, EC1 Fig. 3 Fig. 3
tXL, tXH tCR, tCF tEH, tEL tER, tEF
tsys + 501
tsys is determind by the upper two bits of the clock control resister (Address: 00FEH; CPU clock selected)
resulting in one of the 3 following values: tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits= "11")
Fig. 1. Clock timing
1/fc
VDD - 0.4V EXTAL 0.4V tXH tCF tXL tCR
Fig. 2. Clock applying condition
Crystal oscillation Ceramic oscillation External clock
EXTAL C1
XTAL C2
EXTAL
XTAL
74HC04
Fig. 3. Event count clock timing
0.8VDD EC0 EC1 0.2VDD tEH tTH tEF tTF tEL tTL tER tTR
- 13 -
CXP823P24
(2) Serial transfer (CH0) Item CS0 SCK0 delay time CS0 SCK0 float delay time CS0 SO0 delay time CS0 SO0 float delay time CS0 high level width SCK0 cycle time SCK0 high and low level width SI0 input setup time (against SCK0 ) SI0 input hold time (against SCK0 ) SCK0 SO0 delay time Note 1) Symbol Pin SCK0
(Ta = -10 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Condition Chip select transfer mode (SCK0 = output mode) Chip select transfer mode (SCK0 = output mode) Chip select transfer mode Chip select transfer mode Chip select transfer mode Input mode Output mode Input mode Output mode SCK0 input mode SCK0 output mode SCK0 input mode SCK0 output mode SCK0 input mode SCK0 output mode Min. Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
tDCSK
tsys + 200 tsys + 200 tsys + 200 tsys + 200 tsys + 200
2tsys + 200 16000/fc
tDCSKF SCK0 tDCSO
SO0
tDCSOF SO0 tWHCS CS0 tKCY tKH tKL tSIK tKSI tKSO
SCK0
SCK0
tsys + 100
8000/fc - 50 100 200
SI0
SI0
tsys + 200
100
SO0
tsys + 200
100
ns ns
tsys is determind by the upper two bits of the clock control resister (Address: 00FEH; CPU clock selected) resulting in one of the 3 following values: tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits = "11") Note 2) The load of SCK0 output mode and SO0 output delay time is 50pF + 1TTL.
- 14 -
CXP823P24
Fig. 4. Serial transfer CH0 timing
tWHCS
CS0 0.8VDD
0.2VDD
tKCY tDCSK tKL tKH tDCSKF
0.8VDD SCK0 0.2VDD
0.8VDD
tSIK
tKSI
0.8VDD SI0 Input data 0.2VDD
tDCSO
tKSO
tDCSOF
0.8VDD SO0 Output data 0.2VDD
- 15 -
CXP823P24
Serial transfer (CH1) Item SCK1 cycle time SCK1 high and low level width SI1 input setup time (against SCK1 ) SI1 input hold time (against SCK1 ) SCK1 SO1 delay time Symbol Pin SCK1
(Ta = -10 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Condition Input mode Output mode SCK1 Input mode Output mode SI1 SCK1 input mode SCK1 output mode SI1 SCK1 input mode SCK1 output mode SO1 SCK1 input mode SCK1 output mode Min. 1000 16000/fc 400 8000/fc - 50 100 200 200 100 200 100 Max. Unit ns ns ns ns ns ns ns ns ns ns
tKCY tKH tKL tSIK tKSI tKSO
Note) The load of SCK1 output mode and SO1 output delay time is 50pF + 1TTL.
Fig. 5. Serial transfer CH1 timing
tKCY tKL tKH
SCK1 0.8VDD 0.2VDD
tSIK
tKSI
0.8VDD SI1 Input data 0.2VDD
tKSO
0.8VDD SO1 0.2VDD Output data
- 16 -
CXP823P24
(3) A/D converter characteristics Item Resolution Linearity error Zero transition voltage Full-scale transition voltage Conversion time Sampling time Analog input voltage VZT1 VFT2 Symbol Pin
(Ta = -10 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Condition Min. Typ. Max. 8 A/D converter operation only Ta = 25C VDD = 5.0V VSS = 0V 3 -10 4930 160/fADC 3 12/fADC 3 70 5050 150 5120 Unit Bits LSB mV mV s s VDD V
tCONV tSAMP
VIAN AN0 to AN7
0
Fig. 6. Definition of A/D converter terms
FFH FEH
Digital conversion value
1 VZT : Digital Value converted between 00H to 01H. 2 VFT : Digital Value converted between FEH and FFH. 3 fADC : ADC operation clock selection (MSC: Bit 0 of address 01FFH) and assumes following values: fADC = fc/2 when PS2 is selected. fADC = fc when PS1 is selected.
Linearity error 01H 00H VZT Analog input VFT
- 17 -
CXP823P24
(4) Interrupts, reset inputs Item External interrupt High and Low level widths Reset input Low level width Symbol
(Ta = -10 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Pin INT0 INT1 INT2 INT3 RST Condition Min. Max. Unit
tIH tIL tRSL
1
s
8/fc
s
Fig. 7. Interrupt input timing
tIH tIL
0.8VDD INT0 INT1 INT2 INT3 0.2VDD 0.2VDD tIL tIH 0.8VDD
Fig. 8. RST input timing
tRSL
RST 0.2VDD
(5) Power-on reset Power-on reset Item Power supply rising time Symbol Pin VDD (Ta = -10 to +75C, VDD = 4.5 to 5.0V, VSS = 0V) Condition Power-on reset Repetitive power-on reset Min. 0.05 1 Max. 50 Unit ms ms
tR Power supply cut-off time tOFF
Fig. 9. Power-on reset
4.5V VDD 0.2V
0.2V
tR The power supply should rise smoothly.
tOFF
- 18 -
CXP823P24
Supplement Fig. 10. Recommended Oscillation Circuit
(i) (ii)
EXTAL
XTAL
EXTAL
XTAL
C1
C2 C1 C2
Manufacturer
Model CSA4.19MG CSA8.00MTZ
fc (MHz) 4.19 8.00 10.00 4.19 8.00 10.00 4.19 8.00 10.00 4.19
C1 (pF)
C2 (pF)
Circuit Example
(i) 30 30 (ii)
MURATA MFG CO., LTD
CSA10.0MTZ CST4.19MGW CST8.00MTW CST10.0MTW
RIVER HC-49/U03 ELETEC CORPORATION
15
15 (i)
KINSEKI LTD.
HC-49/U (-S)
8.00 10.00
27
27
Indicates types with on-chip grounding capacitors (C1 and C2).
Product List Optional item Package ROM capacity Reset pin pull-up resistor Power-on reset circuit High voltage tolerance pin pull-down resistor Mask 80 pin plastic QFP 20K bytes/24K bytes Existent/Non-existent Existent/Non-existent Existent/Non-existent CXP823P24Q-180 pin plastic QFP PROM 24K bytes Existent Existent Non-existent (S0/PD0 to S15/PF7) Existent (T0 to S16) - 19 - CXP823P24Q-280 pin plastic QFP PROM 24K bytes Existent Existent Existent (High voltage tolerance pin)
CXP823P24
Package Outline
Unit: mm
80PIN QFP (PLASTIC)
23.9 0.4 + 0.4 20.0 - 0.1 64 41 + 0.1 0.15 - 0.05 0.15
65
40
+ 0.4 14.0 - 0.1
17.9 0.4
A 80 25 + 0.2 0.1 - 0.05
0.8 0.2 M
+ 0.15 0.35 - 0.1
+ 0.35 2.75 - 0.15
0 to 10 DETAIL A
PACKAGE STRUCTURE
PACKAGE MATERIAL EPOXY RESIN SOLDER PLATING 42/COPPER ALLOY 1.6g LEAD TREATMENT LEAD MATERIAL PACKAGE MASS
SONY CODE EIAJ CODE JEDEC CODE
QFP-80P-L01 QFP080-P-1420
- 20 -
0.8 0.2
1
24
16.3


▲Up To Search▲   

 
Price & Availability of CXP823P24Q-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X