Part Number Hot Search : 
CTRL922 MAZ3027 P6KE2 AD834AQ SP13TR 0DDA6 3EZ15D5 3026B
Product Description
Full Text Search
 

To Download CSD2425F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSW Series
* Ratings from 10A to 90A @ 12-280 V AC * 3-32 V DC input range * Low off-state leakage current (snubberless) * SCR output for heavy industrial loads * EMC Compliant for reliable operation in harsh environments * Replaces the CSD/CSE series relays
PRODUCT SELECTION
Control Voltage
3-32 VDC
10A
CSW2410
25A
CSW2425
50A
CSW2450
75A
CSW2475
90A
CSW2490
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms] (2) Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (3) Maximum Load Current (4) [Arms] Minimum Load Current [Arms] Maximum 1 Cycle Surge Current (50/60) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case (Rjc) [C/W] Maximum 1/2 Cycle I t for Fusing (50/60Hz) [A sec] Minimum Power Factor (with Maximum Load)
10A
24-280 600 1.0 500 10 0.15 115/120 1.6 1.48 66/60 0.5
25A
24-280 600 1.0 500 25 0.15 239/250 1.6 1.02 285/259 0.5
50A
24-280 600 1.0 500 50 0.15 597/625 1.6 0.63 1779/1621 0.5
75A
24-280 600 1.0 500 75 0.25 954/1000 1.6 0.31 4555/4150 0.5
90A
24-280 600 1.0 500 90 0.25 1145/1200 1.6 0.28 6560/5976 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Minimum Turn-On Voltage Minimum Turn-Off Voltage Typical Input Current Nominal Input Impedance Maximum Turn-On Time [msec] (5) Maximum Turn-Off Time [msec]
Parameters
3-32 VDC 3 VDC 1.0 VDC 10 mA @ 12 VDC Active Current Limiter 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 V DC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Encapsulation Terminals Recommended Terminal Screw Torque Range: Fastons:
Parameters
4000 Vrms 109 Ohm 10 pF -40 to 80 C -40 to 125 C 3.0 oz (86.5 g) Thermally conductive Epoxy Srews and Saddle Clamps Furnished, Unmounted 6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs. (Screws dry without grease) Single pair (up to 25A) Double pair* (up to 50A). *Caution: User must connect to both pairs
GENERAL NOTES
1) 2) 3) 4) 5) All parameters at 25C unless otherwise specified. 10mA for models with snubber (S option) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, see derating curves. Turn-on time for random turn-on version (-10 suffix) is 0.1ms
WIRING DIAGRAM
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
AGENCY APPROVALS
E116949 LR81689 10143 UG Rev. 102910
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of CSD2425F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X