Part Number Hot Search : 
N4002 DE910 P4KE33 T330C TS158R SG15441 TU601 VPA30
Product Description
Full Text Search
 

To Download CMHZ4111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMHZ4099 THRU CMHZ4125 SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMHZ4099 Series types are high quality Silicon Zener Diodes designed for low leakage, low current and low noise applications. MARKING CODE: SEE MARKING CODE ON ELECTRICAL CHARACTERISTIC TABLE
SOD-123 CASE
MAXIMUM RATINGS: Power Dissipation (@TL=75C) Operating and Storage Junction Temperature SYMBOL PD TJ, Tstg UNIT mW C
500 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C) VF=1.5V MAX @ IF=100mA (for all types)
ZENER VOLTAGE TYPE MIN V CMHZ4099 6.460 CMHZ4100 7.125 CMHZ4101 7.790 CMHZ4102 8.265 CMHZ4103 8.645 CMHZ4104 9.500 CMHZ4105 10.45 CMHZ4106 11.40 CMHZ4107 12.35 CMHZ4108 13.30 CMHZ4109 14.25 CMHZ4110 15.20 CMHZ4111 16.15 CMHZ4112 17.10 CMHZ4113 18.05 CMHZ4114 19.00 CMHZ4115 20.90 VZ @ IZT NOM V 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 MAX V 7.140 7.865 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 200 200 200 200 200 200 200 200 200 200 100 100 100 100 150 150 150 A 10 10 1.0 1.0 1.0 1.0 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.01 0.01 V 5.2 5.7 6.3 6.7 7.0 7.6 8.5 9.2 9.9 10.7 11.4 12.2 13.0 13.7 14.5 15.2 16.8 mA 35.0 31.8 29.0 27.4 26.2 24.8 21.6 20.4 19.0 17.5 16.3 15.4 14.5 13.2 12.5 11.9 10.8 V/ 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 Hz CHX CHY CHZ CJC CJD CJE CJF CJH CJJ CJK CJM CJN CJP CJT CJU CJV CJA TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ZZT @ IZT MAX REVERSE LEAKAGE CURRENT IR @ VR MAXIMUM ZENER CURRENT IZM MAXIMUM NOISE DENSITY ND @ IZT MARKING CODE
R5 (12-August 2010)
CMHZ4099 THRU CMHZ4125 SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS: (TA=25C) VF=1.5V MAX @ IF=100mA (for all types)
ZENER VOLTAGE TYPE MIN V CMHZ4116 22.80 CMHZ4117 23.75 CMHZ4118 25.65 CMHZ4119 26.60 CMHZ4120 28.50 CMHZ4121 31.35 CMHZ4122 34.20 CMHZ4123 37.05 CMHZ4124 40.85 CMHZ4125 44.65 VZ @ IZT NOM V 24 25 27 28 30 33 36 39 43 47 MAX V 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 A 250 250 250 250 250 250 250 250 250 250 150 150 150 200 200 200 200 200 250 250 A 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 V 18.3 19.0 20.5 21.3 22.8 25.1 27.4 29.7 32.7 35.8 mA 9.9 9.5 8.8 8.5 7.9 7.2 6.6 6.1 5.5 5.1 V/ 40 40 40 40 40 40 40 40 40 40 Hz CJZ CJY CKA CKC CKD CKE CKF CKH CKJ CKL TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ZZT @ IZT MAX REVERSE LEAKAGE CURRENT IR @ VR MAXIMUM ZENER CURRENT IZM MAXIMUM NOISE DENSITY ND @ IZT MARKING CODE
SOD-123 CASE - MECHANICAL OUTLINE
LEAD CODE 1) Cathode 2) Anode
R5 (12-August 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMHZ4111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X