|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AC/DC converter AC100V input, 12V/350mA output C100V BP5710-1 Absolute Maximum Ratings Parameter Symbol Input voltage Vi Output current Io ESD endurance Vsurge Operating temperature range Topr Storage temperature range Tstg Voltage between 1&2 order Limits 170 350 2 -20 +80 -25 +85 1800 Unit V mApk kV C C Vrms DC IEC61000-4-2 Highest level 1 Dimension(Unit : mm) 36.0MAX. 15.0MAX. Mark Side 1 2 4 5 0.50.1 8 10 1 1 0 . 2 5 0 . 0 5 5.25MAX. 9.75MAX. P= 2.540.2 5.5MAX 2.54x10=25.4 1.30.2 2sec Electrical Characteristics Symbol Min. Parameter Input voltage range 120 Vi Output voltage Vo 11 Output current Io 0 Line regulation Vr - Load regulation Vl - Output ripple voltage Vp - Power conversion efficiency 70 Isolation resistance 100 Typ. 141 12 - 0.15 0.15 0.25 77 - Max. 162 13 350 0.3 0.3 - - - Unit V V mA V V Vp-p % M Conditions DC(85115VAC) Vi=141V, Io=350mA Vi=141V 1 Vi=120162V, Io=350mA Vi=141V, Io=0350mA 2 Vi=141V, Io=350mA Vi=141V, Io=350mA 2 DC100V between 1&2 order Derating Curve Derating Curve 400 350 300 250 200 Operation Range 150 100 50 0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Ambient Temperature Ta(C) Output Current Io(mA) 1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Please refer to Load regulation, Conversion effciency. Switching Frequency Switching Frequency fsw(kHz) 600 500 400 300 200 100 0 0 50 100 150 200 250 300 350 Output Current Io(mA) Switching Frequency (Ta=25C, Vi=141V) Application circuit BP5710-1 Pin No. 1 2 3 4 5 6 7 8 9 10 11 Function Input terminal Vi(141VDC) Input terminal Vi(141VDC) Not used COMMON (Primary) COMMON (Primary) Not used Not used COMMON (Secondary) Not used Capacitor connect Output terminal Vo(12V) Be sure to use fuse for safety. 12 FL1 Input AC100V 50Hz/60Hz ZNR C1 C2 D1 FUSE + - 45 8 10 11 Output 12V + Conversion Efficiency Conversion Efficiency (%) 100 90 80 70 60 50 40 30 20 10 0 0 Conversion Efficiency (Ta=25C, Vi=141V) - C3 C4 C5 For acutual usage, Please kindly evaluate and confirm our part mounted in your product, Especially, Please make sure to confirm whether the load current exceed Max. rated current by using the current probe. External components setting FUSE: Fuse Please make sure to use quick acting fuse 0.5A C1,2,4 : For noise terminal Capacitance(C1,2) : 0.1F0.22F, (C4): 4700pF degree voltage reduction Rated voltage : 200V or higher. Film capacitor or ceramic capacitor. Reduce the noise terminal voltage.The constant value should be evaluated in the set. Capacitance : 33F330F Rated voltage : 200V or higher C3: Capacitor for input voltage smoothing C5: Capacitor for Output Capacitance : 470F1000F Rated voltage : 25V or higher, voltage smooting ESR is 0.16 max. Ripple current is 0.58Arms above. Output noise voltage is influenced.Please evaluate it in the actual set. D1: Rectifier diode In the absolute maximum ratings, the reverse peak voltage should be 400V or higher, the average rectifying current should be 0.5A or higher, and the peak surge current should be 20A or higher. (Full-wave rectifier can be used in our part.) Please use the linefilter, if necessary. Varistor must be used. It protects this part from lightning surge and static electricity. 41.0 24.0MAX. 50 100 150 200 250 300 350 Output Current Io(mA) Load Regulation 14 Output Voltage Vo(V) 12 10 8 6 4 2 0 0 100 200 300 400 500 600 700 Output Current Io(mA) Load Regulation (Ta=25C, Vi=141V) Surface Temperature Rising Surface Temperature Rising T(C) FL1: For noise terminal voltage reduction ZNR: Varistor 60 50 40 30 20 10 0 0 Surface Temperature Rising (Ta=25C, Vi=141V) 50 100 150 200 250 300 350 Output Current Io(mA) 1/2 Precautions on Use of ROHM Power Module Safety Precautions 1) The products are designed and produced for application in ordinary electronic equipment (AV equipment, OA equipment, telecommunication equipment, home appliances, amusement equipment etc.). If the products are to be used in devices requiring extremely high reliability (medical equipment, transport equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose malfunction or operational error may endanger human life and sufficient fail-safe measures, please consult with the Company's sales staff in advance. If product malfunctions may result in serious damage, including that to human life, sufficient fail-safe measures must be taken, including the following: [a] Installation of protection circuits or other protective devices to improve system safety [b] Installation of redundant circuits in the case of single-circuit failure 2) The products are designed for use in a standard environment and not in any special environments. Application of the products in a special environment can deteriorate product performance. Accordingly, verification and confirmation of product performance, prior to use, is recommended if used under the following conditions: [a] Use in various types of liquid, including water, oils, chemicals, and organic solvents [b] Use outdoors where the products are exposed to direct sunlight, or in dusty places [c] Use in places where the products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2 [d] Use in places where the products are exposed to static electricity or electromagnetic waves [e] Use in proximity to heat-producing components, plastic cords, or othe flammable items [f] Use involving sealing or coating the products with resin or other coating materials [g] Use involving unclean solder or use of water or water-soluble cleaning agents for cleaning after soldering [h] Use of the products in places subject to dew condensation 3) The products are not radiation resistant. 4) The Company is not responsible for any problems resulting from use of the products under conditions not recommended herein. 5) The Company should be notified of any product safety issues. Moreover, product safety issues should be periodically monitored by the customer. Precautions Regarding Application Example and External Circuits 1) If change is made to the constant of an external circuit, allow a sufficient margin due to variations of the characteristics of the products and external components, including transient characteristics, as well as static characteristics. Please be informed that the Company has not conducted investigations on whether or not particular changes in the application examples or external circuits would result in the infringement of patent rights of a third party. 2) The application examples, their constants, and other types of information contained herein are applicable only when the products are used in accordance with standard methods. Therefore, if mass production is intended, sufficient consideration to external conditions must be made. Prohibitions Regarding Industrial Property 1) These Specifications contain information related to the Company's industrial property. Any use of them other than pertaining to the usage of appropriate products is not permitted. Duplication of these Specifications and its disclosure to a third party without the Company's permission is prohibited. 2) Information and data on products, including application examples, contained in these specifications are simply for reference; the Company does not guarantee any industrial property rights, intellectual property rights, or any other rights of a third party regarding this information or data. Accordingly, the Company does not bear any responsibility for: [a] infringement of the intellectual property rights of a third party [b] any problems incurred by the use of the products listed herein. 3) The Company prohibits the purchaser of its products to exercise or use the intellectual property rights, industrial property rights, or any other rights that either belong to or are controlled by the Company, other than the right to use, sell, or dispose of the products. 2/2 |
Price & Availability of BP5710-1 |