Part Number Hot Search : 
TC55V 05210G0A 05210G0A TC624EPA ES1ELEE NSVS1106 LV800 EDZ18B2
Product Description
Full Text Search
 

To Download BL-PDS-CJS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
*
Feature:
1. High brightness surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.4 Page: 1 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
AlInGaP DOMILED BL-PDx-xJS Series
Optical Characteristics:
Part Number Chip Technology / Color AlInGaP
Hyper-red, 640nm
Viewing Angle 120
BL-PDH-CJS-C10
* * * * BIN P1 BIN P2 BIN Q1 BIN Q2
Luminous Intensity @ IF=20mA Iv (mcd) 45.0 - 112.5
45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5
BL-PDS-CJS-C10
* * * * BIN Q1 BIN Q2 BIN R1 BIN R2
AlInGaP
Super-red, 632nm
120
71.5 - 180.0
71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0
BL-PDS-SJS-C10
* * * * BIN Q1 BIN Q2 BIN R1 BIN R2
71.5 - 180.0
71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0
BL-PDR-CJS-C10
* * * * BIN R1 BIN R2 BIN S1 BIN S2
AlInGaP
Red, 625nm
120
112.5 - 285.0
112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0
BL-PDR-SJS-C10
* * * * * * * * * * * * BIN R1 BIN R2 BIN S1 BIN S2
112.5 - 285.0
112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0
BL-PDR-TJS-C10
BIN T1 BIN T2 BIN U1 BIN U2
TS AlInGaP
Red, 625nm
120
285.0 - 715.0
285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0
BL-PDA-CJS-C10
BIN R1 BIN R2 BIN S1 BIN S2
AlInGaP
Amber, 615nm
120
112.5 - 285.0
112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0
BL-PDA-SJS-C10
* * * * * * * * BIN S1 BIN S2 BIN T1 BIN T2
180.0 - 450.0
180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0
BL-PDA-TJS-C10
BIN T1 BIN T2 BIN U1 BIN U2
TS AlInGaP
Amber, 615nm
120
285.0 - 715.0
285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0
V.4 Page: 2 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series Chip Technology / Color AlInGaP
Orange, 605nm
Part Number BL-PDO-CJS-C10
* * * * BIN R1 BIN R2 BIN S1 BIN S2
Viewing Angle 120
Luminous Intensity @ IF=20mA Iv (mcd) 112.5 - 285.0
112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0
BL-PDO-SJS-C10
* * * * BIN S1 BIN S2 BIN T1 BIN T2
180.0 - 450.0
180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0
BL-PDY-CJS-C10
* * * * BIN R1 BIN R2 BIN S1 BIN S2
AlInGaP
Yellow, 587nm
120
112.5 - 285.0
112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0
BL-PDY-SJS-C10
* * * * BIN S1 BIN S2 BIN T1 BIN T2
180.0 - 450.0
180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0
BL-PDY-TJS-C10
* * * * BIN T1 BIN T2 BIN U1 BIN U2
TS AlInGaP
Yellow, 590nm
120
285.0 - 715.0
285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0
BL-PDG-CJS-C10
* * * * BIN P1 BIN P2 BIN Q1 BIN Q2
AlInGaP
Green, 572nm
120
45.0 - 112.5
45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5
BL-PDG-SJS-C10
* * * * BIN Q1 BIN Q2 BIN R1 BIN R2
71.5 - 180.0
71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0
Note: 1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
V.4 Page: 3 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
*
Absolute Maximum Ratings:
Maximum Value 30 1000 5 125 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW
Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature )
*
Vf Binning: Vf Bin @ 20mA Standard 01 02 03 04 Forward Voltage (V) 1.55 ... 2.45 (max) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.75
Forward voltage, Vf is measured with an accuracy of 0.1 V.
V.4 Page: 4 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
*
Wavelength Grouping: Color
BL-PDH; Hyper-red BL-PDS; Super-red BL-PDR-CJ, -SJ; Red (AS) BL-PDR-TJ; Red (TS) BL-PDA; Amber
Group
Full Full Full Full Full W X
Wavelength distribution (nm)
636 - 646 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5
BL-PDO; Orange
Full W X Y Z
BL-PDY; Yellow
Full W X Y Z
BL-PDG; Green
Full W X Y Z
Wavelength is measured with an accuracy of 1 nm.
V.4 Page: 5 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
AlInGaP DOMILED BL-PDx-xJS Series
Typical electro-optical characteristics curves:
Fig.2 Forward current vs. forward voltage.
Fig.1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
35
Forward Current (mA) vs. Forward Voltage
Relative intensity. Normalized at 20 mA.
2.2 2
30 Forward Current (mA) 25 AS AlInGaP 20 15 TS AlInGaP 10 5 0
0 10 20 30 40 50 60
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 FORWARD CURRENT (mA)
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Forward Voltage (V)
Fig.3 Radiation pattern.
30 20 10 0
1.0
35
Fig.4 Maximum forward current vs. temperature.
30
40
0.8
25
50
0.6
Forward Current, If
20
15
60 70 80 90
0.4
10
0.2
5
0
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Fig.5 Relative Intensity vs. Wavelength
Relative Spectra Emission
1.0 0.9 Or ange 0.8 Amber 0.7 Red 0.6 Gr een 0.5 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700 750 800 Hyper Red Super Red
Wa v e l e n gt h ( nm )
V.4 Page: 6 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
Fig.6 Recommended IR-reflow Soldering Profile (acc. to IPC 9501).
Classification Reflow Profile (JEDEC J-STD-020B)
275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10 30s
Temperature (oC)
200 175 150 125 100 75 50 25 0
183 C
o
Rampdown Preheat 60360s max 50 100 150 200
Time (sec)
Fig.7 Recommended TTW Soldering Profile (acc. to CECC 00802).
V.4 Page: 7 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
*
Taping And Orientation:
Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively
V.4 Page: 8 of 8


▲Up To Search▲   

 
Price & Availability of BL-PDS-CJS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X