Part Number Hot Search : 
BT139 6256A SFC2723 ST22F DT74FCT3 77050 LA5724M SMP11
Product Description
Full Text Search
 

To Download B39111-B3802-Z910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SAW Components
Data Sheet B3802
.com
DataShee DataShee
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
B3802 110,0 MHz
Ceramic package QCC12B
Features
q Low-loss IF filter q Package for Surface Mounted Technology
(SMT)
q Hermetically sealed ceramic package q Balanced or unbalanced operation
Terminals
q Gold-plated
t4U.com t4U.com
Dimensions in mm, approx. weight 0,2 g .com Pin configuration 12 10 4 6 1, 2, 7, 8 3, 9 Input Input or input ground Output Output or output ground Ground Case ground
DataShee DataShee
Type B3802
Ordering code B39111-B3802-Z910
Marking and Package according to C61157-A7-A56
Packing according to F61064-V8070-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
- 40/+ 85 - 40/+ 85 0 10
C C V dBm
2
Aug 24, 2001
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature: Terminating source impedance: Terminating load impedance: T = 25 C ZS = 50 and matching network ZL = 50 and matching network
B3802 110,0 MHz
min. Center frequency Minimum insertion attenuation Pass bandwidth rel 3,0 dB rel 1,0 dB
typ. 110,0 6,8 4,0 3,1
max. 110,1 10,0 -- -- MHz dB MHz MHz
fC
min
109,9 -- 3,75 --
B3dB B1dB
Amplitude ripple (max peak to adjacent valley) fC 1,6 MHz Group delay ripple
--
0,5
--
dB
t4U.com t4U.com
fC 1,6 MHz -- .com rel 40 36 36 38
45
80
ns
DataShee DataShee
Relative attenuation (relative to min) 60,0 MHz ... 100,0 MHz 100,0 MHz ... 105,5 MHz 114,5 MHz ... 120,0 MHz 120,0 MHz ... 160,0 MHz Temperature coefficient of frequency
42 41 41 43 -18
-- -- -- -- --
dB dB dB dB ppm/K
TCf
--
3
Aug 24, 2001
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature: Terminating source impedance: Terminating load impedance: T = -10 ... 70 C ZS = 50 and matching network ZL = 50 and matching network
B3802 110,0 MHz
min. Center frequency Minimum insertion attenuation Pass bandwidth rel 3,0 dB rel 1,0 dB
typ. 110,0 6,8 4,0 3,1
max. 110,18 MHz 10,0 -- -- dB MHz MHz
fC
min
109,8 -- 3,75 --
B3dB B1dB
Amplitude ripple (max peak to adjacent valley) fC 1,6 MHz Group delay ripple
--
0,5
--
dB
t4U.com t4U.com
fC 1,6 MHz -- .com rel 40 36 36 38
45
80
ns
DataShee DataShee
Relative attenuation (relative to min) 60,0 MHz ... 100,0 MHz 100,0 MHz ... 105,5 MHz 114,5 MHz ... 120,0 MHz 120,0 MHz ... 160,0 MHz Temperature coefficient of frequency
42 41 41 43 -18
-- -- -- -- --
dB dB dB dB ppm/K
TCf
--
4
Aug 24, 2001
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
Normalized frequency response
B3802 110,0 MHz
t4U.com t4U.com
.com
DataShee DataShee
Normalized frequency response (pass band)
5
Aug 24, 2001
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
Matching network (element values may depend on pcb layout) 50 unbalanced:
B3802 110,0 MHz
Ls1 = 82 nH Lp2 = 47 nH
t4U.com t4U.com
Lp3 = 33 nH Ls4 = 12 nH
.com
DataShee DataShee
50 unbalanced : (higher IL, but more attenuation in the upper stopband)
Cp1 = 100 nF Ls2 = 56 nH Ls3 = 56 nH Cp4 = 68 nF
6
Aug 24, 2001
.com
.com DataSheet 4 U .com
www..com
SAW Components Low-Loss Filter Data Sheet
B3802 110,0 MHz
t4U.com t4U.com
.com
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC IS PD WL P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
7
Aug 24, 2001
.com
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of B39111-B3802-Z910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X