Part Number Hot Search : 
SMAJ50A SMAJ50A HA20047 S15VB20 L3223 CY7C1380 DS1631S NJU6343
Product Description
Full Text Search
 

To Download AP5S1-FREQ-LB-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
AP5S
FEATURES: * Comparable performance to fixed frequency oscillator * Low peak to peak jitter with PLL technology
Pb RoHS Compliant
* Low supply current * Alternati ve to long lead-time XO's
5.0 x 3.2 x 1.2mm
||||||||||||||
|
ELECTRICAL SPECIFICATIONS:
Parameters Frequency Range: Operating Temperature: Storage Temperature: Overall Frequency Stability*: Supply Voltage (Vdd): Input Current: Vdd = 3.3V Vdd = 2.5V Vdd = 3.3V Vdd = 2.5V Vdd = 3.3V Vdd = 2.5V Minimum 10 10 0 -55 -100 2.97 2.25 --------45 ----VOH VOL Vdd-0.4 ----Typical --------------------3.3 2.5 --------50 2.5 --------Maximum 200 166 +70 +155 +100 3.63 2.75 30 20 55 3.5 15 ----0.4 Units MHz MHz C C ppm V V mA mA % ns pF V V ms
For Small Quantities, Delivery Time is 1-5 days
Notes
See options See options Standard Option 1
Symmetry: Rise and Fall Time (Tr/Tf)**: Output Load: Output Voltage: Start-up Time: Tri-state function (Stand-by) : Period jitter RMS
(Reference only. Please contact Abracon for each frequencies.):
@ 1/2Vdd CMOS
--------10.0 "1" (VIH0.7*Vdd) or Open: Oscillation "0" (VIH<0.3*Vdd) : Hi Z 25MHz 50MHz -----------------------------------------3.0 2.0 5.0 7.0 14.0 25.0 35.0 0.6 5.6 16.0 ~ 25.0 18.0 ----4.0 10.0 14.0 25.0 35.0 50.0 1.0 7.0 40.0 25.0 +3.0
ps ps ps ps ps ps ps ps ps ps ppm @+25C First year
100MHz 25MHz 50MHz 100MHz 20MHz 25MHz 50MHz 100MHz
Period jitter Peak to Peak
(Reference only. Please contact Abracon for each frequencies.):
Phase jitter
(RMS, 12kHz to 20MHz):
Aging:
* Inclusive of calibration @25C, operating temperature range, input voltage variation, load variation, aging, shock, and vibration. ** Transition times are measured between 10% and 90% of Vdd with an output load of 15 pF.
ABRACON IS ISO 9001 / QS 9000 ISO 9001:2008 RTIFIED CE RTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 10.15.10 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com
AP5S Series HCMOS/TTL COMPATIBLE SURFACE-MOUNT CMOS Output Programmable PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR SMD Crystal Clock Oscillator Date AP5S of Issue: Sep 30 , 2010
th
5.0 x 3.2 x 1.2mm Abracon Drawing # 452138
Page (4) of (10)
RoHS Pb ESD Sensitive Compliant
Revision #: H
5.0 x 3.2 x 1.2mm
||||||||||||||
|
TEST CIRCUIT: 2.0 Test Circuit
REFLOW PROFILE:
2.1
AP5S Series is RoHS Compliant and Pb free
AP5S
-
MHz -
Overall Freq. Stability J(**): 20ppm R:-25ppm K: 30ppm C: 50ppm Packaging Blank: Bulk T: Tape & Reel
3.0 Frequency in MHz Supply Voltage Options and Part Identification (left blank if standard) Operating Temp. Please specify the I: 0C ~ +50C Blank: 3.3V frequency in MHz. 1: 2.5V AP5S - D: -10C ~ +60C MHz e.g. 14.31818MHz E: -20C ~ +70C F: -30C ~ +70C N: -30C ~ +85C Frequency in MHz Supply Voltage Operating Temp. L: -40C ~ ~ +50C Please specify the I: 0C +85C Blank: 3.3V
1: 2.5V frequency in MHz. e.g. 14.31818MHz D: -10C ~ +60C E: -20C ~ +70C F: -30C ~ +70C N: -30C ~ +85C L: -40C ~ +85C
-
OUTLINE DRAWING:
Overall Freq. Stability Packaging * Temp. option I, D, E and 0C ~ J(**): Blank: Bulk +70C only 20ppm R: 25ppm T: Tape & Reel Contact ABRACON for EJ or K: 30ppm LR options. (Availability limited) C: 50ppm
* Temp. option I, D, E and 0C ~ +70C only Contact ABRACON for EJ or LR options. (Availability limited)
Pin 1 2 3 4
Function Tri-State GND/Case Output Vdd
Note: Recommend using an approximately 0.01uF bypass capacitor between PIN 2 and 4.
ABRACON IS ISO 9001 / QS 9000 ISO 9001:2008 RTIFIED CE RTIFIED
Revised: 10.15.10 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
AP5S
Pb RoHS Compliant
5.0 x 3.2 x 1.2m m
|||||||||||||||
REFLOW PROFILE:
TAPE & REEL:
T= Tape and reel (1,000pcs/reel)
Dimensions (mm)
Need a test socket for the AP5S Series? To view compatible PRECISION TEST SOCKETS for these parts, click here. P/N AXS-5032-04-02
ATTENTION: Abracon Corporation's products are COTS - Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon's products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ABRACON IS ISO 9001 / QS 9000 ISO 9001:2008 RTIFIED CE RTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 10.15.10 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com


▲Up To Search▲   

 
Price & Availability of AP5S1-FREQ-LB-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X