Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download AN503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN503
SCREW - MACHINE, DRILLED FILLISTER HEAD, COARSE THREAD
MARK WITH RAISED OR RECSSED
X ONLY ONE X NEED BE VISIBLE
AFTER SLOTTING POSITION OPTIONAL
MAXIMUM 2 INCOPLETE THREADS
www..com
THREAD THREAD A A MAX MAX MAX MAX B B MIN MIN MAX MAX C C MIN MIN MAX MAX D D MIN MIN E E REF REF GRIP GRIP MAX MAX MIN MIN H H MIN MIN MAX MAX J J MIN MIN
. DRILL . DRILL + .00 + .00
K K
M M
NO. 632 -NC-3A NO 632 -NC-3 A . NO. 832 -NC-3A NO 832 -NC-3 A . NO.10-24 NC3A NO .10 - NC3 A 24 1/4-20 UNC3A 1/4- UNC A 20 3
.1380 .1380 .1640 .1640 .1900 .1900 .2500 .2500
.226 .208 .132 .118 .096 .089 .226 .208 .132 .118 .096 .089 .270 .250 .156 .141 .113 .106 .270 .250 .156 .141 .113 .106 .313 .392 .180 .165 .130 .123 .313 .392 .180 .165 .130 .123 .414 .389 .237 .219 .170 .161 .414 .389 .237 .219 .170 .161 .518 .490 .295 .276 .211 .201 .518 .490 .295 .276 .211 .201
.043 .163 .031 .045 .048 .048 .039 .046 .043 .163 .031 .045 .048 .048 .039 .046 .043 .063 .031 .065 .054 .054 .045 .046 .043 .063 .031 .065 .054 .054 .045 .046 .043 .063 .031 .075 .064 .060 .050 .046 .043 .063 .031 .075 .064 .060 .050 .046 .062 .078 .046 .102 .067 .075 .064 .062 .062 .078 .046 .102 .067 .075 .064 .062 .076 .078 .046 .130 .110 .084 .072 .070 .076 .078 .046 .130 .110 .084 .072 .070
.03 .03 1 1 .03 .03 1 1 .04 .04
5/16-20 UNC3A .3125 5/16-20 UNC A .3125 3
LENGTH NO. 6-32 1/8 1/4 3/8 1/2 5/8 3/4 7/8 1 1-1/8 1-1/4 1-3/8 1-1/2 1-5/8 1-3/4 1-7/8 2 (A) +0 - 1/16 +0 -1/32 6-4 6-6 6-8
DASH NUMBERS NO. 8-32 8-4 8-6 8-8 8-10 8-12 8-14 8-16 10-6 10-8 10-10 10-12 10-14 10-16 10-18 10-20 10-22 10-24 10-26 10-30 416-8 416-10 416-12 416-14 416-16 416-18 416-20 416-22 416-24 416-26 416-28 416-30 416-32 516-12 516-14 516-16 516-18 516-20 516-22 516-24 516-26 516-28 516-30 516-32 NO. 10-24 1/4-20 5/16-18
DRILLED HOLE T O BE ON CENTER APPROXIMATELY AT RIGHT ANGLES T O THE SLOT BUT MUST NOT BREAK THROUGH THE BASE OR TOP
(SPERICAL
MATERIAL
PORTION ) OF T H E HEAD
:
STEEL SPECIFICATION AN-S-9, MIL-S-6050 OR OTHER STEEL MEETING T H E S A M E PHYSICAL REQUIREMENTS.
HEAT TREAT: FINISH
125,000
TO
145,000
PSI TENSILE STRENGTH SPECIFICATION MIL-H -6875
:
CADMIUM PLATE SPECIFICATION QQ-P-416
,
TYPE
1,
CLASS C
EXAMPLES OF PART NUMBERS
: AN503-8-10 =
NO.
832
SCREW
5/8
INCH LONG
NOTE : AN503 IS NO LONGER ACTIVE FOR NEW DESIGN AND IS NO LONGER USED EXCEPT FOR REPLACEMENT PURPOSES.
Product information and part numbers shown on these pages are not guaranteed correct by AVIAQUIP PTY. LTD. and are subject to change without notice 4


▲Up To Search▲   

 
Price & Availability of AN503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X