Part Number Hot Search : 
SI5310 DG408EUE D2313 TS805C04 OV9750 SY89828L MMSZ47 03101
Product Description
Full Text Search
 

To Download AD9236BCPZRL7-80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12-Bit, 80 MSPS, 3 V A/D Converter AD9236
FEATURES
Single 3 V supply operation (2.7 V to 3.6 V) SNR = 70.4 dBc to Nyquist SFDR = 87.8 dBc to Nyquist Low power: 366 mW Differential input with 500 MHz bandwidth On-chip reference and sample-and-hold DNL = 0.4 LSB Flexible analog input: 1 V p-p to 2 V p-p range Offset binary or twos complement data format Clock duty cycle stabilizer
FUNCTIONAL BLOCK DIAGRAM
AVDD DRVDD
AD9236
VIN+ VIN- SHA MDAC1 4 REFT REFB CORRECTION LOGIC 12 OUTPUT BUFFERS VREF D11 (MSB) D0 (LSB) OTR A/D 8-STAGE 1 1/2-BIT PIPELINE 16 A/D 3
APPLICATIONS
High end medical imaging equipment IF sampling in communications receivers: WCDMA, CDMA-One, CDMA-2000 Battery-powered instruments Hand-held scopemeters Low cost digital oscilloscopes DTV subsystems
SENSE REF SELECT
0.5V
CLOCK DUTY CYCLE STABILIZER
MODE SELECT
AGND
CLK
PDWN
MODE DGND
03066-0-001
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD9236 is a monolithic, single 3 V supply, 12-bit, 80 MSPS analog-to-digital converter featuring a high performance sample-and-hold amplifier (SHA) and voltage reference. The AD9236 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 80 MSPS and guarantee no missing codes over the full operating temperature range. The wide bandwidth, truly differential SHA allows a variety of user-selectable input ranges and common modes, including single-ended applications. It is suitable for multiplexed systems that switch full-scale voltage levels in successive channels and for sampling single-channel inputs at frequencies well beyond the Nyquist rate. Combined with power and cost savings over previously available analog-to-digital converters, the AD9236 is suitable for applications in communications, imaging, and medical ultrasound. A single-ended clock input is used to control all internal conversion cycles. A duty cycle stabilizer (DCS) compensates for wide variations in the clock duty cycle while maintaining excellent overall ADC performance. The digital output data is
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
presented in straight binary or twos complement formats. An out-of-range (OTR) signal indicates an overflow condition that can be used with the most significant bit to determine low or high overflow. Fabricated on an advanced CMOS process, the AD9236 is available in a 28-lead TSSOP and a 32-lead LFCSP and is specified over the industrial temperature range (-40C to +85C).
PRODUCT HIGHLIGHTS
1. The AD9236 operates from a single 3 V power supply and features a separate digital output driver supply to accommodate 2.5 V and 3.3 V logic families. 2. Operating at 80 MSPS, the AD9236 consumes a low 366 mW. 3. The patented SHA input maintains excellent performance for input frequencies up to 100 MHz, and can be configured for single-ended or differential operation. 4. The AD9236 is pin compatible with the AD9215, AD9235, and AD9245. This allows a simplified migration from 10 bits to 14 bits and 20 MSPS to 80 MSPS. 5. The DCS maintains overall ADC performance over a wide range of clock pulsewidths. 6. The OTR output bit indicates when the signal is beyond the selected input range.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD9236 TABLE OF CONTENTS
AD9236-DC Specifications ............................................................ 3 AD9236-AC Specifications............................................................. 4 AD9236-Digital Specifications....................................................... 5 AD9236-Switching Specifications ................................................. 6 Explanation of Test Levels........................................................... 6 Absolute Maximum Ratings............................................................ 7 Thermal Resistance ...................................................................... 7 ESD Caution.................................................................................. 7 Definitions of Specifications ........................................................... 8 Pin Configurations and Functional Descriptions ........................ 9 Equivalent Circuits ......................................................................... 10 Typical Performance Characteristics ........................................... 11 Theory of Operation ...................................................................... 14 Analog Input and Reference Overview ................................... 14 Clock Input Considerations...................................................... 15 Jitter Considerations .................................................................. 16 Power Dissipation and Standby Mode .................................... 16 Digital Outputs ........................................................................... 16 Timing ......................................................................................... 17 Voltage Reference ....................................................................... 17 Internal Reference Connection ................................................ 17 External Reference Operation .................................................. 18 Operational Mode Selection ..................................................... 18 Evaluation Board ........................................................................ 18 Outline Dimensions ....................................................................... 33 Ordering Guide .......................................................................... 33
REVISION HISTORY
Revision A 10/03--Data Sheet Changed from REV. 0 to REV. A Changes to Figure 30 ..................................................................... 15 Changes to Figure 33 ..................................................................... 17 Changes to Figure 40...................................................................... 22 Changes to Figure 49...................................................................... 28 Changes to Figure 50...................................................................... 29 Changes to Table 11........................................................................ 32 Changes to ORDERING GUIDE ................................................ 33
Rev. A | Page 2 of 36
AD9236 AD9236-DC SPECIFICATIONS
Table 1. AVDD = 3 V, DRVDD = 2.5 V, Sample Rate = 80 MSPS, 2 V p-p Differential Input, 1.0 V External Reference, unless otherwise noted
Parameter RESOLUTION ACCURACY No Missing Codes Offset Error1 Gain Error Gain Error1 Differential Nonlinearity (DNL)2 Integral Nonlinearity (INL)2 TEMPERATURE DRIFT Offset Error1 Gain Error Gain Error1 INTERNAL VOLTAGE REFERENCE Output Voltage Error (1 V) Load Regulation @ 1.0 mA Output Voltage Error (0.5 V) Load Regulation @ 0.5 mA INPUT REFERRED NOISE VREF = 0.5 V VREF = 1.0 V ANALOG INPUT Input Span, VREF = 0.5 V Input Span, VREF = 1.0 V Input Capacitance3 REFERENCE INPUT RESISTANCE POWER SUPPLIES Supply Voltage AVDD DRVDD Supply Current IAVDD4 IDRVDD4 PSRR POWER CONSUMPTION Low Frequency Input4 Standby Power5 Temp Full Full Full 25C Full Full Full Full Full Full Full 25C 25C 25C 25C 25C Full Full Full Full Test Level VI VI VI V VI VI VI V V V VI V V V V V IV IV V V Min 12 AD9236BRU/AD9236BCP Typ Max Unit Bits Guaranteed 0.30 0.10 0.30 0.40 0.35 6 12 18 2 0.8 1 0.1 0.55 0.28 1 2 7 7 35
1.30 4.34 0.65 1.20
% FSR % FSR % FSR LSB LSB ppm/C ppm/C ppm/C mV mV mV mV LSB rms LSB rms V p-p V p-p pF k
Full Full Full 25C 25C 25C 25C
IV IV VI V V V V
2.7 2.25
3.0 2.5 122 8 0.01 366 1.0
3.6 3.6 137
V V mA mA % FSR mW mW
1 2
With a 1.0 V internal reference. Measured at fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit. 3 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 5 for the equivalent analog input structure. 4 Measured at AC Specifications conditions without output drivers. 5 Measured with a dc input, CLK pin inactive (i.e., set to AVDD or AGND). Rev. A | Page 3 of 36
AD9236 AD9236-AC SPECIFICATIONS
Table 2. AVDD = 3 V, DRVDD = 2.5 V, Sample Rate = 80 MSPS, 2 V p-p Differential Input, 1.0 V External Reference, AIN = -0.5 dBFS, DCS Off, unless otherwise noted
Parameter SIGNAL-TO-NOISE-RATIO (SNR) fIN = 2.4 MHz fIN = 40 MHz fIN = 70 MHz fIN = 100 MHz SIGNAL-TO-NOISE AND DISTORTION (SINAD) fIN = 2.4 MHz fIN = 40 MHz fIN = 70 MHz fIN = 100 MHz EFFECTIVE NUMBER OF BITS (ENOB) fIN = 2.4 MHz fIN = 40 MHz fIN = 70 MHz fIN = 100 MHz WORST SECOND OR THIRD fIN = 2.4 MHz fIN = 40 MHz fIN = 70 MHz fIN = 100 MHz SPURIOUS FREE DYNAMIC RANGE (SFDR) fIN = 2.4 MHz fIN = 40 MHz fIN = 70 MHz fIN = 100 MHz Temp Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Full 25C 25C Test Level VI V V IV V V VI V V IV V V VI V V IV V V VI V V VI V V VI V V IV V V 75.6 91.3 87.8 73.2 81.4 76.4 Min 68.6 70.9 70.4 67.8 70.1 69.0 68.4 70.8 70.2 67.4 69.8 68.0 11.1 11.5 11.4 10.9 11.3 11.0 -75.6 -91.3 -87.8 -73.2 -81.4 -76.4 AD9236BRU/AD9236BCP Typ Max Unit dB dB dB dB dB dB dB dB dB dB dB dB Bits Bits Bits Bits Bits Bits dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc
Rev. A | Page 4 of 36
AD9236 AD9236-DIGITAL SPECIFICATIONS
Table 3. AVDD = 3 V, DRVDD = 2.5 V, 1.0 V External Reference, unless otherwise noted
Parameter LOGIC INPUTS (CLK, PDWN) High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Capacitance DIGITAL OUTPUTS (D0-D11, OTR)1 DRVDD = 3.3 V High Level Output Voltage (IOH = 50 A) High Level Output Voltage (IOH = 0.5 mA) Low Level Output Voltage (IOH = 1.6 mA) Low Level Output Voltage (IOH = 50 A) DRVDD = 2.5 V High Level Output Voltage (IOH = 50 A) High Level Output Voltage (IOH = 0.5 mA) Low Level Output Voltage (IOH = 1.6 mA) Low Level Output Voltage (IOH = 50 A) Temp Full Full Full Full Full Test Level IV IV IV IV V AD9236BRU/AD9236BCP Min Typ Max 2.0 -10 -10 2 0.8 +10 +10 Unit V V A A pF
Full Full Full Full Full Full Full Full
IV IV IV IV IV IV IV IV
3.29 3.25 0.2 0.05 2.49 2.45 0.2 0.05
V V V V V V V V
1
Output voltage levels measured with 5 pF load on each output.
Rev. A | Page 5 of 36
AD9236 AD9236-SWITCHING SPECIFICATIONS
Table 4. AVDD = 3 V, DRVDD = 2.5 V, unless otherwise noted
Parameter CLOCK INPUT PARAMETERS Maximum Conversion Rate Minimum Conversion Rate CLK Period CLK Pulsewidth High1 CLK Pulsewidth Low1 DATA OUTPUT PARAMETERS Output Propagation Delay (tPD)2 Pipeline Delay (Latency) Aperture Delay (tA) Aperture Uncertainty (Jitter, tJ) Wake-Up Time3 OUT OF RANGE RECOVERY TIME Temp Full Full Full Full Full Full Full Full Full Full Full Test Level VI V V V V V V V V V V Min 80 1 12.5 4.0 4.0 3.5 7 1.0 0.3 7 2 AD9236BRU/AD9236BCP Typ Max Unit MSPS MSPS ns ns ns ns Cycles ns ps rms ms Cycles
1 2 3
With duty cycle stabilizer (DCS) enabled. Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load. Wake-up time is dependant on the value of the decoupling capacitors; typical values shown with 0.1 F and 10 F capacitors on REFT and REFB.
N N-1 ANALOG INPUT
N+1 N+2 N+8 N+3 N+4 N+5 N+7 N+6
tA
CLK DATA OUT
N-9
N-8
N-7
N-6
N-5
N-4
N-3
N-2 2.0ns MIN
N-1
N
tPD = 6.0ns MAX
03066-0-002
Figure 2. Timing Diagram
EXPLANATION OF TEST LEVELS
Test Level I II III IV V VI Definitions 100% production tested. 100% production tested at 25C and guaranteed by design and characterization at specified temperatures. Sample tested only. Parameter is guaranteed by design and characterization testing. Parameter is a typical value only. 100% production tested at 25C and guaranteed by design and characterization for industrial temperature range.
Rev. A | Page 6 of 36
AD9236 ABSOLUTE MAXIMUM RATINGS
Table 5. AD9236 Absolute Maximum Ratings
Parameter With Respect to ELECTRICAL AVDD AGND DRVDD DGND AGND DGND AVDD DRVDD D0-D11 DGND CLK, MODE AGND VIN+, VIN- AGND VREF AGND SENSE AGND REFT, REFB AGND PDWN AGND ENVIRONMENTAL Storage Temperature Operating Temperature Range Lead Temperature Range (Soldering 10 sec) Junction Temperature Min -0.3 -0.3 -0.3 -3.9 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -65 -40 Max +3.9 +3.9 +0.3 +3.9 DRVDD + 0.3 AVDD + 0.3 AVDD + 0.3 AVDD + 0.3 AVDD + 0.3 AVDD + 0.3 AVDD + 0.3 +125 +85 300 150 Unit V V V V V V V V V V V C C C C
THERMAL RESISTANCE
JA is specified for the worst-case conditions on a 4-layer board in still air, in accordance with EIA/JESD51-1. Table 6. Thermal Resistance
Package Type RU-28 CP-32 JA 67.7 32.5 JC 32.71 Unit C/W C/W
Airflow increases heat dissipation effectively, reducing JA. Also, more metal directly in contact with the package leads from metal traces, through holes, ground, and power planes reduces the JA. It is recommended that the exposed paddle be soldered to the ground plane for the LFCSP package. There is an increased reliability of the solder joints, and maximum thermal capability of the package is achieved with the exposed paddle soldered to the customer board.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. A | Page 7 of 36
AD9236 DEFINITIONS OF SPECIFICATIONS
Analog Bandwidth (Full Power Bandwidth)--The analog input frequency at which the spectral power of the fundamental frequency (as determined by the FFT analysis) is reduced by 3 dB. Aperture Delay (tA)--The delay between the 50% point of the rising edge of the clock and the instant at which the analog input is sampled. Aperture Uncertainty (Jitter, tJ)--The sample-to-sample variation in aperture delay. Integral Nonlinearity (INL)--The deviation of each individual code from a line drawn from negative full scale through positive full scale. The point used as negative full scale occurs 1/2 LSB before the first code transition. Positive full scale is defined as a level 1 1/2 LSB beyond the last code transition. The deviation is measured from the middle of each particular code to the true straight line. Differential Nonlinearity (DNL, No Missing Codes)--An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Guaranteed no missing codes to 12-bit resolution indicates that all 4096 codes must be present over all operating ranges. Offset Error--The major carry transition should occur for an analog value 1/2 LSB below VIN+ = VIN-. Offset error is defined as the deviation of the actual transition from that point. Gain Error--The first code transition should occur at an analog value 1/2 LSB above negative full scale. The last transition should occur at an analog value 1 1/2 LSB below positive full scale. Gain error is the deviation of the actual difference between first and last code transitions and the ideal difference between first and last code transitions. Temperature Drift--The temperature drift for offset error and gain error specifies the maximum change from the initial (25C) value to the value at TMIN or TMAX. Power Supply Rejection Ratio--The change in full scale from the value with the supply at the minimum limit to the value with the supply at its maximum limit. Total Harmonic Distortion (THD)1--The ratio of the rms input signal amplitude to the rms value of the sum of the first six harmonic components. Signal-to-Noise and Distortion (SINAD)1--The ratio of the rms input signal amplitude to the rms value of the sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. Effective Number of Bits (ENOB)--The effective number of bits for a sine wave input at a given input frequency can be calculated directly from its measured SINAD using the following formula:
ENOB =
(SINAD - 1.76 )
6.02
Signal-to-Noise Ratio (SNR)1 --The ratio of the rms input signal amplitude to the rms value of the sum of all other spectral components below the Nyquist frequency, excluding the first six harmonics and dc. Spurious Free Dynamic Range (SFDR)1--The difference in dB between the rms input signal amplitude and the peak spurious signal. The peak spurious component may or may not be a harmonic. Two-Tone SFDR1--The ratio of the rms value of either input tone to the rms value of the peak spurious component. The peak spurious component may or may not be an IMD product. Clock Pulsewidth and Duty Cycle--Pulsewidth high is the minimum amount of time that the clock pulse should be left in the Logic 1 state to achieve rated performance. Pulsewidth low is the minimum time the clock pulse should be left in the low state. At a given clock rate, these specifications define an acceptable clock duty cycle. Minimum Conversion Rate--The clock rate at which the SNR of the lowest analog signal frequency drops by no more than 3 dB below the guaranteed limit. Maximum Conversion Rate--The clock rate at which parametric testing is performed. Output Propagation Delay (tPD)--The delay between the clock rising edge and the time when all bits are within valid logic levels. Out-of-Range Recovery Time--The time it takes for the ADC to reacquire the analog input after a transition from 10% above positive full scale to 10% above negative full scale, or from 10% below negative full scale to 10% below positive full scale
1
AC specifications may be reported in dBc (degrades as signal levels are lowered) or in dBFS (always related back to converter full scale).
Rev. A | Page 8 of 36
AD9236 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
31 AGND 28 AGND 32 AVDD 27 AVDD 25 REFB 26 REFT
OTR MODE SENSE VREF REFB REFT AVDD AGND VIN+
1 2 3 4 5 6 7 8 9
28 D11 (MSB) 27 D10 26 D9 25 D8 24 DRVDD
DNC 1 CLK 2 DNC 3 PDWN 4 DNC 5 DNC 6 (LSB) D0 7 D1 8
29 VIN+
30 VIN-
24 VREF 23 SENSE 22 MODE 21 OTR 20 D11 (MSB) 19 D10 18 D9 17 D8
DGND 15 DRVDD 16 D2 9 D3 10 D4 11 D5 12 D6 13 D7 14
AD9236
TOP VIEW (Not to Scale)
23 DGND 22 D7 21 D6 20 D5 19 D4 18 D3 17 D2 16 D1 15 D0 (LSB)
AD9236
CSP
TOP VIEW (Not to Scale)
VIN- 10 AGND 11 AVDD 12 CLK 13 PDWN 14
03066-0-021
03066-0-022
Figure 4. 32-Lead LFCSP Figure 3. 28-Lead TSSOP
Table 7. Pin Function Descriptions-- 28-Lead TSSOP (RU Package)
Pin No. 1 2 3 4 5 6 7, 12 8, 11 9 10 13 14 15-22, 25-28 23 24 Mnemonic OTR MODE SENSE VREF REFB REFT AVDD AGND VIN+ VIN- CLK PDWN D0 (LSB) to D11 (MSB) DGND DRVDD Description Out-of-Range Indicator Data Format Select and DCS Mode Selection Reference Mode Selection Voltage Reference Input/Output Differential Reference (-) Differential Reference (+) Analog Power Supply Analog Ground Analog Input Pin (+) Analog Input Pin (-) Clock Input Pin Power-Down Function Select Data Output Bits Digital Output Ground Digital Output Driver Supply
Table 8. Pin Function Descriptions-- 32-Lead LFCSP (CP Package)
Pin No. 1, 3, 5, 6 2 4 7-14, 17-20 15 16 21 22 23 24 25 26 27, 32 28, 31 29 30 Mnemonic DNC CLK PDWN D0 (LSB) to D11 (MSB) DGND DRVDD OTR MODE SENSE VREF REFB REFT AVDD AGND VIN+ VIN- Description Do Not Connect Clock Input Pin Power-Down Function Select Data Output Bits Digital Output Ground Digital Output Driver Supply Out-of-Range Indicator Data Format Select and DCS Mode Selection Reference Mode Selection Voltage Reference Input/Output Differential Reference (-) Differential Reference (+) Analog Power Supply Analog Ground Analog Input Pin (+) Analog Input Pin (-)
Rev. A | Page 9 of 36
AD9236 EQUIVALENT CIRCUITS
AVDD
DRVDD
VIN+, VIN-
D11-D0, OTR
03600-0-003
03600-0-005
Figure 5. Equivalent Analog Input Circuit
Figure 7. Equivalent Digital Output Circuit
AVDD
AVDD
MODE 20k
CLK, PDWN
03600-0-004
03600-0-006
Figure 6. Equivalent MODE Input Circuit
Figure 8. Equivalent Digital Input Circuit
Rev. A | Page 10 of 36
AD9236 TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.0 V, DRVDD = 2.5 V, Sample Rate = 80 MSPS, DCS Disabled, TA = 25C, 2 V p-p Differential Input, AIN = -0.5 dBFS, VREF = 1.0 V External, unless otherwise noted
0 -10 -20 -30 AIN = -0.5dBFS SNR = 71.0dBc ENOB = 11.5 BITS SFDR = 93.6dBc 100 SFDR (dBFS) 90
SNR/SFDR (dBc AND dBFS)
SFDR (dBc) 80 SFDR = 90dB REFERENCE LINE 70 SNR (dBFS) 60 SNR (dBc) 50
AMPLITUDE (dBFS)
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40
40 -30
-25
-20
-15
-10
-5
0
03066-0-048
FREQUENCY (MHz)
03066-0-031
INPUT AMPLITUDE (dBFS)
Figure 9. Single Tone 8K FFT @ 2.5 MHz
0 -10 -20 -30
Figure 12. Single Tone SNR/SFDR vs. Input Amplitude (AIN) @ 2.5 MHz
100 SFDR (dBFS) 90
AIN = -0.5dBFS SNR = 70.6dBc ENOB = 11.4 BITS SFDR = 87.8dBc
SNR/SFDR (dBc AND dBFS)
SFDR (dBc) 80 SFDR = 90dB REFERENCE LINE 70 SNR (dBFS) 60 SNR (dBc)
AMPLITUDE (dBFS)
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40
50
40 -30
-25
-20
-15
-10
-5
0
03066-0-049
FREQUENCY (MHz)
03066-0-032
INPUT AMPLITUDE (dBFS)
Figure 10. Single Tone 8K FFT @ 39 MHz
0 -10 -20 -30
Figure 13. Single Tone SNR/SFDR vs. Input Amplitude (AIN) @ 39 MHz
100 SFDR (DIFF) 90 SFDR (SE) 80 SNR (DIFF)
AIN = -0.5dBFS SNR = 70.1dBc ENOB = 11.3 BITS SFDR = 81.9dBc
AMPLITUDE (dBFS)
-50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40
SNR/SFDR (dBc)
-40
70 SNR (SE) 60
50
0
20
40
60
80
100
03066-0-042
FREQUENCY (MHz)
03066-0-033
SAMPLE RATE (MSPS)
Figure 11. Single Tone 8K FFT @ 70 MHz
Figure 14. SNR/SFDR vs. Sample Rate @ 10 MHz
Rev. A | Page 11 of 36
AD9236
0 -10 -20 -30 AIN = -6.5dBFS SNR = 71.3dBFS SFDR = 92.5dBc
SNR/SFDR (dBc AND dBFS) 100 SFDR (dBFS)
90 SFDR (dBc) 80
AMPLITUDE (dBFS)
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40
70 SNR (dBFS) 60 SFDR = 90dB REFERENCE LINE SNR (dBc)
50
40 -30
-27
-24
-21
-18
-15
-12
-9
-6
FREQUENCY (MHz)
INPUT AMPLITUDE (dBFS)
03066-0-036
03066-0-039
Figure 15. Two-Tone 8K FFT @ 30 MHz and 31 MHz
0 -10 -20 -30 AIN = -6.5dBFS SNR = 71.0dBFS SFDR = 79.3dBc
Figure 18. Two-Tone SNR/SFDR vs. Input Amplitude @ 30 MHz and 31 MHz
100 SFDR (dBFS) SFDR (dBc) 80
90
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40
SNR/SFDR (dBc AND dBFS)
AMPLITUDE (dBFS)
70 SNR (dBFS) 60 SFDR = 90dB REFERENCE LINE 50 SNR(dBc)
40 -30
-27
-24
-21
-18
-15
-12
-9
-6
FREQUENCY (MHz)
03066-0-037
INPUT AMPLITUDE (dBFS)
03066-0-040
Figure 16. Two-Tone 8K FFT @ 69 MHz and 70 MHz
1.0 0.8 0.6 0.4
Figure 19. Two-Tone SNR/SFDR vs. Input Amplitude @ 69 MHz and 70 MHz
1.0 0.8 0.6 0.4
0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 2048 CODE 3072 4096
03066-0-038
DNL (LSB)
INL (LSB)
0.2
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 2048 CODE 3072 4096
03066-0-041
Figure 17. Typical INL
Figure 20. Typical DNL
Rev. A | Page 12 of 36
AD9236
72.0 71.5 71.0 70.5 100
95 -40C 90 +25C -40C
70.0 69.5 69.0 68.5 68.0 +85C
SFDR (dBc)
+85C
SNR (dBc)
85
+25C
80
75
0
25
50
75
100
125
03066-0-045
70
0
25
50
75
100
125
03066-0-047
INPUT FREQUENCY (MHz)
INPUT FREQUENCY (MHz)
Figure 21. SNR vs. Input Frequency
95 SFDR (DCS ON) 90 85
0 -10 -20
Figure 24. SFDR vs. Input Frequency
SFDR (DCS OFF)
-30
80 75 70 65 SNR (DCS ON) 60 55 30 SNR (DCS OFF)
AMPLITUDE (dBFS)
55 60 65 70
SNR/SFDR (dBc)
-40 -50 -60 -70 -80 -90 -100 -110
35
40
45
50
-120
0
7.68
15.36 FREQUENCY (MHz)
23.04
30.72
03066-0-061
DUTY CYCLE (%)
03066-0-046
Figure 22. SNR/SFDR vs. Clock Duty Cycle
0 -10 -20 -30
Figure 25. 32K FFT WCDMA Carrier @ FIN =76.8 MHz: Sample Rate = 61.44 MSPS
AMPLITUDE (dBFS)
-40 -50 -60 -70 -80 -90 -100 -110 -120 0 7.68 15.36 FREQUENCY (MHz) 23.04 30.72
03066-0-060
Figure 23.32K FFT CDMA-2000 Carrier @ FIN = 46.08 MHz: Sample Rate = 61.44 MSPS
Rev. A | Page 13 of 36
AD9236 THEORY OF OPERATION
The AD9236 architecture consists of a front-end sample-andhold amplifier (SHA) followed by a pipelined switched capacitor ADC. The pipelined ADC is divided into three sections, consisting of a 4-bit first stage followed by eight 1.5-bit stages and a final 3-bit flash. Each stage provides sufficient overlap to correct for flash errors in the preceding stages. The quantized outputs from each stage are combined into a final 12-bit result in the digital correction logic. The pipelined architecture permits the first stage to operate on a new input sample, while the remaining stages operate on preceding samples. Sampling occurs on the rising edge of the clock. Each stage of the pipeline, excluding the last, consists of a low resolution flash ADC connected to a switched capacitor DAC and interstage residue amplifier (MDAC). The residue amplifier magnifies the difference between the reconstructed DAC output and the flash input for the next stage in the pipeline. One bit of redundancy is used in each stage to facilitate digital correction of flash errors. The last stage simply consists of a flash ADC. The input stage contains a differential SHA that can be ac- or dc-coupled in differential or single-ended modes. The outputstaging block aligns the data, carries out the error correction, and passes the data to the output buffers. The output buffers are powered from a separate supply, allowing adjustment of the output voltage swing. During power-down, the output buffers go into a high impedance state. Referring to Figure 27, the clock signal alternately switches the SHA between sample mode and hold mode. When the SHA is switched into sample mode, the signal source must be capable of charging the sample capacitors and settling within one-half of a clock cycle. A small resistor in series with each input can help reduce the peak transient current required from the output stage of the driving source. Also, a small shunt capacitor can be placed across the inputs to provide dynamic charging currents. This passive network creates a low-pass filter at the ADC's input; therefore, the precise values are dependant upon the application. In IF undersampling applications, any shunt capacitors should be reduced or removed. In combination with the driving source impedance, they would limit the input bandwidth.
H
T VIN+ CPAR
5pF
T
T 5pF VIN- CPAR T
H
03066-0-012
ANALOG INPUT AND REFERENCE OVERVIEW
The analog input to the AD9236 is a differential switched capacitor SHA that has been designed for optimum performance while processing a differential input signal. The SHA input can support a wide common-mode range (VCM) and maintain excellent performance, as shown in Figure 26. An input common-mode voltage of midsupply minimizes signal-dependant errors and provides optimum performance.
100 95 90 85 SNR/SFDR (dBc) 80 75 70 65 60 55 50 0.5 1.0 1.5 2.0 2.5 3.0
03066-0-016
Figure 27. Switched-Capacitor SHA Input
For best dynamic performance, the source impedances driving VIN+ and VIN- should be matched such that common-mode settling errors are symmetrical. These errors are reduced by the common-mode rejection of the ADC. An internal differential reference buffer creates positive and negative reference voltages, REFT and REFB, that define the span of the ADC core. The output common mode of the reference buffer is set to midsupply, and the REFT and REFB voltages and span are defined as follows:
1 REFT = ( AVDD + VREF ) 2 1 REFB = ( AVDD - VREF ) 2 Span = 2 x (REFT - REFB ) = 2 x VREF
SFDR (2.5MHz)
SFDR (39MHz)
SNR (2.5MHz) SNR (39MHz)
It can be seen from the equations above that the REFT and REFB voltages are symmetrical about the midsupply voltage and, by definition, the input span is twice the value of the VREF voltage.
COMMON-MODE LEVEL (V)
Figure 26. SNR, SFDR vs. Common-Mode Level
The internal voltage reference can be pin strapped to fixed values of 0.5 V or 1.0 V, or adjusted within the same range as discussed in the Internal Reference Connection section. Maximum SNR performance is achieved with the AD9236 set to the largest
Rev. A | Page 14 of 36
AD9236
input span of 2 V p-p. The relative SNR degradation is 3 dB when changing from 2 V p-p mode to 1 V p-p mode. The SHA may be driven from a source that keeps the signal peaks within the allowable range for the selected reference voltage. The minimum and maximum common-mode input levels are defined as
VCM MIN = VCM MAX = VREF 2 2
2V p-p 49.9 33 10pF 33 AVDD VIN+
AD9236
VIN- AGND
1k 0.1F 1k
03600-0-014
( AVDD + VREF )
Figure 29. Differential Transformer-Coupled Configuration
The minimum common-mode input level allows the AD9236 to accommodate ground referenced inputs. Although optimum performance is achieved with a differential input, a single-ended source may be applied to VIN+ or VIN-. In this configuration, one input accepts the signal, while the opposite input should be set to midscale by connecting it to an appropriate reference. For example, a 2 V p-p signal may be applied to VIN+ while a 1 V reference is applied to VIN-. The AD9236 then accepts an input signal varying between 2 V and 0 V. In the single-ended configuration, distortion performance may degrade significantly as compared to the differential case. However, the effect is less noticeable at lower input frequencies.
The signal characteristics must be considered when selecting a transformer. Most RF transformers saturate at frequencies below a few MHz, and excessive signal power can also cause core saturation, which leads to distortion.
Single-Ended Input Configuration
A single-ended input may provide adequate performance in cost-sensitive applications. In this configuration, there is a degradation in SFDR and distortion performance due to the large input common-mode swing (see Figure 14). However, if the source impedances on each input are matched, there should be little effect on SNR performance. Figure 30 details a typical single-ended input configuration.
Differential Input Configurations
As previously detailed, optimum performance is achieved while driving the AD9236 in a differential input configuration. For baseband applications, the AD8138 differential driver provides excellent performance and a flexible interface to the ADC. The output common-mode voltage of the AD8138 is easily set to AVDD/2, and the driver can be configured in a Sallen Key filter topology to provide band limiting of the input signal.
2V p-p 49.9
1k 0.33F 1k 1k 0.1F 1k
33 20pF 33
AVDD VIN+
AD9236
VIN- AGND
+ 10F
03600-A-015
Figure 30. Single-Ended Input Configuration
CLOCK INPUT CONSIDERATIONS
1V p-p 49.9 499 1k 523 0.1F 1k 499 499 33 AVDD VIN+
AD8138
20pF 33
AD9236
VIN- AGND
03066-0-013
Figure 28. Differential Input Configuration Using the AD8138
At input frequencies in the second Nyquist zone and above, the performance of most amplifiers is not adequate to achieve the true performance of the AD9236. This is especially true in IF undersampling applications where frequencies in the 70 MHz to 100 MHz range are being sampled. For these applications, differential transformer coupling is the recommended input configuration. The value of the shunt capacitor is dependent on the input frequency and source impedance and should be reduced or removed. An example is shown in Figure 29.
Typical high speed ADCs use both clock edges to generate a variety of internal timing signals, and as a result may be sensitive to clock duty cycle. Commonly a 5% tolerance is required on the clock duty cycle to maintain dynamic performance characteristics. The AD9236 contains a clock duty cycle stabilizer (DCS) that retimes the nonsampling edge, providing an internal clock signal with a nominal 50% duty cycle. This allows a wide range of clock input duty cycles without affecting the performance of the AD9236. As shown in Figure 22, noise and distortion performance is nearly flat for a 30% to 70% duty cycle with the DCS on. The duty cycle stabilizer uses a delay-locked loop (DLL) to create the nonsampling edge. As a result, any changes to the sampling frequency require approximately 100 clock cycles to allow the DLL to acquire and lock to the new rate.
Rev. A | Page 15 of 36
AD9236
JITTER CONSIDERATIONS
High speed, high resolution ADCs are sensitive to the quality of the clock input. The degradation in SNR at a given input frequency (fINPUT) due only to aperture jitter (tJ) can be calculated with the following equation:
425 ANALOG CURRENT 400 100 375 80 60 40 325 20 DIGITAL CURRENT 300 10 20 30 40 50 60 70 80 90 0 100 140 120
SNR = 20 log 2 f INPUT x t J
[
]
TOTAL POWER
350
In the equation, the rms aperture jitter represents the root-mean square of all jitter sources, which include the clock input, analog input signal, and ADC aperture jitter specification. IF undersampling applications are particularly sensitive to jitter (see Figure 31). The clock input should be treated as an analog signal in cases where aperture jitter may affect the dynamic range of the AD9236. Power supplies for clock drivers should be separated from the ADC output driver supplies to avoid modulating the clock signal with digital noise. Low jitter, crystal controlled oscillators make the best clock sources. If the clock is generated from another type of source (by gating, dividing, or other methods), it should be retimed by the original clock at the last step.
75 70 65
SAMPLE RATE (MSPS)
03066-0-044
Figure 32. Power and Current vs. Sample Rate @ 2.5 MHz
Reducing the capacitive load presented to the output drivers can minimize digital power consumption. The data in Figure 32 was taken with the same operating conditions as the Typical Performance Characteristics, and with a 5 pF load on each output driver. By asserting the PDWN pin high, the AD9236 is placed in standby mode. In this state, the ADC typically dissipates 1 mW if the CLK and analog inputs are static. During standby, the output drivers are placed in a high impedance state. Reasserting the PDWN pin low returns the AD9236 to its normal operational mode. Low power dissipation in standby mode is achieved by shutting down the reference, reference buffer, and biasing networks. The decoupling capacitors on REFT and REFB are discharged when entering standby mode and then must be recharged when returning to normal operation. As a result, the wake-up time is related to the time spent in standby mode, and shorter standby cycles result in proportionally shorter wake-up times. With the recommended 0.1 F and 10 F decoupling capacitors on REFT and REFB, it takes approximately 1 second to fully discharge the reference buffer decoupling capacitors and 7 ms to restore full operation.
0.2ps MEASURED SNR 0.5ps 1.0ps 1.5ps 2.0ps 2.5ps 3.0ps
SNR (dBc)
60 55 50 45 40
1
10
100
1000
03066-0-043
INPUT FREQUENCY (MHz)
Figure 31. SNR vs. Input Frequency and Jitter
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 32, the power dissipated by the AD9236 is proportional to its sample rate. The digital power dissipation is determined primarily by the strength of the digital drivers and the load on each output bit. The maximum DRVDD current (IDRVDD) can be calculated as
I DRVDD = VDRVDD x C LOAD x f CLK x N
DIGITAL OUTPUTS
The AD9236 output drivers can be configured to interface with 2.5 V or 3.3 V logic families by matching DRVDD to the digital supply of the interfaced logic. The output drivers are sized to provide sufficient output current to drive a wide variety of logic families. However, large drive currents tend to cause current glitches on the supplies that may affect converter performance. Applications requiring the ADC to drive large capacitive loads or large fanouts may require external buffers or latches. As detailed in Table 10, the data format can be selected for either offset binary or twos complement.
where N is the number of output bits, 12 in the case of the AD9236. This maximum current occurs when every output bit switches on every clock cycle, i.e., a full-scale square wave at the Nyquist frequency, fCLK/2. In practice, the DRVDD current will be established by the average number of output bits switching, which will be determined by the sample rate and the characteristics of the analog input signal.
Rev. A | Page 16 of 36
CURRENT (mA)
POWER (mW)
AD9236
TIMING
The AD9236 provides latched data outputs with a pipeline delay of seven clock cycles. Data outputs are available one propagation delay (tPD) after the rising edge of the clock signal. Refer to Figure 2 for a detailed timing diagram. The length of the output data lines and the loads placed on them should be minimized to reduce transients within the AD9236. These transients can degrade the converter's dynamic performance. The lowest typical conversion rate of the AD9236 is 1 MSPS. At clock rates below 1 MSPS, dynamic performance may degrade. In all reference configurations, REFT and REFB drive the A/D conversion core and establish its input span. The input range of the ADC always equals twice the voltage at the reference pin for either an internal or an external reference.
VIN+ VIN- REFT ADC CORE 0.1F 0.1F REFB VREF 10F + 0.1F SELECT LOGIC SENSE 0.5V 0.1F +
10F
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the AD9236. The input range can be adjusted by varying the reference voltage applied to the AD9236 using either the internal reference or an externally applied reference voltage. The input span of the ADC tracks reference voltage changes linearly. The various reference modes are summarized in Table 9 and described in the following sections. If the ADC is being driven differentially through a transformer, the reference voltage can be used to bias the center tap (common-mode voltage).
AD9236
03066-A-017
Figure 33. Internal Reference Configuration
INTERNAL REFERENCE CONNECTION
A comparator within the AD9236 detects the potential at the SENSE pin and configures the reference into four possible states, which are summarized in Table 9. If SENSE is grounded, the reference amplifier switch is connected to the internal resistor divider (see Figure 33), setting VREF to 1 V. Connecting the SENSE pin to VREF switches the reference amplifier output to the SENSE pin, completing the loop and providing a 0.5 V reference output. If a resistor divider is connected as shown in Figure 35, the switch is again set to the SENSE pin. This puts the reference amplifier in a noninverting mode with the VREF output defined as follows: R2 VREF = 0.5 x 1 + R1
If the internal reference of the AD9236 is used to drive multiple converters to improve gain matching, the loading of the reference by the other converters must be considered. Figure 34 depicts how the internal reference voltage is affected by loading.
0.05
0
-0.05
ERROR (%)
0.5V ERROR (%)
-0.10 1.0V ERROR (%) -0.15
-0.20
-0.25
0
0.5
1.0
1.5 LOAD (mA)
2.0
2.5
3.0
03066-0-019
Figure 34. VREF Accuracy vs. Load
Table 9. Reference Configuration Summary
Selected Mode External Reference Internal Fixed Reference Programmable Reference
Internal Fixed Reference
SENSE Voltage AVDD VREF 0.2 V to VREF
AGND to 0.2 V
Internal Switch Position N/A SENSE SENSE
Internal Divider
Resulting VREF (V) N/A 0.5
R2 (See Figure 35) 0 .5 x 1 + R1
Resulting Differential Span (V p-p) 2 x External Reference 1.0 2 x VREF
2.0
1.0
Rev. A | Page 17 of 36
AD9236
OPERATIONAL MODE SELECTION
VIN+ VIN- REFT ADC CORE 0.1F 0.1F REFB VREF + 10F 0.1F R2 SENSE SELECT LOGIC 0.1F +
10F
As discussed earlier, the AD9236 can output data in either offset binary or twos complement format. There is also a provision for enabling or disabling the clock duty cycle stabilizer (DCS). The MODE pin is a multilevel input that controls the data format and DCS state. The input threshold values and corresponding mode selections are outlined in Table 10.
Table 10. Mode Selection
MODE Voltage AVDD 2/3 AVDD 1/3 AVDD AGND (Default) Data Format Twos Complement Twos Complement Offset Binary Offset Binary Duty Cycle Stabilizer Disabled Enabled Enabled Disabled
R1
0.5V
AD9236
03066-0-018
Figure 35. Programmable Reference Configuration
EVALUATION BOARD
The AD9236 evaluation board provides all of the support circuitry required to operate the ADC in its various modes and configurations. Complete schematics and layout plots follow and demonstrate the proper routing and grounding techniques that should be applied at the system level. It is critical that signal sources with very low phase noise (< 1 ps rms jitter) be used to realize the ultimate performance of the converter. Proper filtering of the input signal, to remove harmonics and lower the integrated noise at the input, is also necessary to achieve the specified noise performance.
EXTERNAL REFERENCE OPERATION
The use of an external reference may be necessary to enhance the gain accuracy of the ADC or to improve thermal drift characteristics. When multiple ADCs track one another, a single reference (internal or external) may be necessary to reduce gain matching errors to an acceptable level. Figure 36 shows the typical drift characteristics of the internal reference in both 1.0 V and 0.5 V modes. When the SENSE pin is tied to AVDD, the internal reference is disabled, allowing the use of an external reference. An internal reference buffer loads the external reference with an equivalent 7 k load. The internal buffer still generates the positive and negative full-scale references, REFT and REFB, for the ADC core. The input span is always twice the value of the reference voltage; therefore, the external reference must be limited to a maximum of 1.0 V.
1.0 0.9 0.8 0.7
VREF ERROR (%)
TSSOP Evaluation Board
Figure 37 shows the typical bench setup used to evaluate the ac performance of the AD9236. The AD9236 can be driven singleended or differentially through an AD8138 driver or a transformer. Separate power pins are provided to isolate the DUT from the support circuitry. Each input configuration can be selected by proper connection of various jumpers (refer to the schematics). The AUXCLK input should be selected in applications requiring the lowest jitter and SNR performance (i.e., IF undersampling characterization). It allows the user to apply a clock input signal that is 4x the target sample rate of the AD9236. A low jitter, differential divide-by-4 counter, the MC100LVEL33D, provides a 1x clock output that is subsequently returned back to the CLK input via JP9. For example, a 260 MHz signal (sinusoid) will be divided down to a 65 MHz signal for clocking the ADC. Note that R1 must be removed with the AUXCLK interface. Lower jitter is often achieved with this interface since many RF signal generators display improved phase noise at higher output frequencies and the slew rate of the sinusoidal output signal is 4x that of a 1x signal of equal amplitude.
0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80
VREF = 0.5V VREF = 1.0V
TEMPERATURE (C)
03066-0-011
Figure 36. Typical VREF Drift
Rev. A | Page 18 of 36
AD9236
LFCSP Evaluation Board
The typical bench setup used to evaluate the ac performance of the AD9236 is similar to the TSSOP evaluation board connections (refer to the schematics for connection details). The AD9236 can be driven single-ended or differentially through a transformer. Separate power pins are provided to isolate the DUT from the support circuitry. Each input configuration can be selected by proper connection of various jumpers (refer to the schematics).
3V - + -
An alternative differential analog input path using an AD8351 op amp is included in the layout but is not populated in production. Designers interested in evaluating the op amp with the ADC should remove C15, R12, and R3 and populate the op amp circuit. The passive network between the AD8351 outputs and the AD9236 allows the user to optimize the frequency response of the op amp for their application.
3V + -
3V + -
3V +
REFIN
HP8644, 2V p-p SIGNAL SYNTHESIZER
BAND-PASS FILTER
AVDD GND DUT GND DUT S4 AVDD DRVDD XFMR INPUT AD9236 S1 CLOCK EVALUATION BOARD
DVDD DATA CAPTURE AND PROCESSING
J1
10MHz HP8644, 2V p-p REFOUT CLOCK SYNTHESIZER
CLOCK DIVIDER
03066-0-024
Figure 37. TSSOP Evaluation Board Connections
Rev. A | Page 19 of 36
AD9236
D0O D8O D9O D10O D11O 1 RP6 22 8 2 RP6 22 7 WHT TP5 JP23 JP22 DUTAVDD OTR R3 10k JP25 JP24 C22 10F 10V 0.001F C39 C36 0.1F DUTAVDD C57 0.1F 3 RP6 22 6 OTRO TP2 RED JP12 4 RP6 22 5 4 RP5 22 5 D11 3 RP5 22 6 D10 2 RP5 22 7 D9 D8
1 RP3 22 8
D0
22 1 RP5 8
D1O
2 RP3 22 7
D2O
3 RP3 22 6
D1
D3O
4 RP3 22 5
D2
D3
D4O
1 RP4 22 8
D4
D5O
2 RP4 22 7
D5
D6O
3 RP4 22 6
D6
D7O
4 RP4 22 5
D7
DUTAVDDIN
TB1
2
FBEAD 21
L1
C58 22F C59 0.1F F 0.1F C35 WHT TP17 R4 10k C21 10F 10V
25V
AGND TP1 RED AVDD JP13 AVDD 5k R27 TP3 RED JP11 DUTDRVDD JP6 JP1 JP2 C53 0.1F 1k R42 DUTAVDD C23 10F 10V C41 0.001F C38 0.1F 1k R17 JP7 C32 0.1F 1k R20 C33 0.1F SHEET 3 C50 0.1F AVDD C52 0.1F
TB1
3
AD9236
AVDDIN
TB1
1
FBEAD 2
L2 1
Figure 38. TSSOP Evaluation Board Schematic, DUT
C34 0.1F 10V 10F C20 VIN+ VIN- L3 1 L4 TP4 RED DVDD TP9 TP10 TP15 TP16 BLK BLK BLK BLK TP11 TP12 TP13 TP14 BLK BLK BLK BLK C14 0.1F
Rev. A | Page 20 of 36
C47 22F
25V
DRVDDIN
TB1
5
FBEAD 2
C48 22F
AVDD OTR 71 D11 AGND 28 8 SENSE D10 3 27 VREF D9 4 26 PDWN D8 14 25 REFB D7 22 5 REFT D6 6 21 MODE U1 D5 2 20 VIN+ D4 19 9 VIN- D3 10 18 AGND D2 17 11 AVDD D1 16 12 DGND D0 15 23 DRVDD CLK 24 13
OTRO D0O D1O D2O D3O D4O D5O D6O D7O D8O D9O D10O D11O DUTCLK WHT TP6 DUTDRVDD C1 10F 10V
25V
AGND
TB1
4
DVDDIN
TB1
6
FBEAD 21
C37 0.1F
C40 0.001F
C6 22F 25V
03066-0-007
R25 10k AVDD T1-1T 6 1 C12 0.1F DVDD
S5
AUXCLK
1
2
1N5712
1N5712
R11 49.9 4 T2 1 19 G1 G2
1 2 3 4 5 6 7 8 1 RP1 RP1 RP1 RP1 RP1 RP2 2 3 4 5 6 7 RP2 RP2 RP2 RP2 RP2 RP2 8 RP2 RP1 RP1 22 22 22 15 14 13 22 12 22 11 22 10 22 22 22 22 9 16 15 14 22 13 22 12 22 11 22 10 22 9
5 3 VCC 20 10 18 17 16
16 RP1 22
2
D2 D1
10V 2
C4 10F 1 2 4 6 8 1 3 5 7 9 11 10 12
AVDD
AVDD AVDD AVDD C28 10F 10V C11 0.1F
MC100LVEL33D 8 VCC NC 7 OUT U3 INA 6 REF INB 5 VEE INCOM 1 2 3 4 D0 D1 D2 D3 D4 D5 D6 D7 15 14 13 12 11 2 A1 3 A2 4 A3 5 A4 6 A5 7 A6 8 A7 9 A8
R26 10k
R12 113 R13 113 U3 DECOUPLING C26 0.1F 1 19 G1 G2 U7 74VHC541 20 VCC GND 10 C5 10F 10V 2 1 C24 0.1F
C27 0.1F
GND U6 74VHC541 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
DD0 DD1 DD2 DD3 DD4 DD5 DD6 DD7 DD8 DD9 DD10 DD11 DOTR DACLK
13 15 17 19 21 23 25 27 29 31 33 35 37 39
14 16 18 20 22 24 26 28 30 32 34 36 38 40 HDR40RAM
R15 90
Figure 39. TSSOP Evaluation Board Schematic, Clock Inputs and Output Buffering
Rev. A | Page 21 of 36
D8 R2 10k R18 500 AVDD U8 6 JP4 U8 4 74VHC04 JP3 OTR DUTCLK R9 22 74VHC04
AVDD;14 AGND;7 CW
JP9
R19 500
J1
03066-0-008
CLOCK S1 TP7 WHT U8 1 2 5 R7 22 74VHC04
D9 D10 D11
C13
A1 A2 A3 A4 A5 A6 A7 A8
Y1 Y2 Y3 Y4 Y5 Y6
1
2
0.1F
2 3 4 5 6 7 8 9
18 17 16 15 14 13 Y7 12 Y8 11
R1 49.9 3 U8 12 74VHC04
13 U8 10 74VHC04
AVDD C3 10F 10V C10 0.1F U8 DECOUPLING
11 U8
9
8 74VHC04
HEADER RIGHT ANGLE MALE NO EJECTORS
R14 90
AD9236
AD9236
AVDD JP5 R23 1k C7 0.1F SINGLE INPUT S3 2 JP42 JP40 C44 DNP C9 0.33F R5 49.9 R41 1k 1
AVDD
AVDD R32 1k
C15 10F 10V 1+ 2
JP45
R21 33 VIN+
C69 0.33F C2
VAL
C44B 20pF JP46 JP41 VAL C42 R22 33 VIN- R33 1k C8 0.1F
R37 499 3 R6 40
Figure 40. TSSOP Evaluation Board Schematic, Analog Inputs
Rev. A | Page 22 of 36
VCC 4 VO+ -IN 2 1 VOC U2 8 +IN VO- AD8138 VEE 5 R10 40 6 VAL R36 499 VAL C17 C45 T1-1T 6 R24 49.9 5 4 T1 1 2 3 XFMR INPUT 1 S4 2
B
R34 523
JP43
C43 DNP
AMP INPUT 1 S2
R35 499
2
R31 49.9
C18 0.1F
AVDD
10V
12
R16 1k
C19 10F
1
A
2
JP8
ALT VEE TP8 RED 3
R8 1k
C25 0.33F
C16 0.1F
03066-A-009
AD9236
DACLK DVDD C30 0.1F C31 0.01F C29 0.1F C46 0.01F TP18 WHT C56 0.01F R29 49.9 C55 22pF R28 49.9 C54 22pF S6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
DD0 DD1 DD2 DD3 DD4 DD5 DD6 DD7 DD8 DD9 DD10 DD11
MSB-DB11 CLOCK DB10 DVDD DB19 DCOM DB8 AD9762 NC3 DB7 AVDD DB6 COMP2 DB5 IOUTA U4 DB4 IOUTB DB3 ACOM DB2 COMP1 DB1 FSADJ DB0 REFIO NC1 REFLO SLEEP NC2
R30 2k C49 0.01F
C51 0.01F
03066-0-010
Figure 41. TSSOP Evaluation Board Schematic, Optional D/A Converter
03066-0-025
Figure 42. TSSOP Evaluation Board Layout, Primary Side
Rev. A | Page 23 of 36
AD9236
03066-0-026
Figure 43. TSSOP Evaluation Board Layout, Secondary Side
03066-0-027
Figure 44. TSSOP Evaluation Board Layout, Ground Plane
Rev. A | Page 24 of 36
AD9236
03066-0-028
Figure 45. TSSOP Evaluation Board Layout, Power Plane
03066-0-029
Figure 46. TSSOP Evaluation Board Layout, Primary Silkscreen
Rev. A | Page 25 of 36
AD9236
03066-0-030
Figure 47. TSSOP Evaluation Board Layout, Secondary Silkscreen
Rev. A | Page 26 of 36
GND
EXTREF 1V MAX E1 AVDD P6 1
H1 MTHOLE6 H2 MTHOLE6
R1 10k
GND GND AVDD
AVDD C13 GND 0.10F P11 P9 P8
1 4 6
P2
C22 10F
R5 1k
2 5 3 2
VDL
H3 MTHOLE6 H4 MTHOLE6
P7 A B GND GND
3.0V 2.5V 5.0V
C D
R9 10k
0.1F C12
P3
3 C8 0.1F 4 GND
R6 1k
C9 0.10F C29 10F 0.1F C11 GND P4
GND
GND
OVERRANGE BIT (MSB) 1 RP2 220 16 2 3 4 5 6 7 8 16 15 14 DRVDD GND 15 14 13 12 11 10 9
GND
C7 0.1F
D10 19 D9 18 D8 17
2.5V DRVDD
p10
R7 1k
VAMP
E
P1
MODE 2 P5
DRX D13X D12X D11X D10X D9X D8X D7X
C6 0.1F AVDD AMPIN R12 XOUT C21 10pF GND AVDD GND GND GND C5 0.1F R2 XX OR L1 FOR FILTER GND C23 10pF R15 33 C18 0.10F
R SINGLE ENDED
R42 0 R36 1k R26 1k AVDD GND VIN+ VIN-
28 AGND 29 VIN+ 30 VIN- 31 AGND 32 AVDD
GND
1 DNC 2 CLK
3 DNC 4 PDWN
GND GND XOUTB R3 0 AMPINB R11 36
5 DNC 6 DNC 7 D0 8 D1
Figure 48. LFCSP Evaluation Board Schematic, Analog Inputs and DUT
25 REFB 26 REFT 27 AVDD
VREF 24 SENSE 23 MODE 22 OTR 21 D11 20
GND
Rev. A | Page 27 of 36
AD9236
U4
DVDD DGND D7 D6
R4 33
13 D5 12 D4 11 D3 10 D2 9 (LSB)
1 2 3 4 5 6 7 8 RP1 220
16 15 14 13 12 11 10 9
D6X D5X D4X D3X D2X D1X D0X
J1
6 2 CT 4
L1 10nH C26 10pF C19 15pF
T1 ADT1-1WT
C15 AMP 0.1F C16 0.1F
XFRIN1 1 5 NC 3 GND
R10 36 E 45
PRI SEC
OPTIONAL XFR T2 FT C1-1-13 5 1 XOUT X FRIN 2 CT 3 4 GND XOUTB
CLK
R8 1k
P14
SENSE PIN SOLDERABLE JUMPER: E TO A: EXTERNAL VOLTAGE DIVIDER E TO B: INTERNAL 1V REFERENCE (DEFAULT) E TO C: EXTERNAL REFERENCE E TO D: INTERNAL 0.5V REFERENCE
PRI SEC
R18 25
AVDD AVDD R13 1k R25 1k GND
P13
GND
MODE PIN SOLDERABLE JUMPER: 5 TO 1: TWOS COMPLEMENT/DCS OFF 5 TO 2: TWOS COMPLEMENT/DCS ON 5 TO 3: OFFSET BINARY/DCS ON 5 TO 4: OFFSET BINARY/DCS OFF
R3, R17, R18 ONLY ONE SHOULD BE ON BOARD AT A TIME
AD9236
GND
03066-A-050
74LVTH162374 U1 25 2DB 2QB DRY GND 2 4 6 8 10 9 11 9 11 7 7 3 5 3 5 1 GND MSB GND 8 10 12 DRVDD DR 4 6 2 1 2CLK 2OE 24 GND HEADER 40
AD9236
CLKAT/DAC
MSB
DRX D13X
GND D12X
D11X
DRVDD
D10X D9X GND
GND D8X
D7X D6X GND
D5X
GND
D4X D3X
CC
23 2Q7 22 GND 21 2Q6 20 2Q5 19 VCC 18 2Q4 17 2Q3 16 GND 15 2Q2 14 2Q1 13 1Q8 12 1Q7 11 GND 10 1Q6 9 1Q5 8 V DRVDD DRY GND 1Q4 7 6
DRVDD D2X D1X
LSB 1 OUT R38 1k R39 1k GND VAMP C24 10F POWER DOWN USE R40 OR R41 GND C44 0.1F VAMP GND VAMP GND
GND D0X
12 14 14 16 16 18 18 20 20 22 22 24 24 26 26 28 28 30 30 32 32 34 34 36 36 38 38 40 40
13 13 15 15 17 17 19 19 21 21 23 23 25 25 27 27 29 29 31 31 33 33 35 35 37 37 39 39 GND GND
CLKLAT/DAC IN
26 2D7 27 GND 28 2D6 29 2D5 30 V 31 CC 2D4 32 2D3 33 GND 34 2D2 35 2D1 36 1D8 37 1D7 38 GND 39 1D6 40 1D5 41 VCC 42 1D4 43 1D3 44 GND 45 1D2 46 1D1 47 1CLK 48 1Q3 5 GND 4 1Q2 3 1Q1 2 1OE 1
Figure 49. LFCSP Evaluation Board Schematic, Digital Path
Rev. A | Page 28 of 36
GND GND C45 0.1F R41 10k R40 10k PWDN 1 RGP1 2 INHI 3 INLO 4 C35 0.10F R35 25 GND
U3 AD8351
10 VOCM 9 VPOS 8 OPHI 7 OPLO 6 COMM R34 1.2k
R14 25 AMPINB R16 0 C27 0.1F
AMP IN
AMP
C28 0.1F
R19 50
R33 RPG2 5 25
GND
GND
R17 0
C17 0.1F
AMPIN
03066-A-051
VDL DRVDD DRVDD VDL C2 22F C49 0.001F C20 10F GND DIGITAL BYPASSING LATCH BYPASSING GND ANALOG BYPASSING C30 0.001F C31 0.1F C34 0.1F C36 0.1F C38 0.001F C1 C39 0.001F 0.1F C47 0.1F C48 0.001F C25 10F C32 0.001F C33 C14 0.1F 0.001F C41 0.1F
AVDD
AVDD
C10 22F
C4 10F
C3 10F
C37 0.1F
C40 0.001F
GND
GND
DUT BYPASSING
VAMP
CLOCK TIMING ADJUSTMENTS
C46 10F GND
FOR A BUFFERED ENCODE USE R28 FOR A DIRECT ENCODE USE R27 R28 0 ENC 74VCX86 ENCX 3 6 7 GND
GND
CLK
ENCX
ENC E50 1 1A 2 1B 4 2A 1Y 2Y 3Y 14
PWR
R27 0 R32 1k
E51
SCHEMATIC SHOWS TWO GATE DELAY SETUP. FOR ONE DELAY, REMOVE R22 AND R37 AND ATTACH Rx (Rx = 0). R23 0
Figure 50. LFCSP Evaluation Board Schematic, Clock Input
2B 3A 3B 4A 4B
4Y U5 R20 1k 8 11 VDL CLKLAT/DAC Rx DNP R37 25
Rev. A | Page 29 of 36
VDL GND VDL E52 E53 5 9 10 12 13 R31 1k GND E31 R21 1k VDL E43 E44 GND E35 VDL R30 1k GND R24 1k VDL GND
DR
R22 0
ENCODE
C43 0.1F
J2
R29 50
GND
GND
03066-A-052
AD9236
AD9236
03066-0-055
03066-0-053
Figure 53. LFCSP Evaluation Board Layout, Ground Plane Figure 51. LFCSP Evaluation Board Layout, Primary Side
03066-0-054
03066-0-056
Figure 52. LFCSP Evaluation Board Layout, Secondary Side
Figure 54. LFCSP Evaluation Board Layout, Power Plane
Rev. A | Page 30 of 36
AD9236
03066-0-057
03066-0-058
Figure 55. LFCSP Evaluation Board Layout, Primary Silkscreen
Figure 56. LFCSP Evaluation Board Layout, Secondary Silkscreen
Rev. A | Page 31 of 36
AD9236
Table 11. LFCSP Evaluation Board Bill of Materials
Item Qty. Omit1 Reference Designator C1, C5, C7, C8, C9, C11, C12, C13, C15, C16, C31, 18 C33, C34, C36, C37, C41, 1 C43, C47 C6, C18, C27, C17, C28, 8 C35, C45, C44 C2, C3, C4, C10, C20, C22, 8 C25, C29 2 2 C46, C24 C14, C30, C32, C38, C39, 3 8 C40, C48, C49 4 3 C19, C21, C23 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Total 82 2 14 2 1 1 2 1 1 1 1 1 1 1 5 3 2 1 1 34 1 1 5 6 1 9 2 2 1 C26 E31, E35, E43, E44, E50, E51, E52, E53 E1, E45 J1, J2 L1 P2 P12 R3, R12, R23, R28, RX R37, R22, R42, R16, R17, R27 R4, R15 R5, R6, R7, R8, R13, R20, R21, R24, R25, R26, R30, R31, R32, R36 R10, R11 R29 R19 RP1, RP2 T1 U1 U4 U5 PCB U3 T2 R9, R1, R2, R38, R39 R18, R14, R35 R40, R41 R34 R33 SMA Connector/50 Inductor Terminal Block Header Dual 20-Pin RT Angle Chip Resistor Chip Resistor Chip Resistor Chip Resistor Chip Resistor Resistor Pack ADT1-1WT AD9236BCP ADC (DUT) 74VCX86M AD92XXBCP/PCB AD8351 Op Amp MACOM Transformer Chip Resistor Chip Resistor Chip Resistor Chip Resistor Chip Resistor SMA 0603 TB6 HEADER40 0603 0603 0603 0603 0603 R_742 AWT1-1T CSP-32 SOIC-14 PCB MSOP-8 ETC1-1-13 1-1 TX 0603 0603 0603 SELECT 25 10 k 1.2 k 100 0 33 1 k 36 50 220 Digi-Key CTS/742C163220JTR Mini-Circuits Analog Devices, Inc. Fairchild Analog Devices, Inc. Analog Devices, Inc. MACOM/ETC1-1-13 X X X 10 nH Coilcraft/0603CS-10NXGBU Wieland/25.602.2653.0, z5-530-0625-0 Digi-Key S2131-20-ND Device Package Value Recommended Vendor/Part Number Supplied by ADI
Chip Capacitor
0603
0.1 F
Tantalum Capacitor Chip Capacitor Chip Capacitor Chip Capacitor Header
TAJD 0603 0603 0603 EHOLE
10 F 0.001 F 10 pF 10 pF Jumper Blocks
74LVTH162374 CMOS Register TSSOP-48
1
These items are included in the PCB design, but are omitted at assembly. Rev. A | Page 32 of 36
AD9236 OUTLINE DIMENSIONS
9.80 9.70 9.60
28
15
4.50 4.40 4.30
1 14
6.40 BSC
PIN 1 0.65 BSC 0.15 0.05 COPLANARITY 0.10 0.30 0.19 1.20 MAX 8 0 0.75 0.60 0.45
SEATING PLANE
0.20 0.09
COMPLIANT TO JEDEC STANDARDS MO-153AE
Figure 57. 28-Lead Thin Shrink Small Outline Package [TSSOP] (RU-28)--Dimensions shown in millimeters
5.00 BSC SQ 0.60 MAX 0.60 MAX
25 24 32 1
PIN 1 INDICATOR
PIN 1 INDICATOR TOP VIEW 4.75 BSC SQ
0.50 BSC
BOTTOM VIEW
3.25 3.10 SQ 2.95
8
0.50 0.40 0.30 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM SEATING PLANE 0.30 0.23 0.18 0.20 REF
17 16
9
0.25 MIN 3.50 REF
12 MAX
1.00 0.85 0.80
COPLANARITY 0.08
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
Figure 58. 32-Lead Frame Chip Scale Package [LFCSP] (CP-32-1)--Dimensions shown in millimeters
ORDERING GUIDE
AD9236 Products AD9236BRU-80 AD9236BRURL7-80 AD9236BRUZ-801 AD9236BRUZRL7-801 AD9236BCP-802 AD9236BCPRL7-802 AD9236BCPZ-801, 2 AD9236BCPZRL7-801, 2 AD9236BRU-80EB AD9236BCP-80EB2 Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C Package Description Thin Shrink Small Outline (TSSOP) Thin Shrink Small Outline (TSSOP) Thin Shrink Small Outline (TSSOP) Thin Shrink Small Outline (TSSOP) Lead Frame Chip Scale (LFCSP) Lead Frame Chip Scale (LFCSP) Lead Frame Chip Scale (LFCSP) Lead Frame Chip Scale (LFCSP) TSSOP Evaluation Board LFCSP Evaluation Board Package Outline RU-28 RU-28 RU-28 RU-28 CP-32-1 CP-32-1 CP-32-1 CP-32-1
1 2
Z = Lead Free. It is recommended that the exposed paddle be soldered to the ground plane for the LFCSP package. There is an increased reliability of the solder joints, and the maximum thermal capability of the package is achieved with the exposed paddle soldered to the customer board. Rev. A | Page 33 of 36
AD9236 NOTES
Rev. A | Page 34 of 36
AD9236 NOTES
Rev. A | Page 35 of 36
AD9236 NOTES
(c) 2003 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. C03066-0-10/03(A)
Rev. A | Page 36 of 36


▲Up To Search▲   

 
Price & Availability of AD9236BCPZRL7-80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X