Part Number Hot Search : 
CPD06 486DX2 74HC22 486DX2 APT20 DTC114Y CZRB5927 HT82M
Product Description
Full Text Search
 

To Download 45L80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2037 11/94
SERIES 45L(R), 150K /L /KS(R)
STANDARD RECOVERY DIODES Stud Version
Features
Alloy diode High current carrying capability High voltage ratings up to 1000V High surge current capabilities Stud cathode and stud anode version
150A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz It
2
45L /150...
150 150 235 3570 3740 64 58 50 to 1000 - 40 to 200
Units
A C A A A KA2s KA2s V C
@ 50Hz @ 60Hz
V RRM range * TJ
case style DO-205AA (DO-8)
* 45L avaialble from 100V to 1000V
www.irf.com
1
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number** Code
5 10 45L(R) * 150K(R) 150L(R) 150KS(R) 20 30 40 60 80 100
VRRM , maximum repetitive peak reverse voltage V
50 100 200 300 400 600 800 1000
VRSM , maximum nonrepetitive peak rev. voltage V
100 200 300 400 500 720 960 1200
IRRM max.
@ TJ = 175C
mA
35 35 35 35 35 35 32 24
* 45L 50V and 300V VRRM classes are not available. **Also available as JEDEC series 1N3288A through 1N3296A (DO-8 case style) and 1N3111 through 1N3092 (DO-30 case style)
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
45L /150...
150 150 235 3570 3740 3000 3140
Units
A C A
Conditions
180 conduction, half sine wave DC @ 142C case temperature t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
I 2t
Maximum I2 t for fusing
64 58 45 41 KA2 s
t = 10ms t = 8.3ms
I 2 t
Maximum I2 t for fusing voltage
640 0.67
KA2 s
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 0.83 1.42 m 0.91 1.33 V (I > x x IF(AV) ),TJ = TJ max. Ipk= 471A, TJ = 25C, t p = 10ms sinusoidal wave (I > x x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
2
www.irf.com
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
Thermal and Mechanical Specifications
Parameter
TJ T
stg
45L /150...
-40 to 200 -40 to 200 0.25 0.10 14.1 (125) 17.0 (150) 12.2 (108) 15.0 (132) 11.3 (100) 14.1 (125) 9.5 (85) 12.5 (110) 100 (3.5) 150K-A 150KS 150L-A/45L B-42
Units
C
Conditions
Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque 45L 150L 150K 150KS Min. Max. Min. Max. Min. Max. Min. Max.
R thJC RthCS T
DC operation K/W Mounting surface, smooth, flat and greased Not lubricated threads Nm (lbf-in) Lubricated threads Not lubricated threads Nm (lbf-in) g (oz) See Outline Table Lubricated threads
wt
Approximate weight Case style
DO205AA (DO-8) DO-205AC (DO-30)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.031 0.038 0.048 0.071 0.120
Rectangular conduction Units
0.023 0.040 0.053 0.075 0.121 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
45
1
L
2
F
3
R
4
100
5
1 2 3 4 5
-
45 47 L
= Standard version = Version with Pinch Bolt (only flat base; available on request) = Essential Part Number
F = Flat Base None = Normal Stud 1/2" - 20UNF -2A R = Stud Reverse Polarity (Anode to Stud) None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table)
NOTE: For longer lead Contact Factory
www.irf.com
3
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
Ordering Information Table
Device Code
15
1
0
2
K
3
R
4
100
5
A
6
M
7
1 2 3
-
Average Forward Current: Code x 10 = I FAV 0 = Standard Case 2 = Stud Topped Case (152K-A only) Case Style K KS = DO205AA (DO-8) = B-42 = DO205AC (DO-30) = Stud Reverse Polarity (Anode to Stud)
4 5 6 7
-
L R
None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) A = Essential Part Number for 150K and 150L (Omitted for 150KS) None = Standard Base M = Metric Base M12 x 1.5
NOTE: For longer lead Contact Factory
All dimensions in millimeters (inches)
27.17 (1.070) 26.22 (1.032) 2.03 (0.080) 1.27 (0.050)
152K-A IR Case Style B-28
6.32 (0.249) MAX. DIA.
150KS Case Style B-42
9.90 (0.390) 8.38 (0.330) 9.52 (0.375) 7.92 (0.312) 4.34 (0.171) 4.09 (0.161) DIA.
1/4"-28UNF-2A 10.04 (0.395) 9.01 (0.35 5)
9.91 (0.390) 9.14 (0.360) ACROSS FLATS 21.47 (0.843) 21.20 (0.835) 7.88 (0.310) 7.36 (0.290) DIA.
4.08 (0.161) 3.84 (0.151) 21.47 (0.843) 21.20 (0.835)
35.89 (1.413)
32.59 (1.283)
45.72 (1.80)
54.61 (2.15)
1 8.80 (0.740) 16.25 (0.640)
18.80 ( 0.740)
16.76 ( 0.660)
DIA.
15 13.48 (0.531) 11.88 (0.468)
7.36 (0.290) 9.52 (0.375) 7.87 (0.310)
15.50 (0.610)
7.88 (0.310)
1 6.76 (0.660)
26.92 (1.06) 26.67 (1.05) ACROSS FLATS 3/8"-24UNF-2A
3/8"-24UNF-2A
26.04 (1.025) MIN. BREAK DIA.
4
www.irf.com
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
Outline Table
15.24 (0.60) 8.30 (0.327) 7.55 (0.297) 12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
137.67 (5.42)
132.58 (5.22)
DIA.
21.47 (0.843) 21.20 (0.835)
39.37 (1.550) MAX.
45L Case Style DO-205AC (DO-30)
18.80 (0.740) 16.25 (0.640)
15.50 (0.610)
16.76 (0.660)
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 26.67 (1.05) 1/2"-20UNF-2A ACROSS FLATS
All dimensions in millimeters (inches)
8.30 (0.327) 7.55 (0.297) 15.24 (0.60) 12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
117 .47 (4.625)
111.13 (4.375)
DIA.
21.47 (0.843) 21.20 (0.835)
39.37 (1.550) MAX.
150K Case Style DO-205AA (DO-8)
18.80 (0.740) 16.25 ( 0.640)
15.50 ( 0.610)
16.76 (0.660)
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 3/8"-24UNF-2A * 26.67 (1.05) ACROSS FLATS
* FOR METRIC DEVICE M12 X 1.5
www.irf.com
5
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
Outline Table
15.24 (0.60) 8.30 (0.327)
150L Case Style DO-205AC (DO-30)
7.55 (0.297)
12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
111.13 ( 4.375)
117.47 ( 4.625)
DIA.
21.47 (0.843) 21.20 (0.835)
18.80 (0.740)
16.76 (0.660)
39.37 (1.550) MAX.
All dimensions in millimeters (inches)
16.25 (0.640)
15.50 (0.610)
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 1/2"-20UNF-2A 26.67 (1.05) ACROSS FLATS
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
200 190 180
Conduction Angle
200 190 180
45L...,150... Series R thJC (DC) = 0.25 K/W
45L..., 150... Series R thJC (DC) = 0.25 K/W
Conduction Period
170 160 30 150 140 0 20 40 60 80 60 90 120 180 100 120 140 160
170 160 30 150 140 0 50 100 60 90 120 180 150 DC 200 250
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
6
www.irf.com
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
Maximum Average Forward Power Loss (W) 180 160 140 120
100 80 60
Conduction Angle
180 120 90 60 30 RMS Limit
R thSA
0 .4
0.3
0. 2
6 0. W K/
K/ W 0. 8
W K/
W K/
K /W
=0 /W .1 K
1K
/W
lta De
1 .5
K/W
R
2K
/W
3 K/ W
40 20 0 0 40 80
45L..., 150... Series TJ = 200C
120
160 25
50
75
100
125
150
175
200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
250 DC 180 120 90 60 30
A R th S
0. 2
0. 3 W K/
4 0.
W K/
200
W K/
0. 6 K/ W
=0 .1 W K/ elt -D
150
0. 8
1K /W
K/ W
a R
100
RMS Limit
Conduction Period
1 .5 K/W 2 K/ W
50
45L..., 150... Series TJ = 200C
3 K /W
0 0 50 100 150 200 250 25 50 75 100 125 150 175 200 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge.
Peak Half Sine Wave Forward Current (A)
3500 3000 2500 2000 1500 1000
4000 3500 3000 2500 2000 1500 1000 500 0.01
Initial TJ = 200C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 200C No Voltage Reapplied Rated VRRM Reapplied
45L..., 150... Series 500 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
45L..., 150... Series 0.1 Pulse Train Duration (s) 1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
7
45L(R), 150K/ L/ KS(R) Series
Bulletin I2037 11/94
10000 Instantaneous Forward Current (A)
1000
100
TJ = 25C TJ = 200C 45L...,150... Series
10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
(K/W) 1 Steady State Value R thJC = 0.25 K7W (DC Operation)
Transient Thermal Impedance Z
thJC
0.1
45L..., 150... Series
0.01 0.001
0.01
0. 1 Square Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristic
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 45L80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X