Part Number Hot Search : 
CD6858 AXUM4 FR152 EM871 2N6377 LL4120 AC104 16211
Product Description
Full Text Search
 

To Download 2SD2494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
DESCRIPTION With TO-3PML package Complement to type 2SB1625 APPLICATIONS Audio, Series regulator General Purpose
PINNING
2SD2494
PIN 1 2 3 Base
DESCRIPTION
Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol
Maximum absolute ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 110 110 5 6 1 60 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=5 A;IB=5m A IC=5 A;IB=5m A VCB=110V IE=0 VEB=5V; IC=0 IC=5A ; VCE=4V IC=0.5A ; VCE=12V IE=0; VCB=10V;f=1MHz 5000 60 55 MIN 110 SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE fT COB
2SD2494
TYP.
MAX
UNIT V
2.5 3.0 100 100 |I |I
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A;RL=6| IB1=-IB2=5mA VCC=30V 0.8 6.2 1.1 |I |I |I s s s
hFE classifications O 5000-12000 P 6500-20000 Y 15000-30000
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2494
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD2494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X