Part Number Hot Search : 
LR1117 EGP30A PCF8598 C4300 SAA7348 M10V8 10003 2SA1933
Product Description
Full Text Search
 

To Download 2SD1633 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1633
DESCRIPTION *With TO-220Fa package *DARLINGTON *High speed switching *Good linearity of hFE APPLICATIONS *Power switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current (DC) Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 100 100 7 5 8 0.5 2 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.2A , IB=0 IC=3A; IB=3mA IC=3A; IB=3mA VCB=100V;IE=0 VCE=100V; IB=0 VEB=7V; IC=0 IC=3A ; VCE=3V 1500 MIN 100
2SD1633
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEO IEBO hFE
TYP.
MAX
UNIT V
1.5 2.0 100 100 5 10000
V V A A mA
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A ;IB1=3mA IB2=-3mA; VCC=50V 3.0 5.0 3.0 s s s
hFE Classifications Q 1500-6000 P 5000-10000
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1633
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1633

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X