Part Number Hot Search : 
LD161 02M5U LN842RPH E105M ST7586S H1100I 038720 S5966
Product Description
Full Text Search
 

To Download 2191QL7-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2191QL Series Non-Relampable LED Solid-State Indicator Lights
DESCRIPTION AND FEATURES
All dimensions in inches.
.380
Solid-state indicator lights complete with built-in current-limiting resistor and rectifier diode. Mounting: O.310 MIN., supplied with push-on speednut SN1287.
.090 .340
Terminals: Quick-connect, tinned brass .187 x .020 Lens: Polycarbonate Anode(+): Marked above terminal
1.310
Bezel: Polished stainless steel. For black finish add "X" after the series letter(s).
O.310 MAX.
Housing: White Nylon
.690
.187 T E R MINALS
Lens C olor R ed G reen Y ellow Internal R es is tor (ohms )
LE D S olid S tate Indicator Model No. Model No. (12V ) (24V ) 2191QL1-12V 2191QL1-24V 2191QL5-12V 2191QL5-24V 2191QL7-12V 2191QL7-24V 390 1000
Lens C olor R ed G reen Y ellow
Incorporates LE D* 4304H1 4304H5 4304H7
* Also incorporates 1N4004 (400 P.I.V.) rectifier diode. To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt. Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V.
V oltage T able Nominal 12V 24V V AC 10 to 20 22 to 32 V DC 6 to 13.5 12 to 24
America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com
Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com
Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product
2191QL Series Non-Relampable


▲Up To Search▲   

 
Price & Availability of 2191QL7-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X