Part Number Hot Search : 
21FQ035 C67078 FJN3302R BAS19 MAX1610 AJW130 E2UMA ADTR2
Product Description
Full Text Search
 

To Download 2191L7-6V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2191L Series Non-Relampable LED Solid-State Indicator Lights
DESCRIPTION AND FEATURES
.380
Solid-state indicator lights complete with built-in current-limiting resistor and rectifier diode. Mounting: O.310 MIN., supplied with push-on speednut SN1287.
.340
.090
Wire Leads: No.22 AWG (105C) 4.40/4.80 long, stripped .430/.570 Lens: Polycarbonate Anode(+): Red lead Bezel: Polished stainless steel. For black finish add "X" after the series letter(s). Housing: White Nylon
O.310 MAX.
1.310
All dimensions in inches.
Lens C olor R ed G reen Y ellow Internal R es is tor (ohms )
Model No. (6V ) 2191L1-6V 2191L5-6V 2191L7-6V 150
LE D S olid S tate Indicator Model No. (12V ) 2191L1-12V 2191L5-12V 2191L7-12V 390
Model No. (24V ) 2191L1-24V 2191L5-24V 2191L7-24V 1000
Lens C olor R ed G reen Y ellow
Incorporates LE D* 4304H1 4304H5 4304H7
* Also incorporates 1N4004 (400 P.I.V.) rectifier diode.
V oltage T able Nominal 6V 12V 24V V AC 5 to 11 10 to 20 22 to 32 V DC 3.5 to 6.5 6 to 13.5 12 to 24
To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt. Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V.
147 Central Avenue Hackensack, NJ 07601 Phone: (201) 489-8989 Fax: (201) 489-6911
18703 Dix Toledo Road Brownstown, MI 48193 E-mail:sales@chml.com * Web Site: www.chml.com
Saret Zone Franca, Edifico B Alajuela Costa Rica
Chicago Miniature Lighting, LLC reserves the right to make specification revisions that enhance the design and/or performance of the product
2191L Series Non-Relampable LED Solid-State Indicator Lights


▲Up To Search▲   

 
Price & Availability of 2191L7-6V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X