Part Number Hot Search : 
KF446S PE9700 00500 CM10EX IC16F N1106 2N2191 7807Z
Product Description
Full Text Search
 

To Download 20ETF02S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2111 rev. C 03/99
QUIETIR Series 20ETF..S
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE VF < 1.2V @ 10A
IFSM = 300A VRRM 200 to 600V
Description/Features
The 20ETF..S soft recovery rectifier QUIETIR series has been optimized for combined short reverse recovery time and low forward voltage drop. The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions. Typical applications are both: output rectification and freewheeling in inverters, choppers and converters and input rectifications where severe restrictions on conducted EMI should be met.
Major Ratings and Characteristics Characteristics
IF(AV) Sinusoidal waveform VRRM range IFSM VF trr TJ @ 10 A, TJ = 25C @ 1A, 100A/s range
Package Outline Units
A V A V ns
20ETF..S
20 200 to 600 300 1.2 60 - 40 to 150
D2 Pak (SMD-220)
C
1
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Voltage Ratings
Part Number VRRM , maximum peak reverse voltage V
20ETF02S 20ETF04S 20ETF06S 200 400 600
VRSM , maximum non repetitive peak reverse voltage V
300 500 700
IRRM 150C mA
5
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM I2t Max. Peak One Cycle Non-Repetitive Surge Current Max. I2t for fusing
20ETF..S
20 250
Units
A A
Conditions
@ TC = 97 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied
300 316 442 A2 s A s
2
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied
I 2t
Max. I t for fusing
2
4420
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop
20ETF..S
1.30 1.67
Units
V V m V mA mA
Conditions
@ 20A, TJ = 25C @ 60A, TJ = 25C TJ = 150C TJ = 25 C TJ = 150 C VR = rated VRRM
rt
Forward slope resistance
12.5 0.9 0.1 5.0
VF(TO) Threshold voltage IRM Max. Reverse Leakage Current
Recovery Characteristics
Parameters
t rr Irr Qrr S Reverse Recovery Time Reverse Recovery Current Reverse Recovery Charge Snap Factor tb/ta
20ETF..S
160 10 1.25 0.6
Units
ns A C typical
Conditions
I F @ 20Apk @ 100A/ s @ 25C
dir dt Ifm trr ta tb Qrr Irm (REC) t
2
www.irf.com
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
20ETF..
- 40 to 150 - 40 to 150 0.9 40 240 2 (0.07) D2Pak
Units
C C C/W C/W C g (oz.)
Conditions
RthJC Max. Thermal Resistance Junction to Case RthJA Max. Thermal Resistance Junction to Ambient (PCB Mount)** Ts wt Soldering Temperature Approximate Weight Case Style
DC operation
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
150 140 130 120 110 100 90 80 70 0 2 4 6 8 10 12 14 16 18 20 22 Average Forward Current (A) 30 60 90 120 180
Conduction Angle
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
20ETF.. Series R thJC (DC) = 0.9 K/W
150 140 130
Conduction Period
20ETF.. Series R (DC) = 0.9 K/W
thJC
120 110 100 90 80 0 5 10 15 20 25 30 Average Forward Current (A) 30 60 90 120 180 DC 35
Fig. 1 - Current Rating Characteristics
Maximum Average Forward Power Loss (W) 180 120 90 60 30 RMS Limit
Fig. 2 - Current Rating Characteristics
Maximum Average Forward Power Loss (W) 45 40 35 30 25 20 RMS Limit 15 10 5 0 0 5 10 15 20 25 30 35 Average Forward Current (A)
Conduction Period
35 30 25 20 15
Conduction Angle
DC 180 120 90 60 30
10 5 0 0 5 10 15 20 25 Average Forward Current (A) 20ETF.. Series T J = 150C
20ETF.. Series T J = 150C
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
www.irf.com
3
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Peak Half Sine Wave Forward Current (A) 300
550 500 450 400 350 300 250 200 150 100 50 0.001 20ETF.. Series 0.01 0.1 1
At Any Rated Load Condition And With Rated V RRM Applied Following Surge.
Peak Half Sine Wave Forward Current (A)
250
Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration.
Initial T J = 150C No Voltage Reapplied Rated V RRMReapplied
200
150
100 20ETF.. Series 50 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
Fig. 5 - Maximum Non-Repetitive Surge Current
1000 Instant aneous Forward Current (A)
Fig. 6 - Maximum Non-Repetitive Surge Current
100
10
TJ = 25C TJ = 150C 20ETF.. Series
1 0 1 2 3 4 5 Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Reverse Recovery Time - Trr (s)
Maximum Reverse Recovery Time - Trr (s) 0.2 20ETF.. Series T J = 25 C 0.15
I FM = 30 A
0.5 20ETF.. Series T J = 150 C 0.4
20 A
0.3
I FM = 30 A 20 A
0.1
10 A 5A
0.2
0.05
0.1
10 A 5A 1A
1A
0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 8 - Recovery Time Characteristics, TJ = 25C
Fig. 9 - Recovery Time Characteristics, TJ = 150C
4
www.irf.com
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Maximum Reverse Recovery Charge - Qrr (C)
Maximum Reverse Recovery Charge - Qrr (C) 4 3.5 3 2.5 2 1.5 1 0.5 0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
5A 1A 10 A
20ETF.. Series T J = 25 C
I FM = 30 A
10 9 8 7 6 5 4 3 2 1 0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
5A 1A 10 A 20 A
20ETF.. Series T J = 150 C
I
FM
= 30 A
20 A
Fig. 10 - Recovery Charge Characteristics, TJ = 25C
Maximum Reverse Recovery Current - Irr (A) 70 60 50 40 30 20 10 0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
1A 10 A
Fig. 11 - Recovery Charge Characteristics, TJ = 150C
Maximum Reverse Recovery Current - Irr (A) 100 20ETF.. Series T J = 150 C 80
I FM = 30 A 20 A
20ETF.. Series T J = 25 C
I FM = 30 A 20 A
60
10 A 5A
5A
40
1A
20
0 0 200 400 600 800 1000 Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 12 - Recovery Current Characteristics, TJ = 25C
(K/W) 10
Fig. 13 - Recovery Current Characteristics, TJ = 150C
thJC
Steady State Value (DC Operation) 1 D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08 Single Pulse 20ETF.. Series 0. 01 0.0001
Transient T hermal Impedance Z
0.1
0.001
0.01 Square Wave Pulse Duration (s)
0.1
1
Fig. 14 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Ordering Information Table
Device Code
20
1 1 2 3 4 5 6 7 -
E
2
T
3
F
4
06
5
S
6
TRL
7
BASE + 2 (K)
Current Rating Circuit Configuration: E = Single Diode T = TO-220AC F = Fast Recovery Voltage code: Code x 100 = VRRM S = D Pak (SMD-220) Version Tape and Reel Option: TRL = Left Reel TRR = Right Orientation Reel
2
1 (A)
3 (A)
02 = 200V 04 = 400V 06 = 600V
-
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF .
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF .
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Dimensions in millimeters and inches
6
www.irf.com
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
Marking Information
EXAMPLE: THIS IS AN 20ETF06S (K)
INTERNATIONAL RECTIFIER LOGO PART NUMBER
20ETF06S
9G3A
ASSEMBLY LOT CODE
9512
DATE CODE (YYWW) YY = YEAR WW = WEEK
(A)
(A)
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) DIA. 1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
TRL
24.30 (0.957) 23.90 (0.941)
10.90 (0.429) 10.70 (0.421)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
Dimensions in millimeters and inches
26.40 (1.039) 24.40 (0.961)
13.50 (0.532) 12.80 (0.504) DIA.
SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR.
360 (14.173) DIA. MAX.
60 (2.362) DIA. MIN.
www.irf.com
7
20ETF..S QUIETIR Series
Bulletin I2111 rev. C 03/99
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 20ETF02S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X