Part Number Hot Search : 
TDA7303 VP210 DFP1612 B82499A TS4972 HT46R RE031 E427406
Product Description
Full Text Search
 

To Download 19U015PA3KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
FEATURES * Low cost * Rugged, isolated stainless steel package * Small size * Reliable semiconductor technology * Calibrated and temperature compensated * Absolute and gage pressures * Vacuum compatible, isolated sensors * 0 psi to 3 psi to, 0 psi to 500 psi TYPICAL APPLICATIONS * Industrial controls * Process control systems * Industrial automation and flow control * Pressure calibrators
19 mm Series
Honeywell's stainless steel 19C, 19U, and 19 Vacuum Gage Series sensors were developed for pressure applications that involve measurement of hostile media in harsh environments compatible with 316 stainless steel. The special Vacuum Gage Series sensors are specifically designed for applications that can be exposed to vacuum. The 19C Series are calibrated and temperature compensated. They are available for use with either a constant voltage or current source. They feature a variety of pressure connections to allow use in a wide range of OEM (Original Equipment Manufacturer) equipment. The 19U Series is uncompensated for applications that use their own specialized circuit designs. The 19C and 19U Series sensors are rugged and reliable transducers for use in a wide variety of pressure sensing applications where corrosive liquids or gases are monitored. 19C, 19U, AND 19 VACUUM GAGE EQUIVALENT CIRCUIT
WARNING
PERSONAL INJURY DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury.
WARNING
MISUSE OF DOCUMENTATION * The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. * Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury.
Sensing and Control
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
PRESSURE SENSOR CHARACTERISTICS - ALL DEVICES
Environmental specifications Compensated temperature range Operating temperature range Storage temperature range Vibration Shock Life Insulation resistance Maximum ratings Voltage version "K" Voltage version "L" 0 C to 82 C [32 F to 180 F] -40 C to 125 C [-40 F to 257 F] -40 C to 125 C [-40 F to 257 F] 10 G at 20 Hz to 2000 Hz 100 G for 11 ms 1 million cycles min. 100 m at 50 Vdc Supply voltage VS = +15 Vdc Supply current IS = +2.0 mA
19 mm Series
PRESSURE RANGE SPECIFICATIONS (19C, 19U)
Catalog Listing 19(C,U) 003P G (1...9) (K/L) 19(C,U) 005P G (1...9) (K/L) 19(C,U) 010P G (1...9) (K/L) 19(C,U) 015P (A,G,V) (1...9) (K/L) 19(C,U) 030P (A,G,V) (1...9) (K/L) 19(C,U) 050P (A,G,V) (1...9) (K/L) 19(C,U) 100P (A,G,V) (1...9) (K/L) 19(C,U) 200P (A,G,V) (1...9) (K/L) 19(C,U) 300P (A,G,V) (1...9) (K/L) 19(C,U) 500P (A,G,V) (1...9) (K/L) Pressure range 0 psig to 3 psig 0 psig to 5 psig 0 psig to 10 psig 0 psi to 15 psi 0 psi to 30 psi 0 psi to 50 psi 0 psi to 100 psi 0 psi to 200 psi 0 psi to 300 psi 0 psi to 500 psi Proof pressure 9 psig 15 psig 30 psig 45 psi 90 psi 150 psi 300 psi 600 psi 900 psi 1200 psi
(7)
Burst pressure 15 psig 25 psig 50 psig 75 psi 150 psi 250 psi 500 psi 1000 psi 1500 psi 2400 psi
(8)
Notes: 7. The maximum pressure that can be applied without changing the transducer's performance or accuracy. 8.The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
19C SERIES PERFORMANCE CHARACTERISTICS
(1)
Characteristic Zero pressure offset (2) Full-scale span (2) Full-scale span (3 psi and 5 psi "K" units only) (3) Pressure non-linearity (3) Pressure hysteresis Repeatability (4) Temp. effect on span (4) Temp. effect on offset (4) Temp. effect on span (0 psi to 3 psi and 0 psi to 5 psi only) (4) Temp. effect on offset (0 psi to 3 psi and 0 psi to 5 psi only) Thermal hysteresis (0 C to 82 C [32 F to 180 F]) (5) Long-term stability of offset and span (6) Response time (9) Common mode voltage (voltage version "K") Input impedance (current version "L") Input impedance (voltage version "K") Output resistance
Minimum -2 98 48 - - - - - - - - - - 0.5 2.0 8.0 3.0
Typical 0 100 50 0.1 0.015 0.010 0.5 0.5 - - 0.1 0.1 0.1 1.3 4.5 25 4.5
Maximum 2 102 52 0.25 0.030 0.030 1.0 1.0 2.0 2.0 0.3 0.3 - 2.0 8.0 50 6.0
Unit mV mV mV %FSS %FSS %FSS %FSS %FSS %FSS %FSS %FSS %FSS ms Vdc k k k
2 Honeywell * Sensing and Control
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
19U SERIES PERFORMANCE CHARACTERISTICS
(1)
19 mm Series
Minimum -7.5 35 20 - - - 2700 - 360 - - - 4.00 4.00 Typical 1.0 40 30 0.1 0.015 0.010 3420 30 720 0.1 0.1 0.1 4.75 4.75 Maximum 7.5 60 40 0.25 0.030 0.030 4500 - 1260 0.3 0.3 - 6.0 6.0
(1)
Characteristic Zero pressure offset (2) Full-scale span (2) Full-scale span (3 psi and 5 psi only) (3) Pressure non-linearity (3) Pressure hysteresis Repeatability (10) Temp. coefficient of resistance (0 C to 82 C [32 F to 180 F]) (10) Temp. coefficient of offset (0 C to 82 C [32 F to 180 F]) (10) Temp. coefficient of span (0 C to 82 C [32 F to 180 F]) Thermal hysteresis (0 C to 82 C [32 F to 180 F]) (5) Long-term stability of offset and span (6) Response time Input resistance Output resistance
Unit mV/V mV/V mV/V %FSS %FSS %FSS ppm/C V/V/C ppm/C %FSS %FSS ms k k
19C VACUUM GAGE COMPENSATED SERIES PERFORMANCE CHARACTERISTICS
Characteristic Zero pressure offset (at 0 psig) (2) Full-scale span (0 psig to positive full-scale) (3) Pressure non-linearity (3) Pressure hysteresis Repeatability (4) Temp. effect on span (4) Temp. effect on offset Thermal hysteresis (0 C to 82 C [32 F to 180 F]) (5) Long-term stability of offset and span (6) Response time (9) Common mode voltage (voltage version "K") Input impedance (current version "L") Input impedance (voltage version "K") Output resistance Minimum -2 98 - - - - - - - - 0.5 1.5 8.0 3.0 Typical 0 100 0.1 0.015 0.010 0.5 0.5 0.1 0.1 0.1 1.3 4.5 25 4.5
Maximum 2 102 0.25 0.030 0.030 1.0 1.0 0.3 0.3 - 2.0 8.0 50 6.0
(1)
Unit mV mV %FSS %FSS %FSS %FSS %FSS %FSS %FSS ms Vdc k k k
19U VACUUM GAGE UNCOMPENSATED SERIES PERFORMANCE CHARACTERISTICS
Characteristic Zero pressure offset (2) Full-scale span (0 psig to positive full-scale) (3) Pressure non-linearity (3) Pressure hysteresis Repeatability (10) Temp. coefficient of resistance (0 C to 82 C [32 F to 180 F]) (10) Temp. coefficient of offset (0 C to 82 C [32 F to 180 F]) (10) Temp. coefficient of span (0 C to 82 C [32 F to 180 F]) Thermal hysteresis (0 C to 82 C [32 F to 180 F]) (5) Long-term stability of offset and span (6) Response time Input resistance Output resistance Minimum -7.5 35 - - - 2700 - 360 - - - 4.00 4.00 Typical 1.0 40 0.1 0.015 0.010 3420 30 720 0.1 0.1 0.1 4.75 4.75
Maximum 7.5 60 0.25 0.030 0.030 4500 - 1260 0.3 0.3 - 6.0 6.0
Unit mV/V mV/V %FSS %FSS %FSS ppm/C V/V/C ppm/C %FSS %FSS ms k k
Honeywell * Sensing and Control
3
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
NOTES
19 mm Series
1. Reference conditions (unless otherwise noted): TA = 25 C [77 F]; 19C Supply VS = 10 Vdc 0.01 Vdc or IS = 1.5 mA 0.0015 mA; 19U Supply VS = 5 Vdc 0.01 Vdc or I = 1.0 mA 0.0015 mA 2. Full-scale span (FSS) is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. FSS is ratiometric to supply voltage. 3. Pressure non-linearity is based on best-fit straight line from zero to the full-scale pressure. Pressure hysteresis is the maximum output difference at any point within the operation pressure range for increasing and decreasing pressure. 4. Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25 C [77 F] reading. 5. Long-term stability over a six-month period. 6. Response time for a 0 psi to FSS pressure step change, 10 % to 90 % rise time. 9. Common mode voltage as measured from output to ground. For higher levels of common mode voltage, contact factory. 10. The error band resulting from a maximum deviation of a transducer's output parameter (offset, span, or resistance) as temperature is varied 25 C [77 F] to any other temperature within the specified range (0 C to 82 C [32 F to 180 F]). This parameter is not 100 % tested and is guaranteed by process design and tested on a sample basis only. Temperature coefficient of span is evaluated using a constant current source.
PHYSICAL DIMENSIONS, for reference only, mm [in] Package 1 (see note): Cell Package
Note: Non-concentricity effects at the diaphragm weld area may cause runout of up to 0.006 in between the upper and lower portions of the sensor body. (It is recommended to use a counter bore to mate with this device to allow for this non-concentricity).
Package 2: Flush Mount Package
4 Honeywell * Sensing and Control
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Package 3: Flush Mount with Flange
19 mm Series
Package 4: Male 1/8-27 NPT
Package 5: Male 1/4-18 NPT
Honeywell * Sensing and Control
5
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Package 6: Male 7/16 UNF
19 mm Series
Package 7: Male 1/4 BSPP
Package 8: Euro Ring (See note)
Note: Non-concentricity effects at the diaphragm weld area may cause runout of up to 0.006 in between the upper and lower portions of the sensor body. (It is recommended to use a counter bore to mate with this device to allow for this nonconcentricity).
6 Honeywell * Sensing and Control
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Package 9: VCR Gland (Female nut)
19 mm Series
ORDERING INFORMATION
Honeywell * Sensing and Control
7
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
WARRANTY/REMEDY Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Contact your local sales office for warranty information. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace without charge those items it finds defective. The foregoing is Buyer's sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use.
19 mm Series
While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. For application assistance, current specifications, or name of the nearest Authorized Distributor, contact a nearby sales office. Or call: 1-800-537-6945 USA/Canada 1-815-235-6847 International FAX 1-815-235-6545 USA INTERNET www.honeywell.com/sensing info.sc@honeywell.com
Sensing and Control www.honeywell.com/sensing Honeywell 11 West Spring Street Freeport, Illinois 61032
008132-1-EN IL50 GLO 1004 Printed in USA Copyright 2004 Honeywell International Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of 19U015PA3KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X