Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download 0263375TX832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL LEAD AND CARTRIDGE FUSES
SUBMINIATURE
PICO(R) II 250 Volt Very Fast-Acting Type Fuse
The PICO(R) II 250 Volt Fuse is a specially designed axial leaded fuse that achieves a 250 volt rating in a small package for both domestic and international applications. ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% 300% Opening Time 4 hours, Minimum 1 second, Maximum 0.1 second, Maximum
(R)
(R)
TIME IN SECONDS
AGENCY APPROVALS: Recognized under the Components Program of Underwriters Laboratories and Certified by CSA. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATING: 50 amperes at 250 VAC. ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 125C. Shock: MIL-STD-202, Method 213, Test Condition I (100 G's peak for 6 milliseconds). Vibration: MIL-STD-202, Method 201 (10-55 Hz); MIL-STD-202, Method 204, Test Condition C (55-2000 Hz at 10 G's Peak). Salt Spray: MIL-STD-202, Method 101, Test Condition B (48 hrs.). Insulation Resistance (After Opening): MIL-STD-202, Method 302, Test Condition A (10,000 ohms minimum at 100 volts). Resistance to Soldering Heat: MIL-STD-202, Method 210, Test Condition C (10 sec at 260C). Thermal Shock: MIL-STD-202, Method 107, Test Condition B (-55C to 125C). Moisture Resistance: MIL-STD-202, Method 106. PHYSICAL SPECIFICATIONS: Materials: Encapsulated, Epoxy-Coated Body; Solder Coated Copper Leads. Soldering Parameters: Wave Solder -- 260C, 10 seconds maximum. Solderability: MIL-STD-202, Method 208. Lead Pull Force: MIL-STD-202, Method 211, Test Condition A (will withstand 7 lb. axial pull test). PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296; T1: 2.062" (52.4mm) taped spacing; 4,000 per reel. PATENTED ORDERING INFORMATION:
Catalog Number 263.062 263.125 263.250 263.375 263.500 263.750 263 001 263 01.5 263 002 263 02.5 263 003 263 03.5 263 004 263 005 Ampere Rating 1/16 1/8 1/4 3/8 1/2 3/4 1 11/2 2 21/2 3 31/2 4 5 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 5.50 1.75 1.2 0.730 0.510 0.300 0.210 0.0560 0.0420 0.0335 0.0280 0.0238 0.0210 0.0180 Nominal Melting I 2t A2 Sec. 0.000192 0.00251 0.0165 0.0444 0.1125 0.0411 0.087 0.398 0.74 1.197 1.77 2.33 3.08 5.55
1.5"
.300" REF.
1.5" .145" DIA. REF.
F L
.025" DIA.
3 1/2 A 250 V
Average Time Current Curves
3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 3 1/2A 4A 5A 1 10 CURRENT IN AMPERES 1/16A 1/8A 1/4A
100
10
1
0.1
0.01
0.001 0.05 0.1
100
44


▲Up To Search▲   

 
Price & Availability of 0263375TX832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X