Part Number Hot Search : 
X25045V 4760A LTC3531 POT100 POT100 EPE6347S C106D SLD10VCA
Product Description
Full Text Search
 

To Download 0263375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Subminiature
RoHS
PICO(R) II 250 Volt Very Fast-Acting Fuse 263 Series
(R)
(R)
The PICO(R) II 250 Volt Fuse is a specially designed axial leaded fuse that achieves a 250 volt rating in a small package. * RoHS Compliant version now available, use ordering suffix `L' (see example on data sheet).
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% 300% Opening Time 4 hours, Minimum 1 second, Maximum 0.1 second, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATING: 50 amperes at 250 VAC. ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 125C. Shock: MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds).
38.1 (1.5") 7.62 (.300") REF. 38.1 (1.5") 3.683 (.145") DIA. REF.
F L
0.64 (.025") DIA.
3 1/2 A 250 V
Vibration: MIL-STD-202, Method 201 (10-55 Hz); MIL-STD-202,
Method 204, Test Condition C (55-2000 Hz at 10 G's Peak).
Salt Spray: MIL-STD-202, Method 101, Test Condition B (48 hrs.). Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A (10,000 ohms minimum at 100 volts).
Resistance to Soldering Heat: MIL-STD-202, Method 210, Test Condition C (10 sec at 260C). Thermal Shock: MIL-STD-202, Method 107, Test Condition B (-55C to 125C). Moisture Resistance: MIL-STD-202, Method 106. PHYSICAL SPECIFICATIONS: Materials: Encapsulated, Epoxy-Coated Body; Solder Coated
Copper Leads. RoHS Compliant Product: Pure Tin coated copper wire leads.
PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296; T1: 2.062" (52.4mm) taped spacing; 3,000 per reel. Options: For RoHS Compliant devices add the letter `L' to end of packaging suffix. Example: 263001. WRT1L (RoHS Compliant 1A, 3,000 per reel).
Average Time Current Curves
3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 3 1/2A 4A 5A 1/16A 1/8A 1/4A
Soldering Parameters:
Wave Solder -- 260C, 10 seconds maximum.
10
Test Condition A (will withstand 7 lb. axial pull test).
TIME IN SECONDS
Solderability: MIL-STD-202, Method 208. Lead Pull Force: MIL-STD-202, Method 211, PATENTED ORDERING INFORMATION:
Catalog Number 0263.062 0263.125 0263.250 0263.375 0263.500 0263.750 0263 001 0263 01.5 0263 002 0263 02.5 0263 003 0263 03.5 0263 004 0263 005 Ampere Rating 1/16 1/8 1/4 3/8 1/2 3/4 1 11/2 2 21/2 3 31/2 4 5 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 5.50 1.75 0.715 0.391 0.252 0.150 0.105 0.0635 0.0444 0.0340 0.0274 0.0224 0.0193 0.0145 Nominal Melting I 2t A2 Sec. 0.000192 0.00251 0.0165 0.0444 0.1125 0.0411 0.087 0.398 0.74 1.197 1.77 2.33 3.08 5.55
1
0.1
0.01
0.001 0.05 0.1
1 10 CURRENT IN AMPERES
100
w w w. l i t t e l f u s e . c o m
389
AXIAL LEAD AND CARTRIDGE FUSES
100
11


▲Up To Search▲   

 
Price & Availability of 0263375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X