Part Number Hot Search : 
M1628 3EZ180D5 MP100 DG182BA 0024A LTC1606 TDA20 MC145421
Product Description
Full Text Search
 

To Download TR1102T-291 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECM Chip Transponder Inductors
TR Series
High Shock Resistance High Temperature Tolerance Ferrite Core 2 Standard Sizes Taped and Reeled Typical Reel Size 3000pcs
The TR series of surface mountable wound inductors was the very first of its type specifically designed for transponder applications. Continuous product developments mean the TR range continues to be the most effective antenna coil available for a wide choice of applications. Its length and cross sectional area is optimised to achieve maximum sensitivity on the coils axis. For designs such as industrial and automotive applications, that need to withstand high shock and vibration characteristics (Higher than 1.0m drop test), high shock versions are also available.
COMPONENT OUTLINE
DIMENSIONS (mm) ECM Type Inductance Range TR1102 290uH~16.2mH TR1504 410uH~4.91mH
A 11.0 15.0
B 2.2 4.3
C 2.3 2.3
D 2.8 4.8
E 9.2 13.0
F 1.0 1.0
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary.
Issue 1
ECM Chip Transponder Inductors
ECM Part L (mH) Tol % C (pF) Q Min. (**kHz) SRF Min. (kHz) Reading Distance (cm)RD
TR1102 Series
TR1102T-291 TR1102T-341 TR1102T-411 TR1102T-491 TR1102T-601 TR1102T-731 TR1102T-901 TR1102T-102 TR1102T-162 TR1102T-192 TR1102T-242 TR1102T-292 TR1102T-342 TR1102T-402 TR1102T-492 TR1102T-602 TR1102T-722 TR1102T-742 TR1102T-902 TR1102T-113 TR1102T-143 TR1102T-163 0.29 @125 kHz 0.34 @125 kHz 0.41 @125 kHz 0.49 @125 kHz 0.60 @125 kHz 0.73 @125 kHz 0.90 @125 kHz 1.08 @125 kHz 1.62 @125 kHz 1.97 @125 kHz 2.38 @125 kHz 2.89 @125 kHz 3.44 @125 kHz 4.05 @125 kHz 4.91 @125 kHz 6.00 @125 kHz 7.20 @125 kHz 7.36 @125 kHz 9.00 @125 kHz 10.8 @125 kHz 13.5 @125 kHz 16.2 @125 kHz K K K K K J J J J J J J J J J J J J J J J J 5600 4700 3900 3300 2700 2200 1800 1500 1000 820 680 560 470 400 330 270 225 220 180 150 120 100 20 20 20 20 20 20 20 20 20 20 22 25 25 25 25 25 25 25 22 20 20 20 1000 1000 1000 1000 1000 1000 1000 1000 600 400 400 400 400 350 350 350 330 300 300 300 250 250 29 34 38 39 41 42 43 45 52 59 65 68 71 74 75 75 70 63 61 54 47 45
TR1504 Series
TR1504T-411 TR1504T-491 TR1504T-601 TR1504T-731 TR1504T-901 TR1504T-102 TR1504T-162 TR1504T-192 TR1504T-242 TR1504T-292 TR1504T-342 TR1504T-412 TR1504T-492 0.41 @125 kHz 0.49 @125 kHz 0.60 @125 kHz 0.73 @125 kHz 0.90 @125 kHz 1.08 @125 kHz 1.62 @125 kHz 1.97 @125 kHz 2.38 @125 kHz 2.89 @125 kHz 3.44 @125 kHz 4.15 @125 kHz 4.91 @125 kHz J J J J J J J J J J J J J 3900 3300 2700 2200 1800 1500 1000 820 680 560 470 390 330 20 20 20 20 20 20 20 20 22 25 25 25 25 1000 1000 1000 1000 1000 1000 800 600 400 400 400 350 350 61 65 74 75 78 80 78 75 75 71 68 66 65
TOLERANCES J=5%; K= 10%.
** = Operating and Test Frequency as specified in `L' column C = Capacitor for tuning circuits (125kHz) NB - the parallel input Cap. of the IC must also be taken into account RD = 20mVp/p in a tuned circuit - Emitter 194mm, L @ 734 H, Vrms 73.3mV
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary.
Issue 1


▲Up To Search▲   

 
Price & Availability of TR1102T-291

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X