Part Number Hot Search : 
CXG1040T 100HS FAN8620B MSC82003 FR09E 8C110MGR SG6520 MIC706R
Product Description
Full Text Search
 

To Download S2000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
S2000A
www..com
DESCRIPTION *With TO-3PH package *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Color TV horizontal output applications *Color TV switching regulator applications PINNING(See Fig.2)
PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PH) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS (TC=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 700 5 8 15 4 125 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain Collector output capacitance Transition frequency CONDITIONS IB=500mA ;VBE=-1.7V;L=40mH IE=1mA ;IC=0 IC=4.5A ;IB=2A IC=4.5A ;IB=1.0A VCB=1500V; VBE=0 IC=1A ; VCE=5V IC=4.5A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=0.1A ; VCE=10V 10 4.5 95 2 MIN 700 5 TYP.
www..com
S2000A
SYMBOL VCEO(SUS) V(BR)EBO VCE(sat) VBE(sat) ICBO hFE-1 hFE-2 COB fT
MAX
UNIT V V
1.0 1.2 1 30 9
V V mA
pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
S2000A
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of S2000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X