Part Number Hot Search : 
NTE5092A C3072 NTD4963 CA3096 PMB2306 GS711 TMC2000 SHD12
Product Description
Full Text Search
 

To Download MTV030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MYSON TECHNOLOGY
FEATURES
* Horizontal SYNC input up to 150 KHz. * On-chip PLL circuitry up to 150 MHz. * Minimum timing measurement among HFLB, VFLB, RIN, GIN and BIN for auto sizing. * Full screen self-test pattern generator. * Programmable Hor. resolutions up to 1524 dots per line. * Full-screen display consists of 15 (rows) by 30 (columns) * Two font size 12x16 or 12x18 dot matrix per character. * True totally 512 mask ROM fonts including 496 standard fonts and 16 multi-color fonts. * Double character height and/or width control. * Programmable positioning for display screen center. * Character bordering, shadowing and blinking effect. * Programmable character height (18 to 71 lines) control. * Row to row spacing control to avoid expansion distortion. * 4 programmable windows with multi-level operation. * Shadowing on windows with programmable shadow width/height/color. * Programmable adaptive approach to handle H, V sync collision automatically by hardware. * Software clears bit for full-screen erasing. * Fade-in/fade-out or blending-in/blending-out effects. * 5-channel/8-bit PWM D/A converter output. * Compatible with SPI bus or I2C interface with slave address 7AH/7BH (slave address is mask option). * 16-pin, 20-pin or 24-pin PDIP package.
MTV030
On-Screen Display with Auto-Sizing Controller
GENERAL DESCRIPTION
MTV030 is designed for monitor applications to display built-in characters or fonts onto monitor screens. The display operation occurs by transferring data and control information from the micro-controller to RAM through a serial data interface. It can execute full-screen display automatically, as well as specific functions such as character background, bordering, shadowing, blinking, double height and width, font by font color control, frame positioning, frame size control by character height and row-to-row spacing, horizontal display resolution, full-screen erasing, fade-in/ fade-out effect, windowing effect, shadowing on window and full-screen self-test pattern generator. MTV030 provides true 512 fonts including 496 standard fonts and 16 multi-color fonts and 2 font sizes, 12x16 or 12x18 for more efficacious applications. So each one of the 512 fonts can be displayed at the same time. The full OSD menu is formed by 15 rows x 30 columns, which can be positioned anywhere on the monitor screen by changing vertical or horizontal delay. The auto sizing video measurement module measure the timing relationship among HFLB, VFLB, and R, G, BIN at the speed related to the OSD resolution. MCU can get the measurement data, active video, front porth and back porth, through I2C bus read/write operation to keep the appropriate display size and center.
BLOCK DIAGRAM
SSB 8DATA SCK DATA 8 VDD LUMAR LUMAG LUMAB BLINK 8 CRADDR
SERIAL DATA INTERFACE
9ROW, COL ACK CWS CHS
DISPLAY & ROW CONTROL REGISTERS
VSS
SDA DATA ARWDB HDREN VDREN NROW 8 5 5 9 9 5 5 RCADDR DADDR FONTADDR WINADDR PWMADDR
VDDA
CHARACTER ROM LUMINANCE & BORDGER GENERATOR
LUMA VSSA BORDER
ADDRESS BUS ADMINISTRATOR
LPN CWS VCLKS
VFLB VSP CH 7 CHS VERTD 8
VERTICAL DISPLAY CONTROL
HORIZONTAL DISPLAY CONTROL PHASE LOCK LOOP
5 LPN NROW VDREN
DATA 8 8 VERTD 8 HORD 7 CH
WINDOWS & FRAME CONTROL
WR WG WB FBKGC BLANK
BSEN SHADOW OSDENB HSP VSP
HFLB HSP RP VCO PWM0 PWM1 PWM2 PWM3 PWM4 HORD 8
ARWDB HDREN LUMAR LUMAG LUMAB BLINK VCLKX
ROUT GOUT BOUT FBKG HTONE
VCLKX
COLOUR ENCODER
PWM D/A CONVERTER
POWER ON RESET
8
DATA
DATA
8
AUTO SIZING MEASUREMENT
RIN GIN BIN
PRB
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product. 1/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
1.0 PIN CONNECTION
VSSA VCO RP VDDA HFLB SSB SDA SCK
1 2 16 15
MTV030
VSS ROUT GOUT BOUT FBKG INT VFLB VDD
VSSA VCO RP VDDA HFLB SSB SDA SCK PWM0 PWM1
1 2 3
20 19 18
VSS ROUT GOUT BOUT FBKG INT VFLB VDD PWM3 PWM2 VSS ROUT GOUT BOUT FBKG INT VFLB VDD PWM4 PWM3 PWM2 PWM1
3 4 5 6 7 8
MTV030N-xx
14 13 12 11 10 9
4 5 6 7 8 9 10
MTV030N201-xx
17 16 15 14 13 12 11
VSSA VCO RP VDDA HFLB SSB SDA SCK RIN GIN
1 2 3
20 19 18
VSS ROUT GOUT BOUT FBKG INT VFLB VDD NC BIN
VSSA VCO RP VDDA HFLB SSB SDA SCK RIN GIN BIN PWM0
1 2 3 4
24 23 22 21
4 5 6 7 8 9 10
MTV030N202-xx
17 16 15 14 13 12 11
6 7 8 9 10 11 12
MTV030N24-xx
5
20 19 18 17 16 15 14 13
2.0 PIN DESCRIPTIONS
Name VSSA VCO I/O
N16
Pin No.
N201 N202 N24
Descriptions 1 2 Analog ground. This ground pin is used to internal analog circuitry. Voltage Control Oscillator. This pin is used to control the internal oscillator frequency by DC voltage input from external low pass filter. Bias Resistor. The bias resistor is used to regulate the appropriate bias current for internal oscillator to resonate at specific dot frequency. Analog power supply. Positive 5 V DC supply for internal analog circuitry. And a 0.1uF decoupling capacitor should be connected across to VDDA and VSSA. Horizontal input. This pin is used to input the horizontal synchronizing signal. It is a leading edge triggered and has an internal pull-up resistor.
I/O
1 2
1 2
1 2
RP
I/O
3
3
3
3
VDDA
-
4
4
4
4
HFLB
I
5
5
5
5
2/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
Name SSB I/O
N16
MTV030
Descriptions
Pin No.
N201 N202 N24
I
6
6
6
6
Serial interface enable. It is used to enable the serial data and is also used to select the operation of I2C or SPI bus. If this pin is left floating, I2C bus is enabled, otherwise the SPI bus is enabled. Serial data input. The external data transfer through this pin to internal display registers and control registers. It has an internal pull-up resistor. Serial clock input. The clock-input pin is used to synchronize the data transfer. It has an internal pull-up resistor. Red video input. It is used for auto sizing measurement and this signal is came from video pre-amp red output. Green video input. It is used for auto sizing measurement and this signal is came from video pre-amp green output. Blue video input. It is used for auto sizing measurement and this signal is came from video pre-amp blue output. No connection. Open-Drain PWM D/A converter 0. The output pulse width is programmable by the register of Row 15, Column 23. Open-Drain PWM D/A converter 1. The output pulse width is programmable by the register of Row 15, Column 24. Open-Drain PWM D/A converter 2. The output pulse width is programmable by the register of Row 15, Column 25. Open-Drain PWM D/A converter 3. The output pulse width is programmable by the register of Row 15, Column 26. Open-Drain PWM D/A converter 4. The output pulse width is programmable by the register of Row 15, Column 27. Digital power supply. Positive 5 V DC supply for internal digital circuitry and a 0.1uF decoupling capacitor should be connected across to VDD and VSS. Vertical input. This pin is used to input the vertical synchronizing signal. It is leading triggered and has an internal pull-up resistor. Intensity color output. 16-color selection is achievable by combining this intensity pin with R/G/B output pins. Fast Blanking output. It is used to cut off external R, G, B signals of VGA while this chip is displaying characters or windows. Blue color output. It is a blue color video signal output. Green color output. It is a green color video signal output. Red color output. It is a red color video signal output. Digital ground. This ground pin is used to internal digital circuitry.
SDA
I
7
7
7
7
SCK RIN GIN BIN NC PWM0 PWM1 PWM2 PWM3 PWM4 VDD
I I I I O O O O O -
8 9
8 9 10 11 12 13
8 9 10 11 12 13
8 9 10 11 12 13 14 15 16 17
VFLB
I
10
14
14
18
INT FBKG
O O
11 12
15 16
15 16
19 20
BOUT GOUT ROUT VSS
O O O -
13 14 15 16
17 18 19 20
17 18 19 20
21 22 23 24
3/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
3.0 FUNCTIONAL DESCRIPTIONS
3.1 SERIAL DATA INTERFACE
MTV030
The serial data interface receives data transmitted from an external controller. And there are 2 types of bus can be accessed through the serial data interface, one is SPI bus and other is I2C bus. 3.1.1 SPI bus While SSB pin is pulled to "high" or "low" level, the SPI bus operation is selected. And a valid transmission should be starting from pulling SSB to "low" level, enabling MTV030 to receiving mode, and retain "low" level until the last cycle for a complete data packet transfer. The protocol is shown in Figure 1.
SSB
SCK
SDA
MSB
first byte last byte
LSB
FIGURE 1. Data Transmission Protocol (SPI) There are three transmission formats shown as below: Format (a) R - C - D R - C - D R - C - D ..... Format (b) R - C - D C - D C - D C - D ..... Format (c) R - C - D D D D D D ..... Where R=Row address, C=Column address, D=Display data 3.1.2 I2C bus I2C bus operation is only selected when SSB pin is left floating. And a valid transmission should be starting from writing the slave address 7AH(write mode), or 7BH(read mode) to MTV030. The protocol is shown in Figure 2. And the auto sizing video measurement data (total 10 bytes) are read only registers and the others are write only registers.
SCK
SDA
START
B7
B6
first byte
B0
ACK
B7
B0
ACK STOP
@@@@ @ second byte last byte
FIGURE 2. Data Transmission Protocol (I2C) There are three transmission formats for I2C write mode shown as below: Format (a) S - R - C - D R - C - D R - C - D ..... Format (b) S - R - C - D C - D C - D C - D ..... Format (c) S - R - C - D D D D D D ..... Where S=Slave address, R=Row address, C=Column address, D=Display data And there is one transmission format for I2C read mode shown as below: Format (a) S D D D D D D D D D D dummy D dummy D ..... Where S=Slave address, D=Measurement data
4/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
MTV030
In the I2C read mode, 10 bytes of auto sizing video measurement data will be output directly from byte 0 to byte 9 and continues with dummy data until stop condition occurred when I2C R/W bit is set to "1". Each arbitrary length of data packet consists of 3 portions viz, Row address (R), Column address (C), and Display data (D). Format (a) is suitable for updating small amount of data which will be allocated with different row address and column address. Format (b) is recommended for updating data that has same row address but different column address. Massive data updating or full screen data change should use format (c) to increase transmission efficiency. The row and column address will be incremented automatically when the format (c) is applied. Furthermore, the undefined locations in display or fonts RAM should be filled with dummy data. TABLE 1. The configuration of transmission formats. Address Row Address Bytes of Display Reg. Columnab Columnc Data Row Attribute Bytes of Display Reg. Columnab Columnc Data b7 1 0 0 D7 1 0 0 D7 b6 0 0 1 D6 0 0 1 D6 b5 0 D8 D8 D5 1 x x D5 b4 R4 C4 C4 D4 R4 C4 C4 D4 b3 R3 C3 C3 D3 R3 C3 C3 D3 b2 R2 C2 C2 D2 R2 C2 C2 D2 b1 R1 C1 C1 D1 R1 C1 C1 D1 b0 R0 C0 C0 D0 R0 C0 C0 D0 Format a,b,c a,b c a,b,c a,b,c a,b c a,b,c
There are 2 types of data should be accessed through the serial data interface, one is ADDRESS bytes of display registers, and other is ATTRIBUTE bytes of display registers, the protocol are same for all except the bit5 of row address and the bit5 of column address. The MSB(b7) is used to distinguish row and column addresses when transferring data from external controller. The bit6 of column address is used to differentiate the column address for format (a), (b) and format (c) respectively. Bit5 of row address for display register is used to distinguish ADDRESS byte when it is set to "0" and ATTRIBUTE byte when it is set to "1". And at address bytes, bit5 of column address is the MSB (bit8) and data bytes are the 8 LSB (bit7~bit0) of display fonts address to save half MCU memory for true 512 fonts. So each one of the 512 fonts can be displayed at the same time. See Table 1. And for format (c), since D8 is filled while program column address of address bytes, the continued data will be the same bank of upper 256 fonts or lower 256 fonts until program column address of address bytes again. The data transmission is permitted to change from format (a) to format (b) and (c), or from format (b) to format (a) and (c), but not from format (c) back to format (a) and (b). The alternation between transmission formats is configured as the state diagram shown in Figure 3.
3.2 Address bus administrator
The administrator manages bus address arbitration of internal registers or user fonts RAM during external data write in. The external data write through serial data interface to registers must be synchronized by internal display timing. In addition, the administrator also provides automatic increment to address bus when external write using format (c).
3.3 Vertical display control
The vertical display control can generates different vertical display sizes for most display standards in current monitors. The vertical display size is calculated with the information of double character height bit(CHS), verti-
5/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
0, X
MTV030
Initiate
Input = b7, b6
1, X
format (a)
1, X format (c)
ROW
0, 0
format (b) 0, 0
0,
1
COL c
X, X
0,
1
COL ab
X,
X
1, X
X, X
DA c
DA ab
FIGURE 3. Transmission State Diagram cal display height control register(CH6-CH0).The algorithm of repeating character line display are shown as Table 2 and Table 3. The programmable vertical size range is 270 lines to maximum 2130 lines. The vertical display center for full screen display could be figured out according to the information of vertical starting position register (VERTD) and VFLB input. The vertical delay starting from the leading edge of VFLB, is calculated with the following equation: Vertical delay time = ( VERTD * 4 + 1 ) * H TABLE 2. Repeat line weight of character CH6 - CH0 CH6,CH5=11 CH6,CH5=10 CH6,CH5=0x CH4=1 CH3=1 CH2=1 CH1=1 CH0=1 Repeat Line Weight +18*3 +18*2 +18 +16 +8 +4 +2 +1 Where H = one horizontal line display time
TABLE 3. Repeat line number of character Repeat Line # Repeat Line Weight 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 +1 v +2 v v +4 v v v v +8 v v v v v v v v +16 v v v v v v v v v v v v v v v v +17 v v v v v v v v v v v v v v v v v +18 v v v v v v v v v v v v v v v v v v Note:" v " means the nth line in the character would be repeated once, while " - " means the nth line in the character would not be repeated.
6/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
3.4 Horizontal display control
MTV030
The horizontal display control is used to generate control timing for horizontal display based on double character width bit (CWS), horizontal positioning register (HORD), horizontal resolution register (HORR), and HFLB input. A horizontal display line consists of (HORR*12) dots which include 360 dots for 30 display characters and the remaining dots for blank region. The horizontal delay starting from HFLB leading edge is calculated with the following equation, Horizontal delay time = ( HORD * 6 + 49) * P - phase error detection pulse width Where P = One pixel display time = One horizontal line display time / (HORR*12)
3.5 Phase lock loop (PLL)
On-chip PLL generates system clock timing (VCLK) by tracking the input HFLB and horizontal resolution register (HORR). The frequency of VCLK is determined by the following equation: VCLK Freq = HFLB Freq * HORR * 12 The VCLK frequency ranges from 6MHz to 150MHz selected by (VCO1, VCO0). In addition, when HFLB input is not present to MTV030, the PLL will generate a specific system clock, approximately 2.5MHz, by a built-in oscillator to ensure data integrity.
3.6 Display & Row control registers
The internal RAM contains display and row control registers. The display registers have 450 locations which are allocated between (row 0, column 0) to (row 14, column 29), as shown in Figure 4 and Figure 5. Each display register has its corresponding character address on ADDRESS byte, its corresponding background color, 1 blink bit and its corresponding color bits on ATTRIBUTE bytes. The row control register is allocated at column 30 for row 0 to row 14 of attribute bytes, it is used to set character size to each respective row. If double width character is chosen, only even column characters could be displayed on screen and the odd column characters will be hidden. ROW # 01 0 1 ROW ATTRIBUTE CRTL REG COLUMN # 28 29 30 31 R E S E R V E D
CHARACTER ADDRESS BYTES of DISPLAY REGISTERS
13 14 FIGURE 4. Address Bytes of Display Registers Memory Map
7/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
ROW # 01 0 1 COLUMN # 28 29 30
MTV030
31
CHARACTER ATTRIBUTE BYTES of DISPLAY REGISTERS 13 14 COLUMN# 11 12 22 FRAME CRTL REG COLUMN# 12
RESERVED
ROW 15
0 WINDOW1 ~ WINDOW4
23 27 PWM D/A CRTL REG
28 31 RESERVED
ROW 16
0
31
WINDOW SHADOW COLOR RESERVED FIGURE 5. Attribute Bytes of Display Registers Memory Map ADDRESS BYTES: Address registers, b8 b7 MSB CRADDR - Define ROM character address from address 0 to 511. Row Control Registers, (Row 0 - 14) b7 b6 b5 COLN 30 -
b6
b5
b4 CRADDR
b3
b2
b1
b0 LSB
b4 -
b3 -
b2 -
b1 CHS
b0 CWS
CHS - Define double height character to the respective row. CWS - Define double width character to the respective row. ATTRIBUTE BYTES: b7 b6 b5 BGR BGG
b4 BGB
b3 BLINK
b2 R
b1 G
b0 B
BGR, BGG, BGB - These three bits define the color of the background for its relative address character. If all three bits are clear, no background will be shown(transparent). Therefore, total 7 background color can be selected. BLINK - Enable blinking effect while this bit is set to " 1 ". And the blinking is alternate per 32 vertical frames. R, G, B - These three bits are used to specify its relative address character color.
8/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
3.7 Character ROM
MTV030
MTV030 character ROM contains 512 built-in characters and symbols including 496 standard fonts and 16 multi-color fonts. The 496 standard fonts are located from address 0 to 495. And the 16 multi-color fonts are located from address 496 to 511. Each character and symbol consists of 12x18 dots matrix. The detail pattern structures for each character and symbols are shown in "CHARACTERS AND SYMBOLS PATTERN" on page 21.
3.8 Multi-Color Font
The color fonts comprises three different R, G, B fonts. When the code of color font is accessed, the separate R/G/B dot pattern is output to corresponding R/G/B output. See Figure 6 for the sample displayed color font. Note: No black color can defined in color font, black window underline the color font can make the dots become black in color. The detail pattern structures for each character and symbols are shown in "CHARACTERS AND SYMBOLS PATTERN" on page 21.
B G R
Magent Green Blue Cyan FIGURE 6. Example of Multi-Color Font TABLE 4. The Multi-Color Font Color Selection Background Color Blue Green Cyan Red Magent Yellow White R 0 0 0 0 1 1 1 1 G 0 0 1 1 0 0 1 1 B 0 1 0 1 0 1 0 1
3.9 Luminance & border generator
There are 3 shift registers included in the design which can shift out of luminance and border dots to color encoder. The bordering and shadowing feature is configured in this block. For bordering effect, the character will be enveloped with blackedge on four sides. For shadowing effect, the character is enveloped with blackedge for right and bottom sides only.
9/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
3.10 Window and frame control
MTV030
The display frame position is completely controlled by the contents of VERTD and HORD. The window size and position control are specified in column 0 to 11 on row 15 of memory map, as shown in Figure 5. Window 1 has the highest priority, and window 4 is the least, when two windows are overlapping. More detailed information is described as follows: 1. Window control registers, ROW 15 b7 b6 b5 Column ROW START ADDR 0,3,6,OR 9 MSB b7 Column 1,4,7,OR 10 MSB b7 MSB
b4
b3
b2 b1 ROW END ADDR
b0 LSB
LSB MSB b3 LSB b2 WEN b2 R b1 b1 G
b6 b5 b4 COL START ADDR
b0 WSHD b0 B
Column 2,5,8,OR 11
b6 b5 b4 COL END ADDR
b3 LSB
START(END) ADDR - These addresses are used to specify the window size. It should be noted that when the start address is greater than the end address, the window will be disabled. WEN - Enable the relative background window display. WSHD - Enable shadowing on the window. R, G, B - Specify the color of the relative background window. 2. Frame control registers, ROW 15 b7 b6 Column 12 MSB
b5
b4 b3 VERTD
b2
b1
b0 LSB
VERTD - Specify the starting position for vertical display. The total steps are 256, and the increment of each step is 4 Horizontal display lines. The initial value is 4 after power up. b7 Column 13 MSB b6 b5 b4 b3 HORD b2 b1 b0 LSB
HORD - Define the starting position for horizontal display. The total steps are 256, and the increment of each step is 6 dots. The initial value is 15 after power up. Column 14 b7 b6 CH6 b5 CH5 b4 CH4 b3 CH3 b2 CH2 b1 CH1 b0 CH0
CH6-CH0 - Define the character vertical height, the height is programmable from 18 to 71 lines. The character vertical height is at least 18 lines if the contents of CH6-CH0 is less than 18. For example, when the contents is " 2 ", the character vertical height is regarded as equal to 20 lines. And if the con10/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
b7 b6 MSB b5 b4 b3 HORR b2 b1 b0 LSB
MTV030
tents of CH4-CH0 is greater than or equal to 18, it will be regarded as equal to 17. See Table 2 and Table 3 for detail description of this operation.
Column 15
HORR - Specify the resolution of a horizontal display line, and the increment of each step is 12 dots. That is, the pixels' number per H line equal to HORR*12. It is recommended that HORR should be greater than or equal to 36 and smaller than 150M / (Hfreq*12). The initial value is 40 after power up. b7 b6 b5 b4 MSB b3 b2 b1 RSPACE b0 LSB
Column 16
RSPACE - Define the row to row spacing in unit of horizontal line. That is, extra RSPACE horizontal lines will be appended below each display row, and the maximum space is 31 lines. The initial value is 0 after power up. Column 17 b7 OSDEN b6 BSEN b5 SHADOW b4 FBEN b3 BLEND b2 WENCLR b1 RAMCLR b0 FBKGC
OSDEN - Activate the OSD operation when this bit is set to "1". The initial value is 0 after power up. BSEN - Enable the bordering and shadowing effect. SHADOW - Bordering and shadowing effect select bit. Activate the shadowing effect if this bit is set, otherwise the bordering is chosen. FBEN - Enable the fade-in/fade-out and blending-in/blending-out effect when OSD is turned on from off state or vice verca. BLEND - Fade-in/fade-out and blending-in/blending-out effect select bit. Activate the blending-in/blending-out function if this bit is set, otherwise the fade-in/fade-out function is chosen. These function roughly takes about 0.5 second to fully display the whole menu or to disappear completely. WENCLR - Clear all WEN bits of window control registers when this bit is set to "1". The initial value is 0 after power up. RAMCLR - Clear all ADDRESS bytes, BGR, BGG, BGB and BLINK bits of display registers when this bit is set to "1". The initial value is 0 after power up. FBKGC - Define the output configuration for FBKG pin. When it is set to "0", the FBKG outputs high during the displaying of characters or windows, otherwise, it outputs high only during the displaying of character. Column 18 B7 TRIC b6 FSS b5 VMEN b4 SELVCL b3 HSP b2 VSP b1 VCO1 b0 VCO0
TRIC - Define the driving state of output pins ROUT, GOUT, BOUT and FBKG when OSD is disabled. That is, while OSD is disabled, these four pins will drive low if this bit is set to 1, otherwise these four pins are in high impedance state. The initial value is 0 after power up.
11/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
FSS - Font size selection. = 1 12x18 font size selected. = 0 12x16 font size selected.
MTV030
Fonts designed to be 12x18 display
Output display if FSS=0; first and last lines omitted
FIGURE 7. 12x18 and 12x16 Fonts VMEN - Auto sizing video measurement enable bit. All video measurements commence at the following VFLB pulse after the VMEN bit is set, complete the measurement after one vertical frame. SELVCL - Enable auto detection for horizontal and vertical syncs input edge distorition to avoid unstable Vsync leading mismatch with Hsync signal while the bit is set to "1". The initial value is 0 after power up. HSP = 1 Accept positive polarity Hsync input. = 0 Accept negative polarity Hsync input. = 1 Accept positive polarity Vsync input. = 0 Accept negative polarity Vsync input.
VSP -
VCO1, VCO0 - Select the appropriate curve partitions of VCO frequency to voltage based on HFLB input and horizontal resolution register (HORR). = (0, 0) 6 MHz < Pixel rate < 28 MHz = (0, 1) 28 MHz < Pixel rate < 56 MHz = (1, 0) 56 MHz < Pixel rate < 112 MHz = (1, 1) 112 MHz < Pixel rate < 150 MHz where Pixel rate = VCLK Freq = HFLB Freq * HORR * 12 The initial value is (0, 0) after power up.
Notes : 1. That is, if HORR is specified, then (VCO1, VCO0) = (0, 0) if 6000/(HORR * 12) < HFLB Freq (KHz) < 28000/(HORR * 12) = (0, 1) if 28000/(HORR * 12) < HFLB Freq (KHZ) < 56000/(HORR * 12) = (1, 0) if 56000/(HORR * 12) < HFLB Freq (KHZ) < 112000/(HORR * 12) = (1, 1) if 112000/(HORR * 12) < HFLB Freq (KHZ) < 150000/(HORR * 12) 2. It is necessary to wait for the PLL to become stable while (i) the HORR register is changed; (ii) the (VCO1, VCO0) bits is changed; (iii) the horizontal signal (HFLB) is changed. 3. When PLL is unstable, don't write data in any address except Column 15,17,18 of Row 15. If data is written in any other address, a malfunction may occur.
12/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
TABLE 5. PWMCK Frequency and PWMDA sampling rate (VCO1, VCO0) ( 0, 0 ) ( 0, 1 ) ( 1, 0 ) ( 1 ,1 ) B7 PWMCK Freq (14M ~ 28MHz) HFLB Freq * HORR * 12 HFLB Freq * HORR * 6 HFLB Freq * HORR * 3 HFLB Freq * HORR * 3 / 2 b6 b5 b4 -
MTV030
PWMDA sampling rate (54K ~ 109KHz) HFLB Freq * HORR * 12 / 256 HFLB Freq * HORR * 6 / 256 HFLB Freq * HORR * 3 / 256 HFLB Freq * HORR * 3 / 512 b3 b2 CSR b1 CSG b0 CSB
Column 19
CSR, CSG, CSB - Define the color of bordering or shadowing on characters. The initial value is (0, 0, 0) after power up. B7 FSW b6 b5 b4 b3 b2 FSR b1 FSG b0 FSB
Column 20
FSW - Enable full screen self-test pattern and force the FBKG pin output to high to disable video RGB while this bit is set to "1". The self-test pattern' color is determined by (FSR, FSG, FSB) bits. s FSR, FSG, FSB - Define the color of full screen self-test pattern. B7 WW41 b6 WW40 b5 WW31 b4 WW30 b3 WW21 b2 WW20 b1 WW11 b0 WW10
Column 21
WW41, WW40 - Determines the shadow width of the window 4 when WSHD bit of th window 4 is enabled. Please refer to the Table 6 for more details. TABLE 6. Shadow Width Setting (WW41, WW40) Shadow Width (unit in Pixel) (0, 0) 2 (0, 1) 4 (1, 0) 6 (1, 1) 8
WW31, WW30 - Determines the shadow width of the window 3 when WSHD bit of th window 3 is enabled. WW21, WW20 - Determines the shadow width of the window 2 when WSHD bit of th window 2 is enabled. WW11, WW10 - Determines the shadow width of the window 1 when WSHD bit of th window 1 is enabled. B7 WH41 b6 WH40 b5 WH31 b4 WH30 b3 WH21 b2 WH20 b1 WH11 b0 WH10
Column 22
WH41, WH40 - Determines the shadow height of the window 4 when WSHD bit of th window 4 is enabled. Please refer to the Table 7 for more details.
13/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
TABLE 7. Shadow Height Setting (WH41, WH40) Shadow Height (unit in Line) (0, 0) 2 (0, 1) 4 (1, 0) 6 (1, 1) 8
MTV030
WH31, WH30 - Determines the shadow height of the window 3 when WSHD bit of th window 3 is enabled. WH21, WH20 - Determines the shadow height of the window 2 when WSHD bit of th window 2 is enabled. WH11, WH10 - Determines the shadow height of the window 1 when WSHD bit of th window 1 is enabled.
M Pixels N Horizontal lines
WINDOW AREA
Note: M and N are defined by the registers of row 15, column 21 and 22.
N Horizontal lines
Bordering
Shadowing
M Pixels
FIGURE 8. Character Bordering and Shadowing and Shadowing on Window
3.11 Color encoder
The encoder generates the video output to ROUT, GOUT and BOUT by integrating window color, border blackedge, luminance output and color selection output (R, G, B) to form the desired video outputs.
3.12 PWM D/A converter
There are 5 open-drain PWM D/A outputs (PWM0 to PWM4). These PWM D/A converter outputs pulse width are programmable by writing data to Column 23 to 27 registers of Row 15 with 8-bit resolution to control the pulse width duration from 0/256 to 255/256. And the sampling rate is selected by (VCO1, VCO0) shown as table 5. In applications, all open-drain output pins should be pulled-up by external resistors to supply voltage (5V to 9V) for desired output range. b7 Column 23 | Column 27 MSB b6 b5 b4 b3 PWMDA0 | PWMDA4 b2 b1 b0
LSB
PWMDA0 - PWMDA4 - Define the output pulse width of pin PWM0 to PWM4.
14/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
PWMCK 255 PWM0 PWM1 PWM2 PWM3 PWM4 0 1 2 3
MTV030
m
m+1
255
0
1
2
3
4
FIGURE 9. 5 Channel PWM Output Rising Edges Are Separated by One PWMCK Column 28 ~ column 31 : Reserved. Notes : The register located at column 31 of row 15 are reserved for the testing. Don' program this t byte anytime in normal operation. ROW 16 Column 0 B7 b6 R1 b5 G1 b4 B1 b3 b2 R2 b1 G2 b0 B2
R1, G1, B1 - Define the shadow color of window 1. The initial value is (0, 0, 0) after power up. R2, G2, B2 - Define the shadow color of window 2. The initial value is (0, 0, 0) after power up. B7 b6 R3 b5 G3 b4 B3 b3 b2 R4 b1 G4 b0 B4
Column 1
R3, G3, B3 - Define the shadow color of window 3. The initial value is (0, 0, 0) after power up. R4, G4, B4 - Define the shadow color of window 4. The initial value is (0, 0, 0) after power up. Column 2 ~ column 31 : Reserved.
3.13 Auto sizing video measurement
The auto sizing video measurement module monitors horizontal and vertical flyback pulses and their relationship to video content. In horizontal measurement, the HFLB is the reference signal. As PLL clock is the certain multiple of HFLB frequency, the measurements for HFLB and R,G,BIN are all based on the PLL clock. In vertical measurement, the VFLB pulse is reference signal and the HFLB is the counting clock. HFLB and VFLB have an exact timing relationship to the active raster display on the monitor. When the HFLB, VFLB sync signals and the R,G,BIN video signals (taken from the output of pre-amplifier) are compared, it will feedback to MCU a lot of information about the display size and centering. If back porch is much smaller than front porth, then the video information is too much to the left (or up in the vertical direction). If both front porth and back porth percentage of the total display period is too large, then the display size is too small. MCU can change the display size and center until front and back porthes are equal and the porthes to active video ratio is correct. Please note that due to the deviation of analog circuits, building a ratio table of correct porches to video for different operating frequencies is needed. And it is recommend that video contrast is set to maximum first for the correct capture of video information.
15/21 MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
MTV030
All these measurements commence at the following VFLB pulse after enabling VMEN bit, complete the measurement after one vertical frame, so minimum delay 2 vertical frame time after enabling VMEN bit is needed to read out the measurement data. The horizontal measurement for R,G,BIN will store the minimum start location and the maximum ending location in one vertical frame into registers. All of the input signals for timing measurement are polarity programmable, so the different phase measurement can be obtained.
Auto sizing video measurement data bytes : read only registers
Byte 0 B7 b6 b5 b4 b3 b2 b1 b0 Dhrgbsta MSB
b1 ~ b0 : The most significant 2 bits of Dhrgbsta which represents the distance between the first active edge of R,G,BIN input and reference HFLB leading edge. See Figure 10. B7 Byte 1 b6 b5 b4 b3 Dhrgbsta b2 b1 b0 LSB b7 ~ b0 : The least significant 8 bits of Dhrgbsta which represents the distance between the first active edge of R,G,BIN input and reference HFLB leading edge. See Figure 10. B7 b6 b5 b4 b3 b2 b1 b0 Dhrgbend MSB
Byte 2
b1 ~ b0 : The most significant 2 bits of Dhrgbend which represents the distance between the last active edge of R,G,BIN input and reference HFLB leading edge. See Figure 10. B7 Byte 3 b6 b5 b4 b3 Dhrgbend b2 b1 b0 LSB b7 ~ b0 : The least significant 8 bits of Dhrgbend which represents the distance between the last active edge of R,G,BIN input and reference HFLB leading edge. See Figure 10. B7 b6 b5 b4 b3 b2 MSB b2 ~ b0 : The most significant 3 bits of Dvrgbsta which represents the H line distance between the first active line of R,G,BIN input and reference VFLB leading edge. See Figure 10. B7 Byte 5 b6 b5 b4 b3 Dvrgbsta b2 b1 b0 LSB b7 ~ b0 : The least significant 8 bits of Dvrgbsta which represents the H line distance between the first active line of R,G,BIN input and reference VFLB leading edge. See Figure 10. b1 Dvrgbsta b0
Byte 4
16/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
Byte 6 B7 b6 b5 b4 b3 b2 MSB b1 Dvrgbend b0
MTV030
b2 ~ b0 : The most significant 3 bits of Dvrgbend which represents the H line distance between the last active line of R,G,BIN input and reference VFLB leading edge. See Figure 10. B7 Byte 7 b6 b5 b4 b3 Dvrgbend b2 b1 b0 LSB b7 ~ b0 : The least significant 8 bits of Dvrgbend which represents the H line distance between the last active line of R,G,BIN input and reference VFLB leading edge. See Figure 10. B7 b6 b5 b4 b3 OVER b2 MSB OVER = 1 The line number counter is overflow. = 0 Not overflow. b1 Dvsline b0
Byte 8
b2 ~ b0 : The most significant 3 bits of Dvsline which represents the total H line count between two consecutive VFLB pulses. See Figure 10. B7 Byte 9 b6 b5 b4 b3 Dvsline b2 b1 b0 LSB b7 ~ b0 : The least significant 8 bits of Dvsline which represents the total H line count between two consecutive VFLB pulses. See Figure 10.
17/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
HORRx12 HFLB R,G,BIN Dhrgbsta Dhrgbend
MTV030
Dvsline VFLB R,G,BIN Dvrgbsta Dvrgbend
FIGURE 10. Timing Diagram of Auto Sizing Video Measurement
4.0 ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage(VDD,VDDA) Voltage with respect to Ground Storage Temperature Ambient Operating Temperature -0.3 to +7 V -0.3 to VDD+0.3 V -65 to +150 oC 0 to +70 oC
5.0 OPERATING CONDITIONS
DC Supply Voltage(VDD,VDDA) Operating Temperature +4.75 to +5.25 V 0 to +70 oC
6.0 ELECTRICAL CHARACTERISTICS (Under Operating Conditions)
Symbol VIH Parameter Input High Voltage (pin hflb, vflb, sda, sck, ssb) Input High Voltage (pin rin, gin, bin) Conditions (Notes) Min. 0.7 * VDD 0.7 * VDD Max. VDD+0.3 VDD+0.3 Units V V
18/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
Symbol Parameter Input Low Voltage (pin hflb, vflb, sda, sck) Input Low Voltage (pin ssb) Input Low Voltage (pin rin, gin, bin) Output High Voltage Output Low Voltage Conditions (Notes) IOH -5 mA IOL 5 mA Min. VSS-0.3 VSS-0.3 VSS-0.3 VDD-0.8 5
MTV030
Max. 0.3 * VDD 0.2 * VDD 0.6 * VDD 0.5 9 Units V V V V V V
VIL
VOH VOL VODH
VODL ICC ISB
Open Drain Output High Volt- (For all OD pins, and pulled age up by external 5 to 9V power supply) 5 mA IDOL Open Drain Output Low Voltage ( For all OD pins ) Pixel rate=150MHz Operating Current Iload = 0uA Standby Current Vin = VDD, Iload = 0uA
-
0.5 25 12
V mA mA
7.0 SWITCHING CHARACTERISTIC (Under Operating Conditions)
Symbol fHFLB fVFLB Tr Tf tBCSU tBCH tDCSU tDCH tSCKH tSCKL tSU:STA tHD:STA tSU:STO tHD:STO Parameter HFLB input frequency VFLB input frequency Output rise time Output fall time SSB to SCK set up time SSB to SCK hold time SDA to SCK set up time SDA to SCK hold time SCK high time SCK low time START condition setup time START condition hold time STOP condition setup time STOP condition hold time Min. 15 200 100 200 100 500 500 500 500 500 500 Typ. 3 3 Max. 150 200 Units KHz Hz ns ns ns ns ns ns ns ns ns ns ns ns
19/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
8.0 TIMING DIAGRAMS
tSCKH
MTV030
SCK
tSCKL
SSB
tBCSU tBCH
SDA
tDCSU tDCH
FIGURE 11. Data interface timing(SPI)
tSCKH
SCK
tSU:STA tSCKL tHD:STO
SDA
tHD:STA tDCSU tDCH tSU:STO
FIGURE 12. Data interface timing(I2C)
9.0 PACKAGE DIMENSION
9.1 16 Pin 300mil
R10Max (4X ) 55 +/-20 R40 250 +/-4 90 +/-20 350 +/-20
312 +/-12
75 +/-20 90 +/-20 750 +/-10 15 Max 7 Typ
65 +/-4 55 +/-4 310Max
10
35 +/-5 115 Min 15 Min 100Ty p 18 +/2Typ 60 +/5Typ
20/21
MTV030 Revision 1.0 10/15/1999
MYSON TECHNOLOGY
9.2 20 Pin 300mil
MTV030
312 +/-12 55 +/-20 R40 250 +/-4
R10Max (4X ) 90 +/-20 350 +/-20
75 +/-20 90 +/-20 1020 +/-10 15 Max 7 Typ
65 +/-4 55 +/-4 310Max
10
35 +/-5 115 Min 15 Min 100Typ 18 +/-2Typ 60 +/-5Typ
9.3 24 Pin 300mil
R10Max (4X)
312+/-12
80+/-20
350+/-20 250+/-4
R40
55+/-20
930+/-10 1245+/-10 15Max 7Ty p 35+/-5
10 65+/-4 65+/-4
115Min
15Min. 100Ty p 18+/2Typ 60+/5Typ
10.0 CHARACTERS AND SYMBOLS PATTERN
Please see the attachment.
Myson Technology, Inc. http://www.myson.com.tw No. 2, Industry E. Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C. Tel: 886-3-5784866 Fax: 886-3-5785002 Myson Technology USA, Inc. http://www.myson.com 20111 Stevens Creek Blvd. #138 Cupertino, Ca. 95014, U.S.A. Tel:408-252-8788 FAX: 408-252-8789 Sales@myson.com
21/21
MTV030 Revision 1.0 10/15/1999


▲Up To Search▲   

 
Price & Availability of MTV030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X