Part Number Hot Search : 
SXXXM UPD8041 STBS014 STBS014 1616AS5 E100N20 DCX144EK IN202
Product Description
Full Text Search
 

To Download LG128642-DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG128642-DW
www..com
128 x 64 dots + white led backlight
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 19.0 VDD + 0.3 70 80 Unit V V V C C
MECHANICAL DATA
Item Module Size ( W x H x T ) Viewing Area ( W x H ) Dot Pitch ( W x H ) Dot Size ( W x H ) Weight Nominal Dimensions 75.0 x 52.7 x 11.5 60.0 x 32.6 0.43 x 0.43 0.40 x 0.40 Approx. 45 Unit mm mm mm mm g
ELECTRICAL CHARACTERISTICS ( V DD =5V0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --IOH = - 0.2mA IOL = 1.6mA VDD = 5.0V Ta=25 C Min. 2.0 - 0.3 2.4 0 --Typ. ----6.0 11.2 Max. Unit V DD 0.8 V DD 0.4 8.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol V DD VSS VO DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 /CS1 /CS2 /RST R/W RS E VOUT LEDA LEDK Level +5V 0V -H/L H/L H/L H/L H/L H/L H/L H/L L L L H/L H/L _ H,H >L -10V +5V 0V Function Power supply for logic GND Operating voltage for LCD
Data bus line
BLOCK DIAGRAM
64 COM
S6B0107 or Eqv.
LCD PANEL 128 x 64 dots 64 SEG 64 SEG S6B0108 or Eqv.
Chip selection for IC1, active "L" Chip selection for IC2, active "L" Reset signal, active "L" H : Read L : Write H : Data L : Instruction code Enable signal Output voltage for LCD driving Power supply for LED backlight
VDD VSS VO VOUT
Power Circuit
To LSI S6B0108 or Eqv.
DB0 DB7 RS, R/W, E, /RST /CS1 /CS2 LEDA LEDK LED Backlight
LED BACKLIGHT SPECIFICATIONS (Ta=25 C)
Item Forward Voltage Forward Current LED Color Symbol Vf If Typ. 3.1 45 White Max. 3.3 -Unit V mA


▲Up To Search▲   

 
Price & Availability of LG128642-DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X