Part Number Hot Search : 
YT396J 020A0 GMZ33 1761B BU4911 C2020T C230M3 APTGT1
Product Description
Full Text Search
 

To Download LBB110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photomos / FORM B
Solid State Relays
LCB110 Sym.
IFon
Model Number Parameters Input Characteristics
LED Forward Current - Turn on LED Forward Current - Turn off Recommended Forward Current LED Forward Voltage Test Conditions
IL = 100mA, t = 10ms IL = 0.2mA, VL = (Note 1)
LCB126 1 Form B
LBB110 Dual Form B
LBB126 Dual Form B
Units
mADC mADC mADC Max Typ Min Typ Min Max Min Max
1 Form B
IFoff
IF VF IF = 20mA
VDC
5.0 3.0 0.1 1.8 10 30 1.1 1.4 50 10 350 165 330 20 5.0 0.1 1.4 0.07 1.0 1.0 5.0 1.0 200 20 0.2 3750 0.8 500
5.0 3.0 0.1 1.8 10 30 1.1 1.4 50 10 250 200 400 13 3.25 0.1 1.4 0.07 1.0 1.0 5.0 1.0 170 25 0.2 3750 0.8 500
5.0 3.0 0.1 1.8 10 30 1.1 1.4 50 10 350 170 120 20 n/a 0.1 1.4 0.07 1.0 1.0 5.0 1.0 200 20 0.2 3750 1.2 600
5.0 3.0 0.1 1.8 10 30 1.1 1.4 50 10 250 200 140 13 n/a 0.1 1.4 0.07 1.0 1.0 5.0 1.0 170 25 0.2 3750 1.2 600
Maximum Input Ratings
LED Forward Current LED Reverse Voltage Withstand
IF VR IR = 10mA
mADC VDC
Max Max
Output Characteristics
Switching Voltage
VL IL Ron Ron Roff Ioff IL = 50mA (Note 2) (Note 3) IF = 0mA, IL = 50mA IF = 0mA, IL = 50mA IF = 5mA, VL = 100V IF = 5mA, VL = 100V IF = 5mA, VL = Max IF = 0mA, IL = 50mA IF = 5mA, IL = 50mA IF = 0mA, VL = 1V IF = 0mA, VL = 50V IF = 5mA
V PEAK Max mA mA G A A ms ms pF pF V Max Max Max Max Min Typ Max Typ Max Max Max Typ Typ Typ
Switching Current On Resistance (Note 2) On Resistance (Note 4) Off State Resistance Off State Leakage
Ioff
Turn On Time Turn Off Time Capacitance - Across Output Thermal Offset Voltage
Ton Toff
General Characteristics
Dielectric Strength - Input to Output Capacitance - Input to Output Power Dissipation Notes:
t = 60sec
VRMS pF mW
Min Typ Max
PDiss
1: VL for LED Forward Current - Turn off is 50 Volts less than "Switching Voltage : Max" 2: For LCB110 and LCB126: Output connected to pins 4 and 6. For LBB110 and LBB126: Each channel. 3: For LCB110 and LCB126: Output connected to pin 5(-) and pins 4 & 6(+). For LBB110 and LBB126: Both channels switching simultaneously 4: For LCB110 and LCB126: Output connected to pin 5(-) and pins 4 & 6(+). 5: Specifications subject to change without notice
* IF = 10mA
Schematic Top View: Mold mark on top of relay indicates Pin #1
UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com
Page 1 of 2
Photomos / FORM B
200 Load Current (mA) MOSFET Breakdown Voltage (Volts) 600 550 500 450 400 350 300 250 -40 -20 0 20 40 60 80 -40 -20 0 20 40 60 80 Temperature (Deg. C) Temperature (Deg. C) I(F) = 5 mA LCB126 LBB126 LCB110 LBB110 150
100
LCB126 LBB126 I(F) = 0 mA
50
LCB110 LBB110
0
A. Load Current vs. Ambient Temperature
50% Change in On Resistance (%) Normalized to 25 C 40% 30% 20% 10% 0% I(F) = 0 mA I(L) = 50 mA LCB126 LBB126 LCB110 LBB110
B. Output MOSFET BV vs. Ambient Temperature
350.00 300.00 CapacitanceF) ( 250.00 200.00 150.00 100.00 50.00 0.00 I(F) = 5 mA f = 1 MHz T = 25 deg. C LCB126 LBB126 LCB110 LBB110
-10% -20% -30% -40% -40 -20 0 20 40 60 80 Temperature (Deg. C)
0
20
40
60 Bias Voltage (Volts)
80
100
120
C. On-Resistance vs.Ambient Temperature
200% Change in Turn On Time (%) Normalized to 25 C 150% 100% 50% 0% -50% -100% -40 -20 0 20 40 60 80 Temperature (Deg. C) LCB110 LCB126 LBB110 LBB126
D. Output Capacitance vs. Applied Voltage
120% Change in Turn Off Time (% ) Normalized to 25 C 100% 80% 60% 40% 20% 0% -20% -40% -60% -80% -40 -20 0 20 40 60 80 Temperature (Deg. C) LCB126 LBB126 LCB110 LBB110 I(F) = 5 mA I(L) = 50 mA
I(F) = 5 mA I(L) = 50 mA
E. On Time vs. Ambient Temperature
9000 8000 Turn On Time Sec.) ( 7000 6000 5000 4000 3000 2000 1000 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA) T = 25 deg. C I(L) = 50 mA LCB126 LBB126 LCB110 LBB110
F. Turn Off Time vs. Ambient Temperature
55 50 Turn Off Time ( Sec.) 45 40 35 30 25 20 15 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA) T = 25 deg. C I(L) = 50 mA LCB126 LBB126 LCB110 LBB110
G. Turn On Time vs. LED Forward Current
H. Turn Off Time vs. LED Forward Current
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of LBB110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X