Part Number Hot Search : 
2N5943 T6501 F1001 BY254GP BYD33K EA09109 3040P R1000
Product Description
Full Text Search
 

To Download IC11S-BD-FEJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Slot SMT Connectors For Card-Bus Based PC Cards
IC11S Series PC Card Standard Compliant
Reduced height : 5.6mm high
sFeatures
1. PC Card Standard compliant:
* Grounding is required to meet the high speed signal requrements of the PC card standard. Grounding reliability is achieved with a grounding plate and 8 grounding contacts. * Type 1, type 2 and type 3 cards are covered. * Terminals for ground clipping are provided.
Wide variety of options (1)Board Mounting Standard type Reverse type (2)Types of eject button Rigid button Foldering button Pop-up button (3)Position of eject buttons
2. Space saving
Smaller size reduces occupied area on PC boards as compared to previous products.
3. Reduced Height:
Connector height is minimized to 5.6mm, making possible thinner product designs.
Right Left
(4)Standoffs
4. Eject mechanism with high-level functionality
Hirose Electric's original ejection mechanism provides an higher degree of card ejection over existing products. This improves the operational qualities of card removal. (Patents pending)
None 2.2mm
5. Wide Variety of Options Available
* Standard type mounts to the top of the PC board and reverse type mounts on the underside of the board * Three types of eject buttons; rigid, flexible and POP-UP.All types can be installed on the right or left side of the ejector. * Available with standoff to utilize space under the connector for mounting other parts.
6. Light-weight
Weight of 12.7g for normal button type helps achieve the reduced weight required in today's products.
A2
sProduct Specifications
Current rating Ratings Voltage rating 0.5A 125V AC Operating temperature -55c to +85c(Note.1) Storage temperature -40c to +70c(Note.2) Operating humidity Relativehumidity 95% max. Storage humidity (With no dew-fall) 40% to 70%(Note.2)
Item
Specification 500V DC 500V AC 1mA
Conditions
1.Insulation resistance 1000M ohms min. 2.Withstanding voltage No flashover or insulation breakdown. 3.Contact resistance 60m ohms max. (initial value) 4.Vibration No electrical discontinuity of 100ns or more
Frequency: 10 to 2000 Hz, full amplitude of 1.52 mm or acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-55c:30min./+5c to 35c:MAX 5min/85c:30min/+5 -35c:MAX 5min.) 5 cycles 10000 cycles at 400 to 600 cycles per hour Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds
5.Humidity (Steady state) Insulation resistance: 100M ohms min. 6.Temperature cycle Insulation resistance: 100M ohms min.
7.Durability Variations from initial contact resistance: 20m (Insertion/withdrawal) ohms max. 8.Resistance to Soldering heat No deformation of components affecting performance.
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
SMT unit
Parts Insulator Card connected section Contact Ground plate Eject metal fittings Phosphor bronze Stainless steel PPS Brass Material Finish Black Contact section: gold plating Lead section: solder plating Contact section: gold plating Lead section: solder plating ---------Remarks UL94V-0 ----------------------------
Guide unit
Item Guide plate Push rod Rigid button type resin section resin section Foldering button type Eject Button POP-UP type spring spring pin resin section frame metal spring pin Nut Material Stainless steel Stainless steel PBT PBT Stainless steel Stainless steel PBT Stainless steel Steel Brass Steel Finish ------------------Color : Black Color : Black ------------------Color : Black ------------------Nickel plating ---------Remarks ------------------UL94V-0 UL94V-0 ------------------UL94V-0 ---------------------------M2X0.4
A3
sOrdering Information
SMT Unit
IC11S A - 68 PLR - 1.27SF - EJ R
1 1 2 Series name : IC11S Standoff type Blank : none A : 2.2mm Number of contacts : 68 Board Mounting Type: PL : standard type PLR : reverse type 7 Eject button positions R : right L : left 2 3 4 5 5 6 7 1.27SF : 1.27mm pitch SMT connector With ejector EJ : with ejector
6
3 4
Guide Unit
IC11S A - BUR - FEJ R
8 9 10 11 11 12 Series name : IC11S Standoff type Blank: none A : 2.2mm Board Mounting Type BD : standard type BUR : reverse type 12 Eject button type EJ : rigid button FEJ : Foldering button PEJ : POP-UP button Eject button positions R : right L : left
8 9
10
(Note.) IC11S Series will be used in combination of SMT unit with guide unit. When using, please select the same type for the following items. Please note that other combinations cannot be used. * Series name * Standoff * Board-installed type * Eject button positions (18) (29) ( 4 10 ) ( 7 12 )
A4
sStandard
Right rigid button type
34.4 MAX
3
59
42.545 P= 0.635
SMT unit ( 1 )
No.1 GND 7.4
No.35 No.2 No.36 No.68 No.34 eject metal fittings movable range GND 10MAX 7MAX C
20.5
A
PUSH PUSH
51.5
5.9
3
59.5
3
54.9
6
guide unit ( 2 )
( 34.9)
No.1
No.2
No.34
stroke:9
B
A
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJR IC11SA-68PL-1.27SF-EJR CL No. 640-1007-3 640-1009-9
Guide unit
Part Number IC11S-BD-EJR IC11SA-BD-EJR CL No. 640-1071-2 640-1073-8
4.8
(18.6)
(27.6)
A (mm) 3 5.2
85.6: in card insertion
72
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 12.7 13.1
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A5
sStandard
Left rigid button type
34.4MAX
3
59 42.545
SMT unit ( 1 )
P= 0.635 No.1 C eject metal fittings movable range GND No.35 No.2 No.36 10MAX 7MAX No.34 No.68 GND
A
PUSH PUSH
20.5
85.6: in card insertion
51.5
3
59.5 5.9
(27.6)
(18.6)
3
54.9
stroke:9
6 ( 34.9 )
guide unit ( 2 )
No.1
No.2
No.34
4.8
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJL IC11SA-68PL-1.27SF-EJL CL No. 640-1008-6 640-1010-8
Guide unit
Part Number IC11S-BD-EJL IC11SA-BD-EJL CL No. 640-1072-5 640-1074-0
A
A (mm) 3 5.2
B
72
7.4
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 12.7 13.1
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A6
sStandard
Right flexible button type
34.4 MAX 59 42.545 P=0.635
SMT unit ( 1 )
No.35 No.1 GND No.2 No.36 No.68 No.34 GND 10MAX 7MAX eject metal fittings movable range C
7.4
20.5
A
PUSH PUSH
51.5
3
5.9
59.5
3
54.9
A
button thrust volume(10.5)
guide unit ( 2 )
(34.55) (42.05)
stroke:9
No.1
No.2
No.34
5
A
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJR IC11SA-68PL-1.27SF-EJR CL No. 640-1007-3 640-1009-9
Guide unit
Part Number IC11S-BD-FEJR IC11SA-BD-FEJR CL No. 640-1075-3 640-1077-9
4.8
B
(18.6)
(27.6)
A (mm) 3 5.2
(93.6): in card ejection
85.6: in card insertion
72
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.1 13.5
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A7
sStandard
Left flexible. button type
34.4MAX
3
59
SMT unit ( 1 )
42.545 P=0.635 No.1 C eject metal fittings movable range 10 MAX 7 MAX GND No.35 No.2 No.36 No.34 No.68 GND
A
PUSH PUSH
20.5
51.5
(93.6): in card ejection 85.6: in card insertion
3
59.5 5.9
(27.6)
(18.6)
3
54.9
5
button thrust volume(10.5)
stroke:9
72
7.4
guide unit ( 2 )
(34.55) (42.05)
No.1
No.2
No.34
4.8
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJL IC11SA-68PL-1.27SF-EJL CL No. 640-1008-6 640-1010-8
Guide unit
Part Number IC11S-BD-FEJL IC11SA-BD-FEJL CL No. 640-1076-6 640-1078-1
A (mm) 3 5.2
A
B
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.1 13.5
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A8
sStandard
Right POP-UP button type
34.4 MAX
3
59 42.545
P= 0.635
SMT unit ( 1 )
No.1 GND
No.35 No.2 No.36 No.68 No.34 eject metal fittings movable range GND 10MAX 7MAX C
7.4
20.5
A
PUSH PUSH A
51.5
5.9
3
59.5
3
54.9 5
9.1(Pop-up volume)
guide unit ( 2 )
(35.1)
No.1
No.2
No.34
B
A
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJR IC11SA-68PL-1.27SF-EJR CL No. 640-1007-3 640-1009-9
Guide unit
Part Number IC11S-BD-PEJR IC11SA-BD-PEJR CL No. 640-1081-6 640-1083-1
5
A (mm) 3 5.2
86.4(button stored position)
84.5(button thrust position)
72
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
DR
B (mm) 5.7 7.9
C Weight (mm) (g) 0.1 2.3 14.7 15.1
A9
sStandard
Left POP-UP button type
34.4 MAX
3
59 42.545
SMT unit ( 1 )
P= 0.635 No.1 C eject metal fittings movable range GND No.35 No.2 No.36 10MAX 7MAX No.34 No.68 GND
A
PUSH PUSH
20.5
86.4(button stored position)
84.5(button thrust position)
51.5
3
59.5 5.9
DL
3
54.9
9.1(Pop-up volume)
5
guide unit ( 2 )
(35.1)
No.1
No.2
No.34
5
No.35
No.36
No.68
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJL IC11SA-68PL-1.27SF-EJL CL No. 640-1008-6 640-1010-8
Guide unit
Part Number IC11S-BD-PEJL IC11SA-BD-PEJL CL No. 640-1082-9 640-1084-4
A
A (mm) 3 5.2
B
72
7.4
A (mm) 5.7 7.9
C Weight (mm) (g) 0.1 2.3 14.7 15.1
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A10
sReverse
Right rigid button type
34.4 MAX
3
59
42.545
SMT unit ( 1 )
P= 0.635 No.68 GND No.34 No.35 No.2 No.36 No.1 GND 10MAX 7MAX eject metal fittings movable range C
6
20.5
A
PUSH PUSH
51.5
3
59.5
3
54.9
6 (34.9)
guide unit ( 2 )
No.68
No.36
No.35
A
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJR IC11SA-68PLR-1.27SF-EJR CL No. 640-1003-2 640-1005-8
Guide unit
Part Number IC11S-BUR-EJR IC11SA-BUR-EJR CL No. 640-1055-6 640-1057-1
4.8
B
stroke:9
(18.6)
(27.6)
A (mm) 2.7 4.9
85.6: in card insertion
72
5.9
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.1 13.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A11
sReverse
Left rigid button type
34.4 MAX
3
59
42.545 P= 0.635 eject metal fittings movable range C No.68 GND 10MAX 7MAX No.34 No.35 No.2 No.36 GND No.1
SMT unit ( 1 )
A
PUSH PUSH
20.5
51.5
85.6: in card insertion
3
59.5 5.9
(27.6)
(18.6)
3
54.9
6
guide unit ( 2 )
(34.9)
No.68 4.8
No.36
No.35
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJL IC11SA-68PLR-1.27SF-EJL CL No. 640-1004-5 640-1006-0
Guide unit
Part Number IC11S-BUR-EJL IC11SA-BUR-EJL CL No. 640-1056-9 640-1058-4
A
A (mm) 2.7 4.9
B
72
6
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.1 13.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A12
sReverse
Right flexible button type
34.4 MAX
3
59
42.545 P= 0.635
SMT unit ( 1 )
No.68 GND No.34
No.35 No.2 No.36
No.1 GND 10MAX 7MAX
eject metal fittings movable range
C
6
20.5
A
PUSH PUSH
51.5
85.6: in card insertion
3
59.5
3
54.9
A
button thrust :(10.5)
guide unit ( 2 )
( 34.55 ) ( 42.05 )
No.68
No.36
stroke:9
No.35
5
A
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJR IC11SA-68PLR-1.27SF-EJR CL No. 640-1003-2 640-1005-8
Guide unit
Part Number IC11S-BUR-FEJR IC11SA-BUR-FEJR CL No. 640-1059-7 640-1061-9
4.8
B
(18.6)
(27.6)
A (mm) 2.7 4.9
93.6: in card ejection
72
5.9
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.5 14
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A13
sReverse
Left flexible button type
34.4 MAX
3
59
42.545 eject metal fittings movable range No.68 No.34 C GND P= 0.635 No.35 No.2 No.36 10MAX 7MAX GND No.1
SMT unit ( 1 )
A
PUSH
20.5
85.6: in card insertion
93.6: in card ejection
51.5
3
59.5 5.9
( 27.6 )
(18.6)
3
54.9
5
button thrust :(10.5)
72
stroke:9 guide unit ( 2 )
( 34.55 ) ( 42.05 )
No.68
No.36
No.35
4.8
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJL IC11SA-68PLR-1.27SF-EJL CL No. 640-1004-5 640-1006-0
Guide unit
Part Number IC11S-BUR-FEJL IC11SA-BUR-FEJL CL No. 640-1060-6 640-1062-1
A
B
A (mm) 2.7 4.9
6
PUSH
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 13.5 14
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A14
sReverse
Right POP-UP button type
3
34.4 MAX 59
42.545
SMT unit ( 1 )
P= 0.635 No.68 GND No.34 No.35 No.2 No.36 No.1 GND 10 MAX 7MAX eject metal fittings movable range C
6
20.5
A
PUSH PUSH
51.5
A
84.5(button thrust position)
3 UR
59.5
3
54.9
guide unit ( 2 )
5
(35.1)
No.68
No.36
No.35
B
A
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJR IC11SA-68PLR-1.27SF-EJR CL No. 640-1003-2 640-1005-8
Guide unit
Part Number IC11S-BUR-PEJR IC11SA-BUR-PEJR CL No. 640-1065-0 640-1067-5
5
A (mm) 2.7 4.9
9.1(Pop-up volume)
86.4(button stored position)
72
5.9
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 15.1 15.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A15
sReverse
Left POP-UP button type
34.4MAX
3
59 P= 0.635
42.545 No.35 No.34 No.2 No.36 GND No.1
SMT unit ( 1 )
eject metal fittings movable range C
No.68 GND
10MAX 7MAX
A
PUSH PUSH
20.5
86.4(button stored position)
84.5(button thrust position)
51.5
3
59.5 5.9
UL
9.1(Pop-up volume)
72 5
guide unit ( 2 )
(35.1)
No.68 5
No.36
No.35
No.34
No.2
No.1
Standoff type none 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJL IC11SA-68PLR-1.27SF-EJL CL No. 640-1004-5 640-1006-0
Guide unit
Part Number IC11S-BUR-PEJL IC11SA-BUR-PEJL CL No. 640-1066-2 640-1068-8
A
A (mm) 2.7 4.9
B
6
B (mm) 5.6 7.8
C Weight (mm) (g) 0.1 2.3 15.1 15.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A16
sPCB mounting pattern
qStandard Type
qWithout standoff
(right button)
qWithout standoff
(left button)
30 MIN installed section (6.6) 0.8MAX
2
0.3MIN
0.3MIN
0.8MAX
34.5 MIN 30 MIN 52.80.05 48.5MAX
34.5 MIN 30 MIN 30 MAX 52.80.05 2 48.5MAX
installed section (6.6) 17.9MIN
17.9MIN
0.8MAX 1.6MAX
58.10.05
58.10.05
4.750.05
54.750.05
card edge position
1.6MAX 0.8MAX
4.750.05
54.750.05
card edge position
28.5MIN 31.4MIN
31.4MIN 28.5MIN 7MIN
7MIN
shielded board-pressed area
shielded board-pressed are
21MIN 26.8MIN
2-O2.2 +0.1 +0
26.8MIN 21MIN
2-O2.2 +0.1 +0
2 2
3.05MIN 27.95MAX 34.5MIN 55.9MIN 59.50.05
2MIN
1
2MIN
3.05MIN 27.95MAX 34.5MIN
2 2
55.9MIN 59.50.05
qStandoff 2.2mm
(common to both right and left buttons) (6.6) 52.80.05 installed section 22.6MAX 27.6MIN
card edge position 47.50.05 58.10.05 54.750.05
7MIN
50.6MAX 56.85MAX shielded boardpressed area
2 2
parts installation-prohibited area
2-O2.2 +0.1 +0
2MIN
3.05MIN
2
59.5MAX
Note.1)
area and area show the pattern-inhibited area. However area will be the pattern-inhibited area only when guide unit is "IC11S-BD-PEJ". Note.2) Indicated dimensions are symmetrical to the center of the card insertion slot.
A17
BPCB mounting pattern (Enlarged)
qStandard type
480.05 46.27250.05 3.72750.05 20.05 1.40.1 1.20.1 GND 1.40.1 No.1 No.2 20.1 No.68 No.34 GND
30.1
0.
No.35 68-0.370.03 P=0.6350.03 1.90.1
05
O1
.3
.3
0
A18
O1
30.1
.0
5
qReverse Type
qWithout standoff
(right button)
qWithout standoff
(left button)
2
15.2MIN (5.2)
2MAX
60MIN 52.80.05
installed section
2
60MIN 52.80.05
installed section
card edge position 54.750.05 12-2MIN
15.2MIN
card edge position
30.250.05 18.450.05 20.250.05 14.750.05 4.750.05 3.9250.05
56.70.05 28.5MIN
56.70.05
4.750.05
shielded board-pressed area
2
-O
2+ 2.
.1 +0 0
2-
O2
.2
+ +0 0.1
shielded board-pressed area
7MIN 26.8MIN
26.8MIN
3.05MIN
2MIN
2MIN
3.05MIN
2 2 2
27.95MAX 34.5MIN 50.8MAX 54.6MIN 59.50.05
1
1
27.95MAX 34.5MIN 2 50.8MAX 2 54.6MIN 2 59.50.05
qStandoff 2.2mm
(common to both right and left buttons)
(5.2)
52.80.05
installed section
21.2MAX
4.750.05 56.70.05
54.750.05
card edge position
2 2
50.6MAX 56.85MIN
parts installation-prohibited area
7MIN
shielded board-pressed area
2-O2.2 +0.1 +0
2MIN
3.05MIN
2
59.50.05
area and area show the pattern-inhibited area. However area will be the pattern-inhibited area only when guide unit is "IC11S-BUR-PEJ". Note.2) Indicated dimensions are symmetrical to the center of the card insertion slot
Note.1)
26.2MIN
3.9250.05 4.750.05 20.250.05 14.750.05 18.450.05 30.250.05
25.8MIN
7MIN
A19
BPCB mounting pattern (Enlarged)
qReverse type
A20
sHow To Install In Board(Standard Type)
(1)Install SMT unit.
(2)Position the lock section of guide unit into the hole of SMT unit.
(3)Press the lock top of guide unit to push into SMT unit securely (i.e., until clicked.)
(Note.) Avoid pressing any section other than lock top because it may cause guide plate deformation.
(4)Screw 2 spots to guide unit from the back side of board.
Screw designation M2 Pitch 0.4 Recommended tightening torque 1.5 to 2.0 (kgf * cm)
A21
sHow To Install In Board(Reverse Type)
(1)Install SMT unit.
(2)Position the lock section of guide unit into the hole of SMT unit.
(3)Press the lock top of guide unit to push into SMT unit securely (i.e., until clicked.)
(Note.) Avoid pressing any section other than lock top because it may cause guide plate deformation.
(4)Screw 2 spots to guide unit from the back side of board.
Screw designation M2 Pitch 0.4 Recommended tightening torque 1.5 to 2.0 (kgf * cm)
A22
sPreCautions In Installation To Boards
1. After installation of SMT unit to boards, verify that the stroke arm of SMT unit and the push rod of guide unit are located on the positions shown in fig.. Also note that guide unit cannot be solder reflowed.
Pict. Guide unit SMT unit
Push rod
Stroke arm
2. Note that the stroke arm of SMT unit and the push rod of guide unit cannot be combined when located in the position as shown in fig..
Pict. Guide unit SMT unit
If located in the position shown in fig. move it to the position shown in fig. by fingers.
Guide unit
SMT unit
3. After SMT unit and guide unit are combined, state will be found as follows :
qWhen the push rod was pressed: qWhen the push rod was extracted:
intervention
intervention
A23
sPre Caution In Handling
Guide plate is metallic, having some sharp-edged portions. Handle carefully to prevent injury to fingers.
Do not wrench the card up and down severely in the midst of insertion. This may cause damage to the connectors or cards.
Up
Down
A24
sTemperature Profile
5sec.max board surface temperature(c) 250 240c
200
200c
150
160c 150c
Applicable Conditions Reflow system : IR reflow Solder
: Paste type 63 Sn/37 Pb
(Flux content 9 wt%)
100
Test board Glass epoxy 60mm x 60mm x 1.6 mm Metal mask thickness: 0.15 mm
50 25c 0 start 60 (30s) (60s) 60-90s preheating time 120 time(seconds) (20-30s) soldering time
Recommended temperature profile. The temperature may be slightly changed according to the solder paste type and amount.
A25
Single Slot SMT Connectors For Card-Bus Based PC Cards
IC11S Series (New POP-UP Button) PC Card Standard Compliant
Reduced height : 5.6mm high
sFeatures
1. PC Card Standard compliant:
* Grounding is required to meet the high speed signal requirements of the PC card standard. Grounding reliability is achieved with a grounding plate and 8 grounding contacts. * Type1, type2and type3cards are covered. * Terminals for ground clipping are provided.
Wide variety of options (1)Board Mounting Standard type Reverse type (2)Position of eject buttons
2. Reduced pattern-inhibited area
Pattern-inhibited area is reduced,compared to our conventional product.
Right Left
(3)Standoffs
3. Light-Weight
Approx. 12% of weight reduced. Compared to conventional type, it only weighs 13.1g for standard type with 0mm standoff.
0.0mm 2.2mm
4. Reduced Height:
Connector height is minimized to 5.6mm, making possible thinner product designs.
5. Eject mechanism with high-level functionality
Hirose Electric's original ejection mechanism provides an higher degree of card ejection over existing products. This improves the operational qualities of card removal. (Patents pending)
Standard type
6. Wide Variety of Options Available
* Standard type mounts to the top of the PC board and reverse type mounts on the underside of the board * Three types of eject buttons; rigid, flexible and POP-UP.All types can be installed on the right or left side of the ejector. * Available with standoff to utilize space under the connector for mounting other parts.
Reverse type
A26
sProduct Specifications
Current rating Ratings Voltage rating 0.5A 125V AC Operating temperature Operating humidity -55c to +85c(Note.1) Storage temperature -40c to +70c(Note.2) 40% to 70%(Note.2) Relativehumidity 95% or less Storage humidity (With no dew-fall)
Item 1.Insulation resistance 2.Withstanding voltage 3.Contact resistance 4.Vibration 1000M ohms min.
Specification 500V DC 500V AC 1mA No flashover or insulation breakdown. 60m ohms max. (initial value) No electrical discontinuity of 100ns or more
Conditions
Frequency: 10 to 2000 Hz, full amplitude of 1.52 mm or acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-55c:30min.+5c to 35c:MAX 5min85c:30min (+5-35c:MAX 5min.) 5 cycles 10000 cycles at 400 to 600 cycles per hour Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds
5.Humidity (Steady state) Insulation resistance: 100M ohms min. 6.Temperature cycle 7.Durability (Insertion/withdrawal) 8.Resistance to Soldering heat Insulation resistance: 100M ohms min. Variations from initial contact resistance: 20m ohms max. No deformation of components affecting performance.
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
sMaterials
qSMT unit
Parts Insulator Card connected section Terminal Ground plate Eject metal fittings Phosphor bronze Stainless steel PPS Brass Material Finish Color : Black Contact section: gold plating Lead section: solder plating Contact section: gold plating Lead section: solder plating ----- Remarks UL94V-0 ----- ----- -----
qGuide unit
Description Guide plate Push rod Resin section Eject Button Spring Cam Material Stainless steel Stainless steel PBT Steel Zinc alloy Finish ----- ----- Color : Black ----- ----- Remarks ----- ----- UL94V-0 ----- -----
A27
sOrdering Information
qSMT Unit
IC11S A - 68 PLR - 1.27SF - EJ R
1 1 2 Series name : IC11S Standoff type Blank : none A 3 4 : 2.2mm 7 Eject button positions R : right L : left Number of contacts : 68 Board Mounting Method: PL : standard type PLR : reverse type 6 With ejector 2 3 4 5 5 6 7 1.27SF : 1.27mm pitch SMT connector
qGuide Unit
IC11S A - BUR - PNEJ R
8 8 9 Series name : IC11S Standoff type Blank: none A : 2.2mm 10 Board Mounting Method BD : standard type BUR : reverse type 12 Eject button positions R : right L : left 9 10 11 11 Eject button type PNEJ : POP-UP button 12
(Note.) IC11S Series will be used in combination of SMT unit with guide unit. When using, please select the same type for the following items. Note that other combinations cannot be used.
* Series name * Standoff type * Board Mounting Method * Eject button positions
(18) (29) ( 4 10 ) ( 7 12 )
A28
sStandard
Right POP-UP button type
34.4MAX
3
59 42.545 eject metal fittings movable range No.34 No.68 GND 7 MAX C
SMT Unit(1)
No.35 No.1 GND 7.4
P=0.635 No.2 No.36
AS
20.5 A
PUSH PUSH
10 MAX
51.5
PNL
3
59.5
( 17.55)
5.9
NDRA
11.8 2.35
NR
27.45 ( 35.05 ) (66.25) No.1 No.2 No.34 5 10.1(Pop-up volume)
A
Guide unit(2)
B
No.35
No.36
No.68
Standoff type 0mm 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJR IC11SA-68PL-1.27SF-EJR CL No. 640-1007-3 640-1009-9
Guide unit
Part Number IC11S-BD-PNEJR IC11SA-BD-PNEJR CL No. 640-1251-4 640-1253-0
5
A (mm) 3 5.2
86.3 (button stored position)
84.3 (button thrust position)
( 28.05)
72
B (mm) 5.6 7.8
C (mm) 0.1 2.3
mass (g) 13.1 13.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A29
sStandard
Left POP-UP button type
34.4MAX
3
59 42.545
eject metal fittings movable range No.35 C No.1 GND 7MAX
P=0.635 No.2 No.36 SMT Unuit(1) No.34 No.68 GND
10MAX
AS
20.5
PUSH
PNR 51.5
86.3(button thrust position)
84.3(button stored position)
PUSH
(28.05)
3
59.5
10.1(Pop-up volume)
NDLA
NL
2.35
(17.55) 27.45 (35.05) (66.25) 5 No.1 No.2 No.34 Guide unit(2) A B 5 No.35 No.36 No.68
5.9
Standoff type 0mm 2.2mm
SMT unit
Part Number IC11S-68PL-1.27SF-EJL IC11SA-68PL-1.27SF-EJL CL No. 640-1008-6 640-1010-8
Guide unit
Part Number IC11S-BD-PNEJL IC11SA-BD-PNEJL CL No. 640-1252-7 640-1254-2
11.8
72
7.4
A (mm) 3 5.2
B (mm) 5.6 7.8
C (mm) 0.1 2.3
mass (g) 13.1 13.6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A30
sReverse
Right POP-UP button type
34.4 MAX
3
59 42.545 P=0.635 No.2 No.36
SMT Unit(1) No.34 No.68 GND
No.35 No.1 GND
eject metal fittings movable range C
20.5
A
10MAX
7 MAX
6
PNR 51.5
3
59.5
( 17.55 )
5.9
NURA
11.8 2.35
27.45 ( 35.05 ) ( 66.25 )
Guide unit(2)
5 No.68 No.36 No.35
B
A
No.34
No.2
No.1
Standoff type 0mm 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJR IC11SA-68PLR-1.27SF-EJR CL No. 640-1003-2 640-1005-8
Guide unit
Part Number IC11S-BUR-PNEJR IC11SA-BUR-PNEJR CL No. 640-1255-5 640-1257-0
5
10.1(Pop-up volume)
A (mm) 2.7 4.9
86.3(button stored position)
84.3(button thrust position)
( 28.05 )
72
B (mm) 5.6 7.8
C (mm) 0.1 2.3
mass (g) 13.3 13.7
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A31
sReverse
Left POP-UP button type
34.4 MAX
3
59 42.545 P=0.635 No.35 No.1 GND SMT Unit(1)
eject metal fittings movable range C No.34 No.68 GND 7 MAX
No.2 No.36
10 MAX
A
PUSH PUSH
PNL 51.5
84.3 (button stored position)
86.3 (button thrust position)
(28.05 )
20.5 (17.55 ) 5.9 11.8 72
3
59.5
10.1 (Pop-up volume)
NULA
2.35
27.45 ( 35.05 ) ( 66.25 )
5 No.68 5 No.36 No.35 Guide unit(2)
No.34
No.2
No.1
Standoff type 0mm 2.2mm
SMT unit
Part Number IC11S-68PLR-1.27SF-EJL IC11SA-68PLR-1.27SF-EJL CL No. 640-1004-5 640-1006-0
Guide unit
Part Number IC11S-BUR-PNEJL IC11SA-BUR-PNEJL CL No. 640-1256-8 640-1258-3
A
B
6
A (mm) 2.7 4.9
B (mm) 5.6 7.8
C (mm) 0.1 2.3
mass (g) 13.3 13.7
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together. Note.2) Dimensions for card fitting are in accordance with "PC Card Standard". Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
A32
BPCB mounting pattern
qStandard Type
qWithout standoff
(right button)
30 MIN Installed cection (6.6) 0.8MAX
2
qWithout standoff
(left button)
34.5 MIN 30MAX 0.3MIN 0.3MIN
2
17.9MIN
0.8MAX (6.6) Card edge position Shielded boardpressed area 2-O2.2 +0.1 0 17.9MIN
34.5 MIN 30MAX 52.80.05 48.5MAX
30 MIN 52.80.05 48.5MAX Installed cection
0.8MAX 1.6MAX
58.10.05
58.10.05
4.750.05
54.750.05
Card edge position
1.6MAX 0.8MAX
4.750.05
54.750.05
7MIN 31.4MIN
Shielded boardpressed area
21MIN
2-O2.2 +0.1 0
3.05MIN
21MIN
31.4MIN 7MIN
2MIN
2MIN
3.05MIN
2 2
55.9MIN 59.50.05
2 2
55.9MIN 59.50.05
qStandoff 2.2mm
(common to both right and left buttons)
(6.6) 52.80.05 Installed cection 22.6MAX 27.6MIN
Card edge position 4.750.05 58.10.05 54.750.05
2 2
50.6MAX 56.85MIN
Parts installation prohibited area
7MIN
Shielded board-pressed area
2-O2.2 +0.1 0 2MIN 3.05MIN
2
59.50.05
Note.1) area show the pattern-inhibited area. Note.2) Indicated dimensions are symmetrical to the center of the card insertion slot.
BPCB mounting pattern (Enlarged)
qStandard type
A33
BPCB mounting pattern
qReverse Type
qWithout standoff
(common to both right and left buttons)
2
2MAX
15.2MIN (5.2)
Card edge position 56.70.05 54.750.05 12-2MIN
15.2MIN (5.2)
2MAX
60MIN 52.80.05
Installed cection
2
60MIN 52.80.05
Installed cection
Card edge position 54.750.05 12-2MIN
56.70.05 30.250.05 18.450.05 20.250.05 14.750.05 3.9250.05 4.750.05
4.750.05
4.750.05
Shielded board-pressed area
2
2. -O
2
.1 +0 0
2O2 .2
+0 . 01
Shielded board-pressed area
3.05MIN
2MIN
2MIN
3.05MIN
1
2 2 2
50.8MAX 54.6MIN 59.50.05
2 2 2
50.8MAX 54.6MIN 59.50.05
qStandoff 2.2mm
(common to both right and left buttons)
(5.2) 52.80.05 Installed cection
21.2MAX
4.750.05 56.70.05
54.750.05
Card edge position
2 2
50.6MAX 56.85MIN
Parts installation prohibited area
7MIN
Shielded board-pressed area
2-O2.2 +0.1 0 2MIN 3.05MIN
2
26.2MIN
59.50.05
Note.1) area show the pattern-inhibited area. Note.2) Indicated dimensions are symmetrical to the center of the card insertion slot.
BPCB mounting pattern (Enlarged)
qReverse type
A34
4.750.05 3.9250.05 20.250.05 14.750.05 18.450.05 30.250.05
1
7MIN
7MIN
BHow To Install In Board(Standard Type)
(1)Install SMT unit.
(2)Position the lock section of guide unit into the hole of SMT unit.
(3)Press the lock top of guide unit to push into SMT unit securely (i.e., until clicked.)
(Note.) Avoid pressing any section other than lock top because it may cause guide plate deformation.
(4)Screw 2 spots to guide unit from the back side of board.
Screw designation M2 Pitch 0.4 Recommended tightening torque 0.14 to 0.18 (N * m)
A35
BHow To Install In Board(Reverse Type)
(1)Install SMT unit.
(2)Position the lock section of guide unit into the hole of SMT unit.
(3)Press the lock top of guide unit to push into SMT unit securely (i.e., until clicked.)
(Note.) Avoid pressing any section other than lock top because it may cause guide plate deformation.
(4)Screw 2 spots to guide unit from the back side of board.
Screw designation M2 Pitch 0.4 Recommended tightening torque 0.14 to 0.18 (N * m)
A36
BCautions In Installation To Boards
1. After installation of SMT unit to boards, verify that the stroke arm of SMT unit and the push rod of guide unit are located on the positions shown in fig.. Also note that guide unit cannot be solder reflowed. Pict. Guide unit SMT unit
Push rod
Stroke arm
2. Note that the stroke arm of SMT unit and the push rod of guide unit cannot be combined when located in the position as shown in fig.. Pict. Guide unit SMT unit
If located in the position shown in fig. move it to the position shown in fig. by fingers.
Guide unit
SMT unit
3. After SMT unit and guide unit are combined, state will be found as follows : qWhen the push rod was pressed: qWhen the push rod was extracted:
intervention
intervention
A37
BCaution In Handling
Guide plate is metallic, having some sharp-edged portions. Handle carefully to prevent injury to fingers.
Do not wrench the card up and down severely in the midst of insertion. This may cause damage to the connectors or cards.
Up
Down
A38
BInstallation Temperature Profile
5sec.max board surface temperature(c) 250 240c
200
200c
150
160c 150c
Applicable Conditions Reflow system : IR reflow Solder
: Paste type 63 Sn/37 Pb
(Flux content 9 wt%)
100
Test board Glass epoxy 60mm x 60mm x 1.6 mm Metal mask thickness: 0.15 mm
50 25c 0 start 60 (30s) (60s) 60-90s preheating 120 time(seconds) (20-30s) soldering
Recommended temperature profile. The temperature may be slightly changed according to the solder paste type and amount.
A39


▲Up To Search▲   

 
Price & Availability of IC11S-BD-FEJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X