Part Number Hot Search : 
45F2R0 D3305 AD7760 DS1012 LQFP208 IC16F1 C100B D1027
Product Description
Full Text Search
 

To Download IB0505LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IB_LS-1W/ IB_LD-1W Series
FIXED INPUT ISOLATED & REGULATED 1W SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
FEATURES
Small Footprint SIP/DIP Package 1KVDC Isolation Regulated Output Voltage Temperature Range: -40C ~+85C Industry Standard Pinout No Heat Sink Required No External Component Required Fully Encapsulated RoHS Compliance
multi-country patent protection RoHS
Input Output Range Voltage (VDC) Current (mA) Max Min 15 15 20 12 9 7 4 15 20 12 9 7 4 15 20 12 9 7 4 66 67 67 71 72 73 68 69 70 72 70 74 68 67 68 73 73 75 68 SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP Efficiency (%, Typ) Package Style
PRODUCT PROGRAM
Part Number Voltage (VDC) Nominal
APPLICATIONS
The IB_LS(D)-1W Series are specially designed for applications where a single power supply is highly isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 5%); 2) Where isolation is necessary between input and output (isolation voltage =1000VDC); 3) Where the regulation of the output voltage and the output ripple and noise are demanded.
IB0305LS/D-W75 3.3 3.13~3.46 5 150 IB0505LS/D-W75 5 150 IB0505LS/D-1W 5 200 IB0509LS/D-1W 9 111 5 4.75~5.25 IB0512LS/D-1W 12 83 IB0515LS/D-1W 15 67 IB0524LS/D-1W 24 42 IB1205LS/D-W75 5 150 IB1205LS/D-1W 5 200 IB1209LS/D-1W 9 111 12 11.4~12.6 IB1212LS/D-1W 12 83 IB1215LS/D-1W 15 67 IB1224LS/D-1W 24 42 IB2405LS/D-W75 5 150 IB2405LS/D-1W 5 200 IB2409LS/D-1W 9 111 24 22.8~25.2 IB2412LS/D-1W 12 83 IB2415LS/D-1W 15 67 IB2424LS/D-1W 24 42 Note: The IB_LS(D)-W2 series also are available in our company.
COMMON SPECIFICATION
Short circuit protection Temperature rise at full load Cooling No-load power consumption Operating temperature range Storage temperature range Lead temperature* Storage humidity range Case material MTBF 1 second 25C (MAX), 15C (TYP) Free air convection 10% nominal power (typical) -40C ~+85C -55C ~+125C 300C (1.5mm from case for 10 seconds) 95% Plastic (UL94-V0) >3,500,000 hours
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test condition Tested for 1 minute Test at 500VDC Min 1000 1000 Typ Max Units VDC M
MODEL SELECTION
Rated Power Package Style w w w . D a t a S h eOutput .Voltage et4U com Input Voltage Product Series
OUTPUT SPECIFICATIONS
Item Output power Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple Output noise Switching frequency Test condition For Vin change of 5% 10% to 100% full load 100% full load 100% full load 20MHz bandwidth 20MHz bandwidth Full load, nominal input voltage Min 0.1 Typ Max 1 0.25 Units W % % % %/C mVp-p KHz
1 .5 3
10 50 100 0.03 20 100
MORNSUN Science& Technology Ltd Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com MORNSUN reserves the copyright
Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 1 of 2
TYPICAL CHARECTERISTICS
Temperature Derating Graph
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must proper. If the capacitance is too big, a startup problem might arise. For every channel of output, providing the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor refer to the EXTERNAL CAPACITOR TABLE. To get an extreme low ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, which may produce a more significant filtering effect. It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference (Figure 1).
Operating Temp.( C )
FOOTPRINT DETAILS
Pin
1 2 4 6 Vin GND 0V +Vo
Pin
1 7 9 11 14 GND NC +Vo 0V Vin
External Capacitor Table
Vin 3.3VDC 5VDC 12VDC 24VDC External capacitor 4.7uF 4.7uF 2.2uF 1uF Vout 5VDC 9VDC 12VDC 15VDC External capacitor 10uF 4.7uF 2.2uF 1uF
12
4
6
OUTLINE DIMENSIONS& RECOMMENDED FOOTPRINT
SIP package
19.6 ( 0.7 7)
DIP package
L L
Vin
+Vo
C
20.0(0.7 9)
C
DC DC

Side View
0.5
( 0.16 0.02 )
GND
0V
0 .5
( 0.16 0.02 )
15.24(0.6)
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
Bottom View
When the environment temperature is higher than 70C, the product output power should be less then 60% of the rated power.
. Note: All Pins on a 2.54mm(0.1) pitch; All Pin diameters are 0.50 mm(0.02); Tolerances:0.25mm(0.01); Unit: mm(inch).
APPLICATION NOTE Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our w w w D a t a S h e 4 U . rated company's. products witheat lower c o m output power.
MORNSUN reserves the copyright
For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IB0505LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X