Part Number Hot Search : 
PE9094 2SC3157 DA05L12 100ML TM3049 BC548 B1060 ME112S03
Product Description
Full Text Search
 

To Download HDSPH101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Current Seven Segment Displays Technical Data
HDSP-335X Series HDSP-555X Series HDSP-751X Series HDSP-A10X Series HDSP-A80X Series HDSP-A90X Series HDSP-E10X Series HDSP-F10X Series HDSP-G10X Series HDSP-H10X Series HDSP-K12X, K70X Series HDSP-N10X Series
Features
* * * * Low Power Consumption Industry Standard Size Industry Standard Pinout Choice of Character Size 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in) Choice of Colors AlGaAs Red, High Efficiency Red (HER), Yellow, Green Excellent Appearance Evenly Lighted Segments 50 Viewing Angle Design Flexibility Common Anode or Common Cathode Single and Dual Digit Left and Right Hand Decimal Points 1. Overflow Character Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display Excellent for Long Digit String Multiplexing
Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available. Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applications. The high light ambient displays are ideal for sunlight ambients or long string lengths. For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.
*
*
*
*
*
2
Devices
AlGaAs HDSPA101 A103 A107 A108 F101 F103 F107 F108 G101 G103 E100 E101 E103 E106 H101 H103 H107 H108 K121 K123 N100 N101 N103 N105 N106 HER HDSP7511 7513 7517 7518 Yellow HDSPA801 A803 A807 A808 Green HDSPA901 A903 A907 A908 Description 7.6 mm Common Anode Right Hand Decimal 7.6 mm Common Cathode Right Hand Decimal 7.6 mm Common Anode 1. Overflow 7.6 mm Common Cathode 1. Overflow 10 mm Common Anode Right Hand Decimal 10 mm Common Cathode Right Hand Decimal 10 mm Common Anode 1. Overflow 10 mm Common Cathode 1. Overflow 10 mm Two Digit Common Anode Right Hand Decimal 10 mm Two Digit Common Cathode Right Hand Decimal 10.9 mm Common Anode Left Hand Decimal 10.9 mm Common Anode Right Hand Decimal 10.9 mm Common Cathode Right Hand Decimal 10.9 mm Universal 1. Overflow[1] 14.2 mm Common Anode Right Hand Decimal 14.2 mm Common Cathode Right Hand Decimal 14.2 mm Common Anode 1. Overflow 14.2 mm Common Cathode 1. Overflow 14.2 mm Two Digit Common Anode Right Hand Decimal 14.2 mm Two Digit Common Cathode Right Hand Decimal 20 mm Common Anode Left Hand Decimal 20 mm Common Anode Right Hand Decimal 20 mm Common Cathode Right Hand Decimal 20 mm Common Cathode Left Hand Decimal 20 mm Universal 1. Overflow[1] Package Drawing A B C D E F G H X Y I J K L M N O P R S Q T U V W
3350 3351 3353 3356 5551 5553 5557 5558 K701 K703
Note: 1. Universal pinout brings the anode and cathode of each segment's LED out to separate pins. See internal diagrams L or W.
Package Dimensions
3
Package Dimensions (cont.)
4
Package Dimensions (cont.)
*The Side View of package indicates Country of Origin.
5
Package Dimensions (cont.)
6
Package Dimensions (cont.)
7
Package Dimensions (cont.)
8
Internal Circuit Diagram
9
Internal Circuit Diagram (cont.)
Absolute Maximum Ratings
AlGaAs Red HDSP-A10X/E10X/ H10X/K12X/N10X/ F10X, G10X Series 37 45 15[1] -20 to +100 15[2] -40 to +100 -55 to +100 3.0 HER HDSP-751X/ 335X/555X/ K70X Series 52 Yellow HDSP-A80X Series Green HDSP-A90X Series 64
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Lead Solder Temperature for 3 Seconds (1.60 mm [0.063 in.] below seating plane)
Units mW mA mA C C V
260
C
Notes: 1. Derate above 91C at 0.53 mA/C. 2. Derate HER/Yellow above 80C at 0.38 mA/C and Green above 71C at 0.31 mA/C.
10
Electrical/Optical Characteristics at TA = 25C
AlGaAs Red
Device Series HDSP-
Parameter
Symbol
Min. 315
Typ. 600 3600
Max.
Units
Test Conditions IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA
A10X
330 F10X, G10X
650 3900
390 E10X Luminous Intensity/Segment[1,2] (Digit Average) IV
650 cd 3900
IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA
400 H10X, K12X
700 4200
270 N10X
590 3500 1.6
Forward Voltage/Segment or DP
VF
1.7 1.8 2.2
V
IF = 5 mA IF = 20 mA Pk
All Devices
Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP
PEAK d VR VF/C 3.0
645 637 15 -2 mV
nm nm V mV/C IR = 100 mA
A10X F10X, G10X E10X Thermal Resistance LED H10X, K12X Junction-to-Pin N10X RJ-PIN
255 320 340 C/W/Seg 400 430
11
High Efficiency Red
Device Series HDSP-
Parameter
Symbol
Min. 160
Typ. 270 1050
Max.
Units
Test Conditions IF = 2 mA IF = 5 mA IF = 2 mA
751X
200 Luminous Intensity/Segment[1,2] (Digit Average) 335X, 555X, K70X IV
300 mcd 1200
IF = 5 mA IF = 2 mA IF = 5 mA IF = 2 mA V 2.5 nm nm V mV/C IR = 100 mA IF = 5 mA IF = 20 mA Pk
270
370 1480 1.6
Forward Voltage/Segment or DP
VF
1.7 2.1
All Devices
Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP
PEAK d VR VF /C 3.0
635 626 30 -2
751X 335X 555X, K70X Thermal Resistance LED Junction-to-Pin RJ-PIN
200 280 345 C/W
12
Yellow
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol
Min. 250
Typ. 420
Max.
Units
Test Conditions IF = 4 mA
IV 1300 1.7
mcd IF = 10 mA IF = 4 mA V 2.5 nm 592.5 nm V mV/C C/W IR = 100 mA IF = 5 mA IF = 20 mA Pk
Forward Voltage/Segment or DP A80X
VF
1.8 2.1
Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
PEAK d VR VF /C RJ-PIN 581.5 3.0
583 585 30 -2
200
Green
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol
Min. 250
Typ. 475
Max.
Units
Test Conditions IF = 4 mA
IV 1500 1.9
mcd IF = 10 mA IF = 4 mA V 2.5 nm 577 nm V mV/C C/W IR = 100 mA IF = 10 mA IF = 20 mA Pk
Forward Voltage/Segment or DP A90X
VF
2.0 2.1
Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
PEAK d VR VF /C RJ-PIN 3.0
566 571 30 -2
200
Notes: 1. Device case temperature is 25C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. The yellow (HDSP-A800) and Green (HDSP-A900) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
13
AlGaAs Red
Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
HER, Yellow, Green
Figure 5. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 6. Forward Current vs. Forward Voltage.
Figure 7. Relative Luminous Intensity vs. DC Forward Current.
Figure 8. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005.
Contrast Enhancement
For information on contrast enhancement please see Application Note 1015.
chorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs please refer to Application Note 1027.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the
www.semiconductor.agilent.com Data subject to change. Copyright (c) 1999 Agilent Technologies, Inc. 5091-8365E (11/99)


▲Up To Search▲   

 
Price & Availability of HDSPH101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X