Part Number Hot Search : 
T4124 GS832 HZS33 GBL02 TOP200YN FSUSB300 FSS134 DTA113
Product Description
Full Text Search
 

To Download HC49-4H351DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile Crystal
HC49-4H & HC49-3H
Specifications
HC49-4H: 3.5mm maximum height HC49-3H: 2.5mm maximum height
Parameters
Package:
2.50 (max) 0.43O 12.00 (min) 12.00 (min)
Product
HC49-4H HC49-3H
Option Code
HC49-4H HC49-3H
3.50* (max) 0.43O
Frequency range: 1.0MHz 3.2768 ~ 90.0MHz 3.579 ~ 90.0MHz Calibration tolerance: 20ppm 30ppm 50ppm Other values (10ppm ~ 100ppm) 30ppm 50ppm 100ppm Other values (10ppm ~ 100ppm) 2 3 5 specify 3 5 C specify 1 2 3 4 specify B D E F J specify F 3
4.88 4.65 11.05
4.88 4.65 11.05
Temperature stability:
HC49-4H
*1.0MHz HC49-4H height is 4.00 (max)
HC49-3H Scale 1:1
Features

Industry standard HC49 footprint Fundamental mode available up to 50.0MHz Comprehensive stock of standard frequencies Low profile for close board stacking Centre ground lead available
Operating temperature range: -10 to +60C -20 to +70C -30 to +80C -40 to +85C Other values Circuit condition: 12pF 16pF 18pF 20pF 30pF Other values Fundamental 3rd overtone
Oscillation mode:
Standard Frequencies
Frequencies in MHz 1.000000* 3.276800 3.579545 3.686400 3.840000 4.000000 4.032000 4.096000 4.194304 4.433619 4.500000 4.915200 5.000000 5.068800 6.000000 6.144000 6.176000 6.400000 7.372800 7.680000 8.000000 8.064000 8.192000 8.867237 9.000000 9.216000 9.830400 10.000000 10.240000 10.245000 11.059200 12.000000 12.288000 14.318181 14.745600 15.000000 15.360000 16.000000 16.384000 16.934400 17.734475 18.000000 18.432000 19.000265 19.660800 20.000000 20.275200 21.250000 22.118400 22.579200 24.000000 24.000140 24.576000 25.175000 28.322000 29.491200 30.000000 32.000000 32.768000 35.251200 36.000000 40.000000 48.000000 50.000000 60.000000
Equivalent series resistance (max): 3000 (1.0MHz) 200 (>3.2 ~ 3.5MHz) 150 (>3.5 ~ 4.0MHz) 120 (>4.0 ~ 4.4MHz) 100 (>4.4 ~ 7.0MHz) 70 (>7.0 ~ 10.0MHz) 50 (>10.0 ~ 50.0MHz, fund) 100 (>25.0 ~ 90.0MHz, 3rd OT) Static capacitance (C0): Ageing: Test drive level: Standard. 7pF max
3ppm max first year 100W
Optional - Please specify required code(s) when ordering
Ordering Information
Product name + frequency + specification code eg: HC49-4H/351DF 18.4320MHz 30/50/10/16-F HC49-3H/232S3 48.0MHz 20/30/20/S-3
Insulating washers and mounting clips available. See our website for details. Available on T&R - 1k pcs per reel. Refer to our website for T&R and soldering details. Not normally available in small quantities of non-standard frequencies. Please check with us before ordering.
Tel: +44 1460 256 100
26 Jul 2002
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of HC49-4H351DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X