|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HIGH-VOLTAGE MONOLITHIC IC ECN3063 ECN3063 is monolithic IC integrating 6 IGBTs. It can be applied to DC brushless motors. Functions * Integrated charge pump circuit * Free Wheeling Diodes are integrated * Overcurent Protection circuit is integrated Features PWM control of uper and bottom arm IGBTs are possible by controlling outer Microprocessor * 6 Logic inputs are compatible with 5V CMOS or LSTTL outputs * Upper and Bottom arm IGBTs can operate in 20kHz chopping frequency * For converted AC200 to 230V power supplies * VCC(15V) D2 C2 +CB VB VB supply C+ C- D1 + C1 VS C0 - CL VS1 VS2 VCC Charge Pump UT VT WT Clock Top Arm Driver Motor MU MV MW Microprocessor UB VB WB Bottom Arm Driver Pulse Generator CLOCK Latch R S - + Filter 1s Vref 0.5V CR RTR CTR Vref VTR GL RS GH1 GH2 RS Fig.1 Block Diagram PDE-3063-0 ECN3063 1. (1) (2) (3) (4) 2. General Type Application Structure Package ECN3063SP,ECN3063SPV,ECN3063SPR 3-Phase DC Brushless Motor Monolithic IC SP-23TA,SP-23TB,SP23-TR Maximum Allowable Ratings (Ta=25C) Symbols Terminal VSM VS1,VS2 MU,MV,MW VCC VCC VIN UT,VT,WT, UB,VB,WB IMDC MU,MV,MW IMP MU,MV,MW IOM MU,MV,MW Tjop Tstg Ratings 500 18 -0.5 ~ VB+0.5 0.7 1.0 1.0 -20 ~ +135 -40 ~ +150 Unit V V V A A A C C Condition No. Items 1 Output Device Breakdown Voltage 2 Supply Voltage 3 Input Voltage 4 5 6 7 8 Output Current Peak Output Current Output Current in Start Up and Accelerating Operating Junction Temperature Storage Temperature Note 1 Note 1 Note 2 Note 1. Please note that acumulated duty of a period exceeding 0.7A has to be less than 5% of total current flowing period. Note 2. Thermal Resistance Rj-c = 4 C/W Rj-a = 40C/W 3. Recommended Operating Conditions Symbols Terminal VS VS1,2 VCC VCC MIN 50 13.5 TYP 325 15 MAX 370 16.5 Unit V V Condition No. Items 1 Supply Voltage 2 Note 1. Recommended Area of Safety Operation It is recommended that this IC is used within the SOA as shown below where IM and VM are the current and the voltage at the terminal of motor wiring at the change of phase (turn off). 1.0 IM (A) Safety Operating Area 0 0 VM (V) 370 PDE-3063-0 ECN3063 4. Electrical Characteristics (Ta=25C) Unless otherwise specified, VCC=15V, VS=325V Suffix T; Top arm No. 1 2 3 4 5 6 7 8 9 10 11 12 13 Items Standby Current Output device FVD Turn On Delay Time Turn Off Delay Time Diode FVD Input Voltage Input Current Symbols IS ICC VFT VFB TdONT TdONB TdOFFT TdOFFB VFDT VFDB VIH VIL IIL VB IB Vref LVSDON B; Bottom arm Terminal VS1,2 VCC MU,MV,MW MU,MV,MW MU,MV,MW MU,MV,MW MU,MV,MW MU,MV,MW MU,MV,MW MU,MV,MW UT,VT,WT, UB,VB,WB UT,VT,WT, UB,VB,WB CB CB RS VCC,MU, MIN 3.5 6.8 25 0.45 10.0 10.1 0.1 TYP 2.5 10 4.0 4.0 0.5 0.5 1.0 1.0 2.2 2.2 7.5 0.5 11.5 12.0 0.5 MAX 5.0 20 6.0 6.0 2.0 2.0 2.0 2.0 3.0 3.0 1.5 100 8.2 0.55 12.9 13.0 0.9 Unit mA mA V V s s s s V V V V A V mA V V V V Condition UT,VT or WT=5V Other input=0V I=0.35A I=0.35A I=0.35A Resistance Load I=0.35A Input=5V Note 1 Pull Down Resistance 14 VB Output Voltage 15 VB Output Current 16 Reference Voltage for Overcurrent 17 LVSD Output Voltag e 18 LVSD recover Voltag e 19 LVSD reset hysterisis delta Vload=0.1V Note.2 LVSDOFF MV,MW Vrh Note 1. Pull Down Resistance are typically 200 k. Note.2 LVSD: Low Voltage Shut Down PDE-3063-0 ECN3063 5. Function 5.1 Truth Table Terminal UT,VT,WT, UB,VB,WB UT,UB VT,VB WT,WB Input L H UT&UB=H VT&VB=H WT&WB=H Output OFF ON OFF OFF OFF 5.2 Timing Chart UT Top Arm VT WT UB Bottom Arm VB WB MU Output MV Output MW Output 5.3 Overcurrent Limitting Operation This IC detects overcurrent by outside resictance Rs. When Rs input voltage exceeds inner reference voltage Vref(0.5V typical), this IC turns off the bottom output. After overcurrent detection, a reset operation is done at each inner clock signal period. In case of not using this function, please connect Rs terminal to GL terminal. PDE-3063-0 Inner Clock Trigger RS terminal inner equvalent circuit RS typ 300 typ 5pF Vref VB typ 200k typ 220k S Latch R ECN3063 6. Standard Application Usage for inner power supply(VB). for charge pump 0.5 F 20% Hitachi DFG1C6 (glass mold) for charge pump Hitachi DFM1F6(resin mold) or considerable parts for clock 1800 pF 5% for clock 22 k 5% Note.2 Overcurrent limit Remark stress voltage is VB stress voltage is VCC 600V/1.0A trr100ns Note 1. Note 1. Component Recommended Value C0 More than 0.22 F C1,C2 D1,D2 CTR RTR Rs Note 1. Clock frequency is determined approximately by next equation. Floating capacitance of PCB must be considered. At Recommended Value of CR, the error factor of IC is about 10%. fclock = -1 / (2C*R*Ln(1-3.5/5.5)) ; Ln is natural logarithm = 0.494 / (C*R) (Hz) Note 2. Current is limited by the following equation. IO = Vref / Rs (A) VCC(15V) D2 C2 +CB VB VB supply C+ C- D1 + C1 VS C0 CL VS1 VS2 VCC Charge Pump UT VT WT Clock Top Arm Driver Motor MU MV MW Microprocessor UB VB WB Bottom Arm Driver Pulse Generator CLOCK Latch R S - + Filter 1s Vref 0.5V CR RTR CTR Vref VTR GL RS GH1 GH2 RS PDE-3063-0 ECN3063 7. Terminal 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 MV VS1 MU GH1 UT VT WT RS UB VB WB VTR CR CB CL CC+ GL VCC GH2 MW VS2 (Marking Side) Fig.2 Pin Connection 8. Package Outline ECN3063SP (SP-23TA) ECN3063SPV (SP-23TB) ECN3063SPR (SP-23TR) PDE-3063-0 ECN3063 8. Package Dimensions (1) ECN3063SP (2) ECN3063SPV PDE-3063-0 ECN3063 (3) ECN3063SPR 31MAX (30) 28 20 0.5 0.2 0.2 0.3 0.2 3.5 0.3 3.6 0.2 1.26 0.24 14.7MAX 11.2 0.3 12.30.5 2.20.3 1.23 0.25 0.6 0.1 23.970.3 4.90.5 1.27 0.5 2.54 0.5 2.54 0.5 7.10.5 +10 0 -0 1 23 +10 0 -0 0.25 typ 4.1 0.3 (7.7) (9) 3.6 1.8 typ PDE-3063-0 HITACHI POWER SEMICONDUCTORS Notices 1.The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product characteristics. Before ordering, purchasers are adviced to contact Hitachi sales department for the latest version of this data sheets. 2.Please be sure to read "Precautions for Safe Use and Notices" in the individual brochure before use. 3.In cases where extremely high reliability is required(such as use in nuclear power control, aerospace and aviation, traffic equipment, life-support-related medical equipment, fuel control equipment and various kinds of safety equipment), safety should be ensured by using semiconductor devices that feature assured safety or by means of users' fail-safe precautions or other arrangement. Or consult Hitachi's sales department staff. 4.In no event shall Hitachi be liable for any damages that may result from an accident or any other cause during operation of the user's units according to this data sheets. Hitachi assumes no responsibility for any intellectual property claims or any other problems that may result from applications of information, products or circuits described in this data sheets. 5.In no event shall Hitachi be liable for any failure in a semiconductor device or any secondary damage resulting from use at a value exceeding the absolute maximum rating. 6.No license is granted by this data sheets under any patents or other rights of any third party or Hitachi, Ltd. 7.This data sheets may not be reproduced or duplicated, in any form, in whole or in part , without the expressed written permission of Hitachi, Ltd. 8.The products (technologies) described in this data sheets are not to be provided to any party whose purpose in their application will hinder maintenance of international peace and safety not are they to be applied to that purpose by their direct purchasers or any third party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations. For inquiries relating to the products, please contact nearest overseas representatives which is located "Inquiry" portion on the top page of a home page. Hitachi power semiconductor home page address http://www.hitachi.co.jp/pse |
Price & Availability of ECN3063 |