Part Number Hot Search : 
SF106 363AM VC2G0 645ET ZMM5227B OVLKGGT6 P202W G129G130
Product Description
Full Text Search
 

To Download CV2030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SURFACE MOUNT LED LAMP
CV1430 (1204) RIGHT ANGLE CV1432 (1304) RIGHT ANGLE CV2030 (1204) RIGHT ANGLE
Wave Emitter Part No. Material Color Pin Lens Type
At 20mA
View Angle 21/2 (deg) 150 150 150 150 150 150 150
3.20 [0.13"]
Length Vf (V) Iv (mcd) p(nm) Typ. 2.0 2.2 2.0 2.0 3.3 3.50 Min 80 80 80 25 160 40
Package Dimension
CV1430UIC CV1430UOC CV1430UYC CV1430UGC CV1430ZGC CV1430UBC
---------------
Orange Red Orange Yellow Green Green Blue Orange Red Green Orange Red Green Orange Green Yellow Blue Orange Red Orange Yellow Green Green Blue
------------1 4 1 4 1 4 1 4 -------------
Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear
640 635 595 575 520 460
[R 0
.03 ]
LED Chip
2.00 [0.08"]
3.00 [0.12]
2
1.00 [0.04]
0.50 [0.02] 5.00 [0.20]
1.00 [0.04]
2.00 [0.08]
0.10 [0.00]
0.90 [0.04]
CV1432RAGC-1 ----CV1432RAGC-2 ----CV1432OAGC ----CV1432YABC --CV2030UIC CV2030UOC CV2030UYC CV2030UGC CV2030ZGC CV2030UBC -------------
2.00 [0.08"]
Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear
575 635 575 520 460 595 460 640 635 595 575 520 460
2.00 2.00 2.00 3.30 3.50 2.00 3.50 2.0 2.2 2.0 2.0 3.3 3.50
25 80 25 160 40 80 40 80 80 80 25 160 40
150 150 150
1.00 [0.04"]
LED CHIP
2
3
3
2
Polarity Mark
Water Clear 640 2.00 .com 80
1.40 [0.06"]
Cathode Mark
R0
.80
1.40 [0.06]
DataShee
4
1
4
1
1 4 2,3
1.00 [0.04"]
0.50 [0.02"]
5.00 [0.20"] 1.00 [0.04"]
150 150 150 150 150 150
1.50 [0.06"]
2.00 [0.08"]
1.50 [0.06"]
R0.8 [R0.03"]
2.00[0.08"]
2.0 1.00 [0.04"] 1.10 [0.04"]
150
1.50 [0.06"]
0.90 [0.04]
150 150
0.2[0.08"]
0.90[0.04"] 2.00 [0.08"] 5.00 [0.20]
NOTES:
1. 2.
All dimensions are in millimeters. Tolerance is +/- 0.2mm unless otherwise specified
3. 4.
Protruded resin under flange is 1.5mm MAX. Specifications are subject to change without notice.
.com
SUPER BRIGHT INDUSTRIAL LTD.
DataSheet 4 U .com
Polarity mark
3.0 [0.12"]
2.0 [0.08"]
0.90 [0.04"]
150
www.led.com.hk
55


▲Up To Search▲   

 
Price & Availability of CV2030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X