Part Number Hot Search : 
HY5DU568 B60K460 2G40UM AD2833 WDW3T SY88149 3362W254 S2N65
Product Description
Full Text Search
 

To Download CDB4334 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CDB4334/8/9
Evaluation Board for CS4334/8/9 Family of Products
Features
l Demonstrates
Description
The CDB4334/8/9 evaluation board is an excellent means for quickly evaluating the CS4334/8/9 family of 24-bit, stereo D/A converters. Evaluation requires an analog signal analyzer, a digital signal source and a power supply. Analog outputs are provided via RCA connectors for both channels. The CS8414 digital audio receiver I.C. provides the system timing necessary to operate the Digital-to-Analog converters and will accept AES/EBU, S/PDIF, and EIAJ340 compatible audio data. The evaluation board may also be configured to accept external timing signals for operation in a user application during system development. ORDERING INFORMATION CDB4334, CDB4338, CDB4339
recommended layout and grounding arrangements l CS8414 Receives AES/EBU, S/PDIF, & EIAJ-340 Compatible Digital Audio l Digital and Analog Patch Areas l Requires only a digital signal source and power supplies for a complete Digital-toAnalog-Converter system
I/O for Clocks and Data
CS8414 Digital Audio Interface
CS4334/38/39
Analog Filter
Preliminary Product Information
Cirrus Logic, Inc. Crystal Semiconductor Products Division P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.crystal.com
This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice.
Copyright (c) Cirrus Logic, Inc. 1998 (All Rights Reserved)
AUG `98 DS248DB2 23
CDB4334/8/9
CDB4334/8/9 SYSTEM OVERVIEW
The CDB4334/8/9 evaluation board is an excellent means of quickly evaluating the CS4334/8/9. The CS8414 digital audio interface receiver provides an easy interface to digital audio signal sources including the majority of digital audio test equipment. The evaluation board also allows the user to supply clocks and data through a 10-pin header for system development. The CDB4334/8/9 schematic has been partitioned into 7 schematics shown in Figures 2 through 8. Each partitioned schematic is represented in the system diagram shown in Figure 1. Notice that the the system diagram also includes the interconnections between the partitioned schematics. The CS8414 does not support a compatible data format for the CS4335, CS4336 or CS4337. As a result, an evaluation board is not available for these devices. However, the evaluation board does allow external generation of clocks and data, bypassing the CS8414, and will support the CS4335/36/37 in this configuration. by the CSLR/FCK jumper. This allows the CS8414 to decode the de-emphasis bit from the digital audio interface for control of the CS4334/8/9 de-emphasis filter. When the Error Information Switch is activated, the CS8414 operates in the Error and Frequency information mode. The information displayed by the LED's can be decoded by consulting the CS8414 data sheet. It is likely that the de-emphasis control for the CS4334/8/9 will be erroneous and produce an incorrect audio output if the Error Information Switch is activated and the CS4334/8/9 is in the internal serial clock mode. Encoded sample frequency information can be displayed provided a proper clock is being applied to the FCK pin of the CS8414. When an LED is lit, this indicates a "1" on the corresponding pin located on the CS8414. When an LED is off, this indicates a "0" on the corresponding pin. Neither the L or R option of CSLR/FCK should be selected if the FCK pin is being driven by a clock signal. The evaluation board has been designed such that the input can be either optical or coax, Figure 6. However, both inputs can not be driven simultaneously.
CS4334/8/9 DIGITAL TO ANALOG CONVERTER
A description of the CS4334/5/6/7/8/9 is included in the CS4334/5/6/7/8/9 data sheet.
CS8414 DATA FORMAT
The CS8414 data format can be set with jumpers M0, M1, M2, and M3, as described the CS8414 datasheet. The format selected must be compatible with the data format of the CS4334/8/9, shown in Figures 4-7 of the CS4334/8/9 datasheet. The default settings for M0-M3 on the evaluation board are given in Tables 2-4. The compatible data formats we have chosen for the CS8414 and CS4334/8/9 are: CS8414 format 2 ; CS4334 CS8414 format 5 ; CS4338 CS8414 format 6 ; CS4339
CS8414 DIGITAL AUDIO RECEIVER
The system receives and decodes the standard S/PDIF data format using a CS8414 Digital Audio Receiver, Figure 5. The outputs of the CS8414 include a serial bit clock, serial data, left-right clock (FSYNC), de-emphasis control and a 256 Fs master clock. The operation of the CS8414 and a discussion of the digital audio interface are included in the CS8414 Datasheet. During normal operation, the CS8414 operates in the Channel Status mode where the LED's display channel status information for the channel selected
24
DS248DB2
CDB4334/8/9
ANALOG OUTPUT FILTER
The evaluation board includes a pair of single pole passive filters and a pair of 3-pole active filters. The passive filters are provided as an example for cost-sensitive desigins. The active filters demonstrate a higher performance alternative with better out-of-band noise rejection. The passive filters, Fig. 4, have a corner frequency of approximately 95 kHz with JP3 and JP6 installed and 190 kHz without JP3 and JP6. The 3-pole active filters are shown in Fig. 3. The output filter options are selected via the Left and Right Channel filter jumpers, Fig. 2. an I/O buffer where jumpers HDR1-HDR6 determine if the transceiver operates as a transmitter or receiver. A transmit function is implemented with the HDR1-HDR6 jumpers in the 8414 position. LRCK, SDATA, and SCLK from the CS8414 will be outputs on J9. The transceiver operates as a receiver with jumpers HDR1-HDR6 in the EXTERNAL position. MCLK, LRCK, SDATA and SCLK on J9 become inputs.
GROUNDING AND POWER SUPPLY DECOUPLING
The CS4334/8/9 requires careful attention to power supply and grounding arrangements to optimize performance. Figure 9 shows CDB power arrangements. The CDB4334/8/9 ground plane is divided in a manner to control to digital return currents in order to minimize noise. The decoupling capacitors are located as close to the CS4334/8/9 as possible. Extensive use of ground plane fill on both the analog and digital sections of the evaluation board yield large reductions in radiated noise effects.
INPUT/OUTPUT FOR CLOCKS AND DATA
The evaluation board has been designed to allow the interface to external systems via the 10-pin header, J9. This header allows the evaluation board to accept externally generated clocks and data. The schematic for the clock/data I/O is shown in Figure 10. The 74HC243 transceiver functions as
DS248DB2
25
CDB4334/8/9
CONNECTOR +5 V GND Digital input Optical input Digital I/O AOUTLA AOUTRA AOUTLP AOUTRP
INPUT/OUTPUT input input input input input/output output output output output + 5 Volt power
SIGNAL PRESENT
ground connection from power supply digital audio interface input via coax digital audio interface input via optical I/O for master, serial, left/right clocks and serial data left channel analog output with 3-pole active filter right channel analog output with 3-pole active filter left channel analog output with single-pole passive filter right channel analog output with single-pole passive filter Table 1. System Connections
JUMPER CSLR/FCK M0 M1 M2 M3 SCLK DEM_8414 HDR1-6 MCLK Left Channel Filter Right Channel Filter
PURPOSE Selects channel for CS8414 channel status information CS8414 mode selection
POSITION HI LO *Low *High *Low *Low INT *EXT *8414 DEM *8414 EXT x1 /2 Active Passive Active Passive
FUNCTION SELECTED See CS8414 Datasheet for details
See CS8414 Datasheet for details Internal SCLK Mode External SCLK Mode CS8414 de-emphasis De-emphasis input static high Selects CS8414 as source Digital I/O header becomes an source Selects Base Rate Mode Selects High Rate Mode Selects 3-pole active filter Selects Single-pole passive filter Selects 3-pole active filter Selects Single-pole passive filter
Selects SCLK Mode Selects source of de-emphasis control Selects source of clocks and audio data Selects High-Rate or Base-Rate Modes Selects Active 3-pole or passive single-pole filter Selects Active 3-pole or passive single-pole filter
*Default setting from factory Notes: The CS8414 data format requires the CS4334 to operate in the external serial clock mode. Table 2. CDB4334 Jumper Selectable Options
26
DS248DB2
CDB4334/8/9
JUMPER CSLR/FCK M0 M1 M2 M3 SCLK DEM_8414 HDR1-6 MCLK Left Channel Filter Right Channel Filter
PURPOSE Selects channel for CS8414 channel status information CS8414 mode selection
POSITION HI LO *High *Low *High *Low INT *EXT *8414 DEM *8414 EXT x1 /2 Active Passive Active Passive
FUNCTION SELECTED See CS8414 Datasheet for details
See CS8414 Datasheet for details Internal SCLK Mode External SCLK Mode CS8414 de-emphasis De-emphasis input static high Selects CS8414 as source Digital I/O header becomes an source Selects Base Rate Mode Selects High Rate Mode Selects 3-pole active filter Selects Single-pole passive filter Selects 3-pole active filter Selects Single-pole passive filter
Selects SCLK Mode Selects source of de-emphasis control Selects source of clocks and audio data Selects High-Rate or Base-Rate Modes Selects Active 3-pole or passive single-pole filter Selects Active 3-pole or passive single-pole filter
*Default setting from factory Notes: The CS8414 data format requires the CS4338 to operate in the external serial clock mode. Table 3. CDB4338 Jumper Selectable Options JUMPER CSLR/FCK M0 M1 M2 M3 SCLK DEM_8414 HDR1-6 MCLK Left Channel Filter Right Channel Filter PURPOSE Selects channel for CS8414 channel status information CS8414 mode selection POSITION HI LO *Low *High *High *Low INT *EXT *8414 DEM *8414 EXT x1 /2 Active Passive Active Passive FUNCTION SELECTED See CS8414 Datasheet for details
See CS8414 Datasheet for details Internal SCLK Mode External SCLK Mode CS8414 de-emphasis De-emphasis input static high Selects CS8414 as source Digital I/O header becomes an source Selects Base Rate Mode Selects High Rate Mode Selects 3-pole active filter Selects Single-pole passive filter Selects 3-pole active filter Selects Single-pole passive filter
Selects SCLK Mode Selects source of de-emphasis control Selects source of clocks and audio data Selects High-Rate or Base-Rate Modes Selects Active 3-pole or passive single-pole filter Selects Active 3-pole or passive single-pole filter
*Default setting from factory Table 4. CDB4339 Jumper Selectable Options DS248DB2 27
CDB4334/8/9
I/O for Clocks and Data Fig 10 Digital Audio Input Fig 6 RXN RXP CS8414 Digital Audio Interface Fig 5 MCLK LRCK SCLK SDATA Power Down Fig 8 Clock Gating MCLK LRCK SCLK SDATA CS4334/38/39 Fig 2 Active Analog Filter Fig 3
Fig 7
Passive Analog Filter Fig 4
Figure 1. System Block Diagram and Signal Flow
AGND
R31 267K C44 3.3UF TP5
ALP ALA LEFT CHANNEL FILTER
J21 1 2 3 HDR1X3
PASSIVE ACTIVE
VA+5
TP1
SDATA-A
FERRITE_BEAD L1 U7 C17 .1UF X7R C23 10UF
TP6
DEM-/SCLK-A
TP7
LRCK-A
1 2 3 4
SDATA DEM/SCLK LRCK MCLK
AOUTL VA+ AGND AOUTR
8 7 6 5
TP8
MCLK-A
CS4334
AGND
C43 3.3UF
ARP ARA
RIGHT CHANNEL FILTER
J22 1 2 3 HDR1X3
PASSIVE ACTIVE
TP4 R12 267K
AGND
Figure 2. CS4334/5/6/7/8/9
28
DS248DB2
CDB4334/8/9
R2 5.9K C3 270PF COG C20 .1UF
8
VA+5
R3
ALA
R24 4.75K C36 2700PF COG
AGND AGND
R16 1.21K C34 2700PF COG
V+
2
AGND
C41 TP2 10UF
J2
CON_RCA_RA
1 2 3 4 NC
1.15K
3
1
+ V4
MC33202 U3
AOUTLA LEFT
R27 100K
AGND
R5
VA+5
23.2K
C21 .1UF
R23 C39 10UF
AGND
20K
AGND
AGND AGND
R4
ARA
R25 4.75K C37 2700PF COG
AGND
C40 TP3 10UF
R15 1.21K
+
5
J1 CON_RCA_RA
1 2 3 4 NC
1.15K
6
7
AOUTRA RIGHT
MC33202 U3 C4 270PF COG
R26 100K
R1 5.9K C35 2700PF COG
AGND
AGND
Figure 3. Analog Output Active Filter
J4 CON_RCA_RA R18
ALP
R28 10K
560 C18 1500PF COG
JP3
1
C6 1500PF COG
2
3 4 NC
AOUTLP LEFT
AGND
AGND AGND
J3 CON_RCA_RA
1
R17
ARP
R29 10K
560 C22 1500PF COG
JP6
C5 1500PF COG
2
3 4 NC
AOUTRP RIGHT
AGND
AGND AGND
Figure 4. Analog Output Passive Filter
DS248DB2
29
1 2 3
1 2 3
VA+5
C1 10UF
VA
HDR1X3 HDR3
GND
1 2 3 HDR1X3 HDR2
1 2 3
SCLK
LRCK
GND
C16 .1UF
VD+5
RN3 560
C26 .1UF C31
8414_DEM
1 2 3
30
HDR1X3 HDR5
MCLK
HDR1X3 HDR4
VD1
HDR1X3 HDR7 1 2 M0 3 HDR1X3 HDR8 1 2 M1 3 HDR1X3 HDR9 1 2 M2 3 HDR1X3 HDR10 1 2 8414_M 3 HDR1X3 HDR11 1 2 CSLR/FCK 3
R11
VD1
10
HDR1X3 HDR1
SDATA
C27 .1UF C32
CS8414_M0
U2
1 2 3 4 5 6 7 8 9 10 11 12 13 14
VD+5
14
1UF
VCC
1
U8
D1 LED_RECT 2
GND
SN74HC04N
D3 LED_RECT 4 3
RXP RXN CSLR/FCK
C VERF CD/F1 CE/F2 CC/F0 SDATA CB/E2 ERF CA/E1 M1 /C0/E0 M0 VD+ VA+ DGND AGND RXP FILT RXN MCK FSYNC M2 SCK M3 CS12/FCK SEL U CBL CS8414
28 27 26 25 24 23 22 21 20 19 18 17 16 15
1UF
CS8414_M1
VA
CS8414_M2
R9 1K
C33 .047UF
GND
D5 LED_RECT
6
5
CSLR/FCK
D6 LED_RECT
8
9
GND VA+5
SW_B3W_1100 S4
D4 10 LED_RECT 11
R6 47K
TP10
R7 47K
ERROR & FREQ
D2 12 LED_RECT 13
8414_DEM
HDR1X3 HDR12 1 DEM 2 3 8414 HDR1X3 HDR13 1 INT 2 3 EXT
VD1
7
GND
DEM-/SCLK SCLK
INT/EXT SCLK
CDB4334/8/9
GND
DS248DB2
Figure 5. CS8414 Digital Audio Receiver Connections
CDB4334/8/9
OPTICAL INPUT DIGITAL INPUT
6
OPT1 C10
1
J5
CON_RCA_RA
3 1 2
RXP
.01UF C9 .01UF L4 47UH
C11
2
RXN
R30 .01UF 75
5
NC 4
3 4
VD+5
TORX173
GND GND
Figure 6. Digital Audio Inputs
MCLK
U1
VD+5 VD+5 VD+5 VD+5 GND
4 3 2 1 10 11 12 13
VCC /SET1 CLOCK1 DATA1 /RST1 /SET2 CLOCK2 DATA2 /RST2 Q1 /Q1 Q2 /Q2 GND MC74HC74AN
14 5 6 9 8 7
VD+5
J20 HDR1X3 1 2 3
C28 U5 .1UF 74LVXC4245
MCLK PD VD+5 SDATA DEM-/SCLK LRCK
22 2 3 4 5 6 7 8 9 10
C14 .1UF
GND VD+5
HRM
BRM
VCCA VCCB T/\R A0 A1 A2 A3 A4 A5 A6 A7 GND
11 12 13
OE
1 24
B0 B1 B2 B3 B4 B5 B6 B7
21 20 19 18 17 16 15 14
R20 R21 R22 R19 R8 100K
47 47 47 47
SDATA-A DEM-/SCLK-A LRCK-A MCLK-A
GND
VD+5
C15 .1UF GND
GND
Figure 7. MCLK Divider and Clock Gating
DS248DB2
31
CDB4334/8/9
VD+5
U10 LM555CM # TIMER LM555
POWER DOWN
S3 SW_B3W_1100
R13 10K
2
VD+5
TRIGGER
5
CONTROL
GND
R14 10K
3
VD+5
C38 10UF
4
RESET
6
OUTPUT
7
PD
THRESHOLD C8 .01UF DISCHARGE
8
VD+5
GND GND
+VCC
1
C19 .1UF
GND
R10 113K
VD+5
GND
Figure 8. Power Down Circuitry
+5V
CON_BANANA
GND
CON_BANANA
J6 Z1
J7
P6KE6V8P
C12 47UF
VA+5
C25
.1UF
L3 FB C13 47UF
AGND
VD+5
GND
Figure 9. Power Supply
32
DS248DB2
CDB4334/8/9
7 8 9 10 11
U4 74HC243 GND B4 B3 B2 B1 VCC A4 A3 A2 A1 GBA /GAB
6 5 4 3 13 1 9 7 5 3 1 10 8 6 4 2 MCLK SCLK LRCK SDATA
GND MCLK SCLK LRCK SDATA
8414 EXTERNAL CLK SOURCE HDR1X3 HDR6
J9 HDR5X2
VD+5
14
GND
C24 .1UF
VD+5 GND
DIGITAL I/O
1 2 3
DS248DB2
GND
Figure 10. I/O for Clocks and Data
33
CDB4334/8/9
Figure 11. Silkscreen Top
34
DS248DB2
CDB4334/8/9
Figure 12. Top Side
DS248DB2
35
CDB4334/8/9
Figure 13. Bottom Side
36
DS248DB2


▲Up To Search▲   

 
Price & Availability of CDB4334

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X