Part Number Hot Search : 
IB1203S AD6620 TK412 ST626 DP100 K3020 30L30CT SB23ZE04
Product Description
Full Text Search
 

To Download 2SK2200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2200
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L --MOSV)
2
2SK2200
Chopper Regulator, DC-DC Converter and Motor Drive Applications
l 4 V gate drive l Low drain-source ON resistance l High forward transfer admittance l Low leakage current l Enhancement-mode : RDS (ON) = 0.28 (typ.) : |Yfs| = 3.5 S (typ.) Unit: mm
: IDSS = 100 A (max) (VDS = 100 V) : Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 100 100 20 3 12 1.3 140 3 0.13 150 -55~150 Unit V V V A A W mJ A mJ C C
Pulse (Note 1)
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
2-8M1B
Weight: 0.54 g (typ.)
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient Symbol Rth (ch-a) Max 96.1 Unit C / W
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: VDD = 50 V, Tch = 25C (initial), L = 25 mH, RG = 25 , IAR = 3 A Note 3: Repetitive rating; Pulse width limited by maximum channel temperature. This transistor is an electrostatic sensitive device. Please handle with caution.
1
2002-01-25
2SK2200
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 100 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 4 V, ID = 2 A VGS = 10 V, ID = 2 A VDS = 10 V, ID = 2 A Min -- -- 100 0.8 -- -- 1.5 -- -- -- -- Typ. -- -- -- -- 0.36 0.28 3.5 280 50 105 20 Max 10 100 -- 2.0 0.45 0.35 -- -- -- -- -- pF Unit A A V V m S
Turn-on time Switching time Fall time
ton
--
50
-- ns
tf
--
40
--
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
toff Qg Qgs Qgd VDD 80 V, VGS = 10 V, ID = 3 A
-- -- -- --
170 13.5 8.5 5
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovered charge Symbol IDR IDRP VDSF trr Qrr IDR = 3 A, VGS = 0 V IDR = 3 A, VGS = 0 V, dIDR / dt = 50 A / s Test Condition -- -- Min -- -- -- -- -- Typ. -- -- -- 100 0.2 Max 3 12 -1.5 -- -- Unit A A V ns C
Marking
2
2002-01-25
2SK2200
3
2002-01-25
2SK2200
4
2002-01-25
2SK2200
RG = 25 VDD = 25 V, L = 25 mH
E AS =
1 B VDSS ae o x L x I2 x c / 2 e B VDSS - VDD o
5
2002-01-25
2SK2200
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-01-25


▲Up To Search▲   

 
Price & Availability of 2SK2200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X